![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
inchange semiconductor product specification 1 silicon pnp power transistors 2SA1908 description ? ? with to-3pml package ? complement to type 2sc5100 applications ? audio and general purpose pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(tc=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -120 v v ceo collector-emitter voltage open base -120 v v ebo emitter-base voltage open collector -6 v i c collector current -8 a i b base current -3 a p c collector power dissipation t c =25 ?? 75 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pml) and symbol
inchange semiconductor product specification 2 silicon pnp power transistors 2SA1908 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma; i b =0 -120 v v cesat collector-emitter saturation voltage i c =-3 a;i b =-0.3 a -0.5 v i cbo collector cut-off current v cb =-120v; i e =0 -10 | a i ebo emitter cut-off current v eb =-6v; i c =0 -10 | a h fe dc current gain i c =-3a ; v ce =-4v 50 180 f t transition frequency i c =-0.5a ; v ce =-12v 20 mhz c ob output capacitance i e =0; v cb =-10v;f=1mhz 300 pf switching times t on turn-on time 0.14 | s t s storage time 1.40 | s t f fall time i c =-4a;r l =10 |? i b1 =-i b2 =-0.4a v cc =-40v 0.21 | s ? h fe classifications o p y 50-100 70-140 90-180 inchange semiconductor product specification 3 silicon pnp power transistors 2SA1908 package outline fig.2 outline dimensions inchange semiconductor product specification 4 silicon pnp power transistors 2SA1908 |
Price & Availability of 2SA1908
![]() |