![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1/41 xc9509 series synchronous step-down dc/dc converter with built-in ldo regulator in parallel plus voltage detector general description the xc9509 series consists of a step-down dc/dc converter and a high-speed ldo regulator connected in parallel with the dc/dc converter's output. a voltage detector is also built-in. since the input for the ldo voltage regulator block comes from the input power supply, it is suited for use with various applications. the dc/dc converter block incorporates a p-channel driver transistor and a synchronous n-channel switching transistor. with an external coil, diode and two capacitors, the xc9509 can deliver output currents up to 600ma at efficiencies over 90%. the xc9509 is designed for use with small ceramic capacitors. a choice of three switching frequencies are available, 300khz, 600khz, and 1.2mhz. output voltage settings for the dc/dc and vr are set-up internally in 100mv steps within the range of 0.9v to 4.0v ( 2.0%). for the vd, the range is of 0.9v to 5.0v ( 2.0%). the soft start time of the series is internally set to 5ms. with the built-in u.v.l.o. (under voltage lock out) function, the internal p-channel driver transistor is forced off when input voltage becomes 1.4 v or lower. the functions of the mode pin can be selected via the external control pin to switch the dc/dc control mode and the disable pin to shut down either the dc/dc block or the regulator block. applications cd-r / rw, dvd hdd pdas, portable communication modem cellular phones palmtop computers cameras, video recorders typical application circuit features input voltage range : 2.4v ~ 6.0v low esr capacitor : ceramic capacitor compatible vd function : sense internally either v dd , d cout , or v rout . n-ch open drain output small package : msop-10, usp-10 2/41 xc9509 series designator description symbol description control methods, the mode pin, & the vd sense pin as chart below : - ? setting voltage & specifications internal standard : setting voltage and specifications of each dc/dc, vr, and vd (based on the internal standard) 3 : 300khz 6 : 600khz dc/dc oscillation frequency c : 1.2mhz a : msop-10, current limiter: 1.1a (typ.) package & dc/dc current limit d : usp-10, current limiter: 0.7a (typ.) r : embossed tape, standard feed device orientation l : embossed tape, reverse feed series dc/dc control methods mode pins (h level) mode pins (l level) vd sense a v dd b d cout c vr: off vr: on v rout d v dd e d cout f pwm control dc/dc: off dc/dc: on v rout h v dd k d cout xc9509 l pwm, pfm/pwm manual switch pfm/pwm auto switch pwm control v rout pin number pin name function 1 p gnd power ground 2 ce chip enable 3 p vdd power supply 1 4 a vdd power supply 2 5 v dout vd input 6 a gnd analog ground 7 mode mode switch 8 v rout vr output 9 d cout dc/dc output sense 10 lx switch pin configuration pin assignment product classification ordering information xc9509 ????? : the input for the voltage regulator block comes from v dd . *the dissipation pad for the usp-10 package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. if the pad needs to be connected to other pins, it should be connected to the agnd pin. usp-10 (bottom view) control methods, mode pins, vd sense pins * the xc9509a to f series' mode pin switches either the regulator block or dc/dc block to stand-by mode. when the ce mode is off, every function except for the vd function enters into the stand-by mode. (the mode pin does not operate independently.) msop-10 (top view) 3/41 x c9509 series parameter symbol ratings unit a vdd pin voltage a vdd - 0.3 ~ 6.5 v p vdd pin voltage p vdd a vdd - 0.3 ~ a vdd + 0.3 v d cout pin voltage d cout - 0.3 ~ a vdd + 0.3 v v rout pin voltage v rout - 0.3 ~ a vdd + 0.3 v v rout pin current i rout 800 ma v dout pin voltage v dout - 0.3 ~ a vdd + 0.3 v v dout pin current i vd 50 ma lx pin voltage lx - 0.3 ~ a vdd + 0.3 v msop-10 1300 lx pin current usp-10 i lx 900 ma ce pin voltage ce - 0.3 ~ a vdd + 0.3 v mode pin voltage mode - 0.3 ~ a vdd + 0.3 v msop-10 350 (*) power dissipation usp-10 pd 150 mw operating temperature range topr - 40 ~ + 85 storage temperature range tstg - 55 ~ + 125 block diagram absolute maximum ratings ta = 2 5 (*) when pc board mounted. * diodes shown in the above circuit are p rotective diodes. + - vref with soft start phase compensation + - logic buffer, driv er ramp wav e generator, osc dcout avdd - + u.v .l.o lx vrout agnd + - current limit vref mode mode control each circuit + - vdout pgnd ce on/off control each circuit vref pvdd sense (v dd or dcout or v rout) current limit & feedback pw m/pfm controller 4/41 xc9509 series parameter symbol conditions min. typ. max. units circuit supply current 1 i dd 1 v in =ce=d cout =5.0v - 250 310 a 1 supply current 2 i dd 2 v in =ce=5.0v, d cout =0v - 300 360 a 1 stand-by current (*1) i stb v in =6.5v, ce=0v - 3.0 7.0 a 1 input voltage range v in 2.4 - 6.0 v - ce ?h? level voltage v ceh 0.6 - v dd v 3 ce ?l? level voltage v cel v ss - 0.25 v 3 ce ?h? level current i ceh - 0.1 - 0.1 a 1 ce ?l? level current i cel - 0.1 - 0.1 a 1 mode 'h' level voltage *xc9509a/b/c v mh 0.6 - v dd v 2 mode 'h' level voltage *xc9509d/e/f/h/k/l v m h 0.6 - v dd v 3 mode 'l' level voltage *xc9509a/b/c v ml v ss - 0.25 v 2 mode 'l' level voltage *xc9509d/e/f/h/k/l v ml v ss - 0.25 v 3 mode 'h' level current i mh - 0.1 - 0.1 a 1 mode 'l' level current i ml - 0.1 - 0.1 a 1 parameter symbol conditions min. typ. max. units circuit supply current 1 *xc9509a/b/c i dd _ dc1 v in =ce=d cout =5.0v - 200 280 a 1 supply current 2 *xc9509a/b/c i dd_dc2 vi n =ce=5.0v, d cout =0v 250 330 a 1 pfm supply current 1 * xc9509h/k/l i dd_pfm1 v in =ce=d cout =5.0v 250 310 a 1 pfm supply current 2 * xc9509h/k/l i dd_pfm2 v in =ce=5.0v, d cout =0v 300 360 a 1 output voltage d cout(e) connected to the external components, i dout =30ma 1.470 1.500 1.530 v 3 oscillation frequency fosc connected to the external components, i dout =10ma 1.02 1.20 1.38 mhz 3 maximum duty ratio maxduty d cout =0v 100 - - % 4 minimum duty ratio minduty d cout =v in - - 0 % 4 pfm duty ratio *xc9509h/k/l pfmduty connected to the external components, no load 21 30 38 % 3 u.v.l.o. voltage (*2) vuvlo connected to the external components 1.00 1.40 1.78 v 3 lx sw ?high? on resistance (*3) rlxh d cout =0v, lx=v in -0.05v - 0.5 1.0 5 lx sw ?low? on resistance rlxl connected to the external components, v in =5.0v - 0.5 0.9 3 lx sw ?high? leak current (*12) il eakh v in =lx=6.0v, ce=0v - 0.05 1.00 a 11 lx sw ?low? leak current (*12) i leakl v in =6.0v, lx=ce=0v - 0.05 1.00 a 11 maximum output current i max1 connected to the external components 600 - - ma 3 current limit (*9) i lim1 1.0 1.1 - a 6 efficiency (*4) effi connected to the external components, i dout =100ma - 90 - % 3 output voltage temperature characteristics u d cout ( u topr ? d cout ) i dout =30ma -40 < topr< 85 - + 100 - ppm/ 3 soft-start time t ss connected to the external components, ce=0vv in , i dout =1ma 2 5 10 ms 3 latch time (*5, 10) tlat connected to the external components, v in =ce=5.0v, short d cout by 1 resistor - 8 25 ms 10 electrical characteristics xc9509 xxxcax common characteristics topr=25 dc/dc converter (1.5v product) topr=25 5/41 x c9509 series parameter symbol conditions min. typ. max. units circuit supply current * xc9509h/k/l i dd_vr - 40 80 a 1 output voltage v rout(e) i rout =30ma 3.234 3.300 3.366 v 2 maximum output current i max2 200 - - ma 2 load regulation u v rout 1ma< i rout < 100ma - 15 50 mv 2 dropout voltage 1 (*6) vdif 1 i rout =30ma - 20 50 mv 2 dropout voltage 2 vdif 2 i rout =100ma - 60 110 mv 2 line regulation u v rout ( u v in ? v rout ) i rout =30ma 4.3v< v in < 6.0v - 0.05 0.25 %/v 2 current limit i lim2 v rout =v rout (e) x 0.9 240 300 - ma 7 short-circuit current ishort v rout =v ss - 30 - ma 7 ripple rejection rate psrr v in =4.3v dc +0.5vp-pac, i rout =30ma, f=1khz - 60 - db 12 output voltage temperature characteristics u v rout ( u topr ? v rout ) i rout =30ma -40 o c< topr< 85 - 100 - ppm/ 2 parameter symbol conditions min. typ. max. units circuit detect voltage v df(e) ce=0v 2.646 2.700 2.754 v 8 hysteresis range v hys v hys =[v dr (e) (*11) - v df (e)] / v df (e) x 100 2 5 8 % 8 output current * xc9509a/d/h i vd v in =2.4v, v dout =0.5v, ce=0v 0.5 - - ma 9 output current * xc9509b/c/e/f/k/l i vd v in =2.4v, v dout =0.5v, ce=0v 1.0 - - ma 9 output voltage temperature characteristics u v df ( u topr ? v df ) -40 o c< topr< 85 - 100 - ppm/ 8 xc9509 xxxcax (conti nued) regulator (3.3v product) topr=25 detector (2.7v product) test conditions: unless otherwise stated: dc/dc : v in =3.6v [@ d cout :1.5v] vr: v in = 4.3v (v in =v rout(t) + 1.0v) vd: v in =5.0v common conditions for all test items: ce=v in , mode=0v v rout(t) : setting output voltage note: *1 : including vd supply current (vd operates when in stand-by mode.) *2 : including hysteresis operating voltage range. *3 : on resistance ( )= 0.05 (v) / i lx (a) *4 : effi = { ( output voltage x output current ) / ( input voltage x input current) } x 100 *5 : time until it short-circuits d cout with gnd through 1 of resistance from a state of operation and is set to d cout =0v from current limit pulse generating. *6 : vdif = (v in 1 (*7) - v rout 1 (*8) ) *7 : v in 1 = the input voltage when v rout1 appears as input voltage is gradually decreased. *8 : v rout1 = a voltage equal to 98% of the output voltage whenever an amply stabilized i out {v rout(t) + 1.0v} is input. *9 : current limit = when v in is low, limit current may not be reached because of voltage falls caused by on resistance or serial resistance of coils. *10: integral latch circuit=latch time may become longer and latch operation may not work when v in is 3.0v or more. *11: v dr(e) = vd release voltage *12: when temperature is high, a current of approximately 5.0 a (maximum) may leak. *13: when using the ic with a regulator output at almost no load, a capacitor should be placed as close as possible between a vdd and a gnd (c in2 ), connected with low impedance. please also see the recommended pattern layout for your reference. should it not be possible to place the input capacitor nearby, the regulated output level may increase up to the v dd level while the load of the dc/dc converter increases and the regulator output is at almost no load. electrical characteristics (continued) 6/41 xc9509 series circuit 1 supply current, stand-by current, ce current, mode current circuit 2 output voltage (vr), load regulation, dropout voltage, maximum output current, (mode voltage) test circuits circuit 3 output voltage (dc/dc), oscillation frequency, u.v.l.o. voltage, soft-start time, ce voltage, maximum output current, efficiency, (pfm duty cycle), (mode voltage) circuit 4 minimum duty cycle, maximum duty cycle circuit 5 lx on resistance circuit 6 current limit 1 (dc/dc) 7/41 x c9509 series circuit 7 current limit 2 (vr), short circuit current (vr) circuit 8 detect voltage, release voltage (hysteresis range) * for the measurement of the vdd_sense products, the input voltage was controlled. circuit 9 vd output current circuit 10 latch time * for the measurement of the vdd_sense products, the input voltage was controlled. circuit 11 off-leak circuit 12 ripple rejection rate test circuits ( continued ) 8/41 xc9509 series fosc l 1.2mhz 4.7 h (cdrh4d28c, sumida) 600khz 10 h (cdrh5d28, sumida) 300khz 22 h (cdrh6d28, sumida) c in c l1 c l2 (*2) v rout < 2.0v 4.7 f (ceramic, taiyo yuden) vdif>1.0v 1.0 f (ceramic, taiyo yuden) 4.7 f (ceramic, taiyo yuden) 10 f (ceramic, taiyo yuden) v rout >2.0v vdif< 1.0v 4.7 f (ceramic, taiyo yuden) typical application circuit msop-10 (top view) sd *1 : xb0asb03a1br (torex) *1 the dc/dc converter of the xc9508 series automatically switches between synchronous / non-synchronous. the schottky diode i s not normally needed. however, in cases where high efficiency is required when using the dc/dc converter during in the light lo ad while in non-synchronous operation, please connect a schottky diode externally. *2 please be noted that the recommend value above of the cl2 may be changed depending on the input voltage value and setting vo ltage value. operational explanation the xc9509 series consists of a synchronous step-down dc/dc converter, a high speed ldo voltage regulator, and a voltage detector. dc/dc converter the series consists of a reference voltage source, ramp wave circuit, error amplifier, pwm comparator, phase compensation circuit, output voltage adjustment resistors, driver transistor, synchronous switch, current limiter circuit, u.v.l.o. circuit and others. the series ics compare, using the error amplifier, the voltage of the internal voltage reference source with the feedback voltage from the v out pin through split resistors. phase compensation is performed on the resulting error amplifier output, to input a signal to the pwm comparator to determine the turn-on time during pwm operation. the pwm comparator compares, in term s of voltage level, the signal from the error amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting output to the buffer driver circuit to cause the lx pin to output a switching duty cycle. this process is continuously performed to ensure stable output voltage. the current feedback circuit monitors the p-channel mos driver transistor current for each switching operation, and modulates the error amplifier output signal to provide multiple feedback signals. this enables a stable feedback loop even when a low esr capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage. 9/41 x c9509 series dc/dc converter (continued) 10/41 xc9509 series dc/dc converter (continued) 11/41 x c9509 series voltage detector the detector block of the xc9509 series detects output voltage from the v dout pin while sensing either v dd , d cout , or v rout internally. (n-channel open drain type) 12/41 xc9509 series dc/dc waveform (3.3v, 1.2mhz)(continued) 5. the ic's dc/dc converter operates in synchronous mode when the coil current is in a continuous state and non-synchronous mode when the coil current is in a discontinuous state. in order to maintain the load current value when synchronous switches to non-synchronous and vise versa, a ripple voltage may increase because of the repetition of switching between synchronous and non-sync hronous. when this state continues, the increase in the ripple voltage stops. to reduce the ripple voltage, please increase the load capacitance value or use a schottky diode externally. when the current used becomes close to the value of the load current when synchronous switches to non- synchronous and vise versa, the switching current value can be changed by changing the coil inductance value. in case changes to coil inductance are to values other than the recommended coil inductance values, verification with actual components should be done. ics = (v in - dc out ) x onduty / (l x fosc) ics: switching current from synchronous rectification to non-synchronous rectification onduty: onduty ratio of p-ch driver transistor ( . =.step down ratio : dc out / v in ) l: coil inductance value fosc: oscillation frequency id out : the dc/dc load current 6. when the xc9509h to l series operate in pwm/pfm automatic switching control mode, the reverse current may become quite high around the load current value when synchronous switches to non-synchronous and vise versa (also refer to no. 5 above). under this condition, switching synchronous rectification and non-synchronous rectification may be repeated because of the reverse current, and the ripple voltage may be increased to 100mv or more. the reverse current is the current that flows in the pgnd direction through the n-ch driver transistor from the coil. the conditions, which cause this operation are as follows. pfm duty < step down ratio = dc out / v in x 100 (%) pfm duty: 30% (typ.) please switch to pwm control via the mode function in cases where the load current value of the dc/dc converter is close to synchronous . dc/dc waveform (1.8v, 600khz) @ vin=6.0v 13/41 x c9509 series dc/dc waveform (3.3v, 1.2mhz) (continued) 7. with the dc/dc converter of the ic, the peak current of the coil is controlled by the current limit circuit. since the peak current increases when dropout voltage or load current is high, current limit starts operating, and this can lead to instability. when peak current becomes high, please adjust the coil inductance value and fully check the circuit operation. in addition, please calculate the peak current according to the following formula: peak current: ipk = (v in - dc out ) x onduty / (2 x l x fosc) + id out 8. when the peak current, which exceeds limit current flows within the specified time, the built-in driver transistor is turned off (the integral latch circuit). during the time until it detects limit current and before the built-in transistor can be turned off, the current for limit current flows; therefore, care must be taken when selecting the rating for the coil or the schottky diode. 9. when vi n is low, limit current may not be reached because of voltage falls caused by on resistance or serial resistance of the coil. 10. in the integral latch circuit, latch time may become longer and latch operation may not work when v in is 3.0v or more. 11. use of the ic at voltages below the recommended voltage range may lead to instability. 12. this ic and the external components should be used within the stated absolute maximum ratings in order to prevent damage to the device. 13. when using ic with a regulator output at almost no load, a capacitor should be placed as close as possible between avdd and agnd (c in 2), connected with low impedance. please also see the recommended pattern layout on page 14 for your reference. should it not be possible to place the input capacitor nearby, the regulated output level may increase up to the v dd level while the load of the dc/dc converter increases and the regulator output is at almost no load. 14. should the bi-directional load current of the synchronous dc/dc converter and the regulator become large, please be careful of the power dissipation when in use. please calculate power dissipation by using the following formula. pd=pddc/dc + pdvr dc/dc power dissipation (when in synchronous operation) : pddc/dc = id out 2 x ron vr power dissipation: pdvr=(d cout ? v rout ) x ir out ron: on resistance of the built-in driver transistor to the dc/dc (= 0.5 14/41 xc9509 series instructions on pattern layout 1. in order to stabilize v in 's voltage level, we recommend that a by-pass capacitor (c in ) be connected as close as possible to the avdd & agnd pins. should it not be possible to place the input capacitors nearby, the regulated output level may increase because of the switching noise of the dc/dc converter. 2. please mount each external component as close to the ic as possible. 3. wire external components as close to the ic as possible and use thick, short connecting traces to reduce the circuit impedance. 4. make sure that the pcb gnd traces are as thick as possible, as variations in ground potential caused by high ground currents at the time of switching may result in instability of the dc/dc converter and have adverse influence on the regulator output. 5. if using a schottky diode, please connect the anode side to the agnd pin through c in . characteristic degradation caused by the noise may occur depending on the arrangement of the schottky diode. 6. please use the avdd and pvdd pins with the same electric potential. 15/41 x c9509 series typical performance characteristics (a) dc/dc converter (1) efficiency vs. output current 16/41 xc9509 series typical performance characteristics (continued) (2) output voltage vs. output current (a) dc/dc converter (continued) 17/41 x c9509 series typical performance characteristics (continued) (3) output voltage vs. ripple voltage (a) dc/dc converter (continued) 18/41 xc9509 series 0.7 0.8 0.9 1.0 1.1 -50-25 0 25 50 75100 ambient temperature : ta ( ) output voltage : dcout (v) dc/dc:0.9v,1.2mhz idout=0.1m a 10m a 100m a vin= 2.4v,mode= 0 v cin=4.7uf,cl=10.0uf,l= 4.7uh(cdrh4d28c) 2.3 2.4 2.5 2.6 2.7 -50-250 255075100 ambient temperature : ta ( ) output voltage : dcout (v) dc/dc:2.5v,1.2mhz idout=0.1m a 10m a 100m a vin=3.6v,mode=0 v cin=4.7uf,cl=10.0uf,l=4.7uh(cdrh4d28c) 3.8 3.9 4.0 4.1 4.2 -50 -25 0 25 50 75 100 ambient temperature : ta ( ) output voltage : dcout (v) dc/dc:4.0v,1.2mhz idout=0.1m a 10m a 100m a vin=5.0v,m ode=0 v cin=4.7uf,cl=10.0uf,l=4.7uh(cdrh4d28c) 0 3 6 9 12 15 -50-250 255075100 ambient temperature : ta ( ) soft start time : tss (ms) dc/dc:1.2mhz dcout=0.9v dcout=2.5v dcout=4.0v vin=6.0v,ce=0v to 6.0v,mode=0v,idout= 0.1m a cin=4.7uf,cl=10.0uf,l=4.7uh(cdrh4d28c) 0 3 6 9 12 15 -50-250 255075100 ambient temperature : ta ( ) soft start time : tss (ms) dc/dc:600khz dcout=0.9v dcout=2.5v dcout=4.0v vin= 6.0v,ce=0v to 6.0v,m ode=0v,idout=0.1m a cin=4.7uf,cl=10.0uf,l=10.0uh(cdrh5d28) typical performance characteristics (continued) (a) dc/dc converter (continued) (4) output voltage vs. ambient temperature (5) soft start time vs. ambient temperature 19/41 x c9509 series 0 100 200 300 400 500 -50-250 255075100 ambient temperature : ta ( ) dc/dc supply current : idd-dc(ua) dc/dc:1.2m hz dcout=0.9 v 2.5 v 4.0 v ce=vin,dcout=vin,mode=0v(vr:shutdown) 0 100 200 300 400 500 -50 -25 0 25 50 75 100 ambient temperature : ta ( ) dc/dc supply current : idd-dc(ua) dc/dc:600k hz dcout=0.9 v 2.5 v 4.0 v ce=vin,dcout=vin,mode=0v(vr:shutdown) 0 100 200 300 400 500 -50 -25 0 25 50 75 100 ambient temperature : ta ( ) dc/dc supply current : idd-dc(ua) dc/dc:300khz dcout=0.9 v 2.5 v 4.0 v ce=vin,dcout=vin,mode=0v(vr:shutdown) typical performance characteristics (continued) (6) dc/dc supply current vs. ambient temperature (vr: shutdown)* (a) dc/dc converter (continued) *xc9509a/b/c series only 20/41 xc9509 series 0.0 0.2 0.4 0.6 0.8 1.0 2.0 3.0 4.0 5.0 6.0 input voltage : vin (v) lx pch on resistance ( ) dc/dc:lx pch ta= 85 ta= 25 ta= -40 ce=vin,lx=vin-0.05v, dcout=0 v 0.0 0.2 0.4 0.6 0.8 1.0 2.03.04.05.06.0 input voltage : vin (v) lx nch on resistance ( ) dc/dc:l x nch ta= 85 ta= 25 ta= -40 lx=0.05v, dcout=vin 0.8 1.0 1.2 1.4 1.6 -50 -25 0 25 50 75 100 ambient temperature : ta ( ) oscillation frequency:fosc (mhz) dc/dc:2.5v,1.2mhz vin= 3.6 v 4.2 v 5.0 v 6.0 v cin=4.7uf,cl=10.0uf,mode= 0v,idout=10m a 0.6 1.0 1.4 1.8 2.2 -50-25 0 25 50 75100 ambient temperature : ta ( ) uvlo voltage : uvlo1,uvlo2 (v) uvlo2(release) uvlo1(detect) mode=0 v cin= 4.7uf,c l= 10.0uf,l= 4.7uh (c drh 4d 28c) typical performance characteristics (continued) (7) lx pch/nch on resistance vs. input voltage (a) dc/dc converter (continued) (8) oscillation frequency vs. ambient temperature (9) u.v.l.o. voltage vs. ambient temperature 21/41 x c9509 series (10-1) dc/dc load transient response (d cout : 1.8v, fosc: 1.2mhz) (a) pwm control typical performance characteristics (continued) (b) pwm/pfm automatic switching control* (*xc9509h/k/l series only) (a) dc/dc converter (continued) 22/41 xc9509 series typical performance characteristics (continued) (10-2) dc/dc load transient response (*d cout : 3.3v, fosc: 1.2mhz) (a) pwm control (b) pmm/pfm automatic switching control* (*xc9509h/k/l series only) (a) dc/dc converter (continued) 23/41 x c9509 series typical performance characteristics (continued) (10-3) dc/dc load transient response (*dcout: 1.8v, fosc: 600khz) (a) pwm control (b) pmm/pfm automatic switching control* (*xc9509h/k/l series only) (a) dc/dc converter (continued) 24/41 xc9509 series typical performance characteristics (continued) (10-4) dc/dc load transient response (d cout : 3.3v, fosc: 600khz) (a) pwm control (b) pmm/pfm automatic switching control* (*xc9509h/k/l series only) (a) dc/dc converter (continued) 25/41 x c9509 series (10-5) dc/dc load transient response (d cou t: 1.8v, fosc: 600khz) (a) pwm control typical performance characteristics (continued) (b) pmm/pfm automatic switching control* (*xc9509h/k/l series only) (a) dc/dc converter (continued) 26/41 xc9509 series typical performance characteristics (continued) (10-6) dc/dc load transient response (d cout : 3.3v, fosc: 600khz) (a) pwm control (b) pmm/pfm automatic switching control* (*xc9509h/k/l series only) (a) dc/dc converter (continued) 27/41 x c9509 series (b) voltage regulator 0.3 0.5 0.7 0.9 1.1 1.3 1.2 1.4 1.6 1.8 2.0 2.2 input voltage : vin (v) output voltage : vrout (v) vr:0.9v irout=0m a 1m a 30m a 100m a ta=25 ,cin=4.7uf,cl=4.7uf 0.75 0.80 0.85 0.90 0.95 1.00 2.0 3.0 4.0 5.0 6.0 input voltage : vin (v) output voltage : vrout (v) vr:0.9v irout=0m a 1m a 30m a 100m a ta=25 ,cin=4.7uf,cl=4.7uf 1.9 2.1 2.3 2.5 2.7 2.9 2.02.22.42.62.83.0 input voltage : vin (v) output voltage : vrout (v) vr:2.5v irout=0m a 1m a 30m a 100m a ta=25 ,cin= 4.7uf,cl=4.7uf 2.35 2.40 2.45 2.50 2.55 2.60 3.0 4.0 5.0 6.0 input voltage : vin (v) output voltage : vrout (v) vr:2.5v irout=0m a 1m a 30m a 100m a ta=25 ,cin=4.7uf,cl=4.7uf 3.4 3.6 3.8 4.0 4.2 4.4 3.5 3.7 3.9 4.1 4.3 4.5 input voltage : vin (v) output voltage : vrout (v) vr:4.0v irout=0m a 1m a 30m a 100m a ta=25 ,cin=4.7uf,cl=4.7uf 3.85 3.90 3.95 4.00 4.05 4.10 5.0 5.2 5.4 5.6 5.8 6.0 input voltage : vin (v) output voltage:vrout(v) vr:4.0v irout=0m a 1m a 30m a 100m a ta=25 ,cin=4.7uf,cl=4.7uf typical performance characteristics (continued) (1) output voltage vs. input voltage 28/41 xc9509 series (b) voltage regulator (continued) typical performance characteristics (continued) (2) output voltage vs. output current (current limit) output current : irout (ma) output current : irout (ma) output current : irout (ma) output current : irout (ma) output current : irout (ma) output current : irout (ma) 29/41 x c9509 series (b) voltage regulator (continued) 0.0 0.2 0.4 0.6 0.8 1.0 0 50 100 150 200 output current : irout (ma) dropout voltage : vdif (v) vr:0.9v ta= 85 25 ta= -40 cin=4.7uf,cl=4.7uf 0.0 0.1 0.2 0.3 0.4 0.5 0 50 100 150 200 output current : irout (ma) dropout voltage : vdif (v) vr:2.5v ta= 85 ta= 25 ta= -40 cin=4.7uf,cl=4.7uf 0.0 0.1 0.2 0.3 0.4 0.5 0 50 100 150 200 output current : irout (ma) dropout voltage : vdif (v) vr:4.0v ta= 85 ta= 25 ta= -40 cin=4.7uf,cl=4.7uf typical performance characteristics (continued) (3) dropout voltage vs. output current 30/41 xc9509 series (b) voltage regulator (continued) 0.6 0.7 0.8 0.9 1.0 1.1 0 50 100 150 200 output current : irout (ma) output voltage : vrout (v) vr:0.9v ta= 85 ta= -40 25 vin=2.4v,cin=4.7uf,cl=4.7uf 2.2 2.3 2.4 2.5 2.6 2.7 0 50 100 150 200 output current : irout (ma) output voltage : vrout (v) vr:2.5v ta= 85 ta= 25 ta= -40 vin=3.5v,cin=4.7uf,cl=4.7uf 3.7 3.8 3.9 4.0 4.1 4.2 0 50 100 150 200 output current : irout (ma) output voltage : vrout (v) vr:4.0v ta= 85 ta= 25 ta= -40 vin= 5.0v,c in=4.7uf,c l=4.7uf typical performance characteristics (continued) (4) output voltage vs. output current 31/41 x c9509 series (b) voltage regulator (continued) typical performance characteristics (continued) (5) vr supply current vs. ambient temperature (dc/dc shutdown)* a mbient temperature : ta ( ) a mbient temperature : ta ( ) a mbient temperature : ta ( ) 32/41 xc9509 series (b) voltage regulator (continued) typical performance characteristics (continued) (6) output voltage vs. ambient temperature 33/41 x c9509 series (b) voltage regulator (continued) typical performance characteristics (continued) (7) ripple rejection ratio vs. ripple frequency 34/41 xc9509 series (b) voltage regulator (continued) typical performance characteristics (continued) (8) vr load transient response 35/41 x c9509 series (c) voltage detector (1) output current vs. input voltage typical performance characteristics (continued) (2) detect voltage vs. input voltage 36/41 xc9509 series typical performance characteristics (continued) (3)detect voltage , release voltage vs. ambient temperature 2.1 2.3 2.5 2.7 2.9 3.1 -50-250 255075100 ambient temp. : ta (deg.) detect voltage , r elease voltage : vdf,vdr (v) vd:2.5v vdr vdf 4.6 4.8 5.0 5.2 5.4 5.6 -50 -25 0 25 50 75 100 ambient temp. : ta (deg.) detect voltage , release voltage : vdf,vdr (v) vd:5.0v v dr vdf 0.5 0.7 0.9 1.1 1.3 1.5 -50 -25 0 25 50 75 100 ambient temp. : ta (deg.) detect voltage , release voltage : vdf,vdr (v) vd:0.9v vdr vdf (3) detect voltage, release voltage vs. ambient temperature (c) voltage detector (continued) a mbient temperature : ta ( ) a mbient temperature : ta ( ) a mbient temperature : ta ( ) 37/41 x c9509 series typical performance characteristics (continued) a mbient temperature : ta ( ) (d) common (1) supply current vs. ambient temperature (dc/dc & vr & vd) (2) shutdown current vs. input voltage (3) shutdown current vs. ambient temperature 38/41 xc9509 series typical performance characteristics (continued) (4) ce pin threshold voltage vs. ambient temperature (d) common (continued) (5) mode pin threshold voltage vs. ambient temperature 39/41 x c9509 series packaging information msop-10 usp-10 * soldering fillet surface is not formed because the sides of the pins are not plated usp-10 recommended pattern layout 2.3 usp-10 recommended metal mask design 40/41 xc9509 series mark product series 8 xc9509 xxxxxx mark dc/dc control mode pin (h level) mode pin (l level) product series a xc9509a xxxxx b xc9509b xxxxx c vr: off vr:on xc9509c xxxxx d xc9509d xxxxx e xc9509e xxxxx f pwm control dc/dc: off dc/dc: on xc9509fxxxxx h xc9509h xxxxx k xc9509k xxxxx l pwm, pfm/pwm manual switch pfm/pwm auto switching pwm control xc9509lxxxxx mark dc/dc vr vd product series 0 3 1.8v 3.3v 3.0v xc9509x03xxx mark oscillation frequency product series 3 300khz xc9509xxx3xx 6 600khz xc9509xxx6xx c 1.2mhz xc9509 xxxcxx marking rule msop-10, usp-10 represents product series represents dc/dc control methods and mode pin represents oscillation frequency usp-10 (top view) represents production lot number 0 to 9,a to z reverse character 0 to 9, a to z repeated (g, i, j, o, q, w excepted) note: no character inversion used. ? represents detect voltage dc/dc,vr and vd (ex.) msop-10 (top view) 41/41 x c9509 series 1. the products and product specifications contained herein are subject to change without notice to improve performance characteristics. consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. we assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. the products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. please use the products listed in this catalog within the specified ranges. should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. we assume no responsibility for damage or loss due to abnormal use. 7. all rights reserved. no part of this catalog may be copied or reproduced without the prior permission of torex semiconductor ltd. |
Price & Availability of XC9509B03CAR
![]() |