Part Number Hot Search : 
ZMY91G T93C46 001591 15KP200A A61L6316 HW941A YM536 E000936
Product Description
Full Text Search
 

To Download SRAH-02A250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a  nonisolated  compact, low profile surface mount package  fixed frequency  high efficiency means less power dissipation  excellent thermal performance  optimized for cost  remote on/off  undervoltage lockout (uvlo)  over current and short circuit protection  industrial temperature range description the bel srah-02a and vrah-02a modules are a series of non-isolated, step down dc/dc power converters that operate from a nominal 12v source. these converters are available in a range of output voltages from 0.9v to 5.0v. they are packaged in a compact, overmolded package rated at 2a. optional lead forming provides a vertical mount product for minimal footprint or a surface mount option for a very low profile. standard features include remote on/off, over current and short circuit protection , output voltage adjust and industrial temperature ranges (-40 to +85 c). the output is closely regulated and the efficiency is typically 89% at full load. these products may be used almost anywhere low voltage silicon is employed and a 12v source is available. typical applications include file servers, routers, line cards and other computing and communications equipment. applications page 1 srah-02a / vrah-02a series  distributed power architectures  data networking equipment part number selection * f indicates fast start up.  telecommunications  computers and peripherals t u p t u o e g a t l o v t u p n i e g a t l o v t u p t u o . x a m t n e r r u c t u p t u o . x a m r e w o p l a c i p y t y c n e i c i f f e r e b m u n t r a p t n u o m e c a f r u s r e b m u n t r a p t n u o m l a c i t r e v v 0 . 5v 2 1a 2w 0 1% 9 80 0 5 a 2 0 - h a r s0 0 5 a 2 0 - h a r v v 0 . 5v 2 1a 2w 0 1% 9 8* f 0 5 a 2 0 - h a r s* f 0 5 a 2 0 - h a r v v 3 . 3v 2 1a 2w 6 . 6% 8 80 3 3 a 2 0 - h a r s0 3 3 a 2 0 - h a r v v 5 . 2v 2 1a 2w 0 . 5% 6 80 5 2 a 2 0 - h a r s0 5 2 a 2 0 - h a r v v 8 . 1v 2 1a 2w 6 . 3% 2 80 8 1 a 2 0 - h a r s0 8 1 a 2 0 - h a r v v 5 . 1v 2 1a 2w 0 . 3% 8 70 5 1 a 2 0 - h a r s0 5 1 a 2 0 - h a r v v 2 . 1v 2 1a 2w 4 . 2% 4 70 2 1 a 2 0 - h a r s0 2 1 a 2 0 - h a r v v 9 . 0v 2 1a 2w 8 . 1% 0 70 9 0 a 2 0 - h a r s0 9 0 a 2 0 - h a r v v 3 6 . 3 ~ 9 . 0v 2 1a 2w 3 . 7% 0 70 a 1 a 2 0 - h a r s0 a 1 a 2 0 - h a r v v 3 6 . 3 ~ 9 . 0v 2 1a 2w 3 . 7% 0 7* f a 1 a 2 0 - h a r s* f a 1 a 2 0 - h a r v
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 2 input specifications absolute maximum ratings note: use beyond the maximum ratings may cause a reliability degradation of the dc/dc converter or may permanently damage the device. note: 1. use a 47uf/25v tan capacitor at the input. r e t e m a r a p l o b m y s n i m l a c i p y t x a m t i n u e g a t l o v t u p n i s u o u n i t n o cn i v3 . 0 - 5 1v e g a t l o v l a n i m r e t e l b a n e t u p t u on e t u o v3 . 0 - 5 1v e r u t a r e p m e t t n e i b m ab m a t0 4 - 5 8c e r u t a r e p m e t e g a r o t sr o t s t5 5 - 5 2 1c r e t e m a r a p e l u d o m l o b m y s n i m l a c i p y t x a m s t i n u e g a t l o v t u p n i g n i t a r e p ol l an i v8 . 0 1 2 . 3 1v t n e r r u c t u p n i v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 n i i 2 . 1 5 8 . 0 7 . 0 5 . 0 5 4 . 0 4 . 0 5 3 . 0 a t n e r r u c t u p n i d a o l o n l l a 0 5 a m t n e r r u c t u p n i f f o e t o m e rl l a 30 1 a m t n e r r u c e l p p i r d e t c e l f e r t u p n i 1 l l a 0 0 1 a m s m r ) p - p ( t n e r r u c e l p p i r d e t c e l f e r t u p n i 1 l l a 0 0 3 k p a m i 2 t n e i s n a r t t n e r r u c h s u r n i tl l a 1 0 . 02 0 . 0a 2 s d l o h s e r h t e g a t l o v n o n r u tl l a 6 . 9 v d l o h s e r h t e g a t l o v f f o n r u tl l a8 . 8 8 . 9v
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 3 output specifications note: all specifications are typical at nominal input, full load at 25 c unless otherwise stated. 1. vin=12v,lout=half load,ta=25 c. r e t e m a r a p e l u d o m l o b m y s n i m l a c i p y t x a m s t i n u t n i o p t e s e g a t l o v t u p t u o 1 v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 t u o v 9 . 4 7 4 2 . 3 0 6 4 . 2 1 7 7 . 1 6 7 4 . 1 1 8 1 . 1 6 8 8 . 0 0 . 5 3 . 3 5 . 2 8 . 1 5 . 1 2 . 1 9 . 0 1 . 5 3 5 3 . 3 0 4 5 . 2 9 2 8 . 1 4 2 5 . 1 9 1 2 . 1 4 1 9 . 0 v n o i t a l u g e r d a o l v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 5 1 0 1 8 5 5 4 3 0 3 0 3 0 2 0 1 0 1 0 1 0 1 v m n o i t a l u g e r e n i l v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 2 2 2 1 1 1 1 5 5 5 5 5 5 5 v m e r u t a r e p m e t r e v o n o i t a l u g e r ) c 5 8 o t 0 4 - (v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 5 3 5 3 0 2 5 1 0 1 8 2 5 4 5 4 0 3 5 2 0 2 5 1 5 v m n o i t a l u g e r e g a t l o v t u p t u o l a t o t ) c 5 8 o t 0 4 - (v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 2 5 7 4 0 3 1 2 6 1 3 1 6 0 8 0 8 5 5 0 4 5 3 0 3 0 2 v m
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a output specifications page 4 r e t e m a r a p e l u d o m l o b m y s n i m l a c i p y t x a m s t i n u e s i o n d n a e l p p i r t u p t u o 2 v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 0 6 0 6 0 5 0 4 5 3 5 3 5 3 0 8 0 8 0 7 0 6 0 6 0 6 0 6 p - p v m e s i o n d n a e l p p i r t u p t u o 2 v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 5 2 0 2 5 1 5 1 5 1 0 1 0 1 5 3 5 3 5 2 5 2 5 2 0 2 0 2 s m r v m e g n a r t n e r r u c t u p t u ol l at u o i0 2a t i m i l t n e r r u c c d t u p t u ol l am i l t u o i 5 . 2 6 a e g r u s t i u c r i c t r o h s v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 e g r u s t u o i 4 . 0 4 . 0 4 . 0 5 . 0 5 . 0 5 . 0 5 5 . 0 8 . 0 8 . 0 8 . 0 0 . 1 0 . 1 0 . 1 1 . 1 a 2 s e m i t n o n r u t v 3 6 . 3 - v 9 . 0 v 0 . 5 n o t 0 7 0 2 0 0 1 0 4 s m e m i t n o n r u t 3 n o t 0 10 2s m n o n r u t t a t o o h s r e v ol l a 03% n o n r u t t a t o o h s r e v o 3 v 0 . 5 - v 5 . 1 v 2 . 1 - v 9 . 0 0 0 3 0 1 % e c n a t i c a p a c t u p t u ol l at u o c0 0 1 0 0 0 1f note: all specifications are typical at nominal input, full load at 25 c unless otherwise stated. 2. 0 - 20mhz bw with 100uf tan cap and 1uf ceramic cap. 3. for fast startup modules.
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 5 output specifications note: all specifications are typical at nominal input, full load at 25 c unless otherwise stated. 3. di/dt=0.1a/us,ta=25 c with 220uf/10v tan cap. r e t e m a r a p e l u d o m l o b m y s n i m l a c i p y t x a m s t i n u e s n o p s e r t n e i s n a r t 3 ? d a o l x a m f o % 0 0 1 o t % 0 5 v v 0 . 5 0 5 10 0 2v m e m i t g n i l t t e ss t 0 0 10 4 1s ? d a o l x a m f o % 0 5 o t % 0 0 1 v 0 5 10 0 2v m e m i t g n i l t t e ss t 0 0 10 4 1s e s n o p s e r t n e i s n a r t 3 ? d a o l x a m f o % 0 0 1 o t % 0 5 v v 3 . 3 0 2 10 5 1v m e m i t g n i l t t e ss t 0 40 6s ? d a o l x a m f o % 0 5 o t % 0 0 1 v 0 2 10 5 1v m e m i t g n i l t t e ss t 0 40 6s e s n o p s e r t n e i s n a r t 3 ? d a o l x a m f o % 0 0 1 o t % 0 5 v v 5 . 2 0 0 10 3 1v m e m i t g n i l t t e ss t 0 40 6s ? d a o l x a m f o % 0 5 o t % 0 0 1 v 0 0 10 3 1v m e m i t g n i l t t e ss t 0 40 6s e s n o p s e r t n e i s n a r t 3 ? d a o l x a m f o % 0 0 1 o t % 0 5 v v 8 . 1 0 90 2 1v m e m i t g n i l t t e ss t 0 40 6s ? d a o l x a m f o % 0 5 o t % 0 0 1 v 0 90 2 1v m e m i t g n i l t t e ss t 0 40 6s
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 6 output specifications note: all specifications are typical at nominal input, full load at 25 c unless otherwise stated. 3. di/dt=0.1a/us,ta=25 c with 220uf/10v tan cap. r e t e m a r a p e l u d o m l o b m y s n i m l a c i p y t x a m s t i n u e s n o p s e r t n e i s n a r t 3 ? d a o l x a m f o % 0 0 1 o t % 0 5 v v 5 . 1 0 80 1 1v m e m i t g n i l t t e ss t 0 40 6s ? d a o l x a m f o % 0 5 o t % 0 0 1 v 0 80 1 1v m e m i t g n i l t t e ss t 0 40 6s e s n o p s e r t n e i s n a r t 3 ? d a o l x a m f o % 0 0 1 o t % 0 5 v v 2 . 1 0 70 0 1v m e m i t g n i l t t e ss t 0 40 6s ? d a o l x a m f o % 0 5 o t % 0 0 1 v 0 70 0 1v m e m i t g n i l t t e ss t 0 40 6s e s n o p s e r t n e i s n a r t 3 ? d a o l x a m f o % 0 0 1 o t % 0 5 v v 9 . 0 0 60 9v m e m i t g n i l t t e ss t 0 40 6s ? d a o l x a m f o % 0 5 o t % 0 0 1 v 0 60 9v m e m i t g n i l t t e ss t 0 40 6s
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 7 control specifications general specifications 1. efficiency is measured at vin=12v, full load and ta=25 c. 2. see graphs on pages 17-25. 3. with remote on/off pin 1 open, unit on. r e t e m a r a p e l u d o m l o b m y s n i m l a c i p y t x a m s t i n u y c n e i c i f f e 1 v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 6 8 5 8 3 8 9 7 5 7 1 7 7 6 9 8 8 8 6 8 2 8 8 7 4 7 0 7 % y c n e u q e r f g n i h c t i w s v 3 . 3 ~ v 9 . 0 v 0 . 5 w s f 0 1 2 0 8 2 0 5 2 0 2 3 0 9 2 0 6 3 z h k e g n a r m i r t e g a t l o v t u p t u o ) m i r t e d i w ( 2 v 9 . 0 3 0 4% e g n a r m i r t e g a t l o v t u p t u o ) m i r t w o r r a n ( 2 v 0 . 5 v 3 . 3 v 5 . 2 v 8 . 1 v 5 . 1 v 2 . 1 v 9 . 0 0 9 0 9 0 9 0 9 0 9 0 9 - - 0 1 1 0 1 1 0 1 1 0 1 1 0 1 1 0 1 1 0 1 1 % t h g i e wl l a 9 . 4 g r e t e m a r a p e l u d o m l o b m y s n i m l a c i p y t x a m s t i n u f f o / n o e t o m e r 3 l l an e t u o v v ) f f o t i n u ( w o l l a n g i sl l a3 . 0 - 1v ) n o t i n u ( h g i h l a n g i sl l a8 . 2 2 . 3 1v
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 8 efficiency data module 5.0v 60% 65% 70% 75% 80% 85% 90% 0.20 0.50 1.00 1.50 2.00 output current efficiency 10.8 12 13.2 module 3.3v 55% 60% 65% 70% 75% 80% 85% 90% 95% 0.20 0.50 1.00 1.50 2.00 output current e fficienc y 10.8 12 13.2 module 2.5v 50% 60% 70% 80% 90% 100% 0.20 0.50 1.00 1.50 2.00 output current efficiency 10.8 12 13.2 module 1. 8v 50% 55% 60% 65% 70% 75% 80% 85% 90% 0.20 0.50 1.00 1.50 2.00 output current efficiency 10.8 12 13.2
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a efficiency data page 9 module 1.5v 45% 50% 55% 60% 65% 70% 75% 80% 85% 0.20 0.50 1.00 1.50 2.00 output current efficiency 10.8 12 13.2 module 1.2v 45% 55% 65% 75% 85% 0.20 0.50 1.00 1.50 2.00 output current efficiency 10.8 12 13.2 module 0.9v 40% 50% 60% 70% 80% 0.20 0.50 1.00 1.50 2.00 output current efficiency 10.8 12 13.2
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 10 ripple and noise ripple and noise at full load and 12vdc input, 2.5vdc output and ta=25 c ripple and noise at full load and 12vdc input, 1.8vdc output and ta=25 c with 100f tan cap and 1uf ceramic cap at the output. ripple and noise at full load and 12vdc input, 3.3vdc output and ta=25 c ripple and noise at full load and 12vdc input, 5.0vdc output and ta=25 c
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a ripple and noise ripple and noise at full load and 12vdc input, 0.9vdc output and ta=25 c ripple and noise at full load and 12vdc input, 1.2vdc output and ta=25 c page 11 ripple and noise at full load and 12vdc input, 1.5vdc output and ta=25 c with 100f tan cap and 1uf ceramic cap at the output.
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 12 transient response transient response: di/dt = 0.1a/s, with 220f tan capacitor. vout=3.3v 50% to 100% load transients at 12v input and ta=25 c vout=3.3v 100% to 50% load transients at 12v input and ta=25 c vout=5.0v 50% to 100% load transients at 12v input and ta=25 c vout=5.0v 100% to 50% load transients at 12v input and ta=25 c
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 13 transient response vout=1.8v 100% to 50% load transients at 12v input and ta=25 c vout=1.8v 50% to 100% load transients at 12v input and ta=25 c vout=2.5v 50% to 100% load transients at 12v input and ta=25 c vout=2.5v 100% to 50% load transients at 12v input and ta=25 c transient response: di/dt = 0.1a/s, with 220f tan capacitor..
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 14 vout=0.9v 50% to 100% load transients at 12v input and ta=25 c vout=0.9v 100% to 50% load transients at 12v input and ta=25 c vout=1.2v 50% to 100% load transients at 12v input and ta=25 c vout=1.2v 100% to 50% load transients at 12v input and ta=25 c transient response vout=1.5v 50% to 100% load transients at 12v input and ta=25 c vout=1.5v 100% to 50% load transients at 12v input and ta=25 c transient response: di/dt = 0.1a/s, with 220f tan capacitor..
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a xrah-02a1ax 0.9 ~ 3.3v thermal considerations page 15 vin = 12v xrah-02a50x
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 16 output voltage set-point adjustment xrah-02a1ax trim resistor calculation rtrim up = 3.712 vo, adj ? vo ) kohm ( 0.9 1.17 1.45 1.72 1.99 2.26 2.54 2.81 3.08 3.36 3.63 0 5 10 15 20 25 30 35 40 45 50 adjusted output voltage vo,adj(v ) trim resistor value,rtrim_up(kohm) 50 0 rt r i mup vadj _up () 3. 63 0.9 vadj_up note: output voltage vo=0.90 3v when trim pin is not connected. v o t rim gnd r t r s v t rt (kohm) = rs (4.64vt - 3.712) 3.712 - rs(vout - 0.903) ) kohm ( note: output voltage vo=0.90 3v when trim pin is not connected. v o t rim gnd r down r up r set note: output voltage vo=0.90 3v when trim pin is not connected. rset = 3.712 vout - 0.903 rup = 3.712 rset rset  vm up - 0.903 rset - 3.712 rdown = 4.64 rset  vm down - 3.712 rset 0.903 rset + 3.712 - rset  vm down vout is desired output voltage. margin up value after output voltage is set with rset margin down value after output volatge is set with rset vm down > 90% vout ( ) kohm ) kohm ( ) kohm (
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 17 xrah-02a090 trim resistor calculation output voltage set-point adjustment vo tr i m gnd trim up test circuit 0.9 0.909 0.918 0.927 0.936 0.945 0.954 0.963 0.972 0.981 0.99 0 100 200 300 400 500 600 700 800 900 1000 adjusted output voltage vo,adj(v) trim resistor value,rtrim_up(kohm) 1000 0 rtrimup vadj_up ( ) 0.99 0.9 vadj_up kohm vo adj vo up rtrim ? = , 712 . 3 _ vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=0.903v vo , ad j is the ad j usted out p ut volta g e. rtrim-u p is the resistance re q uired between trim and gnd. where ,
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 18 output voltage set-point adjustment xrah-02a120 trim resistor calculation vo tr i m gnd vo tr i m gnd trim down test circuit trim up test circuit kohm adj vo vo down rtrim ? ? = 64 . 4 , 87 . 1 _ kohm vo adj vo up rtrim ? = , 712 . 3 _ where , vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=1.203v vo , ad j is the ad j usted out p ut volta g e. rtrim-down is the resistance re q uired between trim and vo. where , vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=1.203v vo , ad j is the ad j usted out p ut volta g e. rtrim-u p is the resistance re q uired between trim and gnd. 1.08 1.09 1.1 1.12 1.13 1.14 1.15 1.16 1.18 1.19 1.2 0 10 20 30 40 50 60 70 80 90 100 adjusted output voltage vo,adj (v) trim resistor value rtrim_down(kohm) 1.2 1.21 1.22 1.24 1.25 1.26 1.27 1.28 1.3 1.31 1.32 20 68 116 164 212 260 308 356 404 452 500 adjusted output voltage vo,adj(v) trim resistor value,rtrim_up(kohm)
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 19 output voltage set-point adjustment xrah-02a150 trim resistor calculation kohm adj vo vo down rtrim ? ? = 64 . 4 , 2633 . 3 _ kohm vo adj vo up rtrim ? = , 712 . 3 _ where , vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=1.503v vo , ad j is the ad j usted out p ut volta g e. rtrim-down is the resistance re q uired between trim and vo. where , vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=1.503v vo , ad j is the ad j usted out p ut volta g e. rtrim-u p is the resistance re q uired between trim and gnd. 1.35 1.37 1.38 1.4 1.41 1.43 1.44 1.46 1.47 1.49 1.5 0 50 100 150 200 250 300 350 400 450 500 adjusted output voltage vo,adj (v) trim resistor value rtrim_down(kohm) 1.5 1.51 1.53 1.54 1.56 1.58 1.59 1.61 1.62 1.64 1.65 0 100 200 300 400 500 600 700 800 900 1000 adjusted output voltage vo,adj(v) trim resistor value,rtrim_up(kohm)
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 20 output voltage set-point adjustment xrah-02a180 trim resistor calculation kohm adj vo vo down rtrim ? ? = 64 . 4 , 6538 . 4 _ kohm vo adj vo up rtrim ? = , 712 . 3 _ where , vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=1.803v vo , ad j is the ad j usted out p ut volta g e. rtrim-down is the resistance re q uired between trim and vo. where , vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=1.803v vo , ad j is the ad j usted out p ut volta g e. rtrim-u p is the resistance re q uired between trim and gnd. 1.62 1.64 1.66 1.67 1.69 1.71 1.73 1.75 1.76 1.78 1.8 0 50 100 150 200 250 300 350 400 450 500 adjusted output voltage vo,adj (v) trim resistor value rtrim_down(kohm) 1.8 1.82 1.84 1.85 1.87 1.89 1.91 1.93 1.94 1.96 1.98 0 50 100 150 200 250 300 350 400 450 500 adjusted output voltage vo,adj(v) trim resistor value,rtrim_up(kohm)
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 21 xrah-02a250 trim resistor calculation output voltage set-point adjustment kohm adj vo vo down rtrim ? ? = 64 . 4 , 9117 . 7 _ kohm vo adj vo up rtrim ? = , 712 . 3 _ where , vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=2.503v vo , ad j is the ad j usted out p ut volta g e. rtrim-down is the resistance re q uired between trim and vo. vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=2.503v vo , ad j is the ad j usted out p ut volta g e. rtrim-u p is the resistance re q uired between trim and gnd. where , 2.25 2.27 2.3 2.33 2.35 2.38 2.4 2.42 2.45 2.48 2.5 0 50 100 150 200 250 300 350 400 450 500 adjusted output voltage vo,adj (v) trim resistor value rtrim_down(kohm) 2.5 2.52 2.55 2.58 2.6 2.63 2.65 2.67 2.7 2.73 2.75 0 50 100 150 200 250 300 350 400 450 500 adjusted output voltage vo,adj(v) trim resistor value,rtrim_up(kohm)
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 22 output voltage set-point adjustment xrah-02a330 trim resistor calculation kohm adj vo vo down rtrim ? ? = 64 . 4 , 614 . 11 _ kohm vo adj vo up rtrim ? = , 712 . 3 _ vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=3.303v vo , ad j is the ad j usted out p ut volta g e. rtrim-down is the resistance re q uired between trim and vo. where , where , vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=3.303v vo , ad j is the ad j usted out p ut volta g e. rtrim-u p is the resistance re q uired between trim and gnd. 2.97 3 3.04 3.07 3.1 3.13 3.17 3.2 3.23 3.27 3.3 0 50 100 150 200 250 300 350 400 450 500 adjusted output voltage vo,adj (v) trim resistor value rtrim_down(kohm) 3.3 3.33 3.37 3.4 3.43 3.46 3.5 3.53 3.56 3.6 3.63 0 50 100 150 200 250 300 350 400 450 500 adjusted output voltage vo,adj(v) trim resistor value,rtrim_up(kohm)
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 23 output voltage set-point adjustment xrah-02a50x trim resistor calculation kohm adj vo vo down rtrim ? ? = 69 . 13 , 02 . 26 _ kohm vo adj vo up rtrim ? ? = 5 . 7 , 952 . 4 _ vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=5.003v vo , ad j is the ad j usted out p ut volta g e. rtrim-down is the resistance re q uired between trim and vo. where , vo is the nominal out p ut volta g e set p oint when trim p in is o p en , vo=5.003v vo , ad j is the ad j usted out p ut volta g e. rtrim-u p is the resistance re q uired between trim and gnd. where , 4.5 4.55 4.6 4.65 4.7 4.75 4.8 4.85 4.9 4.95 5 0 50 100 150 200 250 300 350 400 450 500 adjusted output voltage vo,adj (v) trim resistor value rtrim_down(kohm) 5 5.05 5.1 5.15 5.2 5.25 5.3 5.35 5.4 5.45 5.5 0 50 100 150 200 250 300 350 400 450 500 adjusted output voltage vo,adj(v) trim resistor value,rtrim_up(kohm)
bel fuse inc. 206 van vorst street, jersey city, nj 07302  tel 201-432-0463  fax 201-432-9542  www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 24 mechanical srah-02a n i p n o i t c n u f 1f f o / n o e t o m e r 2n i v + 3d n u o r g 4o v + 5m i r t 6n o i t c e n n o c o n 7n o i t c e n n o c o n 0.400 [10.16] 0.60 [15.24] 0.70 [17.78] 0.137 [3.48] 0.100 [2.54] 4x 0.400 [10.16] 0.012 [0.30] 0.050 ?.002 [1.27 ?.05] 0.020 ?.002 [0.51 ?.05] 0.320 [8.13] 0.780 [19.81] 0.055 [1.40] 0.090 [2.29] 2 x 4? 0.050 [1.27] dimensions are in inches [millimeters]. standard dimension tolerance is ?.005 [0.13] unless otherwise noted. 1 2 3 4 5 6 7
corporate bel fuse inc. 206 van vorst street jersey city, nj 07302 tel 201-432-0463 fax 201-432-9542 www.belfuse.com far east bel fuse ltd. 8f / 8 luk hop street san po kong kowloon, hong kong tel 852-2328-5515 fax 852-2352-3706 www.belfuse.com europe bel fuse europe ltd. preston technology management centre marsh lane, suite g7, preston lancashire, pr1 8ud, u.k. tel 44-1772-556601 fax 44-1772-888366 www.belfuse.com ?2005 bel fuse inc. specifications subject to change without notice. 03.05 power products non-isolated dc/dc converters bp05xrah-02a 12v input / 0.9v ? 5.0v output / 2a page 25 mechanical vrah-02a n i p n o i t c n u f 1f f o / n o e t o m e r 2n i v + 3d n u o r g 4o v + 5m i r t 0.700 [17.78] 0.600 [15.24] 0.050 [1.27] 0.265 [6.73] min 0.020 [0.51] 0.308 [7.82] 0.050 [1.27] 0.100 [2.54] 0.400 [10.16] dimensions are in inches [millimeters]. standard dimension tolerance is ?.005 [0.13] unless otherwise noted. 0.13 7 [3.47] 2 4 3 5 1 rohs compliance complies with the european directive 2002/95/ec, calling for the elimination of lead and other hazardous substances from electronic products. these parts are not however compatible with the higher temperatures associated with lead free solder processes and must be soldered using a reflow profile with a peak temperature of no more than 240oc.


▲Up To Search▲   

 
Price & Availability of SRAH-02A250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X