Part Number Hot Search : 
7716A UZ27B CD407 IN7100 S2A04R KM684002 74ALVC 250BZI
Product Description
Full Text Search
 

To Download SA18A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load, for capacitive load, derate current by 20%. do-15 dimensions in inches and (millimeters) devices for bipolar applications for bidirectional use c or ca suffix (e.g. sa5.0c, sa170ca) electrical characteristics apply in both directions notes : 2. mounted on copper leaf area of 1.6 x 1.6" (40x40 mm) per fig. 5 1. non-repetitive current pulse, per fig.3 and derated above t a = 25 o c per fig.2. sa5.0 thru sa170ca vol t age range - 5.0 to 170 v olts pea k pulse power - 500 w atts technical specifica tions of transient vol t age suppressor rectifier specialists r dc components co., l td. features * glass passivated junction * 500 watts peak pulse power capability on 10/1000 s waveform * excellent clamping capability * low zener impedance * fast response time mechanical data * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: mil-std-202e, method 208 guaranteed * polarity: color band denotes positive end (cathode) except bidirectional types * mounting position: any * weight: 0.4 gram steady state power dissipation at t l = 75 o c lead lengths .375*( 9.5 mm ) ( note 2 ) peak forward surge current, 8.3ms single half sine-wave superimposed on rated load( jedec method ) ( note 3 ) maximum instantaneous forward voltage at 35a for unidirectional only symbol i fsm v f t j , t stg volts -65 to + 175 0 c units amps peak pulse power dissipation on 10/1000 s waveform (note1,fig . 1) minimum 500 70 3.5 value operating and storage temperature range p ppm watts p m (av) watts 1.0 168
r rating and characteristic curves ( sa5.0 thru sa170ca ) dc components co., l td. 8 6 4 169
r dc components co., l td. sa (500w) series transient voltage suppressors sa5.0 6.40 7.30 10 5.0 600 52.0 9.6 sa5.0a 6.40 7.00 10 5.0 600 54.3 9.2 sa6.0 6.67 8.15 10 6.0 600 43.9 11.4 sa6.0a 6.67 7.37 10 6.0 600 48.5 10.3 sa6.5 7.22 8.82 10 6.5 400 40.7 12.3 sa6.5a 7.22 7.98 10 6.5 400 44.7 11.2 sa7.0 7.78 9.51 10 7.0 150 37.8 13.3 sa7.0a 7.78 8.60 10 7.0 150 41.7 12.0 sa7.5 8.33 10.2 1.0 7.5 50 35.0 14.3 sa7.5a 8.33 9.21 1.0 7.5 50 38.8 12.9 sa8.0 8.89 10.9 1.0 8.0 25 33.3 15.0 sa8.0a 8.89 9.83 1.0 8.0 25 36.7 13.6 sa8.5 9.44 11.5 1.0 8.5 10 31.4 15.9 sa8.5a 9.44 10.4 1.0 8.5 10 34.7 14.4 sa9.0 10.0 12.2 1.0 9.0 5.0 29.5 16.9 sa9.0a 10.0 11.1 1.0 9.0 5.0 32.5 15.4 sa10 11.1 13.6 1.0 10.0 3.0 26.6 18.8 sa10a 11.1 12.3 1.0 10.0 3.0 29.4 17.0 sa11 12.2 14.9 1.0 11.0 3.0 24.9 20.1 sa11a 12.2 13.5 1.0 11.0 3.0 27.4 18.2 sa12 13.3 16.3 1.0 12.0 3.0 22.7 22.0 sa12a 13.3 14.7 1.0 12.0 3.0 25.1 19.9 sa13 14.4 17.6 1.0 13.0 3.0 21.0 23.8 sa13a 14.4 15.9 1.0 13.0 3.0 23.2 21.5 sa14 15.6 19.1 1.0 14.0 3.0 19.4 25.8 sa14a 15.6 17.2 11.0 14.0 3.0 21.5 23.2 sa15 16.7 20.4 1.0 15.0 3.0 18.8 26.9 sa15a 16.7 18.5 1.0 15.0 3.0 20.6 24.4 sa16 17.8 21.8 1.0 16.0 3.0 17.6 28.8 sa16a 17.8 19.7 1.0 16.0 3.0 19.2 26.0 sa17 18.9 23.1 1.0 17.0 3.0 16.4 30.5 sa17a 18.9 20.9 1.0 17.0 3.0 18.1 27.6 sa18 20.0 24.4 1.0 18.0 3.0 15.5 32.2 SA18A 20.0 22.1 1.0 18.0 3.0 17.2 29.2 sa20 22.2 27.1 1.0 20.0 3.0 13.9 35.8 sa20a 22.2 24.5 1.0 20.0 3.0 15.4 32.4 sa22 24.4 29.8 1.0 22.0 3.0 12.7 39.4 sa22a 24.4 26.9 1.0 22.0 3.0 14.1 35.5 sa24 26.7 32.6 1.0 24.0 3.0 11.6 43.0 sa24a 26.7 29.5 1.0 24.0 3.0 12.8 38.9 sa26 28.9 35.3 1.0 26.0 3.0 10.7 46.6 sa26a 28.9 31.9 1.0 26.0 3.0 11.9 42.1 sa28 31.1 38.0 1.0 28.0 3.0 9.9 50.1 sa28a 31.1 34.4 1.0 28.0 3.0 11.0 45.4 sa30 33.3 40.7 1.0 30.0 3.0 9.3 53.5 sa30a 33.3 36.8 1.0 30.0 3.0 10.3 48.4 sa33 36.7 44.9 1.0 33.0 3.0 8.6 59.0 sa33a 36.7 4.06 1.0 33.0 3.0 9.4 53.5 170
r dc components co., l td. sa (500w) series transient voltage suppressors 1.v br measured after i t applied for 300s. i t = square wave pulse or equivalent. 2.for bidirectonal use c or ca suffixs for all types (ex. sa5.0c, sa170ca). electrical characteristics apply in both directions. 3.for bidirectional types having v wm of 10 volts and less, the i d limit is doubled. notes : sa36 40.0 48.9 1.0 36.0 3.0 7.8 64.3 sa36a 40.0 44.2 1.0 36.0 3.0 8.6 58.1 sa40 44.4 54.3 1.0 40.0 3.0 7.0 71.4 sa40a 44.4 49.1 1.0 40.0 3.0 7.8 64.5 sa43 47.8 58.4 1.0 43.0 3.0 6.5 76.7 sa43a 47.8 52.8 1.0 43.0 3.0 7.2 69.4 sa45 50.0 61.1 1.0 45.0 3.0 6.2 80.3 sa45a 50.0 55.3 1.0 45.0 3.0 6.9 72.7 sa48 53.3 65.2 1.0 48.0 3.0 5.8 85.5 sa48a 53.3 58.9 1.0 48.0 3.0 6.5 77.4 sa51 56.7 69.3 1.0 51.0 3.0 5.5 91.1 sa51a 56.7 62.7 1.0 51.0 3.0 6.1 82.4 sa54 60.0 73.3 1.0 54.0 3.0 5.2 96.3 sa54a 60.0 66.3 1.0 54.0 3.0 5.7 87.1 sa58 64.4 78.7 1.0 58.0 3.0 4.9 103 sa58a 64.4 71.2 1.0 58.0 3.0 5.3 93.6 sa60 66.7 81.5 1.0 60.0 3.0 4.7 107 sa60a 66.7 73.7 1.0 60.6 3.0 5.2 96.8 sa64 71.1 86.9 1.0 64.0 3.0 4.4 1 14 sa64a 71.1 78.6 1.0 64.0 3.0 4.9 103 sa70 77.8 95.1 1.0 70.0 3.0 4.0 125 sa70a 77.8 86.0 1.0 70.0 3.0 4.4 1 13 sa75 83.3 102 1.0 75.0 3.0 3.7 134 sa75a 83.3 92.1 1.0 75.0 3.0 4.1 121 sa78 86.7 106 1.0 78.0 3.0 3.6 139 sa78a 86.7 95.8 1.0 78.0 3.0 4.0 126 sa85 94.4 1 15 1.0 85.0 3.0 3.3 151 sa85a 94.4 104 1.0 85.0 3.0 3.6 137 sa90 100 122 1.0 90.0 3.0 3.1 160 sa90a 100 1 1 1 1.0 90.0 3.0 3.4 146 sa100 1 1 1 136 1.0 100 3.0 2.8 179 sa100a 1 1 1 123 1.0 100 3.0 3.1 162 sa1 10 122 149 1.0 1 10 3.0 2.6 196 sa1 10a 122 135 1.0 1 10 3.0 2.8 177 sa120 133 163 1.0 120 3.0 2.3 214 sa120a 133 147 1.0 120 3.0 2.0 193 sa130 144 176 1.0 130 3.0 2.2 230 sa130a 144 159 1.0 130 3.0 2.4 209 sa150 167 204 1.0 150 3.0 1.9 268 sa150a 167 185 1.0 150 3.0 2.1 243 sa160 178 218 1.0 160 3.0 1.7 257 sa160a 178 197 1.0 160 3.0 1.9 259 sa170 189 231 1.0 170 3.0 1.6 304 sa170a 189 209 1.0 170 3.0 1.8 275 171


▲Up To Search▲   

 
Price & Availability of SA18A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X