Part Number Hot Search : 
M1024 M48T86 KDZ18EV 24050 BZX55C12 SFT6900 P302S PSMN0
Product Description
Full Text Search
 

To Download RAM-9120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  800-867-8426 ? info@opticomm.com ? www.opticomm.com ? contact opticomm for custom requirements. * chromatic dispersion and additional losses should be taken into account optical wavelength fiber output receiver loss conn 865 1310 1550 type mode suffix type power sensitivity budget range* type ? led mm l1 50 /125 -13 dbm -20 dbm 7 db 1 km st ? 62.5/125 -10 dbm -20 dbm 10 db 2 km st ? laser sm l2 09/125 -8 dbm -20 dbm 12 db 5 km fc one channel, one fiber 160 mhz monochrome system for ultra high resolution remote displays the RAM-9120 is a amplitude modulated (am), led- or laser-based monochrome-compatible video transmission system with sync accepted on green. it is ideal for the extension of any high resolution video signal such as a cad / cam graphics workstation. units come with a built-in automatic gain control (agc) to maintain constant video output for each color, and a status indicator for power on. system design all units come in a small module or insert card version. the cards can be inserted into our 18 slot, 19" rack- mountable card cage (cc-18), or one of our smaller desktop card racks (dtcr series). the desktop card racks can handle one, two, four, or seven cards, allowing for greater flexibility and future expansion. they can sit on a flat surface as a larger stand alone unit, or can be surface mounted with the flanges provided. each one of our card housings operates with an appropriate power supply. the regulated switching power supply has short circuit protection, and an input operating voltage of 85- 265 v ac . features ? ultra-high resolution (1792 x 1536) ? multimode operation over one fiber ? 160 mhz video bandwidth ? ideal for radar applications ? true dc restoration ? flat frequency response ? complies with rs-170, rs-170a & 343 eia standards ? no emi or rfi and no ground loops ? stand alone or rack mount ? ideal for cad/cam workstation extensions RAM-9120 1-ch hi-resolution video opticomm reserves the right to change specifications without notice
made in the usa rgb/vga/dvi video video in/out impedance 75 ? video in/out level 1 volt peak to peak, 0.7 volts without sync video bandwidth 10 hz to 160 mhz @ -3db grayscale linearity distortion < 2.0 % typical pixel intensity distortion < 2.0 typical linearity 1.1 % typical tilt 0.5 % typical maximum horizontal frequency 128 khz maximum refresh rate 120 khz signal to noise ratio >52 db using rs-250c standards @ 1 km connector type bnc general dimensions & weight stand alone (sa): 7.16? l x 5.21? w x 0.94? h 39 oz insert card (ic): 6.3? l x 0.8? w x 4.0? h 16 oz operating temperature -20 c to +70 c storage temperature -30 c to +85 c humidity 0 to 95% non-condensing operating voltage 12 v dc (200 ma) or 24 v ac (300ma) or 110/220 v ac vibration up to 5 g's shock up to 12 g's diagnostics status monitoring led indication sample configuration optiva ? configurable communication platform network management sdi & hd-sdi composite video, audio & data rgb/vga/dvi audio/fsk/intercom data (ethernet/serial/usb) catv/rf & l-band optical switching, routing & redundancy passive multiplexing solutions enclosures, racks & frames power supplies & accessories


▲Up To Search▲   

 
Price & Availability of RAM-9120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X