Part Number Hot Search : 
P20C04 SK32A 2N5427 TA724 KAM0705 LNK417EG 85000 PAW3502
Product Description
Full Text Search
 

To Download R4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  R4000 4000 4000 2800 45 30 0.2 5.0 R4000 5.0 30 R4000 ? 4000v 0.2 a siyu r v a pf i r cj ? i f =0.2a ta= 25 ? v r = 4.0v, f = 1mhz ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. unit symbols maximum forward voltage maximum reverse current type junction capacitance v f -55--- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? symbols unit reverse voltage 4000v forward current 0.2 a operating junction and storage temperature range tj, tstg dachang electronics r j-a ? high voltage rectifier ta= 100 50 ???rohs? lead and body according with rohs standard 1.0(25.4) min .300(7.6) .230(5.8) 1.0(25.4) min .140(3.6) .104(2.6) dia dia .034(0.9) .028(0.7) do-15 unit inch mm www.datasheet.co.kr datasheet pdf - http://www..net/
0 255075100125150175 0.30 0.25 0.20 0.15 0.10 0.05 0 0.01 0.1 1 10 4.8 5.2 5.6 10mm 10mm 1 2 4 6 10 20 40 100 40 30 20 10 0 t j = 25c R4000 siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) dachang electronics 4.0 4.4 www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of R4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X