Part Number Hot Search : 
21000 MUR80 UPD42270 1500ECMC LC72322 AOXYY LD3501 7N0603
Product Description
Full Text Search
 

To Download MM3Z75VCW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente mm3zxxxcw series 200mw, sod-323l surface mount zener diodes 6-jan-2012 rev. a page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? wide zener voltage range selection, 2.4v to 75v ? v z tolerance selection of 5%(c series) ? flat lead sod-323l small outline plastic package ? surface device type mounting ? green emc ? matte tin(sn) lead finish ? band indicates cathode package information package mpq leader size sod-323l 3k 7 inch absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit power dissipation p d 200 mw operating and storage temperature range t j , t stg -65~150 c sod-323l e f b c d a millimete r millimete r ref. min. max. ref. min. max. a 2.30 2.70 d 1.60 1.80 b 1.15 1.35 e 0.25 0.40 c 0.80 1.10 f 0.05 0.25
elektronische bauelemente mm3zxxxcw series 200mw, sod-323l surface mount zener diodes 6-jan-2012 rev. a page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25c unless otherwise specified, v f =1v maximum@ i f =10ma) zener voltage range maximum zener impedance maximum reverse leakage current v z @i zt i zt z zt @i zt z zk @i zk i zk i r @v r type number marking min(v) nom(v) max(v) ma ? ? ma a v mm3z2v4cw z0 2.28 2.4 2.52 5 100 564 1 45 1 mm3z2v7cw z1 2.57 2.7 2.84 5 100 564 1 18 1 mm3z3v0cw z2 2.85 3 3.15 5 100 564 1 9 1 mm3z3v3cw z3 3.14 3.3 3.47 5 95 564 1 4.5 1 mm3z3v6cw z4 3.42 3.6 3.78 5 90 564 1 4.5 1 mm3z3v9cw z5 3.71 3.9 4.1 5 90 564 1 2.7 1 mm3z4v3cw z6 4.09 4.3 4.52 5 90 564 1 2.7 1 mm3z4v7cw z7 4.47 4.7 4.94 5 80 470 1 2.7 2 mm3z5v1cw z8 4.85 5.1 5.36 5 60 451 1 1.8 2 mm3z5v6cw z9 5.32 5.6 5.88 5 40 376 1 0.9 2 mm3z6v2cw za 5.89 6.2 6.51 5 10 141 1 2.7 4 mm3z6v8cw zb 6.46 6.8 7.14 5 15 75 1 1.8 4 mm3z7v5cw zc 7.11 7.5 7.86 5 15 75 1 0.9 5 mm3z8v2cw zd 7.79 8.2 8.61 5 15 75 1 0.63 5 mm3z9v1cw ze 8.65 9.1 9.56 5 15 94 1 0.45 6 mm3z10vcw zf 9.5 10 10.5 5 20 141 1 0.18 7 mm3z11vcw zg 10.45 11 11.55 5 20 141 1 0.09 8 mm3z12vcw zh 11.4 12 12.6 5 25 141 1 0.09 8 mm3z13vcw zj 12.35 13 13.65 5 30 160 1 0.09 8 mm3z15vcw zk 14.25 15 15.75 5 30 188 1 0.045 10.5 mm3z16vcw zl 15.2 16 16.8 5 40 188 1 0.045 11.2 mm3z18vcw zm 17.1 18 18.9 5 45 212 1 0.045 12.6 mm3z20vcw zn 19 20 21 5 55 212 1 0.045 14 mm3z22vcw zp 20.9 22 23.1 5 55 235 1 0.045 15.4 mm3z24vcw zr 22.8 24 25.2 5 70 235 1 0.045 16.8 mm3z27vcw zs 25.65 27 28. 35 2 80 282 0.5 0.045 18.9 mm3z30vcw zt 28.5 30 31.5 2 80 282 0.5 0.045 21 mm3z33vcw zu 31.35 33 34.65 2 80 306 0.5 0.045 23 mm3z36vcw zv 34.2 36 37. 8 2 90 329 0.5 0.045 25.2 mm3z39vcw zw 37.05 39 40. 95 2 130 329 0.5 0.045 27.3
elektronische bauelemente mm3zxxxcw series 200mw, sod-323l surface mount zener diodes 6-jan-2012 rev. a page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25c unless otherwise specified, v f =1v maximum@ i f =10ma) zener voltage range maximum zener impedance maximum reverse leakage current v z @i zt i zt z zt @i zt z zk @i zk i zk i r @v r type number marking min(v) nom(v) max(v) ma ? ? ma a v mm3z43vcw zx 40.85 43 45. 15 2 150 353 0.5 0.045 30.1 mm3z47vcw zy 44.65 47 49.35 2 170 353 0.5 0.045 33 mm3z51vcw z ? 48.45 51 53.55 2 180 376 0.5 0.045 35.7 mm3z56vcw z= 53.2 56 58. 8 2 200 400 0.5 0.045 39.2 mm3z62vcw z 58.9 62 65.1 2 215 423 0.5 0.045 43.4 mm3z68vcw z> 64.6 68 71. 4 2 240 447 0.5 0.045 47.6 MM3Z75VCW z< 71.25 75 78. 75 2 255 470 0.5 0.045 52.5 notes: 1. the zener voltage (v z ) is tested under pulse condition of 10ms. 2. the device numbers listed have a standard tole rance on the nominal zener voltage of 5%. 3. the zener impedance is derived from the 60 -cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed to i zt or i zk . characteristic curves
elektronische bauelemente mm3zxxxcw series 200mw, sod-323l surface mount zener diodes 6-jan-2012 rev. a page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of MM3Z75VCW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X