Part Number Hot Search : 
CM2038 25N06 87759 DA120 1117A FMKA140 T8200 771GST
Product Description
Full Text Search
 

To Download LX5518LQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lx5518 p roduction d ata s heet microsemi analog mixed signal group 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 1 www. microsemi . com ingap hbt 2.4 ? 2.5 ghz power amplifier tm ? copyright ? 2009 rev. 1.0, 2009-09-30 block diagram active bias network vref rf input rf output vc det active bias network vref rf input rf output vc det 3x3mm mlp package package order info lq plastic qfn 3 3 16 pin rohs compliant / pb-free LX5518LQ note: available in tape & reel. append the letters ?tr? to the part number. (i.e. LX5518LQ-tr) description the lx5518 is a high gain and high power amplifier optimized for 802.11b/g/n applications in the 2.4-2.5 ghz frequency range. the pa is implemented as a three-stage monolithic microwave integrated circuit (mmic) with active bias, on-chip input matching, and output pre-matching. the device is manufactured with an ingap/gaas heterojunction bipolar transistor (hbt) ic process (mocvd). it operates with a single positive voltage supply of 3-5v, and provides a power gain of 30db and an output power of +26dbm at 5v for 3% evm in the 2.4-2.5ghz. lx5518 also features an on-chip power detector at the output port of the pa to help reduce bom cost and pcb space for implementation of power control in a typical wireless system. the lx5518 is available in a 16- pin 3mm x 3mm quad flat no lead package (qfn 3 3-16l). the compact footprint, low profile, and excellent thermal capability make the lx5518 an ideal solution for 802.11b/g/n applications. important: for the most current data, consult microsemi ?s website: http://www.microsemi.com key features ? advanced ingap hbt ? 2.4-2.5ghz operation ? single-polarity 3-5v supply ? power gain ~ 30 db ? 26dbm @3%evm,802.11g/5v ? 24dbm @3.5%evm,80211g/3.3v ? 28dbm @cck,802.11b/5v ? 27dbm @cck,802.11b/3.3v ? 24.5% efficiency @28dbm/5v ? complete on-chip input match ? simple output match for optimal evm ? temperature-compensated on- chip output power detector with wide dynamic range ? small footprint: 3x3mm 2 ? low profile: 0.9mm applications ? 802.11b/g/n l l x x 5 5 5 5 1 1 8 8 msc 5518 936 a
microsemi analog mixed signal group 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 tm ? www. microsemi . com copyright information thank you for your interest in microsemi ? analog mixed signal products. the full data sheet for this device contains proprietary information. to obtain a copy, please contact your loca l microsemi sales representative. the name of your local representative ca n be obtained at the following link http://www.microsemi.com/contact/contactfind.asp or contact us directly by sending an email to: ipgdatasheets@microsemi.com be sure to specify the data sheet you are requesting and include your company name and contact inform ation and or vcard. we look forward to hearing from you.


▲Up To Search▲   

 
Price & Availability of LX5518LQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X