Part Number Hot Search : 
PCA8521 30009 FR430A BUW132 Z86160 MAX5056 4220MI 1N527
Product Description
Full Text Search
 

To Download ICS952601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ICS952601 idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 programmable timing control hub tm for next gen p4 tm processor 1 datasheet pin configuration recommended application: ck409 clock, intel yellow cover part output features: ? 3 - 0.7v current-mode differential cpu pairs  1 - 0.7v current-mode differential src pair  7 - pci (33mhz)  3 - pciclk_f, (33mhz) free-running  1 - usb, 48mhz  1 - dot, 48mhz  2 - ref, 14.318mhz  4 - 3v66, 66.66mhz  1 - vch/3v66, selectable 48mhz or 66mhz key specifications:  cpu/src outputs cycle-cycle jitter < 125ps  3v66 outputs cycle-cycle jitter < 250ps  pci outputs cycle-cycle jitter < 250ps  cpu outputs skew: < 100ps  +/- 300ppm frequency accuracy on cpu & src clocks features/benefits:  supports tight ppm accuracy clocks for serial-ata.  supports spread spectrum modulation, 0 to -0.5% down spread.  supports cpu clks up to 400mhz in test mode.  uses external 14.318mhz crystal, external crystal load caps are required for frequency tuning.  supports undriven differential cpu, src pair in pd# and cpu_stop# for power management. 56-pin ssop & tssop ref0 1 56 fs_b ref1 2 55 vdda vddref 3 54 gnda x1 4 53 gnd x2 5 52 iref gnd 6 51 fs_a pciclk_f0 7 50 cpu_stop# pciclk_f1 849pci_stop# pciclk_f2 948 vddcpu vddpci 10 47 cpuclkt2 gnd 11 46 cpuclkc2 pciclk0 12 45 gnd pciclk1 13 44 cpuclkt1 pciclk2 14 43 cpuclkc1 pciclk3 15 42 vddcpu vddpci 16 41 cpuclkt0 gnd 17 40 cpuclkc0 pciclk4 18 39 gnd pciclk5 19 38 srcclkt pciclk6 20 37 srcclkc pd# 21 36 vdd 3v66_0 22 35 vtt_pwrgd# 3v66_1 23 34 vdd48 vdd3v66 24 33 gnd gnd 25 32 48mhz_dot 3v66_2 26 31 48mhz_usb 3v66_3 27 30 sdata sclk 28 29 3v66_4/vch ICS952601 functionality b6b5 fs_a fs_b cpu mhz src mhz 3v66 mhz pci mhz ref mhz u sb/dot mhz 0 0 100 100/200 66.66 33.33 14.318 48.00 0midref/n 0 ref/n 1 ref/n 2 ref/n 3 ref/n 4 ref/n 5 0 1 200 100/200 66.66 33.33 14.318 48.00 1 0 133 100/200 66.66 33.33 14.318 48.00 1 1 166 100/200 66.66 33.33 14.318 48.00 1 mid hi-z hi-z hi-z hi-z hi-z hi-z 0 0 200 100/200 66.66 33.33 14.318 48.00 0 1 400 100/200 66.66 33.33 14.318 48.00 1 0 266 100/200 66.66 33.33 14.318 48.00 1 1 333 100/200 66.66 33.33 14.318 48.00 0 1
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 2 pin description pin # pin name pin type description 1 ref0 out 14.318 mhz reference clock. 2 ref1 out 14.318 mhz reference clock. 3 vddref pwr ref, xtal power supply, nominal 3.3v 4 x1 in crystal input, nominally 14.318mhz. 5 x2 out crystal output, nominally 14.318mhz 6 gnd pwr ground pin. 7 pciclk_f0 out free running pci clock not affected by pci_stop# . 8 pciclk_f1 out free running pci clock not affected by pci_stop# . 9 pciclk_f2 out free running pci clock not affected by pci_stop# . 10 vddpci pwr power supply for pci clocks, nominal 3.3v 11 gnd pwr ground pin. 12 pciclk0 out pci clock output. 13 pciclk1 out pci clock output. 14 pciclk2 out pci clock output. 15 pciclk3 out pci clock output. 16 vddpci pwr power supply for pci clocks, nominal 3.3v 17 gnd pwr ground pin. 18 pciclk4 out pci clock output. 19 pciclk5 out pci clock output. 20 pciclk6 out pci clock output. 21 pd# in asynchronous active low input pin used to power down the device into a low power state. the internal clocks are disabled and the vco and the crystal are stopped. the latency of the power down will not be greater than 1.8ms. internal pull-up of 150k nomina 22 3v66_0 out 3.3v 66.66mhz clock output 23 3v66_1 out 3.3v 66.66mhz clock output 24 vdd3v66 pwr power pin for the 3v66 clocks. 25 gnd pwr ground pin. 26 3v66_2 out 3.3v 66.66mhz clock output 27 3v66_3 out 3.3v 66.66mhz clock output 28 sclk in clock pin of smbus circuitry, 5v tolerant.
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 3 pin description (continued) pin # pin name pin type description 29 3v66_4/vch out 66.66mhz clock output for agp support. agp-pci should be aligned with a skew window tolerance of 500ps. vch is 48mhz clock output for video controller hub. 30 sdata i/o data pin for smbus circuitry, 5v tolerant. 31 48mhz_usb out 48mhz clock output. 32 48mhz_dot out 48mhz clock output. 33 gnd pwr ground pin. 34 vdd48 pwr power pin for the 48mhz output.3.3v 35 vtt_pwrgd# in this 3.3v lvttl input is a level sensitive strobe used to determine when latch inputs are valid and are ready to be sampled. this is an active low input. 36 vdd pwr power supply for src clocks, nominal 3.3v 37 srcclkc out complement clock of differential pair for s-ata support. +/- 300ppm accuracy required. 38 srcclkt out true clock of differential pair for s-ata support. +/- 300ppm accuracy required. 39 gnd pwr ground pin. 40 cpuclkc0 out complimentary clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 41 cpuclkt0 out true clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 42 vddcpu pwr supply for cpu clocks, 3.3v nominal 43 cpuclkc1 out complimentary clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 44 cpuclkt1 out true clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 45 gnd pwr ground pin. 46 cpuclkc2 out complimentary clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 47 cpuclkt2 out true clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 48 vddcpu pwr supply for cpu clocks, 3.3v nominal 49 pci_stop# in stops all pciclks and src pair besides the pciclk_f clocks at logic 0 level, when input low. pci and src clocks can be set to free_running through i2c. internal pull-up of 150k nominal. 50 cpu_stop# in stops all cpuclk besides the free running clocks. internal pull-up of 150k nominal 51 fs_a in frequency select pin, see frequency table for functionality 52 iref out this pin establishes the reference current for the differential current- mode output pairs. this pin requires a fixed precision resistor tied to ground in order to establish the appropriate current. 475 ohms is the standard value. 53 gnd pwr ground pin. 54 gnda pwr ground pin for core. 55 vdda pwr 3.3v power for the pll core. 56 fs_b in frequency select pin, see frequency table for functionality
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 4 general description block diagram power groups ICS952601 follows intel ck409 yellow cover specification. this clock synthesizer provides a single chip solution for next generation p4 intel processors and intel chipsets. ICS952601 is driven with a 14.318mhz crystal. it generates cpu outputs up to 200mhz. it also provides a tight ppm accuracy output for serial ata support. i ref pll2 frequency dividers programmable spread pll1 programmable frequency dividers stop logic 48mhz, usb, dot, vch x1 x2 xtal sdata sclk cpu_stop# pci_stop# vtt_pwrgd# pd# fs_a fs_b control logic ref (1:0) cpuclkt (2:0) cpuclkc (2:0) srcclkt0 srcclkc0 3v66(4:0) pciclk (6:0) pciclkf (2:0) vdd gnd 3 6 xtal, ref 24 25 3v66 [0:3] 10,16 11,17 pciclk outputs 36 39 srcclk outputs 55 54 master clock, cpu analog 34 33 48mhz, pll, sclk, sdata n/a 53 iref 48, 42 45 cpuclk clocks description pin number
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 5 absolute maximum ratings symbol parameter min max units notes vdd_a 3.3v core supply voltage vdd + 0.5v v vdd_in 3.3v logic input supply voltage gnd - 0.5 vdd + 0.5v v ts storage temperature -65 150 c tambient ambient operating temp 0 70 c tcase1 case temperature 1 115 c 1 tcase2 case temperature 2 94 c 2 esd prot input esd protection human body model 2000 v 1. this case temperature limits the junction temperature to <150 c for package reliabilty 2. this case temperature limits the junction temperature to <125 c for long term silicon reliability electrical characteristics - input/supply/common output parameters t a = 0 - 70c; supply voltage v dd = 3.3 v +/-5% parameter symbol conditions min typ max units notes input high voltage v ih 3.3 v +/-5% 2 v dd + 0.3 v input mid voltage v mid 3.3 v +/-5% 1 1.8 v input low voltage v il 3.3 v +/-5% v ss - 0.3 0.8 v input high current i ih v in = v d d -5 5 ua i il1 v in = 0 v; inputs with no pull- up resistors -5 ua i il2 v in = 0 v; inputs with pull-up resistors -200 ua operating supply current i dd3.3op full active, c l = full load; 258 350 ma all diff pairs driven 29 35 ma all differential pairs tri-stated 0.3 12 ma input frequency 3 f i v dd = 3.3 v 14.31818 mhz 3 pin inductance 1 l p in 7nh1 c in logic inputs 5 pf 1 c out output pin capacitance 6 pf 1 c inx x1 & x2 pins 5 pf 1 clk stabilization 1,2 t stab from v dd power-up or de- assertion of pd# to 1st clock 1.8 ms 1,2 modulation frequency triangular modulation 30 33 khz 1 tdrive_src src output enable after pci_stop# de-assertion 15 ns 1 tdrive_pd# cpu output enable after pd# de-assertion 300 us 1 tfall_pd# pd# fall time of 5 ns 1 trise_pd# pd# rise time of 5 ns 2 tdrive_cpu_stop# cpu output enable after cpu_stop# de-assertion 10 us 1 tfall_cpu_stop# pd# fall time of 5 ns 1 trise_cpu_stop# pd# rise time of 5 ns 2 smbus voltage v d d 2.7 5.5 v 1 low-level output voltage v ol @ i pullup 0.4 v 1 current sinking at v ol = 0.4 v i pullup 4ma1 sclk/sdata clock/data rise time 3 t ri 2c (max vil - 0.15) to (min vih + 0.15) 1000 ns 1 sclk/sdata clock/data fall time 3 t fi2c (min vih + 0.15) to (max vil - 0.15) 300 ns 1 1 guaranteed b y desi g n, not 100% tested in production. 2 see timing diagrams for timing requirements. i dd3. 3pd 3 input frequency should be measured at the ref output pin and tuned to ideal 14.31818mhz to meet ppm frequency accuracy on pll outputs. input capacitance 1 input low current powerdown current
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 6 electrical characteristics - cpu & src 0.7v current mode differential pair t a = 0 - 70c; v dd = 3.3 v +/-5%; c l =2pf parameter symbol conditions min typ max units notes current source output impedance zo 1 v o = v x 3000 ? 1 voltage high vhigh 660 770 850 1 voltage low vlow -150 5 150 1 max volta g e vovs 756 1150 1 min volta g e vuds -300 -7 1 crossin g volta g e (abs) vcross(abs) 250 350 550 mv 1 crossing voltage (var) d-vcross variation of crossing over all ed g es 12 140 mv 1 lon g accuracy ppm see tperiod min-max values -300 300 ppm 1,2 200mhz nominal 4.9985 5.0000 5.0015 ns 2 200mhz spread 4.9985 5.0266 ns 2 166.66mhz nominal 5.9982 6.0000 6.0018 ns 2 166.66mhz spread 5.9982 6.0320 ns 2 133.33mhz nominal 7.4978 7.5000 7.5023 ns 2 133.33mhz spread 7.4978 5.4000 ns 2 100.00mhz nominal 9.9970 10.0000 10.0030 ns 2 100.00mhz spread 9.9970 10.0533 ns 2 200mhz nominal 4.8735 ns 1,2 166.66mhz nominal/spread 5.8732 ns 1,2 133.33mhz nominal/spread 7.3728 ns 1,2 100.00mhz nominal/spread 9.8720 ns 1,2 rise time t r v ol = 0.175v, v oh = 0.525v 175 332 700 ps 1 fall time t f v oh = 0.525v v ol = 0.175v 175 344 700 ps 1 rise time variation d-t r 30 125 ps 1 fall time variation d-t f 30 125 ps 1 duty cycle d t3 measurement from differential wavefrom 45 49 55 % 1 skew t sk3 v t = 50% 8 100 ps 1 jitter, cycle to cycle t jcyc-cyc measurement from differential wavefrom 37 125 ps 1 1 guaranteed by desi g n, not 100% tested in production. src clock outputs run at only 100mhz or 200mhz, specs for 133.33 and 166.66 do not apply to src clock pair. 2 all long term accuracy and clock period specifications are guaranteed with the assumption that ref output is at 14.31818mhz tperiod average period absolute min period t absmin statistical measurement on single ended signal using oscilloscope math function. mv measurement on single ended si g nal usin g absolute value. mv
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 7 electrical characteristics - 3v66 mode: 3v66 [4:0] t a = 0 - 70c; v dd = 3.3 v +/-5%; c l = 10-30 pf (unless otherwise specified) parameter symbol conditions min typ max units notes lon g accurac y pp m see t p eriod min-max values -300 300 pp m1,2 66.66mhz out p ut nominal 14.9955 15 15.0045 ns 2 66.66mhz out p ut s p read 14.9955 15.0799 ns 2 output high voltage v oh i oh = -1 ma 2.4 v output low voltage v ol i ol = 1 ma 0.55 v v oh @ min = 1.0 v -33 ma v oh @ max = 3.135 v -33 ma v ol @ min = 1.95 v 30 ma v ol @ max = 0.4 v 38 ma ed g e rate risin g ed g e rate 1 4 v/ns 1 ed g e rate fallin g ed g e rate 1 4 v/ns 1 rise time t r1 v ol = 0.4 v, v oh = 2.4 v 0.5 1.92 2 ns 1 fall time t f1 v oh = 2.4 v, v ol = 0.4 v 0.5 1.97 2 ns 1 duty cycle d t1 v t = 1.5 v 45 53.1 55 % 1 skew t sk1 v t = 1.5 v 38 250 ps 1 jitter t jcyc-cyc v t = 1.5 v 3v66 139 250 ps 1 1 guaranteed b y desi g n, not 100% tested in p roduction. clock period t period 2 all long term accuracy and clock period specifications are guaranteed with the assumption that ref output is at 14.31818mhz output high current i oh output low current i ol electrical characteristics - pciclk/pciclk_f t a = 0 - 70c; v dd = 3.3 v +/-5%; c l = 10-30 pf (unless otherwise specified) parameter symbol conditions min typ max units notes lon g accurac y pp msee t p eriod min-max values -300 300 pp m1,2 33.33mhz out p ut nominal 29.9910 30 30.0090 ns 2 33.33mhz out p ut s p read 29.9910 30.1598 ns 2 output high voltage v oh i oh = -1 ma 2.4 v output low voltage v ol i ol = 1 ma 0.55 v v oh @min = 1.0 v -33 ma v oh @ max = 3.135 v -33 ma v ol @ min = 1.95 v 30 ma v ol @ max = 0.4 v 38 ma edge rate rising edge rate 1 4 v/ns 1 ed g e rate fallin g ed g e rate 1 4 v/ns 1 rise time t r1 v ol = 0.4 v, v oh = 2.4 v 0.5 1.92 2 ns 1 fall time t f1 v oh = 2.4 v, v ol = 0.4 v 0.5 1.9 2 ns 1 duty cycle d t1 v t = 1.5 v 45 51.4 55 % 1 skew t sk1 v t = 1.5 v 18 500 ps 1 jitter t jcyc-cyc v t = 1.5 v 3v66 92 250 ps 1 1 guaranteed b y desi g n, not 100% tested in p roduction. clock period t period 2 all long term accuracy and clock period specifications are guaranteed with the assumption that ref output is at 14.31818mhz output high current i oh output low current i ol
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 8 parameter symbol conditions min typ max units notes long accuracy ppm see tperiod min-max values -200 200 ppm 1,2 clock p eriod t p eriod 66.66mhz out p ut nominal 20.8257 20.8340 ns 2 output high voltage v oh i oh = -1 ma 2.4 v output low voltage v ol i ol = 1 ma 0.55 v v oh @ min = 1.0 v -33 ma v oh @ max = 3.135 v -33 ma v ol @ min = 1.95 v 30 ma v ol @ max = 0.4 v 38 ma ed g e rate risin g ed g e rate 2 4 v/ns 1 edge rate falling edge rate 2 4 v/ns 1 rise time t r1 v ol = 0.4 v, v oh = 2.4 v 0.5 0.71 1 ns 1 fall time t f1 v oh = 2.4 v, v ol = 0.4 v 0.5 0.77 1 ns 1 duty cycle d t1 v t = 1.5 v 45 49 55 % 1 long term jitter 125us period jitter (8khz frequency modulation am p litude ) 0.7 2 ns 1 1 guaranteed by design, not 100% tested in production. t a = 0 - 70c; v dd = 3.3 v +/-5%; c l = 5-10 pf (unless otherwise specified) electrical characteristics - 48mhz dot clock 2 all long term accuracy and clock period specifications are guaranteed with the assumption that ref out p ut is at 14.31818mhz output high current i oh output low current i ol electrical characteristics - vch, 48mhz, usb t a = 0 - 70c; v dd = 3.3 v +/-5%; c l = 10-20 pf (unless otherwise specified) parameter symbol conditions min typ max units notes lon g accurac y pp m see t p eriod min-max values -200 200 pp m1,2 clock p eriod t p eriod 66.66mhz out p ut nominal 20.8257 20.8340 ns 2 output high voltage v oh i oh = -1 ma 2.4 v output low voltage v ol i ol = 1 ma 0.55 v v oh @ min = 1.0 v -33 ma v oh @ max = 3.135 v -33 ma v ol @min = 1.95 v 30 ma v ol @ max = 0.4 v 38 ma ed g e rate risin g ed g e rate 1 2 v/ns 1 edge rate falling edge rate 1 2 v/ns 1 rise time t r1 v ol = 0.4 v, v oh = 2.4 v 11.432 ns 1 fall time t f1 v oh = 2.4 v, v ol = 0.4 v 11.332 ns 1 duty cycle d t1 v t = 1.5 v 45 48 55 % 1 long term jitter 125us period jitter (8khz frequency modulation am p litude ) 0.7 6 ns 1 1 guaranteed b y desi g n, not 100% tested in p roduction. output low current i ol 2 all long term accuracy and clock period specifications are guaranteed with the assumption that ref output is at 14.31818mhz output high current i oh
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 9 electrical characteristics - ref-14.318mhz t a = 0 - 70c; v dd = 3.3 v +/-5%; c l = 10-20 pf (unless otherwise specified) parameter symbol conditions min typ max units long accuracy pp m 1 see tperiod min-max values -300 300 ppm clock period t p eriod 14.318mhz output nominal 69.8270 69.8550 ns output high voltage v oh 1 i oh = -1 ma 2.4 v output low voltage v ol 1 i ol = 1 ma 0.4 v output high current i oh 1 v oh @min = 1.0 v, v oh @max = 3.135 v -29 -23 ma output low current i ol 1 v ol @min = 1.95 v, v ol @max = 0.4 v 29 27 ma rise time t r1 1 v ol = 0.4 v, v oh = 2.4 v 11.922 ns fall time t f1 1 v oh = 2.4 v, v ol = 0.4 v 11.922 ns skew t sk1 1 v t = 1.5 v 26 500 ps duty cycle d t1 1 v t = 1.5 v 45 53.4 55 % jitter t j c y c-c y c 1 v t = 1.5 v 284 1000 ps 1 guaranteed b y desi g n, not 100% tested in p roduction. group to group skews at common transition edges group symbol conditions min typ max units 200mhz cpu to 3v66 1 s cpu200-3v66 3v66 (4:0) leads 200mhz cpu -2.1 -1.6 -1.1 ns 3v66 to pci s 3v66-pci 3v66 (4:0) leads 33mhz pci 1.50 2.59 3.50 ns dot-usb s dot_usb 180 degrees out of phase 0.00 1.00 ns dot-vch s dot_vch in phase 0.00 1.00 ns 1. 3v66 mhz c l = 0pf, rseries = 33 ohm. cpu cl = 2 pf, rseries = 33 ohm, rshunt = 49.9 ohms. measured at the pins of the 952601.
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 10 general i 2 c serial interface information for the ICS952601 how to write: ? controller (host) sends a start bit.  controller (host) sends the write address d2 (h)  ics clock will acknowledge  controller (host) sends the begining byte location = n  ics clock will acknowledge  controller (host) sends the data byte count = x  ics clock will acknowledge  controller (host) starts sending byte n through byte n + x -1 (see note 2)  ics clock will acknowledge each byte one at a time  controller (host) sends a stop bit how to read:  controller (host) will send start bit.  controller (host) sends the write address d2 (h)  ics clock will acknowledge  controller (host) sends the begining byte location = n  ics clock will acknowledge  controller (host) will send a separate start bit.  controller (host) sends the read address d3 (h)  ics clock will acknowledge  ics clock will send the data byte count = x  ics clock sends byte n + x -1  ics clock sends byte 0 through byte x (if x (h) was written to byte 8) .  controller (host) will need to acknowledge each byte  controllor (host) will send a not acknowledge bit  controller (host) will send a stop bit ics (slave/receiver) t wr ack ack ack ack ack p stop bit x byte index block write operation slave address d2 (h) beginning byte = n write start bit controller (host) byte n + x - 1 data byte count = x beginning byte n t start bit wr write rt repeat start rd read beginning byte n byte n + x - 1 n not acknowledge pstop bit slave address d3 (h) index block read operation slave address d2 (h) beginning byte = n ack ack data byte count = x ack ics (slave/receiver) controller (host) x byte ack ack
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 11 i 2 c table: read-back register pin # name control function t yp e0 1 pwd bit 7 reserved reserved - x bit 6 reserved reserved - x bit 5 reserved reserved - x bit 4 reserved reserved - x bit 3 pci_stop# pci stop# read back rx bit 2 cpu_stop# cpu stop read back rx bit 1 fsb freq select 1 read back rx bit 0 fsa freq select 0 read back rx i 2 c table: spreading and device behavior control register pin # name control function t yp e0 1 pwd bit 7 src/src# src free-running control rw free-run stoppable 0 bit 6 src output control rw disable enable 1 bit 5 cput2/cpuc2 rw free-run stoppable 1 bit 4 cput1/cpuc1 rw free-run stoppable 1 bit 3 cput0/cpuc0 rw free-run stoppable 1 bit 2 cput2/cpuc2 output control rw disable enable 1 bit 1 cput1/cpuc1 output control rw disable enable 1 bit 0 cput0/cpuc0 output enable rw disable enable 1 i 2 c table: output control register pin # name control function t yp e0 1 pwd bit 7 src_pd# drive mode 0: driven in pd# rw driven hi-z 0 bit 6 src_stop# drive mode 0: driven in pci_stop# rw driven hi-z 0 bit 5 cput2_pd# drive mode rw driven hi-z 0 bit 4 cput1_pd# drive mode rw driven hi-z 0 bit 3 cput0_pd# drive mode rw driven hi-z 0 bit 2 cput2_stop drive mode rw driven hi-z 0 bit 1 cput1_stop drive mode rw driven hi-z 0 bit 0 cput0_stop drive mode rw driven hi-z 0 43,44 40,41 46,47 43,44 40,41 46,47 cpu free- running control 43,44 40,41 46,47 b y te 1 37,38 37,38 46,47 43,44 40,41 b y te 2 37,38 37,38 b y te 0 - - - reserved reserved - reserved - - - reserved 0:driven when stopped 1: tri-stated 0:driven in pd# 1: tri-stated - readback readback of cpu(2:0) frequency readback
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 12 i 2 c table: output control register pin # name control function t yp e0 1 pwd bit 7 pci_stop# pci_stop# control 0:all stoppable pci and src are sto pp ed rw enable disable 1 bit 6 pciclk6 out p ut control rw disable enable 1 bit 5 pciclk5 out p ut control rw disable enable 1 bit 4 pciclk4 out p ut control rw disable enable 1 bit 3 pciclk3 out p ut control rw disable enable 1 bit 2 pciclk2 out p ut control rw disable enable 1 bit 1 pciclk1 out p ut control rw disable enable 1 bit 0 pciclk0 output control rw disable enable 1 i 2 c table: output control register pin # name control function t yp e0 1 pwd bit 7 48mhz_usb 2x output drive 0=2x drive rw 2x drive normal 0 bit 6 48mhz_usb out p ut control rw disable enable 1 bit 5 pcif2 rw free-run stoppable 0 bit 4 pcif1 rw free-run stoppable 0 bit 3 pcif0 rw free-run stoppable 0 bit 2 pciclk_f2 out p ut control rw disable enable 1 bit 1 pciclk_f1 out p ut control rw disable enable 1 bit 0 pciclk_f0 output control rw disable enable 1 i 2 c table: output control register pin # name control function t yp e0 1 pwd bit 7 48mhz_dot out p ut control rw disable enable 1 bit 6 reserved reserved ` - - 0 bit 5 3v66_4/vch select output select rw 3v66 vch 0 bit 4 3v66_4/vch out p ut control rw disable enable 1 bit 3 3v66_3 out p ut control rw disable enable 1 bit 2 3v66_2 out p ut control rw disable enable 1 bit 1 3v66_1 out p ut control rw disable enable 1 bit 0 3v66_0 output control rw disable enable 1 byte 4 31 31 9 8 pci free-run ning control 7 byte 3 7,8,9,12,13,14,15, 18,19,20,37,38, 20 19 18 15 14 - 29 29 27 26 23 13 12 byte 5 32 9 8 7 22
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 13 i 2 c table: output control and fix frequency register pin # name control function t yp e0 1 pwd bit 7 test clock mode test clock mode - disable enable 0 bit 6 reserved - - - - 0 bit 5 reserved fs_a and fs_b o p eration - normal test mode 0 bit 4 reserved src frequency select - 100mhz 200mhz 0 bit 3 reserved - - - - 0 bit 2 spread spectrum mode spread off spread on 0 bit 1 ref1 out p ut control rw disable enable 1 bit 0 ref0 output control rw disable enable 1 i 2 c table: vendor & revision id register pin # name control function t y pe 0 1 pwd bit 7 rid3 r - - x bit 6 rid2 r - - x bit 5 rid1 r - - x bit 4 rid0 r - - x bit 3 vid3 r - - 0 bit 2 vid2 r - - 0 bit 1 vid1 r - - 0 bit 0 vid0 r - - 1 1,2,7,8,9,12,13,14,1 5,18,19,20,22,23,26, 27,29,31,32,37,38,4 0,41,43,44,46,47 - 40,41,43,44,46,47 byte 6 2 1 37,38 7,8,9,12,13,14,15,18 ,19,20,22,23,26,27,2 9,31,32,37,38,40,41, 43,44,46,47 byte 7 - revision id - - - - vendor id - - -
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 14 the pci_stop# signal is on an active low input controlling pci and src outputs. if pcif (2:0) and src clocks can be set to be free-running through i2c programming. outputs set to be free-running will ignore both the pci_stop pin and the pci_stop register bit. pci stop functionality # p o t s _ i c pu p c# u p cc r s# c r s6 6 v 3i c p / f i c pt o d / b s uf e re t o n 1l a m r o nl a m r o nl a m r o nl a m r o nz h m 6 6z h m 3 3z h m 8 4z h m 8 1 3 . 4 1 0l a m r o nl a m r o n6 * f e r i t a o l f r o w o lz h m 6 6w o lz h m 8 4z h m 8 1 3 . 4 1 the clock samples the pci_stop# signal on a rising edge of pcif clock. after detecting the pci_stop# assertion low, all pci[6:0] and stoppable pcif[2:0] clocks will latch low on their next high to low transition. after the pci clocks are latched l ow, the src clock, (if set to stoppable) will latch high at iref * 6 (or tristate if byte 2 bit 6 = 1) upon its next low to high tr ansition and the src# will latch low as shown below. pci_stop# tsu pcif[2:0] 33mhz pci[6:0] 33mhz src 100mhz src# 100mhz pci_stop# assertion (transition from '1' to '0') the de-assertion of the pci_stop# signal is to be sampled on the rising edge of the pcif free running clock domain. after detecting pci_stop# de-assertion, all pci[6:0], stoppable pcif[2:0] and stoppable src clocks will resume in a glitch free manner. pci_stop# tsu tdrive_src pcif[2:0] 33mhz pci[6:0] 33mhz src 100mhz src# 100mhz pci_stop# - de-assertion
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 15 the cpu_stop# signal is an active low input controlling the cpu outputs. this signal can be asserted asynchronously. cpu_stop# functionality # p o t s _ u p cu p c# u p cc r s# c r s6 6 v 3i c p / f i c pt o d / b s uf e re t o n 1l a m r o nl a m r o nl a m r o nl a m r o nz h m 6 6z h m 3 3z h m 8 4z h m 8 1 3 . 4 1 0r o 6 * f e r i t a o l f w o ll a m r o nl a m r o nz h m 6 6z h m 3 3z h m 8 4z h m 8 1 3 . 4 1 asserting cpu_stop# pin stops all cpu outputs that are set to be stoppable after their next transition. when the i2c cpu_stop tri-state bit corresponding to the cpu output of interest is programmed to a '0', cpu output will stop cpu_true = high and cpu_complement = low. when the i2c cpu_stop tri-state bit corresponding to the cpu output of interest is programmed to a '1', cpu outputs will be tri-stated. cpu_stop# cpu cpu# cpu_stop# - assertion (transition from '1' to '0') with the de-assertion of cpu_stop# all stopped cpu outputs will resume without a glitch. the maximum latency from the de-assertion to active outputs is 2 - 6 cpu clock periods. if the control register tristate bit corresponding to the output of interest is programmed to '1', then the stopped cpu outputs will be driven high within 10ns of cpu_stop# de-assertion to a voltage greater than 200mv. cpu_stop# tdrive_cpu_stop, 10ns >200mv cpu cpu# cpu internal cpu_stop# - de-assertion (transition from '0' to '1')
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 16 pd# is an asynchronous active low input used to shut off all clocks cleanly prior to clock power. when pd# is asserted low all clocks will be driven low before turning off the vco. in pd# de-assertion all clocks will start without glitches. pd#, power down # n w d r w pu p c# u p cc r s# c r s6 6 v 3i c p / f i c pt o d / b s uf e re t o n 1l a m r o nl a m r o nl a m r o nl a m r o nz h m 6 6z h m 3 3z h m 8 4z h m 8 1 3 . 4 1 0r o 2 * f e r i t a o l f t a o l f2 * f e r i t a o l f r o t a o l fw o lw o lw o lw o l notes: 1. refer to tristate control of cpu and src clocks in section 7.7 for tristate timing and operation. 2. refer to control registers in section 16 for cpu_stop, src_stop and pwrdwn smbus tristate control addresses. pd# should be sampled low by 2 consecutive cpu# rising edges before stopping clocks. all single ended clocks will be held low on their next high to low transition. all differential clocks will be held high on the next high to low transition of the complimentary clock. if the control registe r determining to drive mode is set to 'tri-state', the differential pair will be stopped in tri-state mode, undriven. when the drive mode but corresponding to the cpu or src clock of interest is set to '0' the true clock will be driven high at 2 x iref and the complementary clock will be tristated. if the control register is programmed to '1' both clocks will be trista ted. pwrdwn# cpu, 133mhz cpu#, 133mhz src, 100mhz src#, 100mhz 3v66, 66mhz usb, 48mhz pci, 33mhz ref, 14.31818 pd# assertion
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 17 the time from the de-assertion of pd# or until power supply ramps to get stable clocks will be less than 1.8ms. if the drive mode control bit for pd# tristate is programmed to '1' the stopped differential pair must first be driven high to a minimum of 200mv in less than 300 s of pd# deassertion. pwrdwn# tstable <1.8ms tdrive_pwrdwn# <300 s, >200mv cpu, 133mhz cpu#, 133mhz src, 100mhz src# 100mhz 3v66, 66mhz usb, 48mhz pci, 33mhz ref, 14.31818 pd# de-assertion the 3v66_4/vch pin can be configured to be a 66.66mhz modulated output or a non-spread 48mhz output. the default is 3v66 clock. the switching is controlled by byte 5 bit 5. if it is set to '1' this pin will output the 48mhz vch clock. the outp ut will go low on the falling edge of 3v66 for a minimum of 7.49ns. then the output will transition to 48mhz on the next rising edge of dot_48 clock. 3v66 3v66_4/vch dot_48 7.4 9 ns min 3v66_4/vch pin functionality
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 18 to minimize power consumption, cpu[2:0] clock outputs are individually configurable through smbus to be driven or tristated during pwrdwn# and cpu_stop# mode and the src clock is configurable to be driven or tristated during pci_stop# and pwrdwn# mode. each differential clock (src, cpu[2:0]) output can be disabled by setting the corresponding output's register oe bit to "0" (disable). disabled outputs are to be tristated regardless of "cpu_stop", "src_stop" and "pwrdwn" register bit settings. l a n g i s# d p n i pn i p # p o t s _ u p c p o t s _ u p c t i b e t a t s i r t n w d r w p t i b e t a t s i r t e l b a p p o t s - n o n s t u p t u o e l b a p p o t s s t u p t u o } 0 : 2 [ u p c11xx g n i n n u rg n i n n u r } 0 : 2 [ u p c10 0 xg n i n n u r6 x f e r i @ n e v i r d } 0 : 2 [ u p c101x g n i n n u re t a t s i r t } 0 : 2 [ u p c0xx0 2 x f e r i @ n e v i r d2 x f e r i @ n e v i r d } 0 : 2 [ u p c0xx1 e t a t s i r te t a t s i r t notes: 1. each output has four corresponding control register bits, oe, pwrdwn, cpu_stop and "free running" 2. iref x 6 and iref x 2 is the output current in the corresponding mode 3. see control registers section for bit address l a n g i s# d p n i pn i p # p o t s _ i c p p o t s _ i c p t i b e t a t s i r t n w d r w p t i b e t a t s i r t e l b a p p o t s - n o n t u p t u o e l b a p p o t s t u p t u o c r s11xx g n i n n u rg n i n n u r c r s10 0 xg n i n n u r6 x f e r i @ n e v i r d c r s101x g n i n n u re t a t s i r t c r s0xx0 2 x f e r i @ n e v i r d2 x f e r i @ n e v i r d c r s0xx1 e t a t s i r te t a t s i r t notes: 1. src output has four corresponding control register bits, oe, pwrdwn, src_stop and "free running" 2. iref x 6 and iref x 2 is the output current in the corresponding mode 3. see control registers section for bit address differential clock tristate
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 19 the following diagrams illustrate cpu clock timing during cpu_stop# and pwrdwn# modes with cpu_pwrdwn and cpu_stop tristate control bits set to driven or tristate in byte 2 of the control register. cpu_stop = driven, cpu_pwrdwn = driven cpu_stop# 1.8ms pd# cpu (free running) cpu# (free running) cpu (stoppable) cpu# (stoppable) notes: 1. when both bits (cpu_stop & cpu_pwrdown tristate bits) are low, the clock chip will never tristate cpu output clocks (assuming clock's oe bit is set to "1") cpu clock tristate timing cpu_stop = tristate, cpu_pwrdwn = driven cpu_stop# 1.8ms pd# cpu (free running) cpu# (free running) cpu (stoppable) cpu# (stoppable) notes: 1. tristate outputs are pulled low by output termination resistors as shown here.
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 20 cpu_stop = driven, cpu_pwrdwn = tristate cpu_stop# 1.8ms pwrdwn# cpu (free running) cpu# (free running) cpu (stoppable) cpu# (stoppable) notes: 1. when cpu_pwrdwn is set to tristate and cpu_stop is set to driven, the clock chip will tristate outputs only during the assertion of pwrdwn#. differential clock behavior during the assertion/de-assertion of cpu_stop# will be unaffected. 2. in the case that cpu_stop# is de-asserted during the 1.8ms pwrdwn# de-assertion resume delay, the clock chip can sample the cpu_stop# high with the internal rising edges of clock#. this will result in cpu clocks resuming immediately after the 1.8ms windows expires. this applies to all control register bit changes as well. 3. tristate outputs are pulled low by output termination resistors as shown here. cpu_stop = tristate, cpu_pwrdwn = tristate cpu_stop# 1.8ms pwrdwn# cpu (free running) cpu# (free running) cpu (stoppable) cpu# (stoppable) notes: 1. when cpu_stop and cpu_pwrdwn bits are set to tristate, the clock chip will tristate the outputs during the assertion of cpu_stop# and pwrdwn#. 2. tristate outputs are pulled low by output termination resistors as shown here.
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 21 the following diagrams illustrate src clock timing during pci_stop# and pwrdwn# modes with src_pwrdwn and src_stop tristate control bits set to driven or tristate in byte 2 of the control register. src_stop = driven, src_pwrdwn = driven pci_stop# 1.8ms pwrdwn# pci (free running) cpu (free running) cpu# (free running) src (stoppable) src# (stoppable) 1 pci clock max notes: 1. when both bits (src_stop & src_pwrdown tristate bits) are set to driven, the clock chip will never tristate the src output clock (assuming clock's oe bit is set to "1") src clock tristate timing src_stop = tristate, pwrdwn = tristate pci_stop# 1.8ms pwrdwn# pci (free running) cpu (free running) cpu# (free running) src (stoppable) src# (stoppable) 1 pci clock max notes: 1. when src_stop and src_pwrdwn bits are set to tristate, the clock chip will tristate outputs during the assertion of pci_stop# and pwrdwn#. 2. tristate outputs are pulled low by output termination resistors as shown here.
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 22 pci_stop asserted src_stop = tristate, src_pwrdwn = tristate pci_stop# 1.8ms pwrdwn# pci (free running) cpu (free running) cpu# (free running) src (stoppable) src# (stoppable) notes: 1. when src_pwrdwn and src_stop are set to tristate, the clock chip will tristate outputs during the assertion of pci_stop# and pwrdwn#. 2. in the case that pci_stop# is de-asserted during the 1.8ms pwrdwn# de-assertion resume delay, the clock chip can sample the pci_stop# high with the internal rising edges of cpu clock#. this will result in src clocks resuming immediately after the 1.8ms window expires. this applies to all control register bit changes as well. 3. tristate outputs are pulled low by output termination resistors as shown here.
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 23 min max min max a 2.41 2.80 .095 .110 a1 0.20 0.40 .008 .016 b 0.20 0.34 .008 .0135 c 0.13 0.25 .005 .010 d e 10.03 10.68 .395 .420 e1 7.40 7.60 .291 .299 e h 0.38 0.64 .015 .025 l 0.50 1.02 .020 .040 n a0808 variations min max min max 56 18.31 18.55 .720 .730 10-0034 0.635 basic 0.025 basic common dimensions in millimeters in inches common dimensions reference doc.: jedec publication 95, mo-118 56-lead, 300 mil body, 25 mil, ssop n see variations see variations d mm. d (inch) symbol see variations see variations index area index area 1 2 n d h x 45 e1 e seating plane seating plane a1 a e - c - b .10 (.004) c .10 (.004) c c l ordering information 952601 y flft example: designation for tape and reel packaging annealed lead free (optional) package type f = ssop revision designator (will not correlate with datasheet revision) device type (consists of 3 or 4 digit numbers) xxxx y f lf t
idt tm progammable timing control hub tm for next gen p4 tm processor 701j?01/25/10 ICS952601 programmable timing control hub tm for next gen p4 tm processor 24 index area index area 12 1 2 n d e1 e  seating plane seating plane a1 a a2 e -c- - c - b c l aaa c min max min max a -- 1.20 -- .047 a1 0.05 0.15 .002 .006 a2 0.80 1.05 .032 .041 b 0.17 0.27 .007 .011 c 0.09 0.20 .0035 .008 d e e1 6.00 6.20 .236 .244 e l 0.45 0.75 .018 .030 n a0808 aaa -- 0.10 -- .004 variations min max min max 56 13.90 14.10 .547 .555 10-0039 n d mm. d (inch) reference doc.: jedec publication 95, m o-153 0.50 basic 0.020 basic see variations see variations see variations see variations 8.10 basic 0.319 basic 56-lead 6.10 mm. bod y , 0.50 mm. pitch tssop ( 240 mil ) ( 20 mil ) symbol in millimeters in inches common dimensions common dimensions ordering information 952601 y glft example: designation for tape and reel packaging annealed lead free (optional) package type g = tssop revision designator (will not correlate with datasheet revision) device type (consists of 3 or 4 digit numbers) xxxx y g lf t
ICS952601 programmable timing control hub tm for next gen p4 tm processor 25 innovate with idt and accelerate your future networks. contact: www.idt.com for sales 800-345-7015 408-284-8200 fax: 408-284-2775 for tech support 408-284-6578 pcclockhelp@idt.com corporate headquarters integrated device technology, inc. 6024 silver creek valley road san jose, ca 95138 united states 800 345 7015 +408 284 8200 (outside u.s.) asia pacific and japan integrated device technology singapore (1997) pte. ltd. reg. no. 199707558g 435 orchard road #20-03 wisma atria singapore 238877 +65 6 887 5505 europe idt europe, limited prime house barnett wood lane leatherhead, surrey united kingdom kt22 7de +44 1372 363 339 ? 2009 integrated device technology , inc. all rights reserved. product specifications subject to change without notice. idt, ic s, and the idt logo are trademarks of integrated device technology, inc. accelerated thinking is a service mark of integrated device technology, inc. all other br ands, product names and marks are or may be trademarks or registered trademarks used to identify products or services of their respective owners. printed in usa tm revision histor y rev. issue date description page # i 5/4/ 2005 updated ordering inf ormation from "lead free" to "annealed lead free" 23-24 j 1/25/2010 update document template


▲Up To Search▲   

 
Price & Availability of ICS952601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X