Part Number Hot Search : 
14000 C09LET EM716 8180DV18 C4532X TJA1051E MAX1743 68HC1
Product Description
Full Text Search
 

To Download EF12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord sets 605  .2048 www.schurter.com/pg07_ 2 connectors uk power cord with iec appliance connector c19, v-lock, straight c19 70 c bs 1363 description - power cord, protection class i, pin temperature 70 c, - with v-lock interlocking system - with fuse 13 a references weblinks pd f , htm l , general product informatio n , approval s , roh s , china-roh s , mating connector s , e-stor e , schurter-stock-chec k , distributor- stock-chec k , accessorie s technical data ratings iec 13 a / 250 vac; 50/60 hz dielectric strength > 2 kvdc between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 75 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal moulded material: housing pvc, black connector c19 acc. to iec/en 60320-2-2 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 1 variants connector cable inlets order number type v-lock cord type color length [m] type country standard conductor cross section style index c19 l h05vv- f3g1.5 black 2.0 united king - dom uk iec 60320- 2-2 3 x 1.5 mm2 angled - 6051.2048 packaging unit 40 pcs mating inlets/plug s category / description appliance inletoverview complet e iec appliance inlet c20, screw-on mounting, rear side, pcb terminal 160 1 iec appliance inlet c20, screw-on mounting, front side, solder, quick-connect or screw terminal 162 1 iec appliance inlet c20, snap-in mounting, front side, solder, quick-connect or screw terminal 162 4 iec appliance inlet c20, screw-on mounting, front side, solder or quick-connect terminal 479 8 appliance inletfurther types tovac19k s power entry moduleoverview complet e iec appliance inlet c20 with circuit breaker ta35 1-pole 613 6 iec appliance inlet c20 with line switch, 1- or 2-pole ec1 1 iec appliance inlet c20 with circuit breaker ta45 ef1 1 power entry modulefurther types tovac19k s
2 cord sets 605  .2048 www.schurter.com/pg07_ 2 connectors category / description power entry module with line filteroverview complet e iec appliance inlet c20 with filter, line switch 2-pole ec1 2 iec appliance inlet c20 with filter, circuit breaker ta45 (recessed) ef1 2 power entry module with line filterfurther types tovac19k s passende stecker verriegelt z u appliance inletoverview complet e iec appliance inlet c20, screw-on mounting, rear side, pcb terminal 160 1 iec appliance inlet c20, screw-on mounting, front side, solder, quick-connect or screw terminal 162 1 iec appliance inlet c20, snap-in mounting, front side, solder, quick-connect or screw terminal 162 4 iec appliance inlet c20, screw-on mounting, front side, solder or quick-connect terminal 479 8 appliance inletfurther types tovac19k s power entry moduleoverview complet e iec appliance inlet c20 with circuit breaker ta35 1-pole 613 6 iec appliance inlet c20 with line switch, 1- or 2-pole ec1 1 iec appliance inlet c20 with circuit breaker ta45 ef1 1 power entry modulefurther types tovac19k s power entry module with line filteroverview complet e iec appliance inlet c20 with filter, line switch 2-pole ec1 2 iec appliance inlet c20 with filter, circuit breaker ta45 (recessed) ef1 2 power entry module with line filterfurther types tovac19k s the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of EF12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X