Part Number Hot Search : 
BA7623F SMF7V0 82731 ISL6622B ZFBBA10C 00152 AD8039 DB104
Product Description
Full Text Search
 

To Download BT8040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data BT8040 melody generator with accompaniment features ? two sound sources wi t h envel ope (c r envel ope) ? m e l ody i s i n sert ed up t o four. ? a ccording to custom er?s request, the inserted m e lody is flexible. ? 3.0v t o 5.0v operat i ng vol t a ge ? dc or ac tri ggered perform an ce start mode (mask selected) ? c a n dri v e an 8 ohm dy nam i c loudspeaker i f provi ded ext e rnal l y wi t h a transistor ? bare chip or 16-pin dip (plastic) package available description the b t 8040 i s a c m os lsi chi p , whi c h pl ay s a prearranged m e l odi es. absolute maximum ratings ( t a = 25 o c ) c h a r a c t e r i s t i c s y m b o l v a l u e u n i t power suppl y vol t a ge v dd - 0.3 t o + 7.0 v input term i n al vol t a ge v 10 - 0.2 t o v dd + 0 . 2 v operating tem p erature t a -40 t o + 85 (v ss = 1.5v) o c storage tem p erature t stg - 65 t o + 150 o c soldering tem p erature and tim e t sol 260 o c, 10s (at lead) electrical characteristics (v dd = 5v, t a = 25 o c; unless otherwise specified) characteri sti c s y m b o l t e st condi ti o n mi n t y p m a x uni t op eratin g vo ltag e v dd 3 . 0 5 . 0 5 . 5 v input vol t a ge ?1? v ih v dd - 0.3 - v dd v ? 0 ? v il v ss - v ss + 0.3 m t power suppl y ti m e 150 m s r e sponse ti m e 600 m s mo output pin equivalent circuit ordering information b t 8040n pl ast i c b t 8040d soic t a = -40 to 8 5 c for all packages acco mp an i m en t ma in m e l o d y mo pi n i n s i de of b t 8 0 32 13 0k 15 0k inside of BT8040 1
BT8040 block diagram pin description pin . no. pin name pull-dow n re sistor f unc tions 1 osc1 - a resistor is connected between both terminals to from a ring 2 osc2 - oscillator, or external refe rence signals are applied to osc1. 3 tst2 provided lsi test input/output. 4 m t p r o v i d e d for binary selection: controls start and stop of performance. f o r direct s e lection: s e lects m e lody 1 and controls start and stop of it?s performance. 5 s e l 2 p r o v i d e d for binary selection: this term inal in conjunction with sel1, selects a melody . f o r direct s e lection: s e lects m e lody 3 and controls start and stop of it?s performance. 6 s e l 1 p r o v i d e d for binary selection: this term inal in conjunction with sel1, selects a melody . f o r direct s e lection: s e lects m e lody 2 and controls start and stop of it?s performance. 7 b/e - busy or end signal output terminal. 8 v ss - power supply terminal (0v). 9 tst1 provided lsi test input. 10 env1 - connects resistor and capacito r to add envelope to main melody . 11 env2 - connects resistor and capacitor to add envelope to accompaniment. 12 mo - output terminal or acoustic signa ls that have not been amplified. 13 p1 conne c t s pnp/npn tra n sistors, resistors and capacitors to form 14 o u t 1 p r o v i d e d a low-frequency linear am plifier circuit. 15 o u t 2 16 v dd - 3.0v to 5.0v operating voltage osci l l a t o r co n t r o l dr i v e r rh y t h m ro m me l o d y ro m en v e l o p e mi x e r te mp o r o m me l o d y r o m ad d r e s s co u n t e r c o n t ro l ro m t o n e ge n e ra t o r r h y t h m ge n e ra t o r en v e l o p e mi x e r a c c o mp a n me n t g e n e r a t o r osc1 se l 1 p1 se l 2 ou t 1 mt ou t 2 en v 1 mo b/ e en v 2 osc2 2
BT8040 application circuit (basic external connection) bt80 40 amp lifier (il3 411 9) speaker out or b u zze r 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 04 03 02 01 08 07 06 05 rx1 rx 4 rx 2 rx 3 47 0 ? ? ? ? recommended conditions for external devices s y m b o l r a t i n g s u n i t s y m b o l r a t i n g s u n i t vr 1 1 - 2 m : c 1 4 . 7 p f vr 2 5 0 k : c 2 4 . 7 p f r 1 1 0 0 k : c 3 0 . 1 p f r 2 1 0 0 k : - - - selection condition for melody condition # 5 # 6 melody hi gh hi gh *test m e l ody hi gh low *di ng ? dong low hi gh *do ? m i ? sol ? do low low *do- sol ? m i - do * revis i on & injection of m e lody is pos s i ble according to cus t om er?s reques t . 3
BT8040 n s u f f i x p l as t i c d i p (m s - 0 0 1 b b ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 10 7. 11 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 20 0. 36 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a c ) sy m b o l m i n m a x a 9. 80 10. 00 b 3. 80 4. 00 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 40 1. 27 g h j 0 8 no t e s : k 0. 10 0. 25 1. d i m e ns i ons a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i o n . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 80 6. 20 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 50 d i me n s i o n , mm d i me n s i o n , mm 5. 72 2. 54 7. 62 1. 27 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0. 25 ( 0 . 0 10) m t -t - 1 16 8 9 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 4


▲Up To Search▲   

 
Price & Availability of BT8040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X