Part Number Hot Search : 
HMC446 113GP R14A12VB C1390 HEF4510 53232 6M8D896F SSP1TKR
Product Description
Full Text Search
 

To Download BC847CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc847at /bc847bt /BC847CT npn plastic encapsulate transistor elektronische bauelemente 06-jan-2011 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? ideally suited for automatic insertion ? for switching and af amplifier applications marking product marking code bc847at 1e bc847bt 1f BC847CT 1g package information package mpq leadersize sot-523 3k 7? inch absolute maximum ratings ( t a = 25 c unless otherwise noted ) parameter symbol ratings unit collector to base voltage v cbo 50 v collector to emitter voltage v ceo 45 v emitter to base voltage v ebo 6 v collector current - continuous i c 0.1 a collector power dissipation p c 150 mw junction, storage temperature t j , t stg 150, -55 ~ 150 ? base ? emitter ? collector sot-523 ref. millimete r ref. millimete r min. max. min. max. a 1.5 1.7 g - 0.1 b 1.45 1.75 h 0.55 ref. c 0.75 0.85 j 0.1 0.2 d 0.7 0.9 k - e 0.9 1.1 l 0.5 typ. f 0.15 0.25 m 0.25 0.325 top view a l m c b d g h j f k e 1 2 3 1 2 3
bc847at /bc847bt /BC847CT npn plastic encapsulate transistor elektronische bauelemente 06-jan-2011 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics ( t a = 25 c unless otherwise specified ) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v cbo 50 - - v i c = 10 a, i e = 0 collector to emitter breakdown voltage v ceo 45 - - v i c = 10 ma, i b = 0 emitter to base breakdown voltage v ebo 6 - - v i e = 1 a, i c = 0 collector cutoff current i cbo - - 15 na v cb = 30 v collector to emitter saturation voltage v ce(sat) - - 0.25 v i c = 10ma, i b = 0.5 ma - - 0.6 i c = 100ma, i b = 5 ma base to emitter saturation voltage v be(sat) - 0.7 - v i c = 10ma, i b = 0.5 ma - 0.9 - i c = 100ma, i b = 5 ma base to emitter voltage v be(on) 580 660 700 mv v ce = 5 v, i c = 2 ma - - 770 v ce = 5 v, i c = 10 ma dc current gain bc847at h fe 110 - 220 v ce = 5 v, i c = 2 ma bc847bt 200 - 450 BC847CT 420 - 800 transition frequency f t 100 - - mhz v ce = 5 v, i c = 10 ma f = 100mhz collector output capacitance c ob - - 4.5 pf v cb = 10 v, f=1mhz noise figure bc847bt nf - - 10 db v ce = 5v, bw= 200hz, f= 1khz, r s = 2 k ? BC847CT - - 4
bc847at /bc847bt /BC847CT npn plastic encapsulate transistor elektronische bauelemente 06-jan-2011 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of BC847CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X