Part Number Hot Search : 
BL8596 429BE AT88S NESJ25 2N350 KBJ410 K2750 CS8530
Product Description
Full Text Search
 

To Download BAS16U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas 16u apr-21-1999 1 silicon switching diode array  for high-speed switching applications  internal (galvanic) isolated diodes in one package vpw09197 1 2 3 4 5 6 eha07291 6 54 3 2 1 c1 c2 c3 a3 a2 a1 type marking pin configuration package bas 16u a6s 1=a1 2=a2 3=a3 4=c3 5=c2 6=c1 sc-74 maximum ratings parameter symbol value unit diode reverse voltage v r 75 v peak reverse voltage v rm 85 forward current i f 200 ma surge forward current, t = 1  s i fs 4.5 a total power dissipation , t s = 113 c p tot 250 mw junction temperature t j 150 c storage temperature t st g -65 ... 150 thermal resistance junction - ambient 1) r thja  420 k/w junction - soldering point r thjs  150 k/w 1) package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm 2 cu
bas 16u apr-21-1999 2 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. dc characteristics breakdown voltage i (br) = 100 a v (br) 75 - - v forward voltage i f = 1 ma i f = 10 ma i f = 50 ma i f = 150 ma v f - - - - - - - - 715 855 1000 1250 mv reverse current v r = 70 v i r - - 2.5 a reverse current v r = 25 v, t a = 150 c v r = 70 v i r - - - - 30 50 ac characteristics diode capacitance v r = 0 v, f = 1 mhz c d - - 2 pf reverse recovery time i f = 10 ma, i r = 10 ma, r l = 100  , measured at i r = 1ma t rr - - 6 ns test circuit for reverse recovery time ehn00016 f d.u.t. oscillograph pulse generator: t p = 100ns, d = 0.05, t r = 0.6ns, r i = 50  oscillograph: r = 50  , t r = 0.35ns, c  1pf
bas 16u apr-21-1999 3 forward current i f = f ( t a *; t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 ma 250 i f t s t a forward current i f = f ( v f ) t a = 25c 0 0 ehb00023 bas 16 0.5 1.0 v 1.5 50 100 ma 150 f f v max typ permissible pulse load r thjs = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs d=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0 permissible pulse load i fmax / i fdc = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 i fmax / i fdc d=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
bas 16u apr-21-1999 4 forward voltage v f = f ( t a ) 0 0.5 1.0 0 50 100 150 bas 16 ehb00025 v t a v f c f = 100 ma 10 ma 1 ma 0.1 ma reverse current i r = f ( t a ) 10 10 10 0 50 100 150 bas 16 ehb00022 na t a r c 10 10 5 4 3 2 1 5 5 5 25 v 70 v max. = 70 v r v typ.


▲Up To Search▲   

 
Price & Availability of BAS16U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X