|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. general description the 74lvc32245a is a 32-bit transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. the device features four output enable (noe ) inputs for easy cascading and four send/receive (ndir) inputs for direction control. pin noe controls the outputs so that th e buses are effectively isolated. inputs can be driven from either 3.3 v or 5 v de vices. when disabled, up to 5.5 v can be applied to the outputs. these features a llow the use of these devices in mixed 3.3 v and 5 v applications. to ensure the high-impedance state du ring power-up or power-down, pin noe should be tied to v cc through a pull-up resistor; the minimum value of the resistor is determined by the current-sinking cap ability of the driver. 2. features and benefits ? 5 v tolerant inputs/outputs fo r interfacing with 5 v logic ? wide supply voltage range from 2.3 v to 3.6 v ? cmos low power consumption ? multibyte flow-through standard pin-out architecture ? low inductance multiple power and grou nd pins for minimum noise and ground bounce ? direct interface with ttl levels ? inputs accept voltages up to 5.5 v ? high-impedance when v cc =0v ? complies with jedec standard: ? jesd8-7a (1.65 v to 1.95 v) ? jesd8-5a (2.3 v to 2.7 v) ? jesd8-c/jesd36 (2.7 v to 3.6 v) ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115b exceeds 200 v ? cdm jesd22-c101e exceeds 1000 v ? specified from ? 40 ? cto+85 ? c and ? 40 ? cto+125 ? c ? packaged in plastic fine-pit ch ball grid array package 74lvc32245a 32-bit bus transceiver with dire ction pin; 5 v tolerant; 3-state rev. 2 ? 8 november 2011 product data sheet
74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 2 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 3. ordering information table 1. ordering information type number package temperature range name description version 74LVC32245AEC ? 40 ? cto+125 ? c lfbga96 plastic low profile fine-pitch ball grid array package; 96 balls; body 13.5 ? 5.5 ? 1.05 mm sot536-1 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 3 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 4. functional diagram fig 1. logic symbol a5 a3 1dir a2 a4 1b0 1b1 1b2 1b3 1b4 1b5 1b6 1b7 a6 a1 b5 b2 b6 b1 c5 c2 c6 c1 d5 d2 d6 1a0 1a1 1a2 1a3 1a4 1a5 1a6 1a7 d1 1oe e5 h3 2dir e2 h4 2b0 2b1 2b2 2b3 2b4 2b5 2b6 2b7 e6 e1 f5 f2 f6 f1 g5 g2 g6 g1 h6 h1 h5 2a0 2a1 2a2 2a3 2a4 2a5 2a6 2a7 h2 2oe j5 j3 3dir j2 j4 3b0 3b1 3b2 3b3 3b4 3b5 3b6 3b7 j6 j1 k5 k2 k6 k1 l5 l2 l6 l1 m5 m2 m6 3a0 3a1 3a2 3a3 3a4 3a5 3a6 3a7 m1 3oe n5 t3 4dir n2 t4 4b0 4b1 4b2 4b3 4b4 4b5 4b6 4b7 n6 n1 p5 p2 p6 p1 r5 r2 r6 r1 t6 t1 t5 4a0 4a1 4a2 4a3 4a4 4a5 4a6 4a7 t2 4oe mna476 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 4 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 5. pinning information 5.1 pinning 5.2 pin description 6. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state fig 2. pin configuration mna475 1a1 1a3 1a5 1a7 2a1 2a3 2a5 2a6 3a1 3a3 3a5 3a7 4a1 4a3 4a5 4a6 1a0 1a2 1a4 1a6 2a0 2a2 2a4 2a7 3a0 3a2 3a4 3a6 4a0 4a2 4a4 4a7 1b0 1b2 1b4 1b6 2b0 2b2 2b4 2b7 3b0 3b2 3b4 3b6 4b0 4b2 4b4 4b7 1b1 1b3 1b5 1b7 2b1 2b3 2b5 2b6 3b1 3b3 3b5 3b7 4b1 4b3 4b5 4b6 1oe 2oe 3oe gnd gnd gnd gnd 4oe v cc v cc gnd gnd gnd gnd v cc v cc 1dir 6 5 2 1 4 3 2dir 3dir gnd gnd gnd gnd 4dir v cc v cc gnd gnd gnd gnd v cc v cc ah j bdeg t cf km nr lp table 2. pin description symbol ball description ndir (n = 1 to 4) a3, h3 , j3, t3 direction control noe (n = 1 to 4) a4, h4, j4, t4 output enable input (active low) 1a[0:7] a5, a6, b5, b6, c5, c6, d5, d6 input or output 1b[0:7] a2, a1, b2, b1, c2, c1, d2, d1 input or output 2a[0:7] e5, e6, f5, f6, g5, g6, h6, h5 input or output 2b[0:7] e2, e1, f2, f1, g2, g1, h1, h2 input or output 3a[0:7] j5, j6, k5, k6, l5, l6, m5, m6 input or output 3b[0:7] j2, j1, k2, k1, l2, l1, m2, m1 input or output 4a[0:7] n5, n6, p5, p6, r5, r6, t6, t5 input or output 4b[0:7] n2, n1, p2, p1, r2, r1, t1, t2 input or output gnd b3, b4, d3, d4, e3 , e4, g3, g4, k3, k4, m3, m4, n3, n4, r3, r4 ground (0 v) v cc c3, c4, f3, f4, l3, l4, p3, p4 supply voltage table 3. function selection [1] input output noe ndir nan nbn l l nan = nbn inputs l h inputs nbn = nan hxz z 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 5 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 7. limiting values [1] the minimum input voltage ratings may be excee ded if the input current ratings are observed. [2] the output voltage ratings may be exceeded if the output current ratings are observed. [3] all supply and ground pins connect ed externally to one voltage source. [4] above 70 ? c the value of p tot derates linearly with 1.8 mw/k. 8. recommended operating conditions table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +6.5 v i ik input clamping current v i <0v ? 50 - ma v i input voltage [1] ? 0.5 +6.5 v i ok output clamping current v o >v cc or v o <0v - ? 50 ma v o output voltage output high or low state [2] ? 0.5 v cc +0.5 v output 3-state [2] ? 0.5 +6.5 v i o output current v o =0v tov cc - ? 50 ma i cc supply current [3] -2 0 0m a i gnd ground current [3] ? 200 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +125 ?c [4] -1 0 0 0m w table 5. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.65 - 3.6 v functional 1.2 - - v v i input voltage 0 - 5.5 v v o output voltage output high or low state 0 - v cc v output 3-state 0 - 5.5 v t amb ambient temperature in free air ? 40 - +125 ?c ? t/ ? v input transition rise and fall rate v cc = 2.3 v to 2.7 v - - 20 ns/v v cc = 2.7 v to 3.6 v - - 10 ns/v 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 6 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 9. static characteristics [1] all typical values are measured at v cc = 3.3 v and t amb =25 ? c. [2] for i/o ports the parameter i oz includes the input leakage current. table 6. static characteristics at recommended operating conditions. volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max v ih high-level input voltage v cc = 1.2 v 1.08 - - 1.08 - v v cc = 1.65 v to 1.95 v 0.65 ? v cc - - 0.65 ? v cc -v v cc = 2.3 v to 2.7 v 1.7 - - 1.7 - v v cc = 2.7 v to 3.6 v 2.0 - - 2.0 - v v il low-level input voltage v cc = 1.2 v - - 0.12 - 0.12 v v cc = 1.65 v to 1.95 v - - 0.35 ? v cc -0.35 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 - 0.7 v v cc = 2.7 v to 3.6 v - - 0.8 - 0.8 v v oh high-level output voltage v i =v ih or v il i o = ? 100 ? a; v cc =1.65vto3.6v v cc ? 0.2 - - v cc ? 0.3 - v i o = ? 4ma; v cc = 1.65 v 1.2 - - 1.05 - v i o = ? 8ma; v cc = 2.3 v 1.8 - - 1.65 - v i o = ? 12 ma; v cc = 2.7 v 2.2 - - 2.05 - v i o = ? 18 ma; v cc = 3.0 v 2.4 - - 2.25 - v i o = ? 24 ma; v cc = 3.0 v 2.2 - - 2.0 - v v ol low-level output voltage v i =v ih or v il i o =100 ? a; v cc = 1.65 v to 3.6 v - - 0.2 - 0.3 v i o =4ma; v cc = 1.65 v - - 0.45 - 0.65 v i o =8ma; v cc = 2.3 v - - 0.6 - 0.8 v i o =12ma; v cc = 2.7 v - - 0.4 - 0.6 v i o =24ma; v cc = 3.0 v - - 0.55 - 0.8 v i i input leakage current v cc = 3.6 v; v i =5.5vorgnd - ? 0.1 ? 5- ? 20 ? a i oz off-state output current [2] v i =v ih or v il ; v cc = 3.6 v; v o = 5.5 v or gnd; -0.1 ? 5- ? 20 ? a i off power-off leakage current v cc = 0 v; v i or v o = 5.5 v - 0.1 ? 10 - ? 20 ? a i cc supply current v cc = 3.6 v; v i =v cc or gnd; i o =0a -0.140 - 160 ? a ? i cc additional supply current per input pin; v cc = 2.7 v to 3.6 v; v i =v cc ? 0.6 v; i o =0a - 5 500 - 5000 ? a c i input capacitance v cc = 0 v to 3.6 v; v i =gndtov cc -5.0- - -pf 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 7 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 10. dynamic characteristics [1] typical values are measured at t amb =25 ? c and v cc = 1.2, 1.8, 2.5 v, 2.7 v, and 3.3 v respectively. [2] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . [3] skew between any two outputs of the same package switching in the same direction. this parameter is guaranteed by design. [4] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz c l = output load capacitance in pf v cc = supply voltage in volts n = number of inputs switching ? (c l ? v cc 2 ? f o ) = sum of the outputs. table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v). for test circuit see figure 5 . symbol parameter conditions t amb = ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max t pd propagation delay nan to nbn; nbn to nan; see figure 3 [2] v cc = 1.2 v - 13.0 - - - ns v cc = 1.65 v to 1.95 v 1.5 4.8 10.4 1.5 11.7 ns v cc = 2.3 v to 2.7 v 1.0 2.6 5.4 1.0 6.1 ns v cc = 2.7 v 1.0 2.6 4.7 1.0 6.0 ns v cc = 3.0 v to 3.6 v 1.0 2.2 4.5 1.0 6.0 ns t en enable time noe to nan, nbn: see figure 4 [2] v cc = 1.2 v - 15.0 - - - ns v cc = 1.65 v to 1.95 v 1.5 5.8 12.5 1.5 14.3 ns v cc = 2.3 v to 2.7 v 1.0 3.3 6.9 1.0 8.0 ns v cc = 2.7 v 1.5 3.4 6.7 1.5 8.5 ns v cc = 3.0 v to 3.6 v 1.0 2.7 5.5 1.0 7.0 ns t dis disable time noe to nan, nbn; see figure 4 [2] v cc = 1.2 v - 11.0 - - - ns v cc = 1.65 v to 1.95 v 1.0 4.4 9.7 1.0 11.2 ns v cc = 2.3 v to 2.7 v 0.5 2.5 5.5 0.5 6.5 ns v cc = 2.7 v 1.5 2.5 6.6 1.5 8.5 ns v cc = 3.0 v to 3.6 v 1.5 3.1 5.6 1.5 7.0 ns t sk(o) output skew time v cc = 3.0 v to 3.6 v [3] - - 1.0 - 1.5 ns c pd power dissipation capacitance per buffer; v i =gndtov cc [4] v cc = 1.65 v to 1.95 v - 11.5 - - - pf v cc = 2.3 v to 2.7 v - 15.2 - - - pf v cc = 3.0 v to 3.6 v - 18.5 - - - pf 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 8 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 11. waveforms v m = 1.5 v at v cc ? 2.7 v. v m =0.5 ? v cc at v cc <2.7v. v ol and v oh are typical output voltage levels that occur with the output load. fig 3. the input (nan, nbn) to output (nbn, nan) propagation delays mna477 nan, nbn input nbn, nan output t phl t plh gnd v i v m v m v oh v ol v m = 1.5 v at v cc ? 2.7 v. v m =0.5 ? v cc at v cc <2.7v. v x = v ol + 0.3 v at v cc ? 2.7 v; v x = v ol + 0.15 v at v cc ? 2.7 v. v y = v oh ? 0.3 v at v cc ? 2.7 v; v y = v oh ? 0.15 v at v cc ? 2.7 v. v ol and v oh are typical output voltage levels that occur with the output load. fig 4. 3-state enable and disable times. mna362 t plz t phz outputs disabled outputs enabled v y v x outputs enabled output low-to-off off-to-low output high-to-off off-to-high noe input v i v ol v oh v cc v m gnd gnd t pzl t pzh v m v m 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 9 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state test data is given in table 8 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 5. load circuitry for switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aae331 v ext v cc v i v o dut c l r t r l r l g table 8. test data supply voltage input load v ext v i t r , t f c l r l t plh , t phl t plz , t pzl t phz , t pzh 1.2 v v cc ? 2 ns 30 pf 1 k ? open 2 ? v cc gnd 1.65 v to 1.95 v v cc ? 2 ns 30 pf 1 k ? open 2 ? v cc gnd 2.3 v to 2.7 v v cc ? 2 ns 30 pf 500 ? open 2 ? v cc gnd 2.7v 2.7v ? 2.5 ns 50 pf 500 ? open 2 ? v cc gnd 3.0vto3.6v 2.7v ? 2.5 ns 50 pf 500 ? open 2 ? v cc gnd 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 10 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 12. package outline fig 6. package outline sot536-1 (lfbga96) 0.8 a 1 ba 2 unit d y e references outline version european projection issue date 00-03-04 03-02-05 iec jedec jeita mm 1.5 0.41 0.31 1.2 0.9 5.6 5.4 y 1 13.6 13.4 0.51 0.41 0.1 0.2 e 1 4 e 2 12 dimensions (mm are the original dimensions) sot536-1 e 0.15 v 0.1 w 0 5 10 mm scale sot536-1 lfbga96: plastic low profile fine-pitch ball grid array package; 96 balls; body 13.5 x 5.5 x 1.05 mm a max. a a 2 a 1 detail x e e x d e a b c d e f h g j k l m p n r t 246 135 b a e 2 e 1 ball a1 index area ball a1 index area y y 1 c b c ac c b ? v m ? w m 1/2 e 1/2 e 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 11 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 13. abbreviations 14. revision history table 9. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 10. revision history document id release date data sheet status change notice supersedes 74lvc32245a v.2 20 111108 product data sheet - 74lvc32245a v.1 modifications: ? the format of this document has been rede signed to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? ta b l e 4 , ta b l e 5 , table 6 , table 7 and ta b l e 8 : values added for lower voltage ranges. 74lvc32245a v.1 19990901 product specification - - 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 12 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. 74lvc32245a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 8 november 2011 13 of 14 nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com nxp semiconductors 74lvc32245a 32-bit bus transceiver with direction pin; 5 v tolerant; 3-state ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 8 november 2011 document identifier: 74lvc32245a please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 functional description . . . . . . . . . . . . . . . . . . . 4 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 recommended operating conditions. . . . . . . . 5 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 7 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 11 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 12 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 13 16 contact information. . . . . . . . . . . . . . . . . . . . . 13 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 |
Price & Availability of 74LVC32245AEC |