Part Number Hot Search : 
TC1226 C7893 BAS121C PF1206F6 SP708TEP F1215 SAF7115 MBR890
Product Description
Full Text Search
 

To Download 7097 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sonardyne uk (head office) t. +44 (0) 1252 872288 f. +44 (0) 1252 876100 e. sales@sonardyne.com www.sonardyne.com datasheet aodc emergency transponders description sonardynes aodc emergency transponders have been developed to satisfy the requirement for a portable and economic device for fitting to diving bells which will provide an up-to-date means of emergency relocation. they also satisfy the growing need for small, medium-range transponders, which can be easily handled/ deployed by divers and vehicles and used for making high precision measurements and assisting area searches in low visibility. operating in the frequency band of 37-40khz, these transponders have been developed to meet stringent aodc requirement. they operate in the 'sequential mode' and are interrogated on their own individual preset interrogation frequency (channels a or b). the reply frequency is preset to the 'emergency reply frequency' of 37.5khz. the excellent transducer response time and stable turnaround delays allows good measurement accuracies to be achieved and the delayed response provides a 'down to zero' ranging capability. the output power selected allows a compromise between an acceptable operating life, operation in hi gh levels of noise and as a minimum, an interrogation range of 500 metres. key features ? meets aodc requirements ? compact, rugged design ? minimum interrogation range of 500 metres ? choice of operating channels ? up to 18 months listening life
sonardyne uk (head office) t. +44 (0) 1252 872288 f. +44 (0) 1252 876100 e. sales@sonardyne.com www.sonardyne.com specifications subject to change without notice - 10/2006 specifications aodc emergency transponders feature types 7097 & 7192 operating frequency 36-44khz individual emergency interrogation preset during manufacture to channels a or b channel frequency 38.5khz & 39.5khz emergency reply frequency 37.5khz turnaround delay 125.8 ms (crystal controlled) transponder source level 185db re 1p at 1 metre beam pattern hemispherical minimum listening life in water type 7097 6 months (alkaline) type 7192 18 months (lithium) number of replies @ 85 db 900,000 remote low battery indication listening life of 3 months and minimum reply life of 5 days mechanical construction anodised aluminium housing depth rating 300 metres dimensions (lxdia) 533mm x 69.9mm weight in air 3kg weight in water 1kg


▲Up To Search▲   

 
Price & Availability of 7097

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X