Part Number Hot Search : 
74AVC1 MAX9762 NX2016AA 1N5819TR MCS0805 LS400 SJ100603 TL550
Product Description
Full Text Search
 

To Download 2SA1469 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SA1469 description ? with to-220f package ? complement to type 2sc3746 ? low saturation voltage ? excellent current dependence of h fe ? short switching time applications ? various inductance of lamp drivers for electrical equipment ? inverters ,converters ? power amplification ? switching regulator ,driver pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ?? ) symbol param eter conditions va lue unit v cbo collector-base voltage open emitter -80 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -5 v i c collector current -5 a i cm collector current-peak -7 a t a =25 ?? 2 p c collector power dissipation t c =25 ?? 20 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220f) and symbol
jmnic product specification 2 silicon pnp power transistors 2SA1469 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-1ma ;r be = ?t -60 v v (br)cbo collector-base breakdown voltage i c =-10ma ;i e =0 -80 v v (br)ebo emitter-base breakdown voltage i e =-10ma ;i c =0 -5 v v cesat collector-emitter saturation voltage i c =-2.5a i b =-0.125a -0.4 v i cbo collector cut-off current v cb =-40v i e =0 -0.1 ma i ebo emitter cut-off current v eb =-4v; i c =0 -0.1 ma h fe dc current gain i c =-1a ; v ce =-2v 70 280 f t transition frequency i c =-1a ; v ce =-5v 100 mhz switching times t on turn-on time 0.1 | s t s storage time 0.5 | s t f fall time i c =-2.0a;i b1 =-i b2 =-0.1a v cc =20v ,r l =10 |? 0.1 | s ? h fe classifications q r s 70-140 100-200 140-280
jmnic product specification 3 silicon pnp power transistors 2SA1469 package outline fig.2 outline dimensions
jmnic product specification 4 silicon pnp power transistors 2SA1469


▲Up To Search▲   

 
Price & Availability of 2SA1469

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X