Part Number Hot Search : 
SD820CS LBS14 NX5306 MAX756 LA7217 AS5C2568 MC100EP 15N06
Product Description
Full Text Search
 

To Download 1771943 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact inc., usa page 1 / 3 http://www.phoenixcon.com feb 25, 2010 extract from the online catalog ? hc-b 24-amld order no.: 1771943 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1771943 ? ? heavycon panel mounting base b24, with single locking latch, height 27 mm, with cover ? commercial data ean 4017918036621 pack 10 pcs. customs tariff 85389099 weight/piece 0.1806 kg catalog page information page 497 (pc-2009) product notes weee/rohs-compliant since: 03/01/2006 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general data note for contact inserts hc-b24, bb46, d64, dd108, m design b24 height 27 mm width 43 mm length 140 mm
hc-b 24-amld order no.: 1771943 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1771943 phoenix contact inc., usa page 2 / 3 http://www.phoenixcon.com feb 25, 2010 housing type panel mounting base with cover locking type with single locking latch protective cover yes degree of protection ip65 protection when the connector is inserted ambient temperature (operation) -40 c ... 125 c housing material aluminum, die-cast housing surface material powder-coated, gray seal material nbr locking latch material high-grade steel, handle: pa-gf material grip body interlock pa-gf material, protective cover pa length of the assembly cutout 113 mm width of the assembly cutout 35 mm certificates / approvals certification gost diagrams/drawings dimensioned drawing dimensional drawing panel cutout
hc-b 24-amld order no.: 1771943 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1771943 phoenix contact inc., usa page 3 / 3 http://www.phoenixcon.com feb 25, 2010 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 1771943

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X