Part Number Hot Search : 
MB10A LTM4650 14020 DSP56602 NTD92B H11N3TVM FSM892D 00051
Product Description
Full Text Search
 

To Download 0520451745 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0520451745 status: active overview: description: 1.25mm (.049") vertical, non-zif receptacle, 17 circuits agency certification ul e29179 general product family ffc/fpc connectors series 52045 overview ffc_fpc_throughhole product name n/a physical circuits (loaded) 17 color - resin gray contact position n/a entry angle vertical mated height (in) 0.315 in mated height (mm) 8.00 mm material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb retention none packaging type tray pitch - mating interface (in) 0.049 in pitch - mating interface (mm) 1.25 mm plating min: mating (in) 32.00, 36 plating min: mating (m) 0.800, 0.90 plating min: termination (in) barb plating min: termination (m) 0.80, 0.90 polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole - kinked pin wire/cable type ffc/fpc electrical current - maximum per contact 0.5a, 1a voltage - maximum 200v material info reference - drawing numbers packaging specification spk-52045 product specification ps-52045-001, rps-52045-003, rps-52045-006 sales drawing sd-52045-**45 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52045 series
this document was generated on 06/04/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0520451745

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X