Part Number Hot Search : 
3EAS1 V2383 SM5610 00062 BLW33 AX168 M5221 15KPJ170
Product Description
Full Text Search
 

To Download Y200AB6C8WCNBE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c&k y series 4, 5 & 6 tumbler switchlocks mC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com m switchlock models available features/benefits ? anti-static switchxceeds 20 kv dcstatic resistance ? momentary models available ? wire leads and harnesses available t ypical applications ? point-of-sale terminals ? cash registers ? computers specifications contact rating: q contact material: 4 amps @ 125 v ac or 28 v dc; 2 amps @ 250 v ac (ul/csa). see page m-9 foradditional ratings. electrical life: 10,000 make-and-break cycles at full load. contact resistance: below 10 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. indexing: 45oor 90?o2-4-positions (4&5 tumbler switchlocks). 45o 3 positions; or 90?o2 positions (6 tumbler tubularswitchlocks). other functions available, consult customer service center . static resistance: anti-static models exceed 20 kv dc static resistance @ sea level, lock body to terminals. mounting torque: 10 in./lbs.; 14 in./lbs max. materials lock: zinc alloy with stainless steel facing, std. (4 & 5 tumbler lock and 6 tumbler tubular lock). keys: two nickel plated brass keys, with code number, std. (4 and 5 tumbler lock). two die cast chrome plated zinc alloy keys,std. (6 tumbler lock). switch housing: glass filled polyester (ul 94v-0). contacts and terminals: q contact material: copper, silver plated. see page m-9 for additional contact materials. mounting nut: zinc alloy. mounting clip: steel, zinc plated. dress nut: brass, nickel plated. terminal seal: epoxy . note: any models supplied with q, b or g contact material are rohs compliant. for the latest information regarding rohs compliance, please go to: www.ittcannon.com/rohs. note: specifications and materials listed above are for switchlocks with standard options. for information on specific and custom switchlocks, consult customer service center. build-a-switch t o or der, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages mC through mC0. for additional options not shown in catalog, consult customer service center. switch and lock function y10013 sp, 45 keypull pos. 1 y1011u sp , 90 keypull pos. 1 & 2 y1001u sp, 40 keypull pos. 1 & 3 y2001u dp , 40 keypull pos. 1 & 3 y10082 sp , 40 keypull pos. 1 y20082 dp , 40 keypull pos. 1 y100aa sp, 40 keypull pos. 1, 2 & 3 y200aa dp, 40 keypull pos. 1, 2 & 3 y100ab sp, 40 keypull pos. 1, 2, 3 & 4 y200ab dp, 40 keypull pos. 1, 2, 3 & 4 y10113 sp , 90 , keypull pos. 1 y20113 dp, 90 keypull pos. 1 y1011c sp , 90 keypull pos.2 y2011c dp, 90 keypull pos. 2 y2011u dp , 90 keypull pos. 1 & 2 y14173 sp, 90 keypull pos. 1 y1417u sp, 90 keypull pos. 1,2 & 3 y10812 sp, 40 mom., keypull pos. 1 y20812 dp, 45 mom., keypull pos. 1 y19073 sp w/common, 90 , keypull pos. 1 y1907u sp w/common, 90 keypull pos. 1, 2 & 3 y1900s sp w/common, 90 keypull pos. 1, 2, 3 & 4 mounting/lock style n with nut d with clip l with removable dress nut and latch pawl r with removable dress nut keying 2 t wo nickel pla ted brass keys (4 & 5 tumbler) or two die cast zinc alloy keys with chrome pla ting (6 tumbler) 6 t wo nickel plated brass keys with code on lock face lock finish 2 stainless steel facing 8 gloss black facing f polished nickel facing terminations 03 solder lug with hole 01 solder lug with notch 02 pc thru-hole 07 solder lug with hole (y19oxx models only) wc wire lead contact material q silver b gold g gold over silver seal none no seal e epoxy seal lock t ype a 4 tumbler lock (yxo8 models) c 4 tumbler lock with detent v 6 tumbler tubular lock b 5 tumbler lock r 4 tumbler lock with detent and anti-static switch w 6 t umbler tubular lock with anti-sta tic s witch patent no. 4,639,562
m switchlock mC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com c&k y series 4, 5 & 6 tumbler switchlocks switch and lock function = momentary p ositions (45o) = detent positions (45 o or 90 o ) = k ey pull possible in these positions. = stop po sitions legend terminal numbers 45o mom. position 1 1-2 1-2, 5-6 8-1 8-1, 4-5 y10812 y20812 sp dp 4 indexing lock configuration key pull positions connected terminals pos. 1 pos. 2 pos. 3 pos. 4 model no. no. poles no. tumblers single & double pole momentary switches positions 1, 2 & 3 6-7 1-3 7-1 y1417u sp 4 position 1 6-7 1-3 7-1 y14173 sp 4 positions 1 & 2 1-3 1-3, 5-7 8-1 8-1, 4-5 y1011u y2011u sp dp 4, 5 & 6 position 2 1-3 1-3, 5-7 8-1 8-1, 4-5 y1011c y2011c sp dp 4 & 5 position 1 1-3 1-3, 5-7 8-1 8-1, 4-5 y10113 y20113 sp dp 4, 5 & 6 positions 1, 2, 3 & 4 3-4 3-4, 7-8 2-3 2-3, 6-7 1-2 1-2, 5-6 8-1 8-1, 4-5 y100ab y200ab sp dp 4 positions 1, 2 & 3 7-8 7-8, 3-4 1-2 1-2, 5-6 8-1 8-1, 4-5 y100aa y200aa sp dp 4 position 1 7-8 7-8, 3-4 1-2 1-2, 5-6 8-1 8-1, 4-5 y10082 y20082 sp dp 4 & 5 positions 1 & 3 2-3 2-3, 6-7 1-2 1-2, 5-6 8-1 8-1, 4-5 y1001u y2001u sp dp 4, 5 & 6 position 1 2-3 1-2 8-1 y10013 sp 4, 5 & 6 indexing lock configuration key pull positions connected terminals pos. 1 pos. 2 pos. 3 pos. 4 model no. no. poles no. tumblers single & double pole switches pos. 1 2 3 pos. 1 2 pos. 1 2 3 2 3 pos. 1 pos. 1 2 3 pos. 1 2 3 pos. 1 2 3 4 2 pos. 1 pos. 1 2 pos. 1 2 pos. 1 2 3 t erminal numbers molded on bottom of housing. all models with all options when ordered with ?r ??otact material. 45o 90o
mC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com m switchlock c&k y series 4, 5 & 6 tumbler switchlocks switch and lock function slots in this location for mounting style '?'lip slots in this location for mounting style '?'lip = detent positions (45o or 90o) = k ey pull possible in these positions. = stop positions legend terminal numbers 4 & 5 t umbler 6 tumbler part number shown: y100132c203nq part number shown: y1011u2v203nq positions 1, 2, 3 & 4 c-4 c-3 c-2 c-1 y1900s position 1 positions 1, 2 & 3 c-4 c-2 c-1 y19073 y1907u indexing lock configuration key pull positions connected terminals pos. 1 pos. 2 pos. 3 pos. 4 model no. no. poles no. tumblers single pole switches with common pos. 1 2 3 pos. 1 2 3 pos. 1 2 4 3 4 sp 90o terminal numbers marked on insulator. all models with all options when ordered with ?r ??otact material. note: epoxy seal not available. removable dress nut not available with any y190xx models.
m switchlock mC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com c&k y series 4, 5 & 6 tumbler switchlocks switch and lock function keying lock type . available option combinations lock ty pes terminations mounting/lock styles models a b c r v w 01 02 03 07 wc d l n r yx0013 ? ????? ?? ? yx001u ?????? ???? yx0082 ?? ?? ?? ? yx00ax ? ?? ?? ?? yx0113 ?????? ?? ? yx011c ?? ??? ?? ? yx01iu ?????? ???? y141xx ? ?? ?? ?? yx0812 ??????? y190xx ? ? ??? ? b 5 tumbler lock a 4 tumbler lock (moment ar y models onl y) v 6 tumbler tubular lock c 4 tumbler lock with detent keying note: keys ar e available separately, see page m-10. key head shape subject to change without notice. note: all orders keyed alike, standard. for more than one key code, master keying, r eplacement keys, or other special featur es, consult customer service center. yes yes 2 nickel pla ted brass keys, 4 & 5 tumbler only 6 no yes 2 nickel pla ted brass keys (4 & 5 tumbler) or 2 die cast chromepla ted zinc alloy keys (6 tumbler) 2 code no. on lock code no. on key keying options option code
mC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com m switchlock c&k y series 4, 5 & 6 tumbler switchlocks lock type lock finish terminations a vai lable with lock finish '?'nly. pc mounting wc wire lead 02 pc thru-hole 07 solder lug with hole wc wire lead 02 pc thru-hole 01 solder lug with notch 03 solder lug with hole w 6 tumbler tubular lock with anti-st atic switch r 4 tumbler lock with detent and shor t anti-static switch. short anti-static lock types all models except y190 y190 model only black wire standard. other colors and lengths available, consult customer service center. ul style 1015. black wire standard. other colors and lengths available, consult customer service center. ul style 1015. a vailable with lock types ? ??ny. note: for available option combinations, see page m-9. note: for available option combinations, see page m-9. u.s. pat. no. 4,639,562 exceeds 20 kv dc static resistance @ sea level, lock body to terminals. f polished nickel 8 gloss black 2 stainless steel
m switchlock mC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com c&k y series 4, 5 & 6 tumbler switchlocks mounting/lock style .136 dia. (3,45 ) u s p a t n 0 4 5 6 3 6 5 o .655 (16,62) .225 (5,72 ) .100 (2,54 ) .034 (0,86 ) .468 (11,8 8 ) .965 (24,5 1) .688 (17,4 6) 1.000 (25,4 0) .500 (12,7 0) .470 (11,9 4) .105 (2,67 ) 1.04 7 (26,5 9) panel mounting latch pawl shown in pos. 1. panel mounting .125 thk. (3,18) 1.010 (25,65) .875 (22,23) 3/4 - 24 uns panel mounting l removable dress nut with latch pawl r removable dress nut n with nut d with clip .360 (9,14) c, r .270 (6,68) a, n dimensions lock types lock dimensions .085-.105 (2,16-2,67) with clip d .085-.105 (2,16-2,67) with nut n panel thickness mounting style option code nut part number: 175050700 note: removable dress nut not available with y1900a model. typical installation install hex nut with enough clearance to allow for dress nut and panel. place switch through cutout in r ear of panel. install and tighten dress nut by hand, then tighten hex nut. always tighten assembly with back of panel hex nut to avoid damaging front of panel. clip part number: 906b00000
mC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com m switchlock c&k y series 4, 5 & 6 tumbler switchlocks mounting/lock style contact material seal panel thickness mounting styles a, b lock types c, r lock types v, w l ock types d .065-.085 (1, 65-2, 16) .085-.105 (2, 16-2, 67) n .105 (2, 67) max. .195 (4, 95) max. .215 (5, 46) max. l .215 (5, 46) max. C r .125 (3, 18) max. .215 (5, 46) max. C available option combinations mounting lock fi nishes lock types mounting styles 28 f ab c rvw d ?? ? ? ??? n ?? ? ? ??? r ? ??? l ? ?? ? ? epoxy .075 max. (1,91) e epoxy seal none no seal mounting information (all models) * note: see technical data section of this catalog for rohs compliant and compatible definitions and specifications. 1 contacts & terminals: copper, with gold plate over nickel plate. 2 contacts & terminals: copper, silver plated (std. with all termination options). 3 contacts & terminals: copper, with gold plate over silver plate. all models with all options when ordered with ?r ??otact material. co n t ac t an d option co d e te rmin al mater ial ra ti n g q 4 a m ps @ 1 25 v a c o r 28 v d c ; 2 a m ps @ 2 50 a c v a c (ul/csa ) . low leve l/ d ry cir cu it b si l ver 2 po wer 0.4 va m ax . @ 2 0 v a c o r d c m a x rohs co m pl ian t* rohs co m patib l e* ye s ye s ye s ye s low leve l/ d ry cir cu it or po we r g ye s ye s go ld 1 go ld silver 3 0.4 va m ax . @ 2 0 v a c o r d c m a x. o r 4 a mps @ 1 25 v a c or 28 v d c; 2 a mp s @ 2 5 0 v a c (ul/csa )
m switchlock mC0 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com c&k y series 4, 5 & 6 tumbler switchlocks available hardware key code: a126 4 tumbler part no. (one key) 115140126 material: brass finish: nickel plate key code: d001 5 tumbler part no. (one key) 115441001 material: brass finish: nickel plate key code: aaaa part no. (one key) 363c1aaaa material: zinc alloy finish: chrome plate


▲Up To Search▲   

 
Price & Availability of Y200AB6C8WCNBE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X