Part Number Hot Search : 
RC2233 BCM56 58006 FST3245 SMD802 G13JPCF DDU4C 1234G2
Product Description
Full Text Search
 

To Download TS20P07G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recoganized file # e-326243 ? glass passivated junction ? high case dielectric strength of 2000v rms ? typical ir less than 0.1ua ? high surge current capability to 200a mechanical data ts20p0xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol ts20p 01g ts20p 02g ts20p 03g ts20p 04g ts20p 05g ts20p 06g ts20p 07g units v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i 2 ta 2 s cj pf r jc o c/w t j o c t stg o c ts-6p ? plastic material has underwriters laboratory flammability classification 94v-0 maximum average forward rectified current @t c =110 i f(av) 20 ? high temperature soldering guaranteed: 260 / 10 seconds at 5 lbs., (2.3kg) tension peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec mrthod) i fsm a 250 dimensions in inches and (millimeters) ? green compound with suffix "g" on packing code & prefix "g" on datecode. ? terminals: pure tin plated, lead free. leads solderable per mil-std-202, method 208 a 140 version:h11 ? case: molded plastic body maximum dc reverse current @ t a =25 at rated dc blocking voltage @t a =125 i r maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage ua ua maximum instantaneous forward voltage @ 10 a (note 1) @ 20 a note 2 : measured at 1mhz and applied reverse bias of 4.0v dc. note 1 : pulse test with pw=300 usec, 1% duty cycle operating temperature range storage temperature range - 55 to + 150 ts20p01g - TS20P07G marking diagram v single phase 20.0 amps. glass passivated bridge rectifiers features ? ideal for printed circuit board rating of fusing ( t < 8.3ms ) 259 v f 1.0 1.1 typical junction capacitance per leg (note 2) ? weight: 7.15 grams typical thermal resistance type number ? mounting torque : 8.17 in. lbs. max. - 55 to + 150 0.8 10 500 pb rohs compliance rohs compliance
version:h11 ratings and characteristic curves (ts20p01g thru TS20P07G) fig.1 maximum derating curve for output current 0 5 10 15 20 25 0 20 40 60 80 100 120 140 160 case temperature ( o c) average forward a current (a) fig. 2 maximum forward surge current per leg 0 50 100 150 200 250 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sin-wave ( jedec method ) fig. 3 typical reverse characteristics per leg 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage v) instantaneous reverse a current (ua) t a =25 t a =125 fig. 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) junction c apacitance (pf) a fig. 4 typical forward characterisrics per leg 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward voltage (v) instantaneous forward a current (a)


▲Up To Search▲   

 
Price & Availability of TS20P07G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X