Part Number Hot Search : 
SR163 HT86072 MB39A13 SA7267 NE604AN AD8330 G100EI MSM511
Product Description
Full Text Search
 

To Download SM20B-XSRS-ETB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  114 114 xsr connector 0.6mm pitch/disconnectable insulation displacement connectors emboss tape  ?          3.0 0.29 o / 1.45 this is the worlds smallest 0.6mm pitch id connector for discrete wires. this wire to board miniaturized connector has a mounting height of 1.45mm and depth of 3.0mm. ?space saving ?twin u-slot insulation displacement section ?new strain relief structure ?suitable for fine wires ? applicable to automatic id machines specifications ? current rating: 0.2a ac, dc ? voltage rating: 30v ac, dc ? temperature range: -25 ? c to +85 ? c (including temperature rise in applying electrical current) ? contact resistance: initial value/30m ? max. after environmental testing/50m ? max. ? insulation resistance: 100m ? min. ? withstanding voltage: 200v ac/minute ? applicable wire: conductor size/awg #36 conductor/7 strands, tin-coated copper alloy insulation o.d./0.29mm * rohs compliant products are published. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 1 certified lr20812 note: 1. tolerances are non-cumulative: 0.05mm for all centers. note: 2. the dimensions above should serve as a guideline. contact jst for details. pc board layout (viewed from component side) and assembly layout www.datasheet.co.kr datasheet pdf - http://www..net/
115 115 xsr connector )+45        " # circuits model no. dimensions (mm) q'ty / box ab material and finish contact: copper alloy, tin-plated (reflow treatment) housing: pa, ul94v-0, natural        02xsr-36s 04xsr-36s 06xsr-36s 10xsr-36s 16xsr-36s 20xsr-36s  22xsr-36s y                                   " # circuits model no. dimensions (mm) q'ty / reel "# material and finish $poubdu$pqqfsbmmpz dpqqfsvoefsdpbufe ujoqmbufe sfgmpxu sfbunfou
 )pvtjoh1" 6-7 obuvsbm 4pmefsubc#sbtt dpqqfsvoefsdpbufe ujoqmbufe sfgmpxusfbu nfou
         y sm02b-xsrs-etb y sm04b-xsrs-etb y sm06b-xsrs-etb y sm10b-xsrs-etb y sm16b-xsrs-etb y SM20B-XSRS-ETB  sm22b-xsrs-etb                             socket rohs compliance this product displays (lf)(sn) on a label. note: 1.this products listed above are supplied on embossed-tape. note: 2.*marked products are not ul/csa approved. as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. sm02b-xsrs -tb s?atural (standard color) lg?ight green lp?ight purple l?emon yellow pk?ink le?ight blue o?range rohs compliance note: *marked products are not ul/csa approved. as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. 02xsr-36s s?atural (standard color) lg?ight green lp?ight purple l?emon yellow pk?ink le?ight blue o?range header www.datasheet.co.kr datasheet pdf - http://www..net/
xsr connector circuits reel dimensions (mm) dimensions (mm) q'ty / reel fww1 2, 4 6, 10 16 to 22 5.5 7.5 11.5 12.0 16.0 24.0 13.5 17.5 25.5 3,500 3,500 3,500 taping specifications note: 1. specifications conform to jis c 0806. the tape width, connector loading recess square hole dimensions, etc. are determ ined by the number of circuits and external shape of the connector to be loaded. note: 2. specifications are subject to change without prior notice. feeding direction feeding direction (  13)  330 2.0 2.0 0.5 w +2.5 ?.0 feeding direction cover tape leader carrier tape the end part 160min. connector mounting part 400min. leader part 100min.  1.55 0.05 4.0 0.1 2.0 0.1 cover tape carrier tape w 0.2 f 0.1 1.75 0.1 8.0 0.1 www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SM20B-XSRS-ETB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X