Part Number Hot Search : 
10N60 20211947 DDZ16 SK301 10N60 TM1630AP SMAJ78A 1N4007GP
Product Description
Full Text Search
 

To Download SD-46553-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 02/26/2010 please check www.molex.com for latest part information part number: 0465532200 status: active description: 1.20mm (.047") x 2.00mm (.079") pitch hd mezz? receptacle, 104 circuits, 10.00mm (.393") unmated height, 7 rows,selectively filled, lead free documents: 3d model product specification ps-45802-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 46553 application board-to-board comments 1.20mm (.047") pitch pin-to-pin and 2.00mm (.079") pitch row-to-row product name mezzanine physical circuits (loaded) 65 circuits (maximum) 65 color - resin black durability (mating cycles max) 100 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 7 orientation vertical pc tail length (in) 0.000 in pc tail length (mm) 0.00 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.000 in pcb thickness recommended (mm) 0.00 mm packaging type tray pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb yes robotic placement vacuum pick-up tape stackable no surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style surface mount electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 46553 series
current - maximum 2a grounding to pcb no voltage - maximum 250v ac solder process data duration at max. process temperature (seconds) 20 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 2 process temperature max. c 260 material info reference - drawing numbers product specification ps-45802-001 sales drawing SD-46553-001 this document was generated on 02/26/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of SD-46553-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X