Part Number Hot Search : 
EPS13 BPW41D XTC20 E005722 LBT07061 10D20 M68739R HMF51
Product Description
Full Text Search
 

To Download SD-46207-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0462070006 status: active description: 4.20mm (.165") pitch mini-fit rtc? reflow high temperature compatible header, dual row, vertical, 6 circuits, 1.57mm (.062") pcb thickness, with pcb pegs, lcp housing, with tin (sn) over nickel (ni) plating documents: 3d model product specification ps-46207-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 46207 application board-to-board, wire-to-board comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 mini-fit plus hcs? crimp terminal crimpted to to 16 awg wire. . see molex product specification ps-45750-001 for additional current de-rating information. molexkits yes product name mini-fit rtc? physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 75 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination nickel material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.144 in pc tail length (mm) 3.66 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm pitch - term. interface (in) 0.165 in pitch - term. interface (mm) 4.20 mm polarized to mating part yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 46207 series mates with 45750 , 5557 mini fit jr.? receptacle
polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 13a voltage - maximum 600v ac (rms)/dc solder process data duration at max. process temperature (seconds) 30 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-46207-001 product specification ps-46207-001 sales drawing SD-46207-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of SD-46207-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X