Part Number Hot Search : 
S1010 C74VH HAF2017 EUP2571 HA8002 787HVI RATIO C74VH
Product Description
Full Text Search
 

To Download SC15A-5SDAC-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sc15a dac series C power module specifications are subject to change without notice. customers should verify actual device performance in their specific applications. standard options features low cost 15 amp output current 90 % efficiency industry-standard pin-out low 0.6 ? profile non-isolated output remote sense trim function enable / disable short-circuit protection with auto-restart fast transient response high-temperature operation output precharge capability patents 5,770,940; 5,978,195 & 6,127,814 general information the sc15a dac is a low-cost, 15 amp, non-isolated dc-dc converter with an amazingly small footprint of only 0.8 in 2 . designed for todays high power microprocessors, the sc15a accepts either 5 v or 3.3 v inputs and offers dac controlled outputs from 1.25 v to 3.5 v. using bourns proprietary v 2 architecture, the sc15a dac provides ultrafast transient response, improved line and load regulation, and very high efficiency. it also incorporates short-circuit protection, enable / disable control, output voltage trim, and remote sense. input specifications voltage 5 v input ................................4.5 vdc min. 5 vdc nom. 5.5 vdc max. (4.75 vin start-up) 3.3 v input .............................3.0 vdc min. 3.3 vdc nom. 3.6 vdc max. current ........................................15 a max. enable voltage high = disable.....................2.4 vdc min. (source 500 ma) low = enable .....................0.4 vdc max. enable/disable current .............1 ma nom. output specifications current ..........................................15 a max. voltage setpoint accuracy .......................................? %vnom max. voltage trim range.......-10 to +10 %vnom line regulation ......................?.1 %vnom load regulation ....................?.3 % vnom current limit...................................18 a min. 21 a nom. 30 a max. dynamic response 0 to 15 a load ...................200 mv nom. ( ? i/ ? t = 3 a/?) 19 ? nom. 15 to 0 a load ...................200 mv nom. ( ? i/ ? t = 3 a/?) 19 ? nom. temperature regulation ...............................?.02 %vout/? max. general specifications mbtf .................................1,000 khrs nom. (bellcore tr332, 25 ?) operating temperature..........-25 to +85 ? (-40 to +85 ? optional) storage temperature...........-40 to +125 ? switching frequency ...............200 khz min. 300 khz nom. 400 khz max. 9.4 (0.37) 6.1 (0.24) 15.24 (0.6) 76.2 (3.00) 16 6 5 1 5.08 (0.2) 2.54 (0.1) 12.7 (0.5) 16.51 (0.65) 0.3 (0.012) typ. pin thickness 0.5 (0.020) typ. pin width 3.43 (0.135) typ. pin length below shoulder millimeters (inches) dimensions = pin descriptions: 1 C vout 5 C gnd 9 C vid3 13 C vin 2 C vout 6 C vid0 10 C vid4 14 C no pin 3 C sense 7 C vid1 11 C gnd 15 C trim 4 C vout 8 C vid2 12 C vin 16 C enable tolerances = .25 (.01) (.xx) = .13 (.005) (.xxx) = nominal input (v) output voltage (v) output current (a) short-circuit current typ. (a) noise max. (mv pp) efficiency typ. (%) sc15a-5sdac 5 1.3 to 3.5 15 22 100 90 sc15a-3sdac 3.3 1.3 to 2.5 output voltage selection vid4 vid3 vid2 vid1 vid0 output vid4 vid3 vid2 vid1 vid0 output 0 1 1 1 1 1.30 1 1 1 1 1 2.00 0 1 1 1 0 1.35 1 1 1 1 0 2.10 0 1 1 0 1 1.40 1 1 1 0 1 2.20 0 1 1 0 0 1.45 1 1 1 0 0 2.30 0 1 0 1 1 1.50 1 1 0 1 1 2.40 0 1 0 1 0 1.55 1 1 0 1 0 2.50 0 1 0 0 1 1.60 1 1 0 0 1 1 2.60 1 0 1 0 0 0 1.65 1 1 0 0 0 1 2.70 1 0 0 1 1 1 1.70 1 0 1 1 1 1 2.80 1 0 0 1 1 0 1.75 1 0 1 1 0 1 2.90 1 0 0 1 0 1 1.80 1 0 1 0 1 1 3.00 1 0 0 1 0 0 1.85 1 0 1 0 0 1 3.10 1 0 0 0 1 1 1.90 1 0 0 1 1 1 3.20 1 0 0 0 1 0 1.95 1 0 0 1 0 1 3.30 1 0 0 0 0 1 2.00 1 0 0 0 1 1 3.40 1 0 0 0 0 0 2.05 1 0 0 0 0 1 3.50 1 product dimensions 1 - not available in 3.3 vin.
asia-pacific: tel +886- (0)2 25624117 ?fax +886- (0)2 25624116 europe: tel +41-41 768 5555 ?fax +41-41 768 5510 the americas: tel +1-951 781-5500 ?fax +1-951 781-5700 www.bourns.com reliable electronic solutions copyright? 2005, bourns, inc. litho in u.s.a., rev. 1/05 product schematic v in 100 f / 10 v sc15a dac 12 - v in 13 - v in v out - 1 v out - 2 v out - 4 remote sense - 3 16 15 5 11 enable trim 100 f 10 v v out sc15a-5sxx sc15a-3sxx % maximum output % maximum output 100 80 60 40 20 0 100 80 60 40 20 0 -z low temp option -z low temp option -40 -30 -10 80 0 -20 70 60 50 90 still air ambient temperature (c) -40 -30 -10 80 0 -20 70 60 50 90 ambient temperature (c) 400 lfm still air 200 lfm 400 lfm how to order s c 15a - 5 s dac -z configuration internal identifier current/power (amps) input voltage (volts) outputs s = single output voltage (v) dac = 5-pin dac controlled output options z = industrial temperature range (-40 ? operation) temperature derating sc15a dac series C power module


▲Up To Search▲   

 
Price & Availability of SC15A-5SDAC-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X