Part Number Hot Search : 
2N7627UC AN970 BC860CL LC72711W ZL40814 2045C 4744A 1N5264UR
Product Description
Full Text Search
 

To Download NL10276AC30-03A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tft color lcd module NL10276AC30-03A document no. en0418ej1v0ds00 (1st edition) date published january 1999 p printed in japan 38 cm (15 inches), 1024 768 pixels, full-color, multi-scan function wide viewing angle data sheet 1999 description NL10276AC30-03A is a tft (thin film transistor) active matrix color liquid crystal display (lcd) comprising amorphous silicon tft attached to each signal electrode, a driving circuit, a crt interface board and a backlight. NL10276AC30-03A has a built-in backlight with an inverter. the 38cm(15 inches) diagonal display area contains 1024 768 pixels and can display full-color (more than 16 million colors simultaneously). also, it has wide viewing angle and multi-scan function. crt interface board installed in this module allows you to achieve the lcd monitor with an analog rgb interface. features high luminance wide viewing angle multi-scan function: e.g., xga, svga, vga, vga- text, pc-9801, mac incorporated edge type backlight (two lamps into two lamp holders, inverter) lamp holder replaceable (part no. 150lhs03) on screen display crt interface board ? auto recognition of input signal analog rgb signals, sync on green, synchronous signals (hsync, vsync, composite) ? digital control: e.g., luminance, display position ? free supply voltage sequence ? corresponding to ddc1 and ddc2b ? corresponding to vesa dpms regarding the use of osd, please note that there is possibility of conflicts with a patent in europe and the u.s. thus, if such conflict might happen when you use osd, we shall not be resposible for any trouble. vesa : video electronics standards association dpms: display power management signaling ddc1 : display data channel 1 ddc2b : display data channel 2b applications ? desk-top type of pc ? engineering work station
data sheet en0418ej1v0ds00 2 NL10276AC30-03A structure and functions a color tft (thin film transistor) lcd module is comprised of a tft liquid crystal panel structure, lsis for driving the tft array, and a backlight assembly. the tft panel structure is created by sandwiching liquid crystal material in the narrow gap between a tft array glass substrate and a color filter glass substrate. after the driver lsis are connected to the panel, the backlight assembly is attached to the backside of the panel. rgb (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix addressing by the onboard signal processor and sent to the driver lsis which in turn addresses the individual tft cells. acting as an electro-optical switch, each tft cell regulates light transmission from the backlight assembly when activated by the data source. by regulating the amount of light passing through the array of red, green, and blue dots, color images are created with clarity. outline of characteristics (at room temperature) display area 304.128 (h) 228.096 (v) mm drive system a-si tft active matrix display colors full-color number of pixels 1024 768 pixel arrangement rgb vertical stripe pixel pitch 0.297 (h) 0.297 (v) mm module size 350.0 (h) 265.0 (v) 20.0 (d) mm weight 1480 g (typ.) contrast ratio 200:1 (typ., perpendicular) best contrast ratio 350:1 (typ., down side 10 ) viewing angle (more than the contrast ratio of 10:1) ? horizontal : 55 (typ., left side, right side) ? vertical : 50 (typ., up side), 45 (typ., down side) designed viewing direction ? wider viewing angle with contrast ratio : down side (6 oclock) ? wider viewing angle without image reversal : up side (12 oclock) ? optimum grayscale ( g = 2.2) : perpendicular color gamut 42 % (typ., at center, to ntsc) response time 15 ms (typ.), white to black luminance 200 cd/m 2 (typ.) input signals analog rgb, vsync and hsync backlight edge light type: two cold cathode fluorescent lamps with an inverter inverter p/n: 150pw031 lamp holder set p/n: 150lhs03 supply voltage 12 v, 12 v (logic/lcd driving, backlight) power consumption 18.4 w (typ.)
data sheet en0418ej1v0ds00 3 NL10276AC30-03A block diagram amp aif g r b g r b amp sync. division hs/cs vsync pll signal recognition ledon ledoff led00-12 sel up down reset volsel osdsel ddcclk ddcdat wprt brtvol dc/dc converter v dd (+12 v) timing controller osd clk on/off sync. sigma dc/dc converter inverter luminance (on/off) v dd b (+12 v) gndb gnd h-driver v-driver 3072 lines h: 1024 3 (r, g, b) v: 768 lcd panel 768 lines backlight lcd module i/f board powc v dd note frame is not connected to gnd and gndb.
data sheet en0418ej1v0ds00 4 NL10276AC30-03A specifications general specifications item contents unit module size 350.0 0.6 (h) 265.0 0.6 (v) 20.5 (max.) (d) mm display area 304.128 (h) 228.096 (v) mm number of dots 1024 3 (h) 768 (v) dots pixel pitch 0.297 (h) 0.297 (v) mm dot pitch 0.099 (h) 0.297 (v) mm pixel arrangement rgb (red, green, blue) vertical stripe C display colors full color color weight 1,600 (max.) g absolute maximum ratings parameter symbol rating unit remarks v dd C0.3 to + 14 v supply voltage v dd b C0.3 to + 14 v ta = 25c logic input voltage v in1 C0.3 to + 5.5 v r, g, b input voltage v in2 C6.0 to + 6.0 v clk input voltage v in3 C7.0 to + 7.0 v ta = 25c v dd = 12 v storage temp. tst C20 to + 60 c C operating temp. top 0 to 50 c module surface note 1 95% relative humidity ta 40c 85% relative humidity 40 < ta 50c humidity (no condensation) absolute humidity shall not exceed ta = 50c, 85% relative humidity level. ta > 50c notes 1. measured at the lcd panel (include own fever) 2. no condensation
data sheet en0418ej1v0ds00 5 NL10276AC30-03A electrical characteristics (1) logic, lcd driving, backlight (ta = 25c) item symbol min. typ. max. unit remarks v dd 11.4 12.0 12.6 v logic and lcd driving supply voltage v dd b 11.4 12.0 12.6 v backlight logic input l voltage v il 0C0.8v logic input h voltage v ih 2.2 C 5.25 v hs/cs, vsync, sel, up, down, reset, volsel ddcclk, ddcdat, osdsel, wprt logic output l voltage v ol1 CC0.4v logic output h voltage v oh1 2.4 C C v led00/01/02/10/11/12 logic input l current 1 i il2 C1 C C m a logic input h current 1 i ih2 CC1 m a hs/cs, vsync logic output l current 3 i il1 CC1 m a logic output h current 3 i ih1 C1 C C m a ddcdat C 780 850 ma v dd = 12.0 v note i dd C 45 65 ma power saving mode v dd = 12.0 v note C 750 850 ma v dd b = 12.0 v (max. luminance) supply current (dot-checked pattern) i dd b C 1 10 ma power saving mode v dd b = 12.0 v note pixel checkered pattern (2) video signal (r, g, b) input (t a = 25c) item min. typ. max. unit remarks maximum amplitude (white - black) 0 (black) 0.7 (white) *a vp-p note dc input level (black) - 0.5 C +2.5 v C sync level 0.2 0.3 *b vp-p g terminal (sync on green) *a + *b C C 1.1 vp-p C note need to adjust contrast if the input level is beyond 0.7 vp-p.
data sheet en0418ej1v0ds00 6 NL10276AC30-03A power supply design (1) ripple voltage of the supply voltage please note that the ripple at the input connector of the module should be within the values shown in this table. if the ripple would be beyond these values, the noise might appear on the screen. v dd (for logic and lcd driver) v dd b (for backlight) acceptable range 100 mvp-p 200 mvp-p note the acceptable range of ripple voltage includes spike noises. example of the power supply connection to minimize the ripple voltage a) separate the power supply b) put the filter power v dd power v dd b filter v dd filter v dd b power (2) current wave in the luminance control mode in the luminance control mode, the rush current below flows into the inverter of the module. the duty cycle varies from 100% through 20% depending on the luminance control level. this might cause the noise on the screen. please evaluate the appropriate value of the capacitor in the filter to eliminate the noise. customer? power supply (12 v) filter inverter circuit of nl10276ac-03a duty frequency* gnd rush current to v dd *frequency: vsync frequency k* *vsync 75 hz: k = 4.6 > 75 hz: k = 3.6
data sheet en0418ej1v0ds00 7 NL10276AC30-03A supply voltage sequence there is no sequence among the synchronous signals, the video signals and the power supply. however, 12 v for backlight should be started up within 80 ms, otherwise, the protection circuit makes the backlight turns off. please note that the supply voltage must not be applied while the control signals (sel, up, down and reset) are connected to gnd. otherwise the module may cause malfunctions. if the power supply voltage is applied while sel and reset is connected to gnd, the mode is set into nec factory mode. in this case, both ledon and ledoff become h. please do not use the module in this mode which may write over the default value. please turn off the power supply immediately and turn on the power while sel and reset are connected to gnd again. if the default value has been revised by accident, please follow the instruction below. this mode can control brightness and contrast and osd position. factory reset function is reset all values. but do not use the module in this mode which may write over the default values affect to the lcd internal operation. please turn off the power immediately and turn on the power while sel and reset are connected to gnd again. if the default value has been revised by accident, please select factory reset mode and press reset key for over two seconds. functions control contents how to reset brightness total brightness and sub brightness for each rgb press reset key over 2 seconds contrast total contrast and sub contrast for each rgb press reset key over 2 seconds lcd data color adjust vco hdtv select never select and adjust values please go to the factory reset. osd position change the osd display position factory reset above function values is reset to factory values. press reset key over 2 seconds. reset exit the nec factory mode -
data sheet en0418ej1v0ds00 8 NL10276AC30-03A interface pin connection cn101 part no. : 1-353119-4 adaptable socket: 1-353068-04 supplier : japan amp ltd. pin no. symbol pin no. symbol 1b8vsync 2 b-gnd 9 gnd 3g10hs/cs 4g-gnd11 gnd 5 r 12 ddcclk 6 r-gnd 13 n.c. 7 gnd 14 ddcdat 1 2 13 14 figure from socket view note n.c. (no connection) should be open. cn103 part no. : df14a-25p-1.25h adaptable socket: df14-25s-1.25c supplier : hirose electric co., ltd. pin no. symbol pin no. symbol 1 ledon 14 reset 2ledoff15 gnd 3gnd16brtvol 4 led00 17 gnd 5 led01 18 volsel 6 le;d02 19 osdsel 7 led10 20 wprt 8 led11 21 n.c. 9 led12 22 n.c. 10 gnd 23 gnd 11 sel 24 n.c. 12 up 25 n.c. 13 down 12 25 24 figure from socket view note n.c. (no connection) should be open.
data sheet en0418ej1v0ds00 9 NL10276AC30-03A cn104 part no. : il-z-8pl-smty adaptable socket: il-z-8s-s125c3 supplier : japan aviation electronics industry limited (jae) pin no. symbol pin no. symbol 1v dd 5gnd 2v dd 6gnd 3v dd 7gnd 4v dd 8gnd 1 2 figure from socket view 87 cn3 part no. : il-z-11pl1-smty adaptable socket: il-z-11s-s125c3 supplier : japan aviation electronics industry limited (jae) pin no. symbol pin no. symbol 1v dd b 7 n.c. 2v dd b 8 n.c. 3v dd b 9 n.c. 4 gndb 9 n.c. 5 gndb 10 n.c. 6 gndb 11 10 2 1 figure from socket view note n.c. (no connection) should be open. rear view 1 cn101 8 cn104 1 1 cn103 25 1 11 cn3 14
data sheet en0418ej1v0ds00 10 NL10276AC30-03A pin function symbol i/o logic description hs/cs input C horizontal synchronous signal or composite synchronous signal (ttl level), positive/negative auto recognition vsync input C vertical synchronous signal (ttl level) positive/negative auto recognition, clock input for ddc1 r input C red video signal (0.7 vp-p, 75 w ) g input C green video signal (0.7 vp-p, 75 w ), sync on green input b input C blue video signal (0.7 vp-p, 75 w ) sel input negative select signal for control functions (ttl level) h or open: sel off, l: sel on for details, see control functions up input negative control signal (ttl level) up increases the value of the functions selected. h or open: up off, l: up on down input negative control signal (ttl level) down reduces the value of the functions selected. h or open: down off, l: down on reset input negative control signal (ttl level) reset initializes the selected functions. h or open: reset off l: reset on osdsel input C display select signal (ttl level) h or open: osd display off (light on led) l: osd display on (light off led) for details, see control functions brtvol input C luminance control terminal for details, see luminance control select volsel input C luminance control select signal (ttl level) volsel is pulled up in the module. for details, see luminance control select ddcclk input C clk for ddc2b ddcdat input/ output C data for ddc1/2b read/write wprt input positive select signal for ddc open: reading mode, l: writing mode ledon output positive output terminal to light up led h: power on l: power off ledoff output positive output terminal to light up led h: power save mode l: normal mode led00 output positive led01 output positive led02 output positive led10 output negative led11 output negative led12 output negative for details, see equivalent circuit for led and control functions
data sheet en0418ej1v0ds00 11 NL10276AC30-03A symbol i/o logic description v dd C C power supply for logic and lcd driving +12 v ( 5%) v dd bCC power supply for backlight. +12 v ( 5%) note2 gnd C C ground for system. note1 gndb C C ground for backlight. note1 notes 1 : ground for frame, system (gnd) and backlight (gndb) are not connected in the module. 2 : 12 v for backlight should be started up within 80 ms, otherwise, the protection circuit makes the backlight turns off. luminance control select volsel = l open form digital adjust volume adjust how to adjust see control functions the variable resistor for luminance control should be 10 k w type, and zero point of the resistor corresponds to the minimum of luminance. r brtvol gnd maximum luminance (100%): r = 10 k w minimum luminance (20%): r = 0 w mating variable resistor: 10 k w 5%, b curve, 1/10 w note the status of volsel is valid when the power is switched on. function display select osdsel = l open form osd display led dispaly how to adjust see control functions see detail of recommendation circuit diagram. note: next page note the status of osdsel is valid when the power is switched on. regarding the use of osd, please note that there is possibility of conflicts with a patent in europe and the u.s. thus if such conflict might happen when you use osd, we shall not be resposible for any trouble.
data sheet en0418ej1v0ds00 12 NL10276AC30-03A equivalent circuit for led symbol i/o equivalent circuit ledon ledoff led00 led01 led02 output rn2306 (toshiba) or equivalent output led10 led11 led12 output n-ch open-drain output output
data sheet en0418ej1v0ds00 13 NL10276AC30-03A sel up down reset volsel osdsel ledon r (330 w ) led-a ledoff r (330 w ) led-b led00 r (330 w ) led1 led3 led2 led01 r (330 w ) led4 led6 led5 led02 r (330 w ) led7 led9 led8 led10 led11 led12 input lcd module output cn103 led-a: led-b: led1: led2: led3: led4: led5: led6: led7: led8: led9: power on power-save mode luminance contrast horizontal display period clk delay vertical position horizontal position reserve all reset reserve
data sheet en0418ej1v0ds00 14 NL10276AC30-03A input signals synchronous signal this module is corresponding to the synchronous signals below. synchronous signal auto recognition mode hs/cs vsync sync. on green separate synchronous signal mode (hs, vsync) input input input or no input composite synchronous mode input no input input or no input sync. on green mode no input no input input power save mode no input no input no input note power save mode corresponds to vesa dpma. preset timing the fourteen kinds of timings below are already programmed in this module. the input synchronous signals are automatically recognized. preset no. display size dot clk (mhz) hsync (khz) vsync (hz) remark 1 640 400 21.053 24.830 56.432 nec pc98 2 640 480 25.175 31.469 59.992 vga 3 720 400 28.322 31.469 70.087 vga txt 4 800 600 40.000 37.879 60.317 vesa 5 640 480 30.240 35.000 66.667 macintosh 6 640 480 31.500 37.500 75.000 vesa 7 720 400 35.500 37.927 85.039 vesa 8 640 480 36.000 43.269 85.008 vesa note 9 1024 768 65.000 48.363 60.004 vesa 10 800 600 49.500 46.875 75.000 vesa 11 832 624 57.283 49.735 74.565 macintosh 12 800 600 56.250 53.674 85.061 vesa note 13 1024 768 75.000 56.476 70.069 vesa 14 1024 768 78.750 60.023 75.029 vesa note out of specification. even if the preset timing is entered, a little adjustment of the functions such as horizontal period, clk-delay and display position, are required. the adjusted values are memorized in every preset no. this module recognizes the synchronous signals with near preset timing of the frequency of hs, vsync, even in the case that the signals other than the preset timing that were entered. for instance, it is displayed with presetting number 6 in the case of 640 480 dot, hs: 37.861khz, vsync: 72.809hz an example). adopt the evaluation, because adjustment may not fit, in the case that the magnifying ratio differs, in the case that you use it with except for the display timing that was preset.
data sheet en0418ej1v0ds00 15 NL10276AC30-03A example of input signals (preset no. 9) sxga mode (standard) name symbol min. typ. max unit remark period th 16.0 20.677 22.7 m s 48.363 khz (typ.) display thd C 15.754 C m sC front-porch thf C 0.369 C m sC pulse-width thp 0.246 2.092 C m sC back-porch thb 1.0 2.462 C m sC pulse-width + back-porch thbp 1.8 C C m sC hs rise/fall thrf C C 10 ns C period tv 13.3 C 16.665 806 18.5 C ms h 60.004 hz (typ.) display tvd C C 15.880 768 C C ms h C front-porch tvf C 1 62.031 3 C C m s h C pulse-width tvp C 2 124.06 6 C C m s h C vsync back-porch tvb C 5 599.63 29 C C m s h C
data sheet en0418ej1v0ds00 16 NL10276AC30-03A tv tvd tvp vsync display period tvb tvf th thd thp hs (hsync) display period thb thf thpb thvh hs (hsync) vsync thvs vii counter: 0
data sheet en0418ej1v0ds00 17 NL10276AC30-03A expansion mode expansion mode is a function to expand the screen size in different resolutions. for example, vga signal has 640 480 pixels. but, if the display data can be expanded to 1.6 times vertically and horizontally, vga screen image can be displayed fully on the screen of xga resolution. this module automatically recognizes the timing shown in item as an expansion mode. please adopt this mode after evaluating display quality, because the appearance in the expansion mode is happened to become bad in some cases. the followings show the display magnifications in each mode. magnification input display number of pixels vertical horizontal note xga 1024 768 1 1 svga 800 600 1.25 1.25 vga 640 480 1.6 1.6 vga text 720 400 1.6 1.4 pc9801 640 400 1.6 1.6 mac 832 624 1.2 1.2 1) svga mode (800 600) xga (1024 768) blank display area horizontal: vertical: 1.25 (1000 pixels) 1.25 (750 pixels) 2) vga mode (640 480) horizontal: vertical: 1.6 (1024 pixels) 1.6 (768 pixels)
data sheet en0418ej1v0ds00 18 NL10276AC30-03A 3) pc9801 mode (640 400) xga (1024 768) black display area horizontal: vertical: 1.6 (1024 pixels) 1.6 (640 pixels) 4) vga text mode (720 400) xga (1024 768) black display area horizontal: vertical: 1.42 (1022 pixels) 1.6 (640 pixels) 5) 832 624 mac mode (832 624) xga (1024 768) black display area horizontal: vertical: 1.2 (998 pixels) 1.2 (748 pixels)
data sheet en0418ej1v0ds00 19 NL10276AC30-03A ddc function this function is corresponding to vesa ddc tm and edid tm (structure version 1). ? writing mode : wprt= l ? reading mode : wprt= open note: when the power is applied while reset and up are l, it becomes a writing mode. when the power is applied again, it becomes a reading mode. the mode set by reset and up signals is prioritized rather than wprt signal after the power switched on. please write a data into necessary addresses in advance when you use this function. data 55h in address 00h and ffh in other address are already programmed when shipping. the input equivalent circuit diagram is as follow. edid: extended display identification data micro-controller wprt vclk wp scl sda vsync ddcclk ddcdat product: microchip technology inc. 24lcs21 or equivalent dpms vesa dpms standard NL10276AC30-03A signal state horizontal vertical video power saving recovery time power saving recovery time on pulses pulses active none not applicable none not applicable stand-by no pulses pulses blanked minimum short maximum short suspend pulses no pulses blanked substantial longer maximum short off no pulses no pulses blanked maximum system dependent maximum short
data sheet en0418ej1v0ds00 20 NL10276AC30-03A control functions 1. brightness (luminance) : control luminance of backlight 2. contrast : control white-level of video signal 3. horizontal display period : adjust horizontal display period 4. clk delay : adjust clk-phase 5. vertical position : adjust vertical position 6. horizontal position : adjust horizontal position 7. all reset : reset to factory-default value in order to achieve the best picture quality, the above functions should be adjusted by setting sel, up, down and reset signals. either led or osd can recognize the selected functions. each adjusted value is memorized as soon as sel is selected or time out mode is valid and the memorized values are not affected even if the power is switched off. but the selected value is not memorized in case that a selected mode is changed to another one before time out or power is turned off before time out. regarding the luminance, the luminance value can not be memorized while the variable volume register is selected. this function does not work while the power save mode. selection by led the selected functions can be indicated either led or osd (on screen display) by setting osdsel signal when the power switched on. osdsel = h or open : led osdsel = l : osd please see the example of led circuit on p 11. selection function led00 led01 led02 led10 led11 led12 default (no-select condition) l l l h h h luminance h l l l h h contrast h l l h l h horizontal display period h l l h h l clk delay l h l l h h vertical position l h l h l h horizontal position l h l h h l reserve (no-use) l l h l h h all reset l l h h l h reserve (no-use) l l h h h l
data sheet en0418ej1v0ds00 21 NL10276AC30-03A selection by osd the following pictures appear on the screen by pushing the sel key. adjust the each value in best position by pushing up and down key. 1) brightness (luminance) 2) contrast 3) horizontal display period 4) clk delay 5) vertical display position 6) horizontal display position 7) all reset
data sheet en0418ej1v0ds00 22 NL10276AC30-03A flow chart of control functions for sel, up, down and reset power on/power save cancel start (stand-by mode) sel volsel = l brightness (luminance) yes contrast no horizontal display period sel time out yes initialize + or reset up/ down up/ down time out yes initialize + or reset up/ down no no time out yes initialize + or reset up/ down no sel sel
data sheet en0418ej1v0ds00 23 NL10276AC30-03A clk delay vertical display position time out yes initialize + or reset up/ down no time out yes initialize + or reset up/ down no sel sel horizontal display position time out yes initialize + or reset up/ down no sel
data sheet en0418ej1v0ds00 24 NL10276AC30-03A all reset time out yes all initialize reset up/ down no sel notes 1. the value of the selected signals by up and down key is continuously incremented if the input signal is held more than approx. one second. if its less than one second, the value is incremented by one. 2. reset signal initializes the value selected by sel key. all reset function initializes all the values adjusted already. reset signal should be held more than approx. two seconds. 3. no key input for more than five seconds shall be regarded time out.
data sheet en0418ej1v0ds00 25 NL10276AC30-03A optical characteristics (ta = 25c, v dd = 12 v, v dd b = 12 v) item symbol condition min. typ. max. unit remark contrast ratio cr g = 2.2 viewing angle q r = 0 , q l = 0 , q d = 0 , white/black, at center 80 200 -- note 1 luminance lvmax white, at center 150 200 - cd/m 2 note 2 luminance uniformity - white -- 1.30 - note 3 color gamut c q r = 0 , q l = 0 , q u = 0 , q d = 0 at center, to ntsc 35 42 - % - white to black - 15 40 response time tpd black to white - 40 50 ms note 5 reference data (ta = 25c, v dd = 12 v, v dd b = 12 v) item symbol condition min. typ. max. unit contrast ratio cr g = 2.2 viewing angle q r = 0 , q l = 0 , q d = 10 , white/black, at center - 350 -- q r5055 - deg. q l cr > 10, q u = 0 , q d = 0 50 55 - deg. q u3550 - deg. viewing angle range q d cr > 10, q r = 0 , q l = 0 30 45 - deg. luminance control range - maximum luminance: 100% - 20 - 100 - % notes 1. the contrast ratio is calculated using the following formula. luminance with all pixels in white contrast ratio (cr) = luminance with all pixels in black 2. the luminance is measured after 20 minutes from the module works, with all pixels in white. the typical value is measured after luminance saturation. 50 cm lcd module 1 photo-detector
data sheet en0418ej1v0ds00 26 NL10276AC30-03A 3. luminance uniformity is calculated using the following formula. maximum luminance luminance uniformity = minimum luminance the luminance is measured at near the five points shown below. 3 4 5 2 1 171 512 853 128 colum row 384 640 4. definitions of viewing angle are as follows. ? ? +y +x normal 12 o?lock l q d q u q r q 5. definitions of response time is as follows. photo-detector output signal is measured when the luminance changes white to black or black to white. white black luminance ton toff 10 % 90 % 0 % 100 %
data sheet en0418ej1v0ds00 27 NL10276AC30-03A reliability test test item test condition judgment high temperature/humidity operation 50 2 c, 85% relative humidity 240 hours, display data is white. note 1 heat cycle (operation) <1> 0 c 3 c 1 hour 55 c 3 c 1 hour <2> 50 cycles, 4 hours/cycle <3> display data is white. note 1 thermal shock (non-operation) <1> - 20 c 3 c 30 minutes 60 c 3 c 30 minutes <2> 100 cycles <3> temperature transition time is within 5 minutes. note 1 vibration (non-operation) <1> 5-100 hz, 2 g 1 minute/cycle, x, y, z direction <2> 50 times each direction notes 1, 2 mechanical shock (non-operation) <1> 55 g, 11 ms x, y, z direction <2> 3 times each direction notes 1, 2 esd (operation) 150 pf, 150 w , 10 kv 9 places on a panel note 3 10 times each place at one-second intervals note 1 dust (operation) 15 kinds of dust (jis-z 8901) hourly 15 seconds stir, 8 times repeat note 1 notes 1. display function is checked by the same condition as lcd module out-going inspection. 2. physical damage. 3. discharge points are shown in the figure.
data sheet en0418ej1v0ds00 28 NL10276AC30-03A general cautions next figures and sentences are very important. please understand these, then read the text of a book. caution this figure is a mark that you will get hurt and/or the module will have damages when you make a mistake to operate. this figure is a mark that you will get an electric shock when you make a mistake to operate. this figure is a mark that you will get hurt when you make a mistake to operate caution do not touch an inverter--on which is stuck a caution label--while the lcd module is under the operation, because of dangerous high voltage. (1) caution when taking out the module <1>pick the pouch only, in taking out module from a carrier box. (2) caution for handling the module <1> as the electrostatic discharges may break the lcd module, handle the lcd module with care against electrostaic discharges. <2> as the lcd panel and backlight element are made from fragile glass material, impulse and pressure to the lcd module should be avoided. <3> as the surface of polarizer is very soft and easily scratched, use a soft dry cloth without chemicals for cleaning. <4> do not pull the interface connectors in or out while the lcd module is operating. <5> put the module display side down on a flat horizontal plane. <6> handle connectors and cables with care. <7> when the module is operating, do not lose clk, hsync, or vsync signal. if any one of these signals is lost, the lcd panel would be damaged. <8> the torque of mounting screw should be 0.392 nm (4 kgfcm).less. (3) caution for the atmosphere <1> dew drop atmosphere should be avoided. <2> do not store and/or operate the lcd module in a high temperature and/or high humidity atmosphere. storage in an electro-conductive polymer packing pouch and under relatively low temperature atmosphere is recommended. <3> this module uses cold cathode fluorescent lamps. therefore, the life time of lamps becomes short if the module is operated under the low temperature environment. (4) caution for the module characteristics <1> do not apply the fixed pattern for a long time to the lcd module. it may cause image sticking. please use the screen savers if the display pattern is fixed for a long time. <2> this module has the retardation film which may cause the variation of the color hue in the different viewing angles. the ununiformity may appear on the screen under the high temperature operation. <3> the light vertical stripe may be observed depending on the display pattern. this is not defects or malfunctions.
data sheet en0418ej1v0ds00 29 NL10276AC30-03A <4> the noise from the inverter circuit may be observed in the luminance control mode. this is not defects or malfunctions. (5) other cautions <1> do not disassemble and/or reassemble lcd module. <2> do not readjust any variable resistors or switches in the module. <3> when returning the module for repair or etc., please pack the module properly to avoid any damages. we recommend using the original shipping packages. <4> in case that the scan converter is used to convert vga signal to ntsc, it is recommended using the frame-memory type, not the line-memory. liquid crystal display has the following specific characteristics. there are not defects or malfunctions. the display condition of lcd module may be affected by the ambient temperature. the lcd module uses cold cathode tube for backlight. optical characteristics, like luminance or uniformity, will change during time. uneven brightness and/or small spots may be noticed depending on different display patterns.
data sheet en0418ej1v0ds00 30 NL10276AC30-03A outline drawings (unit in mm) front view 6 0.3 2 10 0.3 2 2 204 0.3 8 0.2 2 5 0.3 2 6 0.3 2 4? 3.5 0.1 f 308.8 0.3 (bezel opening) 340 0.3 350 0.6 ?the torque to mounting screw should never exceed 0.392n ?m (4kg ?cm). ?the tolerance that is not show: 0.5 mm in the drawing. 15.6 0.3 5 0.2 304.128 (active area) 170 0.7 6 0.3 2 2 4 2 5 0.3 6 0.3 2 2 52 5 0.3 18.6 0.3 b 31 0.3 197 212 0.3 232.7 0.3 (bezel opening) 265 0.6 3 f 8?4.4 b a a 97.8 0.7 228.096 (active area) active area center 4?.4 0.3 5 4?.7 0.3 20.5 max
data sheet en0418ej1v0ds00 31 NL10276AC30-03A outline drawing (unit in mm) rear view made in japan NL10276AC30-03A a1000a763003 material information light guide: >pmma< 20.5 max 138 7.6 37 1 232.5 35.8 1 139.8 1 40.7 1 130 22 5 76 20 5 cn202 cn201 11 1 6 1 8.7 126.8 1 85.7 86.2 35 135.7 23.8 1 198.3 1 8.7 r8 r8 10.5 6.5 6.7 13.4 20.2 5.5 218 235 35.7 14.7 59.1 78 11.8 13.4 10.6 7.6 2.2 13.5 20.5 max 4 the tft color lcd panel contains cold cathode flourescest lamps. please follow localordinances or regulations for its disposal 45 65 27 1 m3br (b) 87.2 1 8 25 1 cn104 cn103 19 1 14 31 1 96.3 1 61 1 182 1 214 1 1 2 cn202 cn102 cn101
NL10276AC30-03A data sheet no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec corporation. nec corporation assumes no responsibility for any errors which may appear in this document. nec corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. no license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec corporation or others. while nec corporation has been making continuous effort to enhance the reliability of its electronic components, the possibility of defects cannot be eliminated entirely. to minimize risks of damage or injury to persons or property arising from a defect in an nec electronic component, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. nec devices are classified into the following three quality grades: "standard", "special", and "specific". the specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. the recommended applications of a device depend on its quality grade, as indicated below. customers must check the quality grade of each device before using it in a particular application. standard: computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots special: transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) specific: aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. the quality grade of nec devices is "standard" unless otherwise specified in nec's data sheets or data books. if customers intend to use nec devices for applications other than those specified for standard quality grade, they should contact an nec sales representative in advance. anti-radioactive design is not implemented in this product.


▲Up To Search▲   

 
Price & Availability of NL10276AC30-03A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X