Part Number Hot Search : 
CR1612 74LVC652 M948B 10005 P921707 UPD17215 LT350 SD204
Product Description
Full Text Search
 

To Download MPSA92RA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp high voltage amplifier this device is designed for high voltage driver applications. sourced from process 76. mmbta92 mpsa92 pzta92 absolute maximum ratings* ta = 25c unless otherwise noted * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. symbol parameter value units v ceo collector-emitter voltage 300 v v cbo collector-base voltage 300 v v ebo emitter-base voltage 5.0 v i c collector current - continuous 500 ma t j , t stg operating and storage junction temperature range -55 to +150 c thermal characteristics ta = 25 c unless otherwise noted symbol characteristic max units mpsa92 *mmbta92 **pzta92 p d total device dissipation derate above 25 c 625 5.0 350 2.8 1,000 8.0 mw mw / c r jc thermal resistance, junction to case 83.3 c/w r ja thermal resistance, junction to ambient 200 357 125 c/w c b e to-92 c b e sot-23 mark: 2d b c c sot-223 e * device mounted on fr-4 pcb 1.6" x 1.6" x 0.06." ** device mounted on fr-4 pcb 36 mm x 18 mm x 1.5 mm; mounting pad for the collector lead min. 6 cm 2 . ? 1997 fairchild semiconductor corporation mpsa92 / mmbta92 / pzta92 notes: 1) these ratings are based on a maximum junction temperature of 150 degrees c. 2) these are steady state limits. the factory should be consulted on applications involving pulsed or low duty cycle operations. 3) all voltages (v) and currents (a) are negative polarity for pnp transistors.
3 electrical characteristics ta = 25 c unless otherwise noted off characteristics symbol parameter test conditions min max units v (br)ceo collector-emitter breakdown voltage* i c = 1.0 ma, i b = 0 300 v v (br)cbo collector-base breakdown voltage i c = 100 spice model pnp (is=218.9f xti=3 eg=1.11 vaf=100 bf=99 ne=1.307 ise=218.9f ikf=.2016 xtb=1.5 br=24.67 nc=2 isc=0 ikr=0 rc=7 cjc=19.88p mjc=.4876 vjc=.75 fc=.5 cje=81.49p mje=.3493 vje=.75 tr=516.9p tf=1.395n itf=1.5 vtf=22 xtf=270 rb=10) typical characteristics pnp high voltage amplifier (continued) * pulse test: pulse width 300 s, duty cycle 2.0% note: all voltages (v) and currents (a) are negative polarity for pnp transistors. dc current gain vs collector current 0. 1 1 10 1 00 0 20 40 60 80 100 120 140 i - collector current (ma) h - dc current gain fe c v = 5v ce 125 c - 40 c 25 c collector-emitter saturation voltage vs collector current 0.1 1 10 100 0.2 0.4 0.6 i - collector current (ma) v - colle ctor-emitter voltage (v) cesat c = 1 0 125 c - 40 c 25 c mpsa92 / mmbta92 / pzta92
typical characteristics (continued) junction capacitance vs reverse bias voltage 0.1 1 10 100 0.1 1 10 v - reverse voltage (v) junction capacitance (pf) c f = 1.0 mhz ib c ob r gain bandwidth product vs collector current 1 10 20 50 100 0 20 40 60 80 100 i - collector current (ma) f - gain bandwidth product (mhz) c t v = 50v ce v = 15v ce power dissipation vs ambient temperature 0 25 50 75 100 125 150 0 0.25 0.5 0.75 1 temperature ( c) p - power dissipation (w) d o sot-223 to-92 sot-23 collector-cut off current vs ambient temperat ure 25 50 75 100 125 150 0.1 1 10 10 0 t - ambient temperature ( c) i - collector current (na) a v = 1 50v cb cbo base-emitt er sat uration voltage vs collector current 110100 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 i - collector current (ma) v - ba se -em itter voltag e (v) besat c = 10 125 c - 40 c 25 c ba se-emit ter o n voltage vs collector current 110100 0.2 0.4 0.6 0.8 1 i - collector current (ma) v - base-e mitter on volta ge (v) be(o n) 125 c - 4 0 c 25 c c v = 5v ce pnp high voltage amplifier (continued) mpsa92 / mmbta92 / pzta92
to-92 tape and reel data march 2001, rev. b1 ?2001 fairchild semiconductor corporation to-92 packaging configuration: figure 1.0 ammo pack option see fig 3.0 for 2 ammo pack options 2000 units per eo70 box for std option fscint label 530mm x 130mm x 83mm intermediate box 10,000 units maximum per intermediate box for std option fscint label 114mm x 102mm x 51mm immediate box anti-static bubble sheets (to-92) bulk packing information eol code description leadclip dimension quantity j18z to-18 option std no lead clip 2.0 k / box j05z to-5 option std no lead clip 1.5 k / box no eol code to-92 standard straight for: pkg 92, no leadclip 2.0 k / box bulk option see bulk packing information table 375mm x 267mm x 375mm intermediate box fscint label customized label 333mm x 231mm x 183mm intermediate box fscint label customized label to-92 tnr/ammo packing infromation packing style quantity eol code reel a 2,000 d26z e2,000 d27z ammo m 2,000 d74z p2,000 d75z unit weight = 0.22 gm reel weight with components = 1.04 kg ammo weight with components = 1.02 kg max quantity per intermediate box = 10,000 units f63tnr label 5 ammo boxes per intermediate box customized label 327mm x 158mm x 135mm immediate box lot: cbvk741b019 nsid: pn2222n d/c1: d9842 spec rev: b2 spec: qty: 10000 qa rev: fairchild semiconductor corporation htb:b (fscint) f63tnr label customized label 5 reels per intermediate box tape and reel option see fig 2.0 for various reeling styles lot: cbvk741b019 fsid: pn222n d/c1: d9842 qty1: spec rev: spec: qty: 2000 d/c2: qty2: cpn: n/f: f (f63tnr)3 f63tnr label sample fscint label sample c 5 eo70 boxes per intermediate box ustomized label 94 (non proelectron series), 96 l34z to-92 standard straight for: pkg 94 no leadclip 2.0 k / box (proelectron series bcxxx, bfxxx, bsrxxx), 97, 98
to-92 tape and reel data, continued september 1999, rev. b to-92 reeling style configuration: figure 2.0 style a, d26z, d70z (s/h) machine option a?(h) style e, d27z, d71z (s/h) machine option e?(j) first wire off is emitter adhesive tape is on the top side flat of transistor is on bottom order style d75z (p) first wire off is collector adhesive tape is on the top side flat of transistor is on top order style d74z (m) to-92 radial ammo packaging configuration: figure 3.0 first wire off is emitter (on pkg. 92) adhesive tape is on bottom side flat of transistor is on bottom first wire off is collector (on pkg. 92) adhesive tape is on bottom side flat of transistor is on top
item description base of package to lead bend component height lead clinch height component base height component alignment ( side/side ) component alignment ( front/back ) component pitch feed hole pitch hole center to first lead hole center to component center lead spread lead thickness cut lead length taped lead length taped lead thickness carrier tape thickness carrier tape width hold - down tape width hold - down tape position feed hole position sprocket hole diameter lead spring out symbol b ha ho h1 pd hd p po p1 p2 f1/f2 d l l1 t t1 w wo w1 w2 do s dimension 0.098 (max) 0.928 (+/- 0.025) 0.630 (+/- 0.020) 0.748 (+/- 0.020) 0.040 (max) 0.031 (max) 0.500 (+/- 0.020) 0.500 (+/- 0.008) 0.150 (+0.009, -0.010) 0.247 (+/- 0.007) 0.104 (+/- 0 .010) 0.018 (+0.002, -0.003) 0.429 (max) 0.209 (+0.051, -0.052) 0.032 (+/- 0.006) 0.021 (+/- 0.006) 0.708 (+0.020, -0.019) 0.236 (+/- 0.012) 0.035 (max) 0.360 (+/- 0.025) 0.157 (+0.008, -0.007) 0.004 (max) note : all dimensions are in inches. item description sysmbol minimum maximum reel diameter d1 13.975 14.025 arbor hole diameter (standard) d2 1.160 1.200 (small hole) d2 0.650 0.700 core diameter d3 3.100 3.300 hub recess inner diameter d4 2.700 3.100 hub recess depth w1 0.370 0.570 flange to flange inner width w2 1.630 1.690 hub to hub center width w3 2.090 note: all dimensions are inches to-92 tape and reel taping dimension configuration: figure 4.0 ha h1 ho po p2 p1 f1 do p pd b d l1 l s wo w2 w t t1 hd w1 to-92 reel configuration: figure 5.0 user direction of feed sensitive devices electrostatic d1 d3 customized label w2 w1 w3 f63tnr label d4 d2 to-92 tape and reel data, continued july 1999, rev. a
to-92 (fs pkg code 92, 94, 96) to-92 package dimensions january 2000, rev. b 1:1 scale 1:1 on letter size paper dimensions shown below are in: inches [millimeters] part weight per unit (gram): 0.1977 ?2000 fairchild semiconductor international
sot-23 packaging configuration: figure 1.0 components leader tape 500mm minimum or 125 empty pockets trailer tape 300mm minimum or 75 empt y poc kets sot-23 tape leader and trailer configuration: figure 2.0 cover tape carrier tape note/comments packaging option sot-23 packaging information standard (no fl ow code) d87z packaging type reel size tnr 7" di a tnr 13" qty per reel/tube/bag 3,000 10,000 box dimension (mm) 187x107x183 343x343x64 max qty per box 24,000 30,000 weight per unit (gm) 0.0082 0.0082 weight per reel (kg) 0.1175 0.4006 human readable label human readable label human readable label sample 343mm x 342mm x 64mm intermediate box for l87z option 187mm x 107mm x 183mm intermediate box for standard option sot-23 unit orientation 3p 3p 3p 3p human readable label customized la bel embossed carrier tape antistatic cover tape packaging description: sot-23 made from a dissi pati ve (carbon fi l led) poly carbonate resin. the cover tape is a multilayer film (heat activated adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. these reeled parts in standard option are shipped with 3,000 uni ts per 7" or 177cm diameter reel. the reels are dark blue in color and is made of polystyrene plastic (anti- static coated). other option comes in 10,000 units per 13" or 330cm diameter reel. thi s and some other opti ons are described in the packaging information table. these full reels are individually labeled and placed inside a s tandard intermediate made of recycl abl e corrugated brown pap er with a fai rchil d l ogo pri nti ng. one pizza box contains eight reels maximum. and these intermediate boxes are placed insi de a label ed shipping box whi ch comes i n different sizes depending on t he number of parts shi pped. parts are shipped in tape. the carrier tape is sot-23 tape and reel data september 1999, rev. c ?2000 fairchild semiconductor international
dimensions are in millimeter pkg type a0 b0 w d0 d1 e1 e2 f p1 p0 k0 t wc tc sot-23 (8mm) 3.15 +/-0.10 2.77 +/-0.10 8.0 +/-0.3 1.55 +/-0.05 1.125 +/-0.125 1.75 +/-0.10 6.25 min 3.50 +/-0.05 4.0 +/-0.1 4.0 +/-0.1 1.30 +/-0.10 0.228 +/-0.013 5.2 +/-0.3 0.06 +/-0.02 dimensions are in inches and millimeters tape size reel option dim a dim b dim c dim d dim n dim w1 dim w2 dim w3 (lsl-usl) 8mm 7" dia 7.00 177.8 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 2.165 55 0.331 +0.059/-0.000 8.4 +1.5/0 0.567 14.4 0.311 0.429 7.9 ?10.9 8mm 13" dia 13.00 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 4.00 100 0.331 +0.059/-0.000 8.4 +1.5/0 0.567 14.4 0.311 0.429 7.9 ?10.9 see detail aa dim a max 13" diameter option 7" diameter option dim a max see detail aa w3 w2 max measured at hub w1 measured at hub dim n dim d min dim c b min detail aa notes: a0, b0, and k0 dimensions are determined with respect to the eia/jedec rs-481 rotational and lateral movement requirements (see sketches a, b, and c). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum sketch c (top view) component lateral movement typical component cavity center line 20 deg maximum typical component center line b0 a0 sketch b (top view) component rotation sketch a (side or front sectional view) component rotation user direction of feed sot-23 embossed carrier tape configuration: figure 3.0 sot-23 reel configuration: figure 4.0 p1 a0 d1 f w e1 e2 tc wc k0 t b0 d0 p0 p2 sot-23 tape and reel data, continued september 1999, rev. c
sot-23 (fs pkg code 49) sot-23 package dimensions september 1998, rev. a1 1:1 scale 1:1 on letter size paper dimensions shown below are in: inches [millimeters] part weight per unit (gram): 0.0082 ?2000 fairchild semiconductor international
sot-223 packaging configuration: figure 1.0 components leader tape 500mm minimum or 62 empty pockets trailer tape 300mm minimum or 38 empty pockets sot-223 tape leader and trailer configuration: figure 2.0 cover tape carrier tape note/comments packaging option sot-223 packaging information standard (no flow code) d84z packaging type reel size tnr 13" dia tnr 7" dia qty per reel/tube/bag 2,500 500 box dimension (mm) 343x64x343 184x187x47 max qty per box 5,000 1,000 weight per unit (gm) 0.1246 0.1246 weight per reel (kg) 0.7250 0.1532 sot-223 unit orientation f 852 014 f 852 014 f 852 014 f 852 014 f63tnr label 343mm x 342mm x 64mm intermediate box for standard 184mm x 184mm x 47mm pizza box for d84z option f63tnr label lot: cbvk741b019 fsid: pn2222a d/c1: d9842 qty1: spec rev: spec: qty: 3000 d/c2: qty2: cpn: n/f: f (f63tnr)3 f63tnr label sample f63tnr label antistatic cover tape customized label static dissipative embossed carrier tape packaging description: sot-223 parts are shipped in tape. the carrier tape is made from a dissipative (carbon filled) polycarbonate resin. the cover tape is a multilayer film (heat activated adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. these reeled parts in standard option are shipped with 2,500 units per 13" or 330cm diameter reel. the reels are dark blue in color and is made of polystyrene plastic (anti- static coated). other option comes in 500 units per 7" or 177cm diameter reel. this and some other options are further described in the packaging information table. these full reels are individually barcode labeled and placed inside a standard intermediate box (illustrated in figure 1.0) made of recyclable corrugated brown paper. one box contains two reels maximum. and these boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped. sot-223 tape and reel data september 1999, rev. b ?2000 fairchild semiconductor international
dimensions are in millimeter pkg type a0 b0 w d0 d1 e1 e2 f p1 p0 k0 t wc tc sot-223 (12mm) 6.83 +/-0.10 7.42 +/-0.10 12.0 +/-0.3 1.55 +/-0.05 1.50 +/-0.10 1.75 +/-0.10 10.25 min 5.50 +/-0.05 8.0 +/-0.1 4.0 +/-0.1 1.88 +/-0.10 0.292 +/- 0.0130 9.5 +/-0.025 0.06 +/-0.02 p1 a0 d1 p0 f w e1 d0 e2 b0 tc wc k0 t dimensions are in inches and millimeters tape size reel option dim a dim b dim c dim d dim n dim w1 dim w2 dim w3 (lsl-usl) 12mm 7" dia 7.00 177.8 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 5.906 150 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 0.606 11.9 15.4 12mm 13" dia 13.00 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 7.00 178 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 0.606 11.9 15.4 see detail aa dim a max 13" diameter option 7" diameter option dim a max see detail aa w3 w2 max measured at hub w1 measured at hub dim n dim d min dim c b min detail aa notes: a0, b0, and k0 dimensions are determined with respect to the eia/jedec rs-481 rotational and lateral movement requirements (see sketches a, b, and c). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum sketch c (top view) component lateral movement typical component cavity center line 20 deg maximum typical component center line b0 a0 sketch b (top view) component rotation sketch a (side or front sectional view) component rotation user direction of feed sot-223 embossed carrier tape configuration: figure 3.0 sot-223 reel configuration: figure 4.0 sot-223 tape and reel data, continued july 1999, rev. b
sot-223 (fs pkg code 47) sot-223 package dimensions 1 : 1 scale 1:1 on letter size paper part weight per unit (gram): 0.1246 september 1999, rev. c ?2000 fairchild semiconductor international
trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher smart start? supersot?-3 supersot?-6 supersot?-8 fastr? globaloptoisolator? gto? hisec? isoplanar? microwire? optologic? optoplanar? pacman? pop? rev. g ? acex? bottomless? coolfet? crossvolt ? dome? e 2 cmos tm ensigna tm fact? fact quiet series? fast syncfet? tinylogic? uhc? vcx? ? ?


▲Up To Search▲   

 
Price & Availability of MPSA92RA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X