Part Number Hot Search : 
BGA628L7 TC0178A 74HC7 10045 SI4355 U7660 TM128 OPF2414
Product Description
Full Text Search
 

To Download MPSA92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MPSA92 pnp epitaxial planar transistor description the a92 is designed for applicatio n as a video output to drive color crt, or as a dialer circuit in electronics telephone. absolute maximum ratings ? maximum temperatures storage temperature ............................................................................................... -55~+150 c junction temperature ..................................................................................... +150 c maximum ? maximum power dissipation total power dissipation (ta=25 c) ................................................................................ 625 mw ? maximum voltages and currents (ta=25 c) vcbo collector to base voltage ....................................................................................... 300 v vceo collector to emitter voltage .................................................................................... 300 v vebo emitter to base voltage .............................................................................................. 5 v ic collector current ....................................................................................................... 500 ma characteristics (ta=25 c) symbol min. typ. max. unit test conditions bvcbo 300 - - v ic=100ua, ie=0 bvceo 300 - - v ic=1ma, ib=0 bvebo 5 - - v ie=10ua, ic=0 icbo - - 100 na vcb=200v, ie=0 iebo - - 100 na veb=3v, ic=0 vce(sat) - - 350 mv ic=20ma, ib=2ma vbe(sat) - - 900 mv ic=20ma, ib=2ma hfe1 25 - - ic=1ma, vce=10v hfe2 40 - - ic=10ma, vce=10v hfe3 40 - - ic=30ma, vce=10v hfe4 - 100 - ic=80ma, vce=10v ft 50 - - mhz ic=10ma, vce=20v, f=100mhz cob - - 6 pf vcb=20v, f=1mhz, ie=0 classification of hfe2 & v ce(sat) rank hfe1 hfe2 hfe3 hfe4 vce(sat) ns >60 >80 >80 >80 <200mv n >25 >40 >40 - <350mv tiger electronic co.,ltd tiger electronic co.,ltd
characteristics curve current gain & collector current 1 10 100 0.01 0.1 1 10 100 1000 collector current-i c (ma) hfe v ce =10v saturation voltage & collector current 0.01 0.1 1 10 1 10 100 1000 collector current-i c (ma) saturation voltage (mv) v be(sat) @ i c =10i b v ce(sat) @ i c =10i b capacitance & reverse-biased voltage 1 10 100 0.1 1 10 100 reverse-biased voltage (v) capacitance (pf) cob cutoff frequency & collector current 1 10 100 1 10 100 collector current-i c (ma) cutoff frequency (mhz) v ce =20v safe operating area 1 10 100 1000 10000 1 10 100 1000 forward voltage-v ce (v) collector current-i c (ma) p t =1ms p t =100ms p t =1s tiger electronic co.,ltd tiger electronic co.,ltd
to-92 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1704 0.1902 4.33 4.83 g 0.0142 0.0220 0.36 0.56 b 0.1704 0.1902 4.33 4.83 h - * 0.1000 - * 2.54 c 0.5000 - 12.70 - i - * 0.0500 - * 1.27 d 0.0142 0.0220 0.36 0.56 1 - * 5 - * 5 e- * 0.0500 - * 1.27 2 - * 2 - * 2 f 0.1323 0.1480 3.36 3.76 3 - * 2 - * 2 31 a d b c i 1 e f 2 3 g h 2 3-lead to-92 plastic package tgs package code : a tiger electronic co.,ltd tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of MPSA92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X