Part Number Hot Search : 
PD410PI 1N6273A 2500T MT620 2SD24 DG403CY DG403CY MJE243
Product Description
Full Text Search
 

To Download MBR20100CTTRLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94306 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 16-mar-10 1 schottky rectifier, 2 x 10 a vs-mbrb20...ctpbf, vs-mbr20...ct-1pbf series vishay high power products features ? 150 c t j operation ? low forward voltage drop ? high frequency operation ? center tap d 2 pak and to-262 packages ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance ? guard ring for enhanced ruggedness and long term reliability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? halogen-free according to iec 61249-2-21 definition ? compliant to rohs directive 2002/95/ec ? aec-q101 qualified description this center tap schottky rectifier has been optimized for low reverse leakage at high temperature. the proprietary barrier technology allows for reliable operation up to 150 c junction temperature. typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. product summary i f(av) 2 x 10 a v r 80 v to 100 v v s -mbrb20...ctp b f d 2 pak to-262 v s -mbr20 ...ct-1p b f ba s e common cathode a node anode common cathode 1 3 2 2 ba s e common cathode anode anode common cathode 1 3 2 2 major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform (per device) 20 a i frm t c = 133 c (per leg) 20 v rrm 80 to 100 v i fsm t p = 5 s sine 850 a v f 10 apk, t j = 125 c 0.70 v t j range - 65 to 150 c voltage ratings parameter symbol vs-mbrb2080ctpbf vs-mbr2080ct-1pbf vs-mbrb2090ctpbf vs-mbr2090ct-1pbf vs-mbrb20100ctpbf vs-mbr20100ct-1pbf units maximum dc reverse voltage v r 80 90 100 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current per leg i f(av) t c = 133 c, rated v r 10 a per device 20 peak repetitive forward current per leg i frm rated v r , square wave, 20 khz, t c = 133 c 20 non-repetitive peak surge current i fsm 5 s sine or 3 s rect. pulse following any rated load ondition and with rated v rrm applied 850 surge applied at rated lo ad conditions halfwave, single phase, 60 hz 150 peak repetitive reverse surge current i rrm 2.0 s, 1.0 khz 0.5 non-repetitive avalanche energy per leg e as t j = 25 c, i as = 2 a, l = 12 mh 24 mj
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94306 2 revision: 16-mar-10 vs-mbrb20...ctpbf, vs-mbr20...ct-1pbf series vishay high power products schottky rectifier, 2 x 10 a note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop v fm (1) 10 a t j = 25 c 0.80 v 20 a 0.95 10 a t j = 125 c 0.70 20 a 0.85 maximum instantaneous reverse current i rm (1) t j = 25 c rated dc voltage 0.10 ma t j = 125 c 6 threshold voltage v f(to) t j = t j maximum 0.433 v forward slope resistance r t 15.8 m maximum junction capacitance c t v r = 5 v dc (test signal range 100 khz to 1 mhz), 25 c 400 pf typical series inductance l s measured from top of term inal to mounting plane 8.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction temperature range t j - 65 to 150 c maximum storage temperature range t stg - 65 to 175 maximum thermal resistance, junction to case per leg r thjc dc operation 2.0 c/w typical thermal resistance, case to heatsink r thcs mounting surface, sm ooth and greased 0.50 maximum thermal resistance, junction to ambient r thja dc operation 50 approximate weight 2g 0.07 oz. mounting torque minimum non-lubricated threads 6 (5) kgf cm (lbf in) maximum 12 (10) marking device case style d 2 pak mbrb20100ct case style to-262 mbr20100ct-1
document number: 94306 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 16-mar-10 3 vs-mbrb20...ctpbf, vs-mbr20...ct-1pbf series schottky rectifier, 2 x 10 a vishay high power products fig. 1 - maximum forward voltage drop characteristics (per leg) fig. 2 - typical values of reverse current vs. reverse voltage (per leg) fig. 3 - typical junction capacitance vs. reverse voltage (per leg) fig. 4 - maximum thermal impedance z thjc characteristics (per leg) 1 10 100 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.2 t j = 150 c t j = 125 c t j = 25 c 0.0001 0.1 1 10 0.01 0.001 100 i r - reverse current (ma) v r - reverse voltage (v) 20 60 100 80 40 0 t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 10 100 1000 c t - junction capacitance (pf) v r - reverse voltage (v) 40 20 60 80 100 0 t j = 25 c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 10 d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 single p u lse (thermal resistance) p dm t 1 t 2 n otes: 1. d u ty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94306 4 revision: 16-mar-10 vs-mbrb20...ctpbf, vs-mbr20...ct-1pbf series vishay high power products schottky rectifier, 2 x 10 a fig. 5 - maximum allowable case temperature vs. average forward current (per leg) fig. 6 - forward power loss characteristics (per leg) fig. 7 - maximum non-repeti tive surge current (per leg) note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = rated v r 100 110 120 130 140 150 allowable case temperature (c) i f ( av ) - average forward current (a) 4 26810121416 0 dc see note (1) s qu are w a v e (d = 0.50) rated v r applied 0 4 8 6 2 10 average power loss (w) i f(av) - average forward current (a) 4 268 16 10 12 14 0 dc rms limit d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 100 1000 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 000 10 at any rated load condition and w ith rated v rrm applied follo w ing s u rge
document number: 94306 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 16-mar-10 5 vs-mbrb20...ctpbf, vs-mbr20...ct-1pbf series schottky rectifier, 2 x 10 a vishay high power products ordering information table 80 = 80 v 90 = 90 v 100 = 100 v 2 - essential part number 3 - 4 - current rating (20 = 20 a) 5 - 8 - none = tube (50 pieces) trl = tape and reel (left oriented - for d 2 pak only) voltage ratings pbf = lead (pb)-free (for to-262 and d 2 pak tube) 7 - none = d 2 pak -1 = to-262 b = d 2 pak none = to-262 7 7 none = -1 6 - ct = essential part number 3 = b 3 none trr = tape and reel (right oriented - for d 2 pak only) 9 - p = lead (pb)-free (for d 2 pak trr and trl) 1 - hpp prod u ct s u ffix device code 5 1 3 24 6789 vs- mbr b 20 100 ct -1 trl p links to related documents dimensions www.vishay.com/doc?95014 part marking information www.vishay.com/doc?95008 packaging information www.vishay.com/doc?95032
document number: 95014 for technical questi ons concerning discr ete products, contact: diodes-tech@vishay.com www.vishay.com revision: 31-mar-09 for technical questi ons concerning module products, contact: ind-modules@vishay.com 1 d 2 pak, to-262 outline dimensions vishay high power products dimensions for d 2 pak in millimeters and inches notes (1) dimensioning and toleranc ing per asme y14.5 m-1994 (2) dimension d and e do not include mold flash. mold flash shall not exceed 0.127 mm (0.005") per side. these dimensions are measured at the outmost extremes of the plastic body (3) thermal pad contour optional within dimension e, l1, d1 and e1 (4) dimension b1 and c1 apply to base metal only (5) datum a and b to be determined at datum plane h (6) controlling dimension: inch (7) outline conforms to jedec outline to-263ab symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.06 4.83 0.160 0.190 d1 6.86 8.00 0.270 0.315 3 a1 0.00 0.254 0.000 0.010 e 9.65 10.67 0.380 0.420 2, 3 b 0.51 0.99 0.020 0.039 e1 7.90 8.80 0.311 0.346 3 b1 0.51 0.89 0.020 0.035 4 e 2.54 bsc 0.100 bsc b2 1.14 1.78 0.045 0.070 h 14.61 15.88 0.575 0.625 b3 1.14 1.73 0.045 0.068 4 l 1.78 2.79 0.070 0.110 c 0.38 0.74 0.015 0.029 l1 - 1.65 - 0.066 3 c1 0.38 0.58 0.015 0.023 4 l2 1.27 1.78 0.050 0.070 c2 1.14 1.65 0.045 0.065 l3 0.25 bsc 0.010 bsc d 8.51 9.65 0.335 0.380 2 l4 4.78 5.28 0.188 0.208 c b detail a c2 a a a 0.004 b m a lead tip (3) (3) v ie w a - a (e) (d1) e1 b h a1 detail ?a? rotated 90 cw scale: 8 :1 l ga u ge plane 0 to 8 l3 l4 seating plane section b - b and c - c scale: n one (4) (4) ( b , b 2) b 1, b 3 (c) c1 base metal plating conforms to jedec outline d 2 pak (smd-220) 13 2 d c a l2 e (2)(3) (2) 4 h bb 2 x b 2 x b 2 l1 0.010 a b mm (3) e 2 x pad layout mi n . 11.00 (0.43) mi n . 9.65 (0.3 8 ) mi n . 3. 8 1 (0.15) mi n . 2.32 (0.0 8 ) 17.90 (0.70) 15.00 (0.625) 2.64 (0.103) 2.41 (0.096) lead assignments diodes 1. - anode (t w o die)/open (one die) 2., 4. - cathode 3. - anode
www.vishay.com for technical questions c oncerning discrete products, contact: diodes-tech@vishay.com document number: 95014 2 for technical questions concer ning module products, contact: ind-modules@vishay.com revision: 31-mar-09 outline dimensions vishay high power products d 2 pak, to-262 dimensions for to-262 in millimeters and inches notes (1) dimensioning and tolerancing as per asme y14.5m-1994 (2) dimension d and e do not include mold flash. mold flash shall not exceed 0.127 mm (0.005") per side. these dimensions are measured at the outmost extremes of the plastic body (3) thermal pad contour optional within dimension e, l1, d1 and e1 (4) dimension b1 and c1 apply to base metal only (5) controlling dimension: inches (6) outline conform to jedec to-262 except a1 (maximum), b (minimum) and d1 (minimum) where dimensions derived the actual package outline symbol millimeters inches notes min. max. min. max. a 4.06 4.83 0.160 0.190 a1 2.03 3.02 0.080 0.119 b 0.51 0.99 0.020 0.039 b1 0.51 0.89 0.020 0.035 4 b2 1.14 1.78 0.045 0.070 b3 1.14 1.73 0.045 0.068 4 c 0.38 0.74 0.015 0.029 c1 0.38 0.58 0.015 0.023 4 c2 1.14 1.65 0.045 0.065 d 8.51 9.65 0.335 0.380 2 d1 6.86 8.00 0.270 0.315 3 e 9.65 10.67 0.380 0.420 2, 3 e1 7.90 8.80 0.311 0.346 3 e 2.54 bsc 0.100 bsc l 13.46 14.10 0.530 0.555 l1 - 1.65 - 0.065 3 l2 3.56 3.71 0.140 0.146 (4) (4) base metal plating b 1, b 3 ( b , b 2) c1 c section b - b and c - c scale: n one section a - a (3) e1 (3) d1 e b a a a c2 c a1 seating plane lead tip (3) (2) (3) (2) a e (dat u m a) l1 l2 b b c c 3 2 1 l d 2 x e 3 x b 2 3 x b 0.010 a b mm modified jedec outline to-262 lead assignments diodes 1. - anode (t w o die)/open (one die) 2., 4. - cathode 3. - anode
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of MBR20100CTTRLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X