Part Number Hot Search : 
P12NM50 9F400 EPS28 1N6061 ARS35G G2SBA10 1C330M 1C330M
Product Description
Full Text Search
 

To Download IRFR9120NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
  
   
        ?      

   
      
        !   
      

  d-pak t o-252aa i-pak to-251aa   
           !  "#  !  $#% #& "'    "  '$%  # 
    
 "  #$  %    &' '' ()  #) ** "  #$  %    &' '' ()  #)   "  +,&' ''   *   #$  %   -' &  .  ! / '&' 01
'  !  )  2  3 '
 ) + 0 4 ) 5  3 0++6+
75 '08    "  6+
7 ''  **  5  . 6 6+
7 5 '08    ,6, 9& ,
6'8,6,    )  $  :.' 0
 ,  ; $ 
 3 '0$.' ' 0 3 +,' 0$.' '(< '
, *<' 
  
    

  
    
      !   "    # $ % &       '   (
) (  % 
 %  !    !!     !   *% +,  % -%
)     ! %  # $ 
    (  
    %    $ 
   '   &*-   !
 
  !  !   ) 
)  %  !   "'     !    .   
 ! &   !    ' *%        /'0 %    (  $  
     ' s d g   #  www.irf.com 1

    
  

 
  
  
  
 "    3 '
'' =:315$8 +  ,8& ,   7 - 0 7   +,3 '
'' 0'+'6'  ,8& ,    . >
, , )  & , 1 '-', ) + 0   * ) $  % ("  %?()  %)  6'
6'8$      $  % (" % @ 6' 
6'8 7'0   *  , , % a    1 '-', $' :  $  " ' 
 '     0+ 0 + '   ,   ,8/  ;/   ** *   ! 7   , bc'1 '2= ' + 1 ' '
 ,,< .'  , +,' 0 
7 c'<' ..+
  de??  $7  ..+ ,< '"f(/   <&f ', - +, ,
 ' <, 

 3 ' 0$  % (/%g   % ? ("  %?31 0'  . 6' 0h.+- , 7+  ,8  i>
 .' '3< 0  i sd (, ,  a()  )   ( $     +- , 7 ah, 8
8
+ j s d g  
  
  
  
 )   &'  3 '
 '9, -  ) + 0    ) )  %)("  %a ?    ?   '9, -  ) + 0 $.  <<
    )  <'
  ("  %    3 
 &'  3 '
 :   
   k ? )  %)("  %?  )  2 $7'7 +,) + 0    ) )  %)  ("  %a 0  1 '-', $' 
,

    3 )  %)("  %     a )  %)()  %)    )  %k)()  %)($  %  2  3 '
 1 '-', /90    )  %) 2  3 '
 6' /90     )  %) @  $ +2 7'0   l "  % @  2  3 '
 7'0     )   % k) @  2  &' b= ++'b7'0    )  %)(31 0* ,    $' : &+8$     )  %)  $   l  "  %   $' :<<&+8$   k    % 12 ?  1++$       % ?, 31 0   -  +,(   *  <'  .
90  ,
 ' < , 

   " . .

    )  %)   : . .

    .1 )   % )   6' $' <' .

  l  m%=gn(31 0  g    

   !" 
 #

 $ % /  " ' +&' " ,

 /  " ' +3 '
" ,

   "    l "  &'  3 '
/90'' s d g  o"1?e,  ,  
, 

 
          !      !       " !   0.1 1 10 100 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -4.5v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -4.5v 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -4.5v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -4.5v 0.1 1 10 100 4 5 6 7 8 9 10 v = -50v 20s pulse width ds -v , gate-to-source voltage (v) -i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d -10v -6.7a

 
 #$  %"  &      ' ! &  '  %    &        %    &    %      ( )   & 1 10 100 0 200 400 600 800 -v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd c iss c oss c rss 0 5 10 15 20 25 0 4 8 12 16 20 q , total gate charge (nc) -v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 -4.0 a v = -20v ds v = -50v ds v = -80v ds 0.1 1 10 100 0.2 0.8 1.4 2.0 2.6 -v ,source- to-drain voltage (v) -i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 0.1 1 10 100 1 10 100 1000 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c -v , drain-to-source voltage (v) -i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms

  #$  *""+   !  , - .     #$             %)!&       %)!&   /+"  )  )  1   !  0.1 %   )  )    &o$ + - v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f 25 50 75 100 125 150 0.0 2.0 4.0 6.0 8.0 t , case temperature ( c) -i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)

   ' ! &      0 ' ! & /+"  #$  +! * &      q g q gs q gd v g charge 1 d.u.t. v d s i d i g -3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -  2  ,+ /+"   2  ,+    t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds v dd driver a 15v -20v  ; )  25 50 75 100 125 150 0 50 100 150 200 250 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom -1.7a -2.5a -3.9a

  
       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -      )  ? ,6, 
' ++,8  ? "  
' ++,8& 81
'b&b ? &o$&6
o ,'$   3  '
 /8    ,'  ? / -3 '8" ,

  ? 2'  ,+   ? / -/90" ,

 '' $'  < ''  3 6' +' 8 <&o$< '7 + )  () 4 5 333 )  %)< '/ 0
/6+ ,)&' 6&6
 ()***  (  ! 6*7(*%

       !"#!      %         12 in the ass embly line "a" ass embled on ww 16, 1999 example: wi t h as s e mb l y t his is an irfr120 lot code 1234 year 9 = 199 9 dat e code we e k 1 6 part number logo international rectifier as s e mb l y lot code 916a irfu120 34 year 9 = 1999 dat e code or p = designates lead-free product (optional) note: "p" in assembly line position i ndicates "l ead- f r ee" 12 34 we e k 16 a = assembly site code part number irfu120 line a logo lot code as s e mb l y int ernat ional rectifier

     !"#!      %             as s e mb l y example: wit h as s e mb l y this is an irfu120 ye ar 9 = 199 9 dat e code line a week 19 in the assembly line "a" as s emb led on ww 19, 1999 lot code 5678 part numbe r 56 irf u120 international logo rectifier lot code 919a 78 note: "p" in as s embly line pos i ti on i ndi cates "l ead- f r ee"  56 78 as s e mb l y lot code rectifier logo int ernational irfu120 part number we e k 19 dat e code year 9 = 1999 a = as s e mb l y s i t e code p = de s i gnat e s l e ad- f r e e product (optional)

 data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 12/04   $! % !!#       %         tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1 . controlling dimension : millimeter. 2 . all dimensions are shown in millimeters ( inches ). 3 . outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRFR9120NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X