Part Number Hot Search : 
12NK90Z SKI06073 8F400 GA128 041006KE 15A50 41791 BFU520A
Product Description
Full Text Search
 

To Download HMC479ST89E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 116 hmc479st89 / 479st89e sige hbt gain block mmic amplifier, dc - 5 ghz v02.0710 general description functional diagram the hmc479st89 & HMC479ST89E are sige heterojunction bipolar transistor (hbt) gain block mmic smt ampli ers covering dc to 5 ghz. packaged in an industry standard sot89, the ampli er can be used as a cascadable 50 ohm rf/if gain stage as well as a lo or pa driver with up to +20 dbm output power. the hmc479st89 offers 15 db of gain with a +33 dbm output ip3 at 850 mhz while requiring only 75 ma from a single positive supply. the darlington feedback pair used results in reduced sensitivity to normal process variations and excellent gain stability over temperature while requiring a minimal number of external bias components. p1db output power: +18 dbm gain: 15 db output ip3: +33 dbm cascadable 50 ohm i/os single supply: +5v to +12v industry standard sot89 package included in the hmc-dk001 designers kit typical applications the hmc479st89 / HMC479ST89E is an ideal rf/if gain block & lo or pa driver: ? cellular / pcs / 3g ? fixed wireless & wlan ? catv, cable modem & dbs ? microwave radio & test equipment electrical speci cations, vs= 8.0 v, rbias= 51 ohm, t a = +25 c note: data taken with broadband bias tee on device output. parameter min. typ. max. units gain dc - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 3.0 ghz 3.0 - 4.0 ghz 4.0 - 5.0 ghz 12.5 11. 5 10.5 9.5 8.5 15 13.5 12.5 11. 5 10.5 db db db db db gain variation over temperature dc - 5 ghz 0.008 0.012 db/ c input return loss dc - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 4.0 ghz 4.0 - 5.0 ghz 12 16 18 22 db db db db output return loss dc - 1.0 ghz 1.0 - 5.0 ghz 20 22 db db reverse isolation dc - 5 ghz 18 db output power for 1 db compression (p1db) 0.5 - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 3.0 ghz 3.0 - 4.0 ghz 4.0 - 5.0 ghz 15 13 11 10 8 18 16 14 13 11 dbm dbm dbm dbm output third order intercept (ip3) (pout= 0 dbm per tone, 1 mhz spacing) 0.5 - 1.0 ghz 1.0 - 2.5 ghz 2.5 - 4.0 ghz 4.0 - 5.0 ghz 33 30 25 23 dbm dbm dbm dbm noise figure dc - 3.0 ghz 3.0 - 5.0 ghz 4.0 4.5 db db supply current (icq) 75 ma features
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 117 output return loss vs. temperature broadband gain & return loss gain vs. temperature reverse isolation vs. temperature input return loss vs. temperature noise figure vs. temperature -40 -35 -30 -25 -20 -15 -10 -5 0 5 10 15 20 25 012345678 s21 s11 s22 response (db) frequency (ghz) 0 2 4 6 8 10 12 14 16 18 20 0123456 +25c +85c -40c gain (db) frequency (ghz) -30 -25 -20 -15 -10 -5 0 0123456 +25c +85c -40c input return loss (db) frequency (ghz) -40 -35 -30 -25 -20 -15 -10 -5 0 0123456 +25c +85c -40c output return loss (db) frequency (ghz) -25 -20 -15 -10 -5 0 123456 +25c +85c -40c reverse isolation (db) frequency (ghz) 0 1 2 3 4 5 6 7 8 9 10 0123456 +25c +85c -40c noise figure (db) frequency (ghz) hmc479st89 / 479st89e sige hbt gain block mmic amplifier, dc - 5 ghz v02.0710
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 118 gain, power & oip3 vs. supply voltage for constant icc= 72 ma @ 850 mhz p1db vs. temperature psat vs. temperature output ip3 vs. temperature vcc vs. icc over temperature for fixed vs= 8v, r bias = 51 ohms 0 2 4 6 8 10 12 14 16 18 20 22 0123456 +25c +85c -40c p1db (dbm) frequency (ghz) 0 2 4 6 8 10 12 14 16 18 20 22 0123456 +25c +85c -40c psat (dbm) frequency (ghz) 15 20 25 30 35 40 0123456 +25c +85c -40c oip3 (dbm) frequency (ghz) 66 68 70 72 74 76 78 80 82 3.8 3.9 4 4.1 4.2 4.3 4.4 4.5 4.6 icc (ma) vcc (vdc) +85c +25c -40c 0 6 12 18 24 30 36 56789101112 gain p1db psat ip3 gain (db), p1db (dbm), psat (dbm), ip3 (dbm ) vs (vdc) hmc479st89 / 479st89e sige hbt gain block mmic amplifier, dc - 5 ghz v02.0710
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 119 outline drawing absolute maximum ratings collector bias voltage (vcc) +6.0 vdc rf input power (rfin)(vcc = +4.2 vdc) +17 dbm junction temperature 150 c continuous pdiss (t = 85 c) (derate 14.76 mw/c above 85 c) 0.960 w thermal resistance (junction to lead) 67.6 c/w storage temperature -65 to +150 c operating temperature -40 to +85 c part number package body material lead finish msl rating package marking [3] hmc479st89 low stress injection molded plastic sn/pb solder msl1 [1] h479 xxxx HMC479ST89E rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] h479 xxxx [1] max peak re ow temperature of 235 c [2] max peak re ow temperature of 260 c [3] 4-digit lot number xxxx package information hmc479st89 / 479st89e sige hbt gain block mmic amplifier, dc - 5 ghz v02.0710 electrostatic sensitive device observe handling precautions notes: 1. package body material: molding compound mp-180s or equivalent. 2. lead material: cu w/ ag spot plating. 3. lead plating: 100% matte tin. 4. dimensions are in inches [millimeters] 5. dimension does not include moldflash of 0.15mm per side. 6. dimension does not include moldflash of 0.25mm per side. 7. all ground leads must be soldered to pcb rf ground.
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 120 application circuit recommended component values for key application frequencies component frequency (mhz) 50 900 1900 2200 2400 3500 5000 l1 270 nh 56 nh 18 nh 18 nh 15 nh 8.2 nh 6.8 nh c1, c2 0.01 f 100 pf 100 pf 100 pf 100 pf 100 pf 100 pf note: 1. external blocking capacitors are required on rfin and rfout. 2. r bias provides dc bias stability over temperature. recommended bias resistor values for icc= 75 ma, rbias= (vs - vcc) / icc supply voltage (vs) 5v 6v 8v 10v 12v r bias v alue 13 27 51 82 110 r bias p ower r ating 1/8 w 1/4 w 1/2 w 1/2 w 1 w hmc479st89 / 479st89e sige hbt gain block mmic amplifier, dc - 5 ghz v02.0710 pin descriptions pin number function description interface schematic 1rfin this pin is dc coupled. an off chip dc blocking capacitor is required. 3 rfout rf output and dc bias (vcc) for the output stage. 2, 4 gnd these pins and package bottom must be connected to rf/ dc ground.
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 121 evaluation pcb the circuit board used in the nal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads and package bottom should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation board should be mounted to an appropriate heat sink. the evaluation circuit board shown is available from hittite upon request. list of materials for evaluation pcb 108323 [1] item description j1 - j2 pcb mount sma connector j3 - j4 dc pin c1, c2 capacitor, 0402 pkg. c3 100 pf capacitor, 0402 pkg. c4 1000 pf capacitor, 0603 pkg. c5 2.2 f capacitor, tantalum r1 resistor, 1210 pkg. l1 inductor, 0603 pkg. u1 hmc479st89 / HMC479ST89E pcb [2] 107368 evaluation pcb [1] reference this number when ordering complete evaluation pcb [2] circuit board material: rogers 4350 hmc479st89 / 479st89e sige hbt gain block mmic amplifier, dc - 5 ghz v02.0710


▲Up To Search▲   

 
Price & Availability of HMC479ST89E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X