Part Number Hot Search : 
MTP2N20 V38CP20 6047611 CY8C241 MPW2033 LH1056A 06PBF 66101
Product Description
Full Text Search
 

To Download HMC392LH509 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com low noise amplifiers - smt 8 8 - 90 hmc392lh5 gaas mmic low noise amplifier, 3.5 - 7.0 ghz v00.0707 general description features functional diagram the hmc392lh5 is a gaas mmic low noise ampli er packaged in a hermetic surface mount package which operates between 3.5 and 7 ghz. the ampli er provides 15.4 db of gain, 2.5 db noise gure, and +24.5 dbm output ip3 from a single+5v supply. the hmc392lh5 has six biasing options which allow the user to select the bias point and output power of the device (+13 to +17 dbm). the hmc392lh5 functions well as a low noise or driver ampli er and is ideal for driving the lo port of hittite mixers. the hmc392lh5 is well suited for high reliability military, industrial and space applications. high gain: 15.4 db low noise figure: 2.5 db single positive supply: +5v dc blocked & 50 ohm matched rf i/os no external matching components required hermetic smt package, 25 mm 2 electrical speci cations , t a = +25 c, vdd = +5v, ps4= ps8= gnd typical applications the hmc392lh5 is ideal for: ? point-to-point radios ? vsat ? lo driver for hmc mixers ? military ew, ecm, c 3 i ? space parameter min. typ. max. min. typ. max. units frequency range 4 - 6 3.5 - 7 ghz gain 12.8 15.4 12 15.2 db gain variation over temperature 0.018 0.025 0.018 0.025 db/ c noise figure 2.5 3.2 2.7 3.7 db input return loss 15 12 db output return loss 17 15 db output power for 1 db compression (p1db) 11 13.5 14 dbm saturated output power (psat) 17.5 17.5 dbm output third order intercept (ip3) 22 24.5 21 24.5 dbm supply current (idd) 43 60 43 60 ma note: data taken with pins ps4 & ps8 connected to ground and pins ps3, ps4, ps6 & ps7 unconnected (state 5) unless otherwise noted.
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com low noise amplifiers - smt 8 8 - 91 input return loss vs. temperature output return loss vs. temperature broadband gain & return loss gain vs. temperature noise figure vs. temperature reverse isolation vs. temperature -30 -20 -10 0 10 20 23456789 s21 s11 s22 response (db) frequency (ghz) -25 -20 -15 -10 -5 0 345678 +25c +85c - 40c return loss (db) frequency (ghz) -25 -20 -15 -10 -5 0 345678 +25c +85c - 40c return loss (db) frequency ( ghz ) -60 -50 -40 -30 -20 -10 0 345678 +25c +85c - 40c isolation (db) frequency ( ghz ) 0 1 2 3 4 5 345678 +25c +85c - 40c noise figure (db) frequency (ghz) 6 8 10 12 14 16 18 20 345678 +25 c +85 c -40 c gain (db) frequency (ghz) hmc392lh5 v00.0707 gaas mmic low noise amplifier, 3.5 - 7.0 ghz
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com low noise amplifiers - smt 8 8 - 92 output ip3 vs. temperature gain, noise figure & output power vs. supply voltage @ 5.5 ghz output p1db vs. temperature psat vs. temperature output p1db vs. power select state gain & noise figure vs. power select state 0 4 8 12 16 20 4.5 4.7 5 5.2 5.5 gain noise figure p1db gain (db), noise figure (db), p1db (dbm) vdd ( v ) 20 22 24 26 28 30 32 345678 +25c +85c - 40c ip3 (dbm) frequency ( ghz ) 10 12 14 16 18 20 22 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 +25c +85c - 40c psat (dbm) frequency ( ghz ) 10 12 14 16 18 20 345678 +25c +85c - 40c p1db (dbm) frequency (ghz) 10 12 14 16 18 20 22 24 345678 state 1 idd=60ma state 2 idd=50ma state 3 idd=43ma state 4 idd=53ma state 5 idd=43ma state 6 idd=38ma p1db (dbm) frequency (ghz) 0 3 6 9 12 15 18 345678 gain state 1 gain state 2 gain state 3 gain state 4 gain state 5 gain state 6 nf state 1 nf state 2 nf state 3 nf state 4 nf state 5 nf state 6 gain, noise figure (db) frequency (ghz) hmc392lh5 v00.0707 gaas mmic low noise amplifier, 3.5 - 7.0 ghz
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com low noise amplifiers - smt 8 8 - 93 power compression @ 5.5 ghz absolute maximum ratings drain bias voltage (vdd) +8 vdc rf input power (rfin)(vdd = +5 vdc) +10 dbm channel temperature 175 c continuous pdiss (t= 85 c) (derate 6.99 mw/c above 85 c) 0.629 w thermal resistance (channel to ground paddle) 143.08 c/ w storage temperature -65 to +150 c operating temperature -40 to +85 c typical supply current vs. vdd vdd (vdc) idd (ma) +4.5 43 +5.0 44 +5.5 45 (state 5 depicted) electrostatic sensitive device observe handling precautions notes: 1. package body material: ceramic & kovar 2. lead and ground paddle plating: gold 40 - 80 microinches. 3. dimensions are in inches [millimeters]. 4. lead spacing tolerance is non-cumulative 5. pad burr length 0.15mm max. pad burr height 0.25mm max. 6. all ground leads and ground paddle must be soldered to pcb rf ground. outline drawing 0 5 10 15 20 -15 -13 -11 -9 -7 -5 -3 -1 1 3 5 pout gain pae pout (dbm), gain (db), pae (%) input power (dbm) hmc392lh5 v00.0707 gaas mmic low noise amplifier, 3.5 - 7.0 ghz
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com low noise amplifiers - smt 8 8 - 94 pin descriptions pin number function description interface schematic 2 rfin this pin is ac coupled and matched to 50 ohms. 12 11 power select ps3 ps4 one of these pins must be connected to ground and one must be unconnected. see power select table for selection criteria. 6 5 4 power select ps7 ps8 ps9 one of these pins must be connected to ground and two must be unconnected. see power select table for selection criteria. 10 vdd power supply voltage for ampli er. external bypass 100pf, 1000pf and 4.7 f are required. 8 rfout this pin is ac coupled and matched to 50 ohms. 1, 3, 7, 9 gnd these pins and package bottom must be connected to rf/dc ground. power select table state pins connected to ground typical idd (ma) typical output p1db (dbm) typical gain (db) typical noise figure (db) 1 ps3 & ps7 60 16.8 16.0 2.7 2 ps3 & ps8 50 15.7 15.5 2.7 3 ps3 & ps9 43 13.5 15.3 2.9 4 ps4 & ps7 53 15.5 15.4 2.9 5 ps4 & ps8 43 14.0 15.2 2.7 6 ps4 & ps9 38 12.8 15.2 2.7 hmc392lh5 v00.0707 gaas mmic low noise amplifier, 3.5 - 7.0 ghz
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com low noise amplifiers - smt 8 8 - 95 evaluation pcb item description j1, j2 sma j3 - j4 dc pin c1 100 pf capacitor, 0402 pkg. c2 1,000 pf capacitor, 0603 pkg. c3 4.7 f capacitor, tantalum u1 hmc392lh5 ampli er pcb [2] 117429 evaluation pcb [1] reference this number when ordering complete evaluation pcb [2] circuit board material: rogers 4350. list of materials for evaluation pcb 117431 [1] the circuit board used in this application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation board should be mounted to an appro- priate heat sink. the evaluation circuit board shown is available from hittite upon request. hmc392lh5 v00.0707 gaas mmic low noise amplifier, 3.5 - 7.0 ghz


▲Up To Search▲   

 
Price & Availability of HMC392LH509

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X