Part Number Hot Search : 
244R7 PD5616S MUPTB10 2N684 AN311 GT15J101 BH6513F HAL220
Product Description
Full Text Search
 

To Download DBLS159G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326854 ? glass passivated junction ? small size, simple installation mechanical data dbls15xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol dbls 151g dbls 152g dbls 153g dbls 154g dbls 155g dbls 156g dbls 157g dbls 158g dbls 159g unit v rrm 50 100 200 400 600 800 1000 1200 1400 v v rms 35 70 140 280 420 560 700 840 980 v v dc 50 100 200 400 600 800 1000 1200 1400 v i 2 t a 2 s t j o c t stg o c ? high surge current capability ? high temperature soldering guaranteed: 260 / 10 seconds at 5lbs., (2.3kg) tension rating for fusing (t<8.3ms) 10.3 peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 50 a v f notes 2: mounted on p.c.b. with 0.4" x 0.4" (10mm x 10 mm) copper pads 5 500 40 15 - 55 to + 150 - 55 to + 150 notes 1: pulse test with pw=300 usec, 1% duty cycle r ja r jl typical thermal resistance (note 2) type number operating temperature range storage temperature range version:g11 o c/w dbls151g - DBLS159G marking diagram dbls v single phase 1.5amp. glass passivated bridge rectifiers features ? ideal for printed circuit board ? weight: 0.36 grams ? reliable low cost construction utilizing molded plastic technique maximum instantaneous forward voltage (note 1) @1.5a ua ? case: dbls maximum dc reverse current @t a =25 at rated dc block voltage @ t a =125 i r maximum repetitive peak reverse voltage maximum rms voltage maximum average forward rectified current @t a =40 i f(av) 1.5 ? green compound with suffix "g" on packing code & prefix "g" on datecode ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 1.25 maximum dc blocking voltage ? mounting position: as marking 1.1 dimensions in inches and (millimeters) a pb rohs compliance rohs compliance
version:g11 ratings and characteristic curves (dbls151g thru DBLS159G) fig.1 forward current derating curve 0 0.5 1 1.5 2 0 20 40 60 80 100 120 140 160 ambient temperature ( o c) average forward current (a) fig. 3 maximum non-repetitive forward surge current 0 10 20 30 40 50 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave (jedec method) fig. 2 typical reverse characteristics 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=125 fig. 4 typical junction capacitance 1 10 100 1 10 100 reverse voltage (v) capacitance (pf) a fig. 5 typical forward characterisrics 0.01 0.1 1 10 0.4 0.6 0.8 1 1.2 1.4 forward voltage (v) instantaneous forward current (a) dbls151g - dbls158g -


▲Up To Search▲   

 
Price & Availability of DBLS159G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X