Part Number Hot Search : 
LTC4221 LBS14102 LBS14102 FT441 3I4A2 LD7202 2402A APL5930
Product Description
Full Text Search
 

To Download CY7C1386DV25-250BZXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18-mbit (512k x 36/1m x 18) pipelined dcd sync sram cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 38-05548 rev. *e revised feburary 15, 2007 features ? supports bus operation up to 250 mhz ? available speed grades are 250, 200, and 167 mhz ? registered inputs and outputs for pipelined operation ? optimal for performance (double-cycle deselect) ? depth expansion without wait state ?2.5v + 5% power supply (v dd ) ? fast clock-to-output times, 2.6 ns (for 250 mhz device) ? provides high-performance 3-1-1-1 access rate ? user selectable burst counter supporting intel ? pentium ? interleaved or linear burst sequences ? separate processor and controller address strobes ? synchronous self timed writes ? asynchronous output enable ? cy7c1386dv25/cy7c1387dv25 available in jedec-standard pb-free 100-pin tqfp, pb-free and non pb-free 165-ball fbga package. cy7c1386fv25/cy7c1387fv25 available in pb-free and non pb-free 119-ball bga package ? ieee 1149.1 jtag-compatible boundary scan ? zz sleep mode option functional description [1] the cy7c1386dv25/cy7c1387dv25/cy7c1386fv25/ cy7c1387fv25 sram integrates 512k x 36 and 1m x 18 sram cells with advanced synchronous peripheral circuitry and a two-bit counter for inte rnal burst operation. all synchronous inputs are gated by registers controlled by a positive edge triggered clock input (clk). the synchronous inputs include all addresses, all data inputs, address-pipelining chip enable (ce 1 ), depth expansion chip enables (ce 2 and ce 3 [2] ), burst control inputs (adsc , adsp , and adv ), write enables (bw x , and bwe ), and global write (gw ). asynchronous inputs include the output enable (oe ) and the zz pin. addresses and chip enables are registered at rising edge of clock when either address strobe processor (adsp ) or address strobe controller (adsc ) are active. subsequent burst addresses can be internally generated as controlled by the advance pin (adv ). address, data inputs, and write controls are registered on-chip to initiate a self timed write cycle.this part supports byte write operations (see pin definitions on page 6 and truth table [4, 5, 6, 7, 8, 9] on page 9 for further details). write cycles can be one to four bytes wide as contro lled by the byte write control inputs. gw active low causes all bytes to be written. this device incorporates an additional pipelined enable register which delays turning off the out put buffers an ad ditional cycle when a deselect is executed. this feature allows depth expansion without pena lizing system performance. the cy7c1386dv25/cy7c1387dv25/cy7c1386fv25/ cy7c1387fv25 operates from a +2.5v power supply. all inputs and outputs are jedec-standard and jesd8-5-compatible. selection guide 250 mhz 200 mhz 167 mhz unit maximum access time 2.6 3.0 3.4 ns maximum operating current 350 300 275 ma maximum cmos standby current 70 70 70 ma notes 1. for best practices or recommendations, please refer to the cypress application note an1064, sram system design guidelines on www.cypress.com . 2. ce 3, ce 2 are for tqfp and 165 fbga packages only. 119 bga is offered only in 1 chip enable. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 2 of 30 logic block diagram ? cy7c1386dv25/cy7c1386fv25 [3] (512k x 36) logic block diagram ? cy7c1387dv25/cy7c1387fv25 [3] (1m x 18) address register adv clk burst counter and logic clr q1 q0 adsp adsc mode bw d bw c bw b bw a bwe gw ce 1 ce 2 ce 3 oe dq d, dqp d byte write register dq c ,dqp c byte write register dq b ,dqp b byte write register dq a, dqp a byte write register enable register pipelined enable output registers sense amps memory array output buffers dq a, dqp a byte write driver dq b ,dqp b byte write driver dq c ,dqp c byte write driver dq d, dqp d byte write driver input registers a0,a1,a a[1:0] control zz e 2 dqs dqp a dqp b dqp c dqp d address register adv clk burst counter and clr q1 q0 adsc bw b bw a ce 1 dq b, dqp b byte write register dq a , dqp byte write register enable register oe sense amps memory array adsp 2 a [1:0] mode ce 2 ce 3 bwe pipelined enable dq s, dqp a dqp b output registers input registers e output buffers dq b , dqp b byte dq a, dqp a byte sleep control a0, a1, a note 3. cy7c1386fv25 and cy7c1387fv25 have only 1 chip enable (ce 1 ). [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 3 of 30 pin configurations a a a a a 1 a 0 nc/72m nc/36m v ss v dd a a a a a a a a dqp b dq b dq b v ddq v ssq dq b dq b dq b dq b v ssq v ddq dq b dq b v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a dq a dq a v ssq v ddq dq a dq a dqp a dqp c dq c dq c v ddq v ssq dq c dq c dq c dq c v ssq v ddq dq c dq c v dd nc v ss dq d dq d v ddq v ssq dq d dq d dq d dq d v ssq v ddq dq d dq d dqp d a a ce 1 ce 2 bw d bw c bw b bw a ce 3 v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 mode cy7c1386dv25 (512k x 36) nc a a a a a 1 a 0 nc/72m nc/36m v ss v dd a a a a a a a a a nc nc v ddq v ssq nc dqp a dq a dq a v ssq v ddq dq a dq a v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a nc nc v ssq v ddq nc nc nc nc nc nc v ddq v ssq nc nc dq b dq b v ssq v ddq dq b dq b v dd nc v ss dq b dq b v ddq v ssq dq b dq b dqp b nc v ssq v ddq nc nc nc a a ce 1 ce 2 nc nc bw b bw a ce 3 v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 mode cy7c1387dv25 (1m x 18) nc 100-pin tqfp pinout (3 chip enables) a a [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 4 of 30 pin configurations (continued) 234567 1 a b c d e f g h j k l m n p r t u v ddq nc/288m nc/144m dqp c dq c dq d dq c dq d aa aa adsp v ddq a dq c v ddq dq c v ddq v ddq v ddq dq d dq d nc nc v ddq v dd clk v dd v ss v ss v ss v ss v ss v ss v ss v ss nc/576m nc/1g nc nc tdo tck tdi tms nc/36m nc/72m nc v ddq v ddq v ddq aaa a a a a a a a a a0 a1 dq a dq c dq a dq a dq a dq b dq b dq b dq b dq b dq b dq b dq a dq a dq a dq a dq b v dd dq c dq c dq c v dd dq d dq d dq d dq d adsc nc ce 1 oe adv gw v ss v ss v ss v ss v ss v ss v ss v ss dqp a mode dqp d dqp b bw b bw c nc v dd nc bw a nc bwe bw d zz 2 34567 1 a b c d e f g h j k l m n p r t u v ddq nc/288m nc/144m nc dq b dq b dq b dq b aa aa adsp v ddq a nc v ddq nc v ddq v ddq v ddq nc nc nc nc/72m v ddq v dd clk v dd v ss v ss v ss v ss v ss v ss v ss v ss nc/576m nc/1g nc nc tdo tck tdi tms a a nc v ddq v ddq v ddq a nc/36m a a a a a a a a a a0 a1 dq a dq b nc nc dq a nc dq a dq a nc nc dq a nc dq a nc dq a nc dq a v dd nc dq b nc v dd dq b nc dq b nc adsc nc ce 1 oe adv gw v ss v ss v ss v ss v ss v ss v ss v ss nc mode dqp b dqp a nc bw b nc v dd nc bw a nc bwe nc zz cy7c1387fv25 (1m x 18) cy7c1386fv25 (512k x 36) 119-ball bga (1 chip enable) a a [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 5 of 30 pin configurations (continued) 165-ball fbga pinout (3 chip enable) cy7c1386dv25 (512k x 36) 234 567 1 a b c d e f g h j k l m n p r tdo nc/288m nc/144m dqp c dq c dqp d nc dq d ce 1 bw b ce 3 bw c bwe a ce 2 dq c dq d dq d mode nc dq c dq c dq d dq d dq d nc/36m nc/72m v ddq bw d bw a clk gw v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck v ss tdi a a dq c v ss dq c v ss dq c dq c nc v ss v ss v ss v ss nc v ss a1 dq d dq d nc nc v ddq v ss tms 891011 a adv a adsc nc oe adsp a nc/576m v ss v ddq nc/1g dqp b v ddq v dd dq b dq b dq b nc dq b nc dq a dq a v dd v ddq v dd v ddq dq b v dd nc v dd dq a v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq dq a v ddq a a v ss a a a dq b dq b dq b zz dq a dq a dqp a dq a a v ddq a cy7c1387dv25 (1m x 18) a0 a v ss 234 567 1 a b c d e f g h j k l m n p r tdo nc/288m nc/144m nc nc dqp b nc dq b a ce 1 nc ce 3 bw b bwe a ce 2 nc dq b dq b mode nc dq b dq b nc nc nc nc/36m nc/72m v ddq nc bw a clk gw v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd ?v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck a0 v ss tdi a a dq b v ss nc v ss dq b nc nc v ss v ss v ss v ss nc v ss a1 dq b nc nc nc v ddq v ss tms 891011 a adv a adsc a oe adsp a nc/576m v ss v ddq nc/1g dqp a v ddq v dd nc dq a dq a nc nc nc dq a nc v dd v ddq v dd v ddq dq a v dd nc v dd nc v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq nc v ddq a a v ss a a a dq a nc nc zz dq a nc nc dq a a v ddq a a a [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 6 of 30 pin definitions name io description a 0 , a 1 , a input- synchronous address inputs used to select one of the address locations . sampled at the rising edge of the clk if adsp or adsc is active low, and ce 1 , ce 2 , and ce 3 [2] are sampled active. a1: a0 are fed to the two-bit counter. . bw a , bw b bw c , bw d input- synchronous byte write select inputs, active low . qualified with bwe to conduct byte writes to the sram. sampled on the rising edge of clk. gw input- synchronous global write enable input, active low . when asserted low on the rising edge of clk, a global write is conducted (all bytes are written, regardless of the values on bw x and bwe ). bwe input- synchronous byte write enable input, active low . sampled on the rising edge of clk. this signal must be asserted low to conduct a byte write. clk input- clock clock input . used to capture all synchronous inputs to the device. also used to increment the burst counter when adv is asserted low, during a burst operation. ce 1 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 and ce 3 [2] to select or deselect the device. adsp is ignored if ce 1 is high. ce 1 is sampled only when a new external address is loaded. ce 2 [2] input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 [2] to select or deselect the device. ce 2 is sampled only when a new external address is loaded. ce 3 [2] input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select or deselect the device. not connected for bga. where referenced, ce 3 [2] is assumed active throughout this document for bga. ce3 is sampled only when a new external address is loaded. oe input- asynchronous output enable, asynchronous input, active low . controls the direction of the io pins. when low, the io pins behave as outputs. when deasserted high, dq pins are tri-stated, and act as input data pins. oe is masked during the first clock of a read cycle when emerging from a deselected state. adv input- synchronous advance input signal, sampled on the rising edge of clk, active low . when asserted, it automatically increm ents the address in a burst cycle. adsp input- synchronous address strobe from processor, sampled on the rising edge of clk, active low . when asserted low, addresses presented to the device are captured in the address registers. a1: a0 are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. asdp is ignored when ce 1 is deasserted high. adsc input- synchronous address strobe from controller, sample d on the rising edge of clk, active low . when asserted low, addresses presented to the device are captured in the address registers. a1: a0 are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. zz input- asynchronous zz sleep input, active high . when asserted high places the device in a non-time-critical sleep condition with data integrity preserved. for normal operation, this pin has to be low or left floating. zz pin has an internal pull down. dqs, dqps io- synchronous bidirectional data io lines . as inputs, they feed into an on-chip data register that is triggered by the rising edge of clk. as outputs, they deliver the data contained in the memory location specified by t he addresses presented during the previous clock rise of the read cycl e. the direction of the pins is controlled by oe . when oe is asserted low, the pins behave as outputs. when high, dqs and dqp x are placed in a tri-state condition. v dd power supply power supply inputs to the core of the device . [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 7 of 30 functional overview all synchronous inputs pass through input registers controlled by the rising edge of the clock. all data outputs pass through output registers controlled by the rising edge of the clock. the cy7c1386dv25/cy7c 1387dv25/cy7c1386fv25/ cy7c1387fv25 supports secondary cache in systems using either a linear or interleaved burst sequence. the interleaved burst order supports pentium ? and i486 ? processors. the linear burst sequence is suited for processors that use a linear burst sequence. the burst orde r is user selectable, and is determined by sampling the mode input. accesses can be initiated with either the proc essor address strobe (adsp ) or the controller address strobe (adsc ). address advancement through the burst sequence is controlled by the adv input. a two-bit on-chip wraparound burs t counter captur es the first address in a burst sequence and automatically increments the address for the rest of the burst access. byte write operations are qualifie d with the byte write enable (bwe ) and byte write select (bw x ) inputs. a global write enable (gw ) overrides all byte write inputs and writes data to all four bytes. all writes are simplified with on-chip synchronous self timed write circuitry. synchronous chip selects ce 1 , ce 2 , ce 3 [2] and an asynchronous output enable (oe ) provide for easy bank selection and output tri-state control. adsp is ignored if ce 1 is high. single read accesses this access is initiated when the following conditions are satisfied at clock rise: (1) adsp or adsc is asserted low, (2) chip selects are all asserted active, and (3) the write signals (gw , bwe ) are all deasserted high. adsp is ignored if ce 1 is high. the address presented to the address inputs is stored into the address advancement logic and the address register while being presented to the memory core. the corresponding data is allowed to propagate to the input of the output registers. at the rising edge of the next clock the data is allowed to propagate through the output register and onto the data bus within t co if oe is active low. the only exception occurs when the sram is emerging from a deselected state to a selected state, its outputs are always tri-stated during the first cycle of the access. after the first cycle of the access, the outputs are controlled by the oe signal. consecutive single read cycles are supported. the cy7c1386dv25/cy7c1387dv25/cy7c1386fv25/ cy7c1387fv25 is a double-cycl e deselect part. once the sram is deselected at clock rise by the chip select and either adsp or adsc signals, its output will tri-state immediately after the next clock rise. single write accesses initiated by adsp this access is initiated when both of the following conditions are satisfied at cl ock rise: (1) adsp is asserted low, and (2) chip select is asserted active. the address presented is loaded into the address register and the address advancement logic while being delivered to the memory core. v ss ground ground for the core of the device . v ssq io ground ground for the io circuitry . v ddq io power supply power supply for the io circuitry . mode input- static selects burst order . when tied to gnd selects linear burst sequence. when tied to v dd or left floating selects interleaved burst sequence. this is a strap pin and must remain static during device operat ion. mode pin has an internal pull up. tdo jtag serial output synchronous serial data-out to the jtag circuit . delivers data on the negative edge of tck. if the jtag feature is not used, this pi n must be disconnected. this pin is not available on tqfp packages. tdi jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. if the jtag feature is not used, this pin can be disconnected or connected to v dd . this pin is not available on tqfp packages. tms jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. if the jtag feature is not used, this pin can be disconnected or connected to v dd . this pin is not available on tqfp packages. tck jtag- clock clock input to the jtag circuitry . if the jtag feature is not used, this pin must be connected to v ss . this pin is not available on tqfp packages. nc ? no connects . not internally connected to the die nc/(36m, 72m, 144m, 288m, 576m, 1g) ? these pins are not connected . they will be used for expansion to the 36m, 72m, 144m, 288m, 576m, and 1g densities. pin definitions (continued) name io description [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 8 of 30 the write signals (gw , bwe , and bw x ) and adv inputs are ignored during this first cycle. adsp triggered write accesses require two clock cycles to complete. if gw is asserted low on the second clock rise, the data presented to the dq x inputs is written into the corresponding address location in the memory core. if gw is high, then the write operat ion is controlled by bwe and bw x signals. the cy7c1386dv25/cy7c 1387dv25/cy7c1386fv25/ cy7c1387fv25 provides byte write capability that is described in the write cycle descr iption table. asserting the byte write enable input (bwe ) with the selected byte write input will selectively write to only the desired bytes. bytes not selected during a byte write operation will remain unaltered. a synchronous self timed write mechanism has been provided to simplify the wr ite operations. the cy7c1386dv25/cy7c 1387dv25/cy7c1386fv25/ cy7c1387fv25 is a common io device, the output enable (oe ) must be deasserted high before presenting data to the dq inputs. doing so will tri-state the output drivers. as a safety precaution, dq are automatically tri-stated whenever a write cycle is detected, regardless of the state of oe . single write accesses initiated by adsc adsc write accesses are initiated when the following conditions are satisfied: (1) adsc is asserted low, (2) adsp is deasserted high, (3) chip sele ct is asserted active, and (4) the appropriate combination of the write inputs (gw , bwe , and bw x ) are asserted active to conduct a write to the desired byte(s). adsc triggered write accesses require a single clock cycle to complete. the address presented is loaded into the address register and the address advancement logic while being delivered to the memory core. the adv input is ignored during this cycle. if a global write is conducted, the data presented to the dq x is written into the corresponding address location in the memory core. if a byte write is conducted, only the selected bytes are written. bytes not selected during a byte write operation will remain u naltered. a synchronous self timed write mechanism has been provided to simplify the write operations. the cy7c1386dv25/cy7c 1387dv25/cy7c1386fv25/ cy7c1387fv25 is a common io device, the output enable (oe ) must be deasserted high before presenting data to the dq x inputs. doing so will tri-state the output drivers. as a safety precaution, dq x are automatically tri-stated whenever a write cycle is detected, regardless of the state of oe . burst sequences the cy7c1386dv25/cy7c1387dv25/cy7c1386fv25/ cy7c1387fv25 provides a two-bit wraparound counter, fed by a [1:0] , that implements either an interleaved or linear burst sequence. the interleaved burst sequence is designed specifically to support intel pentium applications. the linear burst sequence is designed to support processors that follow a linear burst sequence. the burs t sequence is user selectable through the mode input. asserting adv low at clock rise will automatically increment the burst counter to the next address in the burst sequence. both read and write burst operations are supported. sleep mode the zz input pin is an asynchronous input. asserting zz places the sram in a power conservation sleep mode. two clock cycles are required to enter into or exit from this sleep mode. while in this mode, data integrity is guaranteed. accesses pending when entering the sleep mode are not considered valid nor is the completion of the operation guaranteed. the device must be deselected prior to entering the sleep mode. ce s, adsp , and adsc must remain inactive for the duration of t zzrec after the zz input returns low . interleaved burst address table (mode = floating or vdd) first address a1: a0 second address a1: a0 third address a1: a0 fourth address a1: a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 linear burst address table (mode = gnd) first address a1: a0 second address a1: a0 third address a1: a0 fourth address a1: a0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 9 of 30 zz mode electrical characteristics parameter description test conditions min. max. unit i ddzz sleep mode standby current zz > v dd ? 0.2v 80 ma t zzs device operation to zz zz > v dd ? 0.2v 2t cyc ns t zzrec zz recovery time zz < 0.2v 2t cyc ns t zzi zz active to sleep current th is parameter is sampled 2t cyc ns t rzzi zz inactive to exit sleep current this parameter is sampled 0 ns truth table [4, 5, 6, 7, 8, 9] operation add. used ce 1 ce 2 ce 3 zz adsp adsc adv write oe clk dq deselect cycle, power down none h x x l x l x x x l-h tri-state deselect cycle, power down none l l x l l x x x x l-h tri-state deselect cycle, power down none l x h l l x x x x l-h tri-state deselect cycle, power down none l l x l h l x x x l-h tri-state deselect cycle, power down none l x h l h l x x x l-h tri-state sleep mode, power down none x x x h x x x x x x tri-state read cycle, begin burs t external l h l l l x x x l l-h q read cycle, begin burst ext ernal l h l l l x x x h l-h tri-state write cycle, begin burst external l h l l h l x l x l-h d read cycle, begin burs t external l h l l h l x h l l-h q read cycle, begin burst ext ernal l h l l h l x h h l-h tri-state read cycle, continue burst next x x x l h h l h l l-h q read cycle, continue burst next x x x l h h l h h l-h tri-state read cycle, continue burst next h x x l x h l h l l-h q read cycle, continue burst next h x x l x h l h h l-h tri-state write cycle, continue burst next x x x l h h l l x l-h d write cycle, continue burst next h x x l x h l l x l-h d read cycle, suspend burst current x x x l h h h h l l-h q read cycle, suspend burst current x x x l h h h h h l-h tri-state read cycle, suspend burst current h x x l x h h h l l-h q read cycle, suspend burst current h x x l x h h h h l-h tri-state write cycle, suspend burst current x x x l h h h l x l-h d write cycle, suspend burst current h x x l x h h l x l-h d notes 4. x = don't care, h = logic high, l = logic low. 5. write = l when any one or more byte write enable signals and bwe = l or gw = l. write = h when all byte write enable signals, bwe , gw = h. 6. the dq pins are controlled by the current cycle and the oe signal. oe is asynchronous and is not sampled with the clock. 7. ce 1 , ce 2 , and ce 3 are available only in the tqfp package. bga package has only 2 chip selects ce 1 and ce 2 . 8. the sram always initiates a read cycle when adsp is asserted, regardless of the state of gw , bwe , or bw x . writes may occur only on subsequent clocks after the adsp or with the assertion of adsc . as a result, oe must be driven high prior to the start of t he write cycle to allow the outputs to tri-state. oe is a don't care for the remainder of the write cycle. 9. oe is asynchronous and is not sampled with the clock rise. it is masked internally during writ e cycles. during a read cycle all d ata bits are tri-state when oe is inactive or when the device is deselected, and all dat a bits behave as output when oe is active (low). [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 10 of 30 partial truth table for read/write [5, 10] function (cy7c1386dv25/cy7c1386fv25) gw bwe bw d bw c bw b bw a read hhxxxx read hlhhhh write byte a ? (dq a and dqp a ) hlhhhl write byte b ? (dq b and dqp b )hlhhlh write bytes b, a h l h h l l write byte c ? (dq c and dqp c ) hlhlhh write bytes c, a h l h l h l write bytes c, b h l h l l h write bytes c, b, a h l h l l l write byte d ? (dq d and dqp d ) hl lhhh write bytes d, a h l l h h l write bytes d, b h l l h l h write bytes d, b, a h l l h l l write bytes d, c h l l l h h write bytes d, c, a h l l l h l write bytes d, c, b hllllh write all bytes hlllll write all bytes lxxxxx truth table for read/write [5, 10] function (cy7c1387dv25/cy7c1387fv25) gw bwe bw b bw a read h h x x read h l h h write byte a ? (dq a and dqp a )hlhl write byte b ? (dq b and dqp b )hllh write all bytes h l l l write all bytes l x x x note 10. table only lists a partial listing of the by te write combinations. any combination of bw x is valid appropriate write will be done based on which byte write is active. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 11 of 30 ieee 1149.1 serial boundary scan (jtag) the cy7c1386dv25/cy7c 1387dv25/cy7c1386fv25/ cy7c1387fv25 incorporates a serial boundary scan test access port (tap).this part is fully compliant with 1149.1. the tap operates using jedec-standard 3.3v or 2.5v io logic levels. the cy7c1386dv25/cy7c 1387dv25/cy7c1386fv25/ cy7c1387fv25 contains a tap controller, instruction register, boundary scan register, bypass register, and id register. disabling the jtag feature it is possible to operate t he sram without using the jtag feature. to disable the tap controller, tck must be tied low (v ss ) to prevent clocking of the device. tdi and tms are internally pulled up and may be unconnected. they may alternately be connected to v dd through a pull up resistor. tdo should be left unconnected. upon power up, the device will come up in a reset state which will not interfere with the operation of the device. tap controller state diagram the 0 or 1 next to each state represents the value of tms at the rising edge of tck. test access port (tap) test clock (tck) the test clock is used only with the tap controller. all inputs are captured on the rising edge of tck. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. this pin may be left unconnected if the tap is not used. the ball is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi ball is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information on loading the instruction register, see tap controller state diagram . tdi is internally pulled up and can be unconnected if the tap is unu sed in an application. tdi is connected to the most signific ant bit (msb) of any register. (see tap controller block diagram .) test data-out (tdo) the tdo output ball is used to serially clock data out from the registers. the output is active depending upon the current state of the tap state machine. the output changes on the falling edge of tck. tdo is con nected to the least significant bit (lsb) of any register. (see tap controller state diagram .) tap controller block diagram performing a tap reset a reset is performed by forcing tms high (v dd ) for five rising edges of tck. this reset does not affect the operation of the sram and may be performed while the sram is operating. at power up, the tap is reset internally to ensure that tdo comes up in a high-z state. tap registers registers are connected between the tdi and tdo balls and allow data to be scanned into and out of the sram test circuitry. only one register can be selected at a time through the instruction register. data is serially loaded into the tdi ball on the rising edge of tck. data is output on the tdo ball on the falling edge of tck. test-logic reset run-test/ idle select dr-scan select ir-scan capture-dr shift-dr capture-ir shift-ir exit1-dr pause-dr exit1-ir pause-ir exit2-dr update-dr exit2-ir update-ir 1 1 1 0 1 1 0 0 1 1 1 0 0 0 0 0 0 0 0 0 1 0 1 1 0 1 0 1 1 1 1 0 bypass register 0 instruction register 0 1 2 identi?cation register 0 1 2 29 30 31 . . . boundary scan register 0 1 2 . . x . . . s election circuitr y selection circuitry tck tms tap controller tdi tdo [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 12 of 30 instruction register three-bit instructions can be serially loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo balls as shown in the tap controller block diagram . upon power up, the instruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state as described in the previous section. when the tap controller is in the capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to allow for fault isolation of the board-level serial test data path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between the tdi and tdo balls. this allows data to be shifted through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is connected to all the input and bidirectional balls on the sram. the boundary scan register is loaded with the contents of the ram input and output ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo balls when the controller is moved to the shift-dr state. the extest, sample/preload, and sample z instructions can be used to ca pture the contents of the input and output ring. the boundary scan order tables show the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction regi ster. the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id register has a vendor code and other information described in the identification register definitions on page 15 . tap instruction set overview eight different instructions ar e possible with the three bit instruction register. all combinations are listed in identification codes on page 15 . three of these instructions are listed as reserved and should not be used. the other five instructions are described in detail below. instructions are loaded into the tap controller during the shift-ir state when the instruct ion register is placed between tdi and tdo. during this state, instructions are shifted through the instruction register through the tdi and tdo balls. to execute the instruction once it is shifted in, the tap controller needs to be moved into the update-ir state. extest the extest instruction enables the preloaded data to be driven out through the system out put pins. this instruction also selects the boundary scan register to be connected for serial access between the tdi and tdo in the shift-dr controller state. idcode the idcode instruction causes a vendor specific 32-bit code to be loaded into the instruction register. it also places the instruction register between the tdi and tdo balls and allows the idcode to be shifted out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded into the instruction register upon power up or whenever the tap controller is given a test logic reset state. sample z the sample z instruction caus es the boundary scan register to be connected between the tdi and tdo balls when the tap controller is in a shift-dr state. the sample z command places all sram outputs into a high-z state. sample/preload sample/preload is a 1149.1 mandatory instruction. when the sample/preload instructions are loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the input and output pins is captured in the boundary scan register. the user must be aware that the tap controller clock can only operate at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. as there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output will undergo a transition. the tap may then try to capture a signal while in transition (metastable state). this will not harm the device, but there is no guarantee as to the value that will be captured. repeatable results may not be possible. to guarantee that the boundary scan register will capture the correct value of a signal, the sram signal must be stabilized long enough to meet the tap controller's capture setup plus hold times (t cs and t ch ). the sram clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a sample/preload instruction. if this is an issue, it is still possible to capture all other signals and simply ignore the value of the ck and ck captured in the boundary scan register. once the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo pins. preload allows an initial data pattern to be placed at the latched parallel outputs of the boundary scan register cells pri- or to the selection of anothe r boundary scan test operation. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 13 of 30 the shifting of data for the sample and preload phases can occur concurrently when required; that is, while data captured is shifted out, the preloaded data can be shifted in. bypass when the bypass instruction is loaded in the instruction register and the tap is placed in a shift-dr state, the bypass register is placed between the tdi and tdo balls. the advantage of the bypass instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. extest output bus tri-state ieee standard 1149.1 mandates that the tap controller be able to put the output bus into a tri-state mode. the boundary scan register has a special bit located at bit #85 (for 119-bga package) or bi t #89 (for 165-fbga package). when this scan cell, called the ?e xtest output bus tri-state,? is latched into the preload register during the update-dr state in the tap controller, it will direct ly control the state of the output (q-bus) pins, when the extest is entered as the current instruction. when high, it will enable the output buffers to drive the output bus. when lo w, this bit will place the output bus into a high-z condition. this bit can be set by ent ering the sample/preload or extest command, and then shifting the desired bit into that cell, during the shift-dr state. during update-dr, the value loaded into that shif t-register cell will la tch into the preload register. when the extest instruction is entered, this bit will directly control the output q-bus pins. note that this bit is preset high to enable the out put when the device is powered up, and also when the tap controller is in the test-logic-reset state. reserved these instructions are not impl emented but are reserved for future use. do not use these instructions. tap timing t tl test clock (tck) 123456 test mode select (tms) t th test data-out (tdo) t cyc test data-in (tdi) t tmsh t tmss t tdih t tdis t tdox t tdov dont care undefined [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 14 of 30 tap ac test conditions input pulse levels .................................................v ss to 2.5v input rise and fall time.............. ............ ........... ................ 1 ns input timing reference levels .........................................1.25v output reference levels............ .....................................1.25v test load termination supply voltage.............................1.25v tap ac output load equivalent tap ac switching characteristics over the operating range [11, 12] parameter description min. max. unit clock t tcyc tck clock cycle time 50 ns t tf tck clock frequency 20 mhz t th tck clock high time 20 ns t tl tck clock low time 20 ns output times t tdov tck clock low to tdo valid 10 ns t tdox tck clock low to tdo invalid 0 ns setup times t tmss tms setup to tck clock rise 5 ns t tdis tdi setup to tck clock rise 5 ns t cs capture setup to tck rise 5 ns hold times t tmsh tms hold after tck clock rise 5 ns t tdih tdi hold after clock rise 5 ns t ch capture hold after clock rise 5 ns tdo 1.25v 20pf z = 50 ? o 50 ? tap dc electrical characteristics and operating conditions (0c < ta < +70c; v dd = 2.5v 0.165v unless otherwise noted) [13] parameter description test conditions min. max. unit v oh1 output high voltage i oh = ?1.0 ma 1.7 v v oh2 output high voltage i oh = ?100 a 2.1 v v ol1 output low voltage i ol = 1.0 ma 0.4 v v ol2 output low voltage i ol = 100 a 0.2 v v ih input high voltage 1.7 v dd + 0.3 v v il input low voltage ?0.3 0.7 v i x input load current gnd < v in < v ddq ?5 5 a note 11. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 12. test conditions are specified using the load in tap ac test conditions. t r /t f = 1ns. 13. all voltages referenced to v ss (gnd). [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 15 of 30 identification register definitions instruction field cy7c1386dv25/ cy7c1386fv25 cy7c1387dv25/ cy7c1387fv25 description revision number (31:29) 000 000 describes the version number. device depth (28:24) 01011 01011 reserved for internal use device width (23:18) 119-bga 101110 101110 defines the memory type and architecture. device width (23:18) 165-fbga 000110 000110 defines the memory type and architecture. cypress device id (17:12) 100101 010101 defines the width and density cypress jedec id code (11:1) 00000110100 000001 10100 allows unique identification of sram vendor. id register presence indicator (0) 1 1 indica tes the presence of an id register. scan register sizes register name bit size (x18) bit size (x36) instruction 3 3 bypass 1 1 id 32 32 boundary scan order (119-ball bga package) 85 85 boundary scan order (165-ball fbga package) 89 89 identification codes instruction code description extest 000 captures io ring contents. places the boundary scan register between tdi and tdo. forces all sram outputs to high-z state. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operations. sample z 010 captures io ring contents. places the boundary scan register between tdi and tdo. forces all sram output drivers to a high-z state. reserved 011 do not use. this instruct ion is reserved for future use. sample/preload 100 captures io ring contents. places the boundary scan register between tdi and tdo. does not affect sram operation. reserved 101 do not use. this instruct ion is reserved for future use. reserved 110 do not use. this instruct ion is reserved for future use. bypass 111 places the bypass register between tdi and tdo. this operation does not affect sram operations. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 16 of 30 119-ball bga boundary scan order [14, 15] bit # ball id bit # ball id bit # ball id bit # ball id 1 h4 23 f6 45 g4 67 l1 2t424e746a468m2 3t5 25 d7 47 g3 69 n1 4t626h748c370p1 5r5 27 g6 49 b2 71 k1 6l528e650b372l2 7r6 29 d6 51 a3 73 n2 8u630c752c274p2 9r731b753a275r3 10 t7 32 c6 54 b1 76 t1 11 p6 33 a6 55 c1 77 r1 12 n7 34 c5 56 d2 78 t2 13 m6 35 b5 57 e1 79 l3 14 l7 36 g5 58 f2 80 r2 15 k6 37 b6 59 g1 81 t3 16 p7 38 d4 60 h2 82 l4 17 n6 39 b4 61 d1 83 n4 18 l6 40 f4 62 e2 84 p4 19 k7 41 m4 63 g2 85 internal 20 j5 42 a5 64 h1 21 h6 43 k4 65 j3 22 g7 44 e4 66 2k notes 14. balls that are nc (no connect) are preset low. 15. bit #85 is preset high. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 17 of 30 165-ball bga boundary scan order [14, 16] bit # ball id bit # ball id bit # ball id 1n6 31d10 61 g1 2n7 32c11 62 d2 3n10 33a11 63 e2 4p11 34b11 64 f2 5p8 35a10 65 g2 6r8 36b10 66 h1 7r9 37a9 67 h3 8p9 38b9 68 j1 9p10 39c10 69 k1 10 r10 40 a8 70 l1 11 r11 41 b8 71 m1 12 h11 42 a7 72 j2 13 n11 43 b7 73 k2 14 m11 44 b6 74 l2 15 l11 45 a6 75 m2 16 k11 46 b5 76 n1 17 j11 47 a5 77 n2 18 m10 48 a4 78 p1 19 l10 49 b4 79 r1 20 k10 50 b3 80 r2 21 j10 51 a3 81 p3 22 h9 52 a2 82 r3 23 h10 53 b2 83 p2 24 g11 54 c2 84 r4 25 f11 55 b1 85 p4 26 e11 56 a1 86 n5 27 d11 57 c1 87 p6 28 g10 58 d1 88 r6 29 f10 59 e1 89 internal 30 e10 60 f1 note 16. bit #89 is preset high. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 18 of 30 maximum ratings exceeding the maximum ratings may impair the useful life of the device. for user guidelines, not tested. storage temperature ................................. ?65 c to +150 c ambient temperature with power applied............................................. ?55 c to +125 c supply voltage on v dd relative to gnd .. ..... ?0.5v to +3.6v supply voltage on v ddq relative to gnd ...... ?0.5v to +v dd dc voltage applied to outputs in tri-state........................................... ?0.5v to v ddq + 0.5v dc input voltage ............... .............. ...... ?0.5v to v dd + 0.5v current into outputs (low) ........................................ 20 ma static discharge voltage........................................... >2001v (per mil-std-883, method 3015) latch-up current .................................................... >200 ma operating range range ambient temperature v dd v ddq commercial 0c to +70c 2.5v 5% 2.5v ?5% to v dd industrial ?40c to +85c electrical characteristics over the operating range [17, 18] parameter description test conditions min. max. unit v dd power supply voltage 2.375 2.625 v v ddq io supply voltage for 2.5v io 2.375 v dd v v oh output high voltage for 2.5v io, i oh = ?1.0 ma 2.0 v v ol output low voltage for 2.5v io, i ol = 1.0 ma 0.4 v v ih input high voltage [17] for 2.5v io 1.7 v dd + 0.3v v v il input low voltage [17] for 2.5v io ?0.3 0.7 v i x input leakage current except zz and mode gnd v i v ddq ?5 5 a input current of mode input = v ss ?30 a input = v dd 5 a input current of zz input = v ss ?5 a input = v dd 30 a i oz output leakage current gnd v i v ddq, output disabled ?5 5 a i dd v dd operating supply current v dd = max., i out = 0 ma, f = f max = 1/t cyc 4.0-ns cycle, 250 mhz 350 ma 5-ns cycle, 200 mhz 300 ma 6-ns cycle, 167 mhz 275 ma i sb1 automatic ce power down current?ttl inputs v dd = max, device deselected, v in v ih or v in v il f = f max = 1/t cyc 4.0-ns cycle, 250 mhz 160 ma 5-ns cycle, 200 mhz 150 ma 6-ns cycle, 167 mhz 140 ma i sb2 automatic ce power down current?cmos inputs v dd = max, device deselected, v in 0.3v or v in > v ddq ? 0.3v, f = 0 all speeds 70 ma i sb3 automatic ce power down current?cmos inputs v dd = max, device deselected, or v in 0.3v or v in > v ddq ? 0.3v f = f max = 1/t cyc 4.0-ns cycle, 250 mhz 135 ma 5-ns cycle, 200 mhz 130 ma 6-ns cycle, 167 mhz 125 ma i sb4 automatic ce power down current?ttl inputs v dd = max, device deselected, v in v ih or v in v il , f = 0 all speeds 80 ma notes 17. overshoot: v ih (ac) < v dd +1.5v (pulse width less than t cyc /2), undershoot: v il (ac) > ?2v (pulse width less than t cyc /2). 18. t power up : assumes a linear ramp from 0v to v dd (min.) within 200 ms. during this time v ih < v dd and v ddq < v dd. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 19 of 30 capacitance [19] parameter description test conditions 100 tqfp package 119 bga package 165 fbga package unit c in input capacitance t a = 25 c, f = 1 mhz, v dd /v ddq = 2.5v 5 8 9 pf c clk clock input capacitance 5 8 9 pf c io input/output capacitance 5 8 9 pf thermal resistance [19] parameter description test conditions 100 tqfp package 119 bga package 165 fbga package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, per eia/jesd51. 28.66 23.8 20.7 c/w jc thermal resistance (junction to case) 4.08 6.2 4.0 c/w ac test loads and waveforms output r = 1667 ? r = 1538 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v t = 1.25v 2.5v all input pulses v ddq gnd 90% 10% 90% 10% 1 ns 1 ns (c) 2.5v io test load note 19. tested initially and after any design or proc ess change that may affect these parameters. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 20 of 30 switching characteristics over the operating range [20, 21] parameter description 250 mhz 200 mhz 167 mhz unit min. max. min. max. min. max. t power v dd (typical) to the first access [22] 1 11 ms clock t cyc clock cycle time 4.0 5.0 6.0 ns t ch clock high 1.7 2.0 2.2 ns t cl clock low 1.7 2.0 2.2 ns output times t co data output valid after clk rise 2.6 3.0 3.4 ns t doh data output hold after clk rise 1.0 1.3 1.3 ns t clz clock to low-z [23, 24, 25] 1.0 1.3 1.3 ns t chz clock to high-z [23, 24, 25] 2.6 3.0 3.4 ns t oev oe low to output valid 2.6 3.0 3.4 ns t oelz oe low to output low-z [23, 24, 25] 0 0 0 ns t oehz oe high to output high-z [23, 24, 25] 2.6 3.0 3.4 ns setup times t as address setup before clk rise 1.2 1.4 1.5 ns t ads adsc , adsp setup before clk rise 1.2 1.4 1.5 ns t advs adv setup before clk rise 1.2 1.4 1.5 ns t wes gw , bwe , bw x setup before clk rise 1.2 1.4 1.5 ns t ds data input setup before clk rise 1.2 1.4 1.5 ns t ces chip enable setup before clk rise 1.2 1.4 1.5 ns hold times t ah address hold after clk rise 0.3 0.4 0.5 ns t adh adsp , adsc hold after clk rise 0.3 0.4 0.5 ns t advh adv hold after clk rise 0.3 0.4 0.5 ns t weh gw , bwe , bw x hold after clk rise 0.3 0.4 0.5 ns t dh data input hold after clk rise 0.3 0.4 0.5 ns t ceh chip enable hold after clk rise 0.3 0.4 0.5 ns notes 20. timing reference level is 1.25v when v ddq = 2.5v. 21. test conditions shown in (a) of ac test loads unless otherwise noted. 22. this part has a voltage regulator internally; t power is the time that the power needs to be supplied above v dd (minimum) initially before a read or write operation can be initiated. 23. t chz , t clz ,t oelz , and t oehz are specified with ac test conditions shown in part (b) of ac test loads and waveforms on page 19 . transition is measured 200 mv from steady-state voltage. 24. at any given voltage and temperature, t oehz is less than t oelz and t chz is less than t clz to eliminate bus contention between srams when sharing the same data bus. these specifications do not impl y a bus contention condition, bu t reflect parameters guaranteed over worst case user conditions. device is designed to achieve high-z prior to low-z under the same system conditions. 25. this parameter is sampled and not 100% tested. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 21 of 30 switching waveforms read cycle timing [26] t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a1 t ceh t ces gw, bwe,bw data out (dq) high-z t doh t co adv t oehz t co single read burst read t oev t oelz t chz burst wraps around to its initial state t advh t advs t weh t wes t adh t ads q(a2) q(a2 + 1) q(a2 + 2) q(a1) q(a2) q(a2 + 1) q(a3) q(a2 + 3) a2 a3 deselect cycle burst continued with new base address adv suspends burst dont care undefined x clz t note 26. on this diagram, when ce is low, ce 1 is low, ce 2 is high and ce 3 is low. when ce is high, ce 1 is high or ce 2 is low or ce 3 is high. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 22 of 30 write cycle timing [26, 27] switching waveforms (continued) t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a1 t ceh t ces bwe, bw x adv burst read burst write d(a2) d(a2 + 1) d(a3) d(a3 + 1) d(a2 + 3) a2 a3 extended burst write single write t adh t ads t adh t ads t oehz t advh t advs t weh t wes t dh t ds gw t weh t wes byte write signals are ignored for ?rst cycle when adsp initiates burst adsc extends burst adv suspends burst dont care undefined d(a1) high-z data in (d) d ata out (q) note 27. full width write can be initiated by either gw low, or by gw high, bwe low and bw x low. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 23 of 30 read/write cycle timing [26, 28, 29] switching waveforms (continued) t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a2 t ceh t ces data out (q) high-z adv single write d(a3) a4 a5 a6 d(a5) d(a6) data in (d) burst read back-to-back reads high-z q(a2) q(a1) q(a4) t weh t wes q(a4+3) t oehz t dh t ds t oelz t clz t co back-to-back writes a1 bwe, bw x a3 dont care undefined notes 28. the data bus (q) remains in high-z following a write cycle, unless a new read access is initiated by adsp or adsc . 29. gw is high. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 24 of 30 zz mode timing [30, 31] switching waveforms (continued) t zz i supply clk zz t zzrec all inputs (except zz) dont care i ddzz t zzi t rzzi outputs (q) high-z deselect or read only notes 30. device must be deselected when entering zz sleep mode. see cycle descriptions table for all possible signal conditions to de select the device. 31. dqs are in high-z when exiting zz sleep mode. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 25 of 30 ordering information not all of the speed, package, and temperature ranges are av ailable. please contact your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram part and package type operating range 167 cy7c1386dv25-167axc 51-85050 100-pin thin quad flat pack (1 4 x 20 x 1.4 mm) pb-free commercial cy7c1387dv25-167axc cy7c1386fv25-167bgc 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) cy7c1387fv25-167bgc cy7c1386fv25-167bgxc 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) pb-free cy7c1387fv25-167bgxc cy7c1386dv25-167bzc 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) cy7c1387dv25-167bzc cy7c1386dv25-167bzxc 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1387dv25-167bzxc cy7c1386dv25-167axi 51-85050 100-pin thin quad flat pack (1 4 x 20 x 1.4 mm) pb-free industrial cy7c1387dv25-167axi cy7c1386fv25-167bgi 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) cy7c1387fv25-167bgi cy7c1386fv25-167bgxi 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) pb-free cy7c1387fv25-167bgxi cy7c1386dv25-167bzi 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) cy7c1387dv25-167bzi cy7c1386dv25-167bzxi 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1387dv25-167bzxi 200 cy7c1386dv25-200axc 51-85050 100-pin thin quad flat pack (1 4 x 20 x 1.4 mm) pb-free commercial cy7c1387dv25-200axc cy7c1386fv25-200bgc 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) cy7c1387fv25-200bgc cy7c1386fv25-200bgxc 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) pb-free cy7c1387fv25-200bgxc cy7c1386dv25-200bzc 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) cy7c1387dv25-200bzc cy7c1386dv25-200bzxc 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1387dv25-200bzxc cy7c1386dv25-200axi 51-85050 100-pin thin quad flat pack (1 4 x 20 x 1.4 mm) pb-free industrial cy7c1387dv25-200axi cy7c1386fv25-200bgi 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) cy7c1387fv25-200bgi cy7c1386fv25-200bgxi 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) pb-free cy7c1387fv25-200bgxi cy7c1386dv25-200bzi 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) cy7c1387dv25-200bzi cy7c1386dv25-200bzxi 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1387dv25-200bzxi [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 26 of 30 250 cy7c1386dv25-250axc 51-85050 100-pin thin quad flat pack (1 4 x 20 x 1.4 mm) pb-free commercial cy7c1387dv25-250axc cy7c1386fv25-250bgc 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) cy7c1387fv25-250bgc cy7c1386fv25-250bgxc 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) pb-free cy7c1387fv25-250bgxc cy7c1386dv25-250bzc 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) cy7c1387dv25-250bzc cy7c1386dv25-250bzxc 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1387dv25-250bzxc cy7c1386dv25-250axi 51-85050 100-pin thin quad flat pack (1 4 x 20 x 1.4 mm) pb-free industrial cy7c1387dv25-250axi cy7c1386fv25-250bgi 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) cy7c1387fv25-250bgi cy7c1386fv25-250bgxi 51-85115 119-ball ball grid array (14 x 22 x 2.4 mm) pb-free cy7c1387fv25-250bgxi cy7c1386dv25-250bzi 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) cy7c1387dv25-250bzi CY7C1386DV25-250BZXI 51-85180 165-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1387dv25-250bzxi ordering information (continued) not all of the speed, package, and temperature ranges are av ailable. please contact your local sales representative or visit www.cypress.com for actual products offered. [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 27 of 30 package diagrams figure 1. 100-pin plastic quad flat pack (14 x 20 x 1.4 mm) (51-85050) note: 1. jedec std ref ms-026 2. body length dimension does not include mold protrusion/end flash mold protrusion/end flash shall not exceed 0.0098 in (0.25 mm) per side 3. dimensions in millimeters body length dimensions are max plastic body size including mold mismatch 0.300.08 0.65 20.000.10 22.000.20 1.400.05 121 1.60 max. 0.05 min. 0.600.15 0 min. 0.25 0-7 (8x) stand-off r 0.08 min. typ. 0.20 max. 0.15 max. 0.20 max. r 0.08 min. 0.20 max. 14.000.10 16.000.20 0.10 see detail a detail a 1 100 30 31 50 51 80 81 gauge plane 1.00 ref. 0.20 min. seating plane 51-85050-*b [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 28 of 30 figure 2. 119-ball bga (14 x 22 x 2.4 mm) (51-85115) package diagrams (continued) 51-85115-*b [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 29 of 30 ? cypress semiconductor corporation, 2006-2007. the information contained herein is subject to change without notice. cypress semiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under pate nt or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical cont rol or safety applications, unless pursuant to an express writt en agreement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support system s where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemni fies cypress against all charges. i486 is a trademark, and intel and pentium are registered tr ademarks of intel corporation. powerpc is a trademark of ibm corporation. all product and company names mentioned in th is document are the trademarks of their respective holders. figure 3. 165-ball fbga ( 13 x 15 x 1.4 mm) (51-85180) package diagrams (continued) a 1 pin 1 corner 15.000.10 13.000.10 7.00 1.00 ?0.50 (165x) ?0.25mcab ?0.05 m c b a 0.15(4x) 0.350.06 seating plane 0.530.05 0.25 c 0.15 c pin 1 corner top view bottom view 2 3 4 5 6 7 8 9 10 10.00 14.00 b c d e f g h j k l m n 11 11 10 9 8 67 5 4 3 2 1 p r p r k m n l j h g f e d c b a a 15.000.10 13.000.10 b c 1.00 5.00 0.36 -0.06 +0.14 1.40 max. solder pad type : non-solder mask defined (nsmd) notes : package weight : 0.475g jedec reference : mo-216 / design 4.6c package code : bb0ac 51-85180-*a 165 fbga 13 x 15 x 1.40 mm bb165d/bw165d a 1 pin 1 corner 15.000.10 13.000.10 7.00 1.00 ?0.50 (165x) ?0.25 m c a b ?0.05 m c b a 0.15(4x) 0.350.06 seating plane 0.530.05 0.25 c 0.15 c pin 1 corner top view bottom view 2 3 4 5 6 7 8 9 10 10.00 14.00 b c d e f g h j k l m n 11 11 10 9 8 67 5 4 3 2 1 p r p r k m n l j h g f e d c b a a 15.000.10 13.000.10 b c 1.00 5.00 0.36 - 0.06 +0.14 1.40 max. solder pad type : non-solder mask defined (nsmd) notes : package weight : 0.475g jedec reference : mo-216 / design 4.6c package code : bb0ac 51-85180-*a [+] feedback [+] feedback
cy7c1386dv25, cy7c1386fv25 cy7c1387dv25, cy7c1387fv25 document number: 38-05548 rev. *e page 30 of 30 document history page document title: cy7c1386dv25/cy7c1 387dv25/cy7c1386fv25/ cy7c1387fv25 18-m bit (512k x 36/1m x 18) pipelined dcd sync sram document number: 38-05548 rev. ecn no. issue date orig. of change description of change ** 254550 see ecn rkf new data sheet *a 288531 see ecn syt edited description under ?ieee 1149.1 serial boundary scan (jtag)? for non-compliance with 1149.1 removed 225 mhz speed bin added pb-free information for 100-pin tqfp, 119 bga and 165 fbga packages added comment of ?pb-free bg pack ages availability? below the ordering information *b 326078 see ecn pci address expansion pins/balls in the pinouts for all packages are modified as per jedec standard added description on extest output bus tri-state changed description on the tap instruction set overview and extest changed device width (23:18) for 119-bga from 000110 to 101110 added separate row for 165 -fbga device width (23:18) changed ja and jc for tqfp package from 31 and 6 c/w to 28.66 and 4.08 c/w respectively changed ja and jc for bga package from 45 and 7 c/w to 23.8 and 6.2 c/w respectively changed ja and jc for fbga package from 46 and 3 c/w to 20.7 and 4.0 c/w respectively modified v ol, v oh test conditions removed shading on dc table for 200 mhz speed bin removed comment of ?pb-free bg pack ages availability? below the ordering information *c 418125 see ecn nxr changed address of cypress se miconductor corporation on page# 1 from ?3901 north first street? to ?198 champion court? changed the description of i x from input load current to input leakage current on page# 18 changed the i x current values of mode on page # 18 from ?5 a and 30 a to ?30 a and 5 a changed the i x current values of zz on page # 18 from ?30 a and 5 a to 5 a and 30 a changed v ih < v dd to v ih < v dd on page # 18 updated ordering information table *d 475009 see ecn vkn converted from preliminary to final. added the maximum rating for supply voltage on v ddq relative to gnd changed t th , t tl from 25 ns to 20 ns and t tdov from 5 ns to 10 ns in tap ac switching characteristics table. updated the ordering information table. *e 793579 see ecn vkn added part numbers cy7c1386fv25 and cy7c1387fv25 added footnote# 3 regarding chip enable updated ordering information table [+] feedback [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1386DV25-250BZXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X