Part Number Hot Search : 
N3811 4HC25 MC14077 4HC25 2SJ50 AS22CH 2N2769 RO2122A
Product Description
Full Text Search
 

To Download BVU-529TH8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bright view electronics co.,ltd dice material : algainp/gaas yellow light color : yellow color lens color : yellow tinted transparent stand-off p/n : BVU-529TH8 r radiation pattern tolerance 0.25 @ absolute maximum ratings at ta = 25 unit mw ma ma v ma/ o c electrical / optical characteristics at ta = 25 symbol unit v f v i r ? a  n m  n m 2 e 1/2 deg bin grade limits ( i f = 20 ma ) luminous intensity / mcd bin k l m n o p min. 1300 1680 2180 2800 3600 4650 max. 1680 2180 2800 3600 4650 6000 tolerance 15%mcd 2006/3/30 ? a oval led lamp BVU-529TH8 description package configuration continuous forward current 30 peak forward current ( 1/10 duty cycle , 0.1ms pulse width ) 160 parameter max. power dissipation 75 reverse voltage 5 derating linear from 50 : 0.4 operating temperature range  40 : to  100 : storage temperature range  40 : to  100 : lead solder temperature 1.6 mm below package 260 : for 5 seconds parameter test cond. min. typ. max. 2.4 reverse current v r = 5v 100 forward voltage i f = 20 ma 1.9 * e 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. viewing angle i f = 20 ma 40/25 *bright view reserves the rights to alter specifications and remove availability of products at any time without notice. *dominant wavelength,  d is according to cie chromaticity diagram base on color of lamps. dominant wavelength i f = 20 ma 590 peak emission wavelength i f = 20 ma 592 cathode cathode 1.3 5.7 4.6 4.6 5.7 4.6 4.4 7.6 2.54 25.4min. 25.4min. 2.54 11.3 0.5 1.0min. 0.5 1.0max. 1.0 leadframe orientation perpendicular relative luminous intensity ( iv % ) 50 75 100 0 25 50 75 100 25 -60 -30 60 30 0
bright view electronics co.,ltd BVU-529TH8 oval led lam p typical electrical / optical characteristic curves ( ta = 25 c ) ( ta = 25 c ) ambient temperature ta ( c ) ambient temperature ta ( c ) 0.5 0 1.0 0 fig. 1 forward current vs. forward voltage forward current ( ma ) forward voltage vf ( v ) fig. 2 relative intensity vs. forward current relative intensity forward current if ( ma ) 1.2 fig. 3 forward voltage vs. temperature 1.1 1.0 0.9 0.8 -50 -25 0 25 50 125 100 75 -50 -25 0 0.5 1.0 1.5 2.0 2.5 3.0 fig. 4 relative intensity vs. temperature ambient temperature ta ( c ) 050 25 75 100 125 fig. 5 relative intensity vs. wavelength (  p ) wavelength ( nm ) if-dc forward current ( ma ) 0 20 40 60 80 100 120 fig. 6 maximum forward current 100 90 70 80 30 50 40 60 10 0 20 1.6 1.9 2.2 2.5 1.3 1.0 1.5 2.5 2.0 3.0 0.5 10 60 20 30 40 50 0 70 forward intensity @ 20ma 600 550 500 0 40 30 20 10 relative intensity @ 20ma forward voltage @ 20ma ( ta = 25 c ) vs. temperature 650 3333333333333 2006/3/30 - a
bright view electronics co.,ltd ????3?????3?333??33???:3?  ????3o3???33??3? 3?33??3?33??  ????3???3?3?3??3? ??3?3? ? ????3??? ?3?333???33??3???33??3?   ????3??? ?3?333???33??3???33??3?   33333333???3?? 3??3???33??3??3?3????3? 33???? ????3??3???3333?33??33??33???  ????3?3??3?????3?3??3????3? 3???3?? 3???3 ????3? ?3?t?3? 3??3?3??3??33???3
33 333333333????3??3??
 ???3??3???333
?3??3??3?? ???3???3????33??3??33??3??
 apply to lamp(dip) series. lamp application ( pb free soldering ) description: (1) manual soldering (solder iron) (2) dip soldering(wave soldering-solder bath) 2006 / 02 / 08 -b ??3??:3 ? 3??? ? : 3a3??? ?? : doc. no.:s-qw-k001
bright view electronics co.,ltd lamp packing fig. polybag / box a q'ty / polybag (pcs) device 3mm 3 : 80,000pcs 5mm : 56,000pcs 4 boxes / carton 1000pcs blue / green / white : 36,000pcs 1000pcs 53 item no. device: q'ty pcs. n. w.: pcs. g. w.: pcs. 33 carton dimension(cm): 53*32*33 3mm(t-1) 5mm(t-1 3/4) blue / green / white 2003 / 9 / 15 - a 32 500pcs 20 bags 18 bags 14 bags re y label 1 label 2 label 1 x: bin grade : wavelength : vf bvu-5m5xxxxx electronics co.,ltd. qa 29 box dimension(cm): 29*25*15 15 3mm or 5mm polybag bright view part no.: grade: lot no.: q'ty x- pcs - label 1 label 1 or label 2 attach on it. 25 type q'ty n,w g,w c.no 333 pcs kgs kgs 33333333333333333333333 3 anti-electrostatic bag electrostatic sensitive devices do not open or handle except at a static-free workstation electronics co.,ltd. bright view pcs lot no.: grade: q'ty part no.: qa dbvujpo label 2 bvu bvt - 5 x 1 x x 4 x r stand-offs luminous grade -refer to the selection guide for bin options lens color -refer to lens color (1) to (9) dice code -refer to the selection guide lens configuration -refer to lens drawing view angle -refer to the selection guide (a) to (z) outline dimension -refer to the outline dimension


▲Up To Search▲   

 
Price & Availability of BVU-529TH8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X