Part Number Hot Search : 
K2012 X25256S8 FCW100 1601B A3134L TA8184F FD120 1M4735A
Product Description
Full Text Search
 

To Download B59315P1080A062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ptc thermistors for overcurrent protection smds, eia sizes 3225 and 4032, 63 v series/type: date: november 2009 ? epcos ag 2009. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited.
applications overcurrent protection short circuit protection features molded epoxy encapsulation, lead-free tinned solder terminals suitable for wave and reflow soldering suitable for automatic placement qualification based on aec-q200, rev. c rohs-compatible delivery mode blister tape, 330-mm reel with 16-mm tape, taping to iec 60286-3 dimensional drawing dimensions (mm) type h 0.5 w 0.5 l 0.5 a 0.3 size reference temperature = 80 c p1115 3.3 6.3 8.0 1.7 3225 p1215 3.3 6.3 8.0 1.7 3225 p1315 3.3 8.0 10.0 2.3 4032 reference temperature = 120 c p1115 3.3 6.3 8.0 1.7 3225 p1215 3.3 6.3 8.0 1.7 3225 p1315 3.3 8.0 10.0 2.3 4032 geometry of solder pads eia case size 3225 recommended maximum dimensions (mm) eia case size 4032 general technical data max. operating voltage (t a = 60 c) v max 80 v dc or v ac rated voltage v r 63 v dc or v ac switching cycles n 100 tolerance of r r d r r 25 % operating temperature range (v = 0) t op  40/+125 c operating temperature range (v = v max ) t op  40/+60 c overcurrent protection smds, eia sizes 3225 and 4032, 63 v page 2 of 10 please read cautions and warnings and important notes at the end of this document.
electrical specifications and ordering codes type i r ma i s ma i smax (v = v max ) a i r (typ.) (v = v max ) ma r r w r min w ordering code reference temperature = t ref = 80 c p1315 80 165 1.6 15.0 16 9.6 B59315P1080A062 p1215 65 135 1.0 11.5 25 15.0 b59215p1080a062 p1115 40 85 0.7 9.0 55 32.2 b59115p1080a062 reference temperature = t ref = 120 c p1315 150 310 1.6 20.0 16 9.6 b59315p1120a062 p1215 100 210 1.0 14.0 25 15.0 b59215p1120a062 p1115 70 145 0.7 13.0 55 32.2 b59115p1120a062 reliability data test standard test conditions  d r 25 /r 25  electrical endurance, cycling iec 60738-1 room temperature, i smax ; v max number of cycles: 100 < 25% electrical endurance, constant iec 60738-1 storage at v max /t op,max (v max ) test duration: 1000 h < 25% damp heat iec 60738-1 temperature of air: 40 c relative humidity of air: 93% duration: 56 days test according to iec 60068-2-78 < 10% rapid change of temperature iec 60738-1 t 1 = t op,min (0 v), t 2 = t op,max (0 v) number of cycles: 5 test duration: 30 min test according to iec 60068-2-14, test na < 10% shock iec 60738-1 acceleration: 390 m/s 2 pulse duration: 6 ms; 6 4000 pulses < 5% bending test en 130000/4.35 components reflow-soldered to test board maximum bending: 2 mm < 10% overcurrent protection smds, eia sizes 3225 and 4032, 63 v page 3 of 10 please read cautions and warnings and important notes at the end of this document.
characteristics (typical) for t ref = 80 c ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) ptc current i ptc versus ptc voltage v ptc (measured at 25 c in still air) switching time t s versus switching current i s (measured at 25 c in still air) rated current i r versus ambient temperature t a (measured in still air) overcurrent protection smds, eia sizes 3225 and 4032, 63 v page 4 of 10 please read cautions and warnings and important notes at the end of this document.
characteristics (typical) for t ref = 120 c ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) ptc current i ptc versus ptc voltage v ptc (measured at 25 c in still air) switching time t s versus switching current i s (measured at 25 c in still air) rated current i r versus ambient temperature t a (measured in still air) overcurrent protection smds, eia sizes 3225 and 4032, 63 v page 5 of 10 please read cautions and warnings and important notes at the end of this document.
cautions and warnings general epcos thermistors are designed for specific applications and should not be used for purposes not identified in our specifications, application notes and data books unless otherwise agreed with epcos during the design-in-phase. ensure suitability of thermistor through reliability testing during the design-in phase. the ther- mistors should be evaluated taking into consideration worst-case conditions. storage store thermistors only in original packaging. do not open the package before storage. storage conditions in original packaging: storage temperature  25 c ... +45 c, relative hu- midity 75% annual mean, maximum 95%, dew precipitation is inadmissible. avoid contamination of thermistors surface during storage, handling and processing. avoid storage of thermistor in harmful environment with effect on function on long-term opera- tion (examples given under operation precautions). use thermistor within the following period after delivery:  through-hole devices (housed and leaded ptcs): 24 months  motor protection sensors, glass-encapsulated sensors and probe assemblies: 24 months  telecom pair and quattro protectors (tpp, tqp): 24 months  leadless ptc thermistors for pressure contacting: 12 months  leadless ptc thermistors for soldering: 6 months  smds in eia sizes 3225 and 4032, and for ptcs with metal tags: 24 months  smds in eia sizes 0402, 0603, 0805 and 1210: 12 months handling ptcs must not be dropped. chip-offs must not be caused during handling of ptcs. components must not be touched with bare hands. gloves are recommended. avoid contamination of thermistor surface during handling. soldering (where applicable) use rosin-type flux or non-activated flux. insufficient preheating may cause ceramic cracks. rapid cooling by dipping in solvent is not recommended. complete removal of flux is recommended. standard ptc heaters are not suitable for soldering. overcurrent protection smds, eia sizes 3225 and 4032, 63 v page 6 of 10 please read cautions and warnings and important notes at the end of this document.
mounting electrode must not be scratched before/during/after the mounting process. contacts and housing used for assembly with thermistor have to be clean before mounting. es- pecially grease or oil must be removed. when ptc thermistors are encapsulated with sealing material, the precautions given in chapter "mounting instructions", "sealing and potting" must be observed. when the thermistor is mounted, there must not be any foreign body between the electrode of the thermistor and the clamping contact. the minimum force of the clamping contacts pressing against the ptc must be 10 n. during operation, the thermistor?s surface temperature can be very high. ensure that adjacent components are placed at a sufficient distance from the thermistor to allow for proper cooling at the thermistors. ensure that adjacent materials are designed for operation at temperatures comparable to the surface temperature of thermistor. be sure that surrounding parts and materials can withstand this temperature. avoid contamination of thermistor surface during processing. operation use thermistors only within the specified temperature operating range. use thermistors only within the specified voltage and current ranges. environmental conditions must not harm the thermistors. use thermistors only in normal at- mospheric conditions. avoid use in deoxidizing gases (chlorine gas, hydrogen sulfide gas, am- monia gas, sulfuric acid gas etc), corrosive agents, humid or salty conditions. contact with any liquids and solvents should be prevented. be sure to provide an appropriate fail-safe function to prevent secondary product damage caused by abnormal function (e.g. use vdr for limitation of overvoltage condition). overcurrent protection smds, eia sizes 3225 and 4032, 63 v page 7 of 10 please read cautions and warnings and important notes at the end of this document.
symbols and terms a area c th heat capacity f frequency i current i max maximum current i r rated current i ptc ptc current i r residual currrent i r,oil residual currrent in oil (for level sensors) i r,air residual currrent in air (for level sensors) i rms root-mean-square value of current i s switching current i smax maximum switching current lct lower category temperature n number (integer) n c operating cycles at v max , charging of capacitor n f switching cycles at v max , failure mode p power p 25 maximum power at 25 c p el electrical power p diss dissipation power r min minimum resistance r r rated resistance d r r tolerance of r r r p parallel resistance r ptc ptc resistance r ref reference resistance r s series resistance r 25 resistance at 25 c r 25,match resistance matching per reel/ packing unit at 25 c d r 25 tolerance of r 25 t temperature t time t a ambient temperature t a thermal threshold time t c ferroelectric curie temperature overcurrent protection smds, eia sizes 3225 and 4032, 63 v page 8 of 10 please read cautions and warnings and important notes at the end of this document.
t e settling time (for level sensors) t r rated temperature t sense sensing temperature t op operating temperature t ptc ptc temperature t r response time t ref reference temperature t rmin temperature at minimum resistance t s switching time t surf surface temperature uct upper category temperature v or v el voltage (with subscript only for distinction from volume) v rms root-mean-square value of voltage v bd breakdown voltage v ins insulation test voltage v link,max maximum link voltage v max maximum operating voltage v max,dyn maximum dynamic (short-time) operating voltage v meas measuring voltage v meas,max maximum measuring voltage v r rated voltage v ptc voltage drop across a ptc thermistor a temperature coefficient d tolerance, change d th dissipation factor t th thermal cooling time constant l failure rate lead spacing (in mm) abbreviations / notes surface-mount devices * to be replaced by a number in ordering codes, type designations etc. + to be replaced by a letter all dimensions are given in mm. the commas used in numerical values denote decimal points. overcurrent protection smds, eia sizes 3225 and 4032, 63 v page 9 of 10 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, dssp, miniblue, minicell, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 10 of 10


▲Up To Search▲   

 
Price & Availability of B59315P1080A062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X