Part Number Hot Search : 
MGCT03 TC105333 FR107 30110 336X0 NV4V41SF 784216 SPC564
Product Description
Full Text Search
 

To Download AXX52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  axx-52 www.axtal.com wasemweg 5 page 1(2) fon: +49 (6261) 939834 d-74821 mosbach fax: +49 (6261) 929836 germany e-mail: info@axtal.com gmbh & co. kg specification AXX52 issue: 01 date: 2005-01-15 oscillator type : quartz crystal unit hc-52/u / um-1 parameter min. typ. max. unit condition frequency range 6 160 mhz crystal cut at mode 1 3 5 6 ~ 50 30 ~ 120 75 ~ 160 mhz mhz mhz fundamental mode 3 rd overtone 5 th overtone load capacitance c l 5 ~ 100 pf or series pf see ordering code adjustment tolerance 5 ~ 50 ppm see ordering code frequency stability frequency stability over temperature range 3 ~ 50 ppm see table 1 operating temperature range (steady st ate) -40 +105 c see table 1 long term (aging) 2 ppm per year resonance resistance r r max ? see table 2 motional capacitance c 1 ff static capacitance c 0 5 pf drive level 0,01 100 1000 w insulation resistance 500 m ? 100 v dc storage temperature range -45 +105 c enclosure (see drawing) hc-52/u (um-1) iec 60122-3, type eb, ek, and ss-l3 (smd) can height max. 8,0 mm flange width max. 3,2 mm. smd configuration optional see ordering code marking frequency (mhz) AXX52 wwaxyy side 1 date code & mfg code packing bulk / tape & reel t&r on request notes: 1. terminology and test conditions are according to iec standard iec60122-1, unless otherwise stated 2. measurement technique according to iec 60444-5 or equivalent 3. table 1: frequency stability over temperature ppm 3 5 7 10 15 20 30 50 c code 1 2 3 4 5 6 7 8 -10 ~ + 60 a -20 ~ + 60 b 0 ~ + 70 c -10 ~ + 70 d -20 ~ + 70 e -30 ~ + 60 f -20 ~ + 85 g -30 ~ + 70 h 0 ~ + 85 i -40 ~ + 85 j -40 ~ + 90 k -40 ~ + 105 l table 2: resistance rr frequency [mhz] mode rrmax [ ?] 6 ~ 9.999 1 40 10 ~ 50 1 25 30 ~ 120 3 rd 40 75 ~160 5 th 60
axx-52 www.axtal.com wasemweg 5 page 2(2) fon: +49 (6261) 939834 d-74821 mosbach fax: +49 (6261) 929836 germany e-mail: info@axtal.com gmbh & co. kg test iec 60068 part ... iec 61178-1 clause ... test conditions visual inspection, dimensions 4.5 4.6 enclosure styles as in iec 60122-3, if applicable sealing tests 2-17 4.8.2 gross leak: test qc, fine leak: test qk solderability resistance to soldering heat 2-20 4.8.3 test ta (235 5)c method 1 test tb method 1a, 5s shock 2-27 4.8.8 test ea, 3 x per axes 100g, 6 ms half-sine pulse bump 2-29 4.8.6 test eb, 4000 bumps per axes, 40g, 6 ms free fall 2-32 4.8.9 test ed procedure 1, 2 drops from 1m height vibration, sinusoidal 2-6 4.8.7 test fc, 30 min per axes, 10 hz - 55 hz 0,75mm; 55 hz - 1 khz, 10g rapid change of temperature 2-14 4.8.5 test na, 10 cycles at extremes of operating temperature range dry heat 2-2 4.8.11 test ba, 16 h at upper temperature indicated by climatic category damp heat, cyclic 2-30 4.8.12 test db variant 1 severity b), 55c/95% r.h., 6 cycles cold 2-1 4.8.13 test aa, 2 h at lower temperature indicated by climatic category climatic sequence 1-7 4.8.14 sequence of 4.8.11, 4.8.12 (1 st cycle), 4.8.13, 4.8.12 (5 cycles) damp heat, steady state 2-3 4.8.15 test ca, 56 days endurance tests - ageing - extended aging 4.9.1 4.9.2 30 days @ 85c 1000h, 2000h, 8000h @85c ordering code: type frequency load capacitance mode adjustment tolerance freq. stability over temperature package option packing [mhz] sr: series 18: 18 pf 1:fund 3, 5: ot [ppm] code :table 1 j: jacket/clip 3: 3 rd lead b: bulk t&r: tape& reel AXX52 35.328 18 1 10 a3 j t&r enclosure drawings hc-52/u (um-1) um-1 3 rd lead um-1 jacket/clip environmental conditions


▲Up To Search▲   

 
Price & Availability of AXX52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X