Part Number Hot Search : 
BA2903KN 2N1651 EF100 GV860 13003A CXXXE TC2000 AD10201
Product Description
Full Text Search
 

To Download AME7106ACKW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ame, inc. 1 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power n n n n n key features l 100 m v resolution l high impedance differential inputs l differential reference l drive lcd (ame7106) or led (ame7107) directly l four new convenient features (ame7106a/ame7107a) l display-hold l low-battery indication l integration status indication l de-integration status indication n n n n n applications l digital multimeter l ph meter l capacitance meter l thermometer l digital panel meter l photometer n n n n n general description the ame7106 and ame7107 family are high perfor- mance, low power, 3-1/2 digit, dual-slope integrating a/ d converters, with on-chip display drivers. the ame7106 is designed for a single battery operated sys- tem, will drive non-multiplexed lcd display directly. the ame7107 is designed for a dual power supply sys- tem, will directly drive common anode led display. these a/d converters are inherently versatile and ac- curate. they are immune to the high noise environ- ments. the true differential high impedance inputs and differential reference are very useful for making ratiometric measurement, such as resistance, strain gauge and bridge transducers. the built-in auto-zero feature automatically corrects the system offset with- out any external adjustments. display-hold, low-battery flag, integration and de-inte- gration status flags are four additional features which are available in the 44-pin package, AME7106ACKW and ame7107ackw. n n n n n typical operating circuit * for the operating circuit of the reverse-pins version, please refer to pin configuration on page 4 and pin description on page 5 & 6
ame, inc. 2 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power n n n n n absolute maximum ratings ame7106 ame7107 static sensitive device. unused devices must be stored in the conductive material. protect device from static discharge and static field. stresses exceed the above absolute maximum ratings may cause permanent damage to the device. exposure to absolute maximum rating con- ditions for extended periods may affect the reliability of the device. supply voltage (v+ to v-) 12v analog input voltage (either inputs) v+ to v- reference input voltage (either inputs) v+ to v- clock input test to v+ power dissipation 800mw operating temperature 0 o c to 70 o c storage temperature -55 o c to 150 o c lead temperature (soldering 60 seconds) 300 o c supply voltage v+ 6v v- -6v analog input voltage (either inputs) v+ to v- reference input voltage (either inputs) v+ to v- clock input gnd to v+ power dissipation 800mw operating temperature 0 o c to 70 o c storage temperature -55 o c to 150 o c lead temperature (soldering 60 seconds) 300 o c
ame, inc. 3 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power n n n n n ordering information part number display marking package pin layout temp. range ame7106cpl lcd ame7106cpl yyww 40 pin pdip normal 0 o c to 70 o c ame7106rcpl lcd ame7106rcpl yyww 40 pin pdip reverse 0 o c to 71 o c AME7106ACKW lcd AME7106ACKW yyww 44 pin pqfp normal 0 o c to 72 o c ame7106y lcd ame7106y yyww 44 pin dice normal 0 o c to 73 o c ame7107cpl led ame7107cpl yyww 40 pin pdip normal 0 o c to 74 o c ame7107rcpl led ame7107rcpl yyww 40 pin pdip reverse 0 o c to 75 o c ame7107ackw led ame7107ackw yyww 44 pin pqfp normal 0 o c to 76 o c ame7107y led ame7107y yyww 44 pin dice normal 0 o c to 77 o c
ame, inc. 4 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power n n n n n electrical characteristics unless otherwise noted, ame7106 & ame7107 are specified at t a = 25 o c , f clock = 48khz. supply voltage = 9v (v+ to v-) notes: 1. input voltage may exceed the supply voltages provided the input current is limited to 100 m a. 2. dissipation rating assumes a device is mounted with all leads soldered to printed circuit board. parameter conditions min typ max unit vin = 0v 0 digital reading full-scale = 200.0mv ratiometric reading vin = vref = 100.0mv 999 999/1000 1000 digital reading roll-over error -1 0.2 +1 counts (difference in reading for equal positive and negative reading near full-scale) linearity (max. deviation full-scale = 200.0mv -1 0.2 +1 counts from best straight line fit) common-mode vcm = 1v, vin =0v 50 m v/v rejection ratio full-scale = 200.0mv noise (pk-pk value not vin = 0v 15 m v exceeded 95% of time) full-scale = 200.0mv leakage current at input vin = 0v 1 10 pa zero reading drift vin = 0v, 0 o c to 70 o c0.21 m v/ o c supply current vin = 0v 0.8 1.2 ma (excluding led current for 7107) analog common voltage 25k w between 2.8 3.0 3.2 v (with respect to v+) common and v+ temp. coeff. of analog 25k w between 50 75 ppm/ o c common (with respect to v+) common and v+ 0 o c ta 70 o c low battery flag v+ to v- 6.3 7.0 7.7 v test pin voltage with respect to v+ 4 5 6 v (ame7106 only) lcd segment drive voltage v+ to v- = 9v 4 5 6 v (ame7106 only) backplane drive voltage v+ to v- = 9v 4 5 6 v (ame7106 only) segment sinking current v+ = 5.0v 5 8.0 ma (except segment ab4) segment voltage = 3v (ame7107 only) segment sinking current v+ = 5.0v 10 16 ma (segment ab4) segment voltage = 3v (ame7107 only) -vin=+vin ? 200.0mv zero input reading
ame, inc. 5 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy , low power n pin configurations
ame, inc. 6 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power n n n n n pin description 40-pin dip 40-pin dip 44-pin pqfp pin number (reverse) pin number 1 (40) 8 v+ positive supply voltage 2 (39) 9 d1 units-digit d-segment driver 3 (38) 10 c1 units-digit c-segment driver 4 (37) 11 b1 units-digit b-segment driver 5 (36) 12 a1 units-digit a-segment driver 6 (35) 13 f1 units-digit f-segment driver 7 (34) 14 g1 units-digit g-segment driver 8 (33) 15 e1 units-digit e-segment driver 9 (32) 16 d2 tens-digit d-segment driver 10 (31) 17 c2 tens-digit c-segment driver 11 (30) 18 b2 tens-digit b-segment driver 12 (29) 19 a2 tens-digit a-segment driver 13 (28) 20 f2 tens-digit f-segment driver 14 (27) 21 e2 tens-digit e-segment driver 15 (26) 22 d3 hundreds-digit d-segment driver 16 (25) 23 b3 hundreds-digit b-segment driver 17 (24) 24 f3 hundreds-digit f-segment driver 18 (23) 25 e3 hundreds-digit e-segment driver 19 (22) 26 ab4 thousands-digit, b&c segments driver 20 (21) 27 pol negative-polarity driver 21 (20) 28 bp/ lcd backplane driver (ame7106) gnd digital ground (ame7107) 22 (19) 29 g3 hundreds-digit g-segment driver 23 (18) 30 a3 hundreds-digit a-segment driver 24 (17) 31 c3 hundreds-digit c-segment driver 25 (16) 32 g2 tens-digit g-segment driver w 33 lb low-battery flag segment driver 26 (15) 34 v- negative power supply voltage 27 (14) 35 int integrator output. connection point for integration capacitor. 28 (13) 36 buf integrator resistor connection-point. 29 (12) 37 a/z auto-zero capacitor connection-point 30 (11) 38 inlo analog-input low 31 (10) 39 inhi analog-input high 32 (9) 40 com analog-common symbol description
ame, inc. 7 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power n n n n n pin description (cont.) n n n n n function description 40-pin dip 40-pin dip 44-pin pqfp pin number (reverse) pin number 33 (8) 41 cref- reference capacitor, negative terminal 34 (7) 42 cref+ reference capacitor, positive terminal 35 (6) 43 vref+ analog-reference input, negative terminal 36 (5) 44 vref- analog-reference input, positive terminal 1 deen de-integration status flag 2 inten integration status flag 37 (4) 3 test display-test pin, when pulled to v+, display should read -1888. 38 (3) 4 osc3 see osc1 5 hold hold pin, logic 1 holds display 39 (2) 6 ocs2 see osc1 40 (1) 7 ocs1 pin osc1, osc2, osc3 make up the oscillator. see clock section for details symbol description
ame, inc. 8 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power the a/d conversion has the following three phases: 1. auto-zero phase 2. integration phase 3. de-integration phase auto-zero phase the inhi and inlo are shorted to analog common in- ternally. the reference capacitor is charged to the ref- erence voltage. a feedback loop is closed around the system to cancel the offset voltage of buffer, integrator and comparator. signal integration phase the converter integrates the differential voltage across the inhi and inlo for a fixed time, 1000 system clocks. the polarity of the signal is determined at the end of this phase. reference integration phase inlo is internally connected to the analog common, inhi is connected across the reference capacitor with appropriate polarity determined by the control circuit. the integrator output will then return to zero. the time it takes to return to zero, 1000 x vin /vref, is the digital representation of the analog signal. differential signal inputs (inhi & inlo) the ame7106/ame7107 has true differential inputs and accepts input signals within the input common mode voltage range (vcm). typical range is from 1v above the v- to 1v below the v+. the integrator output can swing within 0.3 v of v+ or v- without increasing linearity errors. care must be exercised to make sure the integrator output does not saturate. in a typical application, the common mode is eliminated by con- necting the inlo to com, analog common. differential reference (vref+ & vref-) the reference voltage can be generated anywhere within the v+ to v-. under a large common mode volt- age, reference capacitor can gain charge during the de-integration of a positive signal. the reference ca- pacitor will lose charge when de-integrating a negative input signal. the difference in reference voltage for positive or negative input voltages can cause the rollover error. to prevent rollover error from being in- duced by large common-mode voltages, reference ca- pacitor should be large compared to stray node capaci- tance. analog common (com) the analog common is to set a common mode volt- age for the analog signal. the analog common is typi- cally 3.0v below v+, set primary for the battery oper- ated application. analog common is capable to sink 20 ma. its source current is limited to 10 m a. analog common is therefore easily pulled to a more negative voltage to override the internal reference. when sup- ply voltage is greater than 7v, analog common can be used as reference source with temperature coefficient of typically 50 ppm/ o c. the internal heating by the led display drivers of the ame7107 may degrade the sta- bility of the analog common. an external reference is recommended.
ame, inc. 9 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power n n n n n digital block diagrams
ame, inc. 10 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power n n n n n digital section digital ground ame7106 generates an internal digital ground, typically 5v below the v+. the digital ground of ame7107 is supplied externally. clock circuit the clock can be generated in either of the following three methods. 1. an external oscillator connected toosc1 2. a crystal between pins osc1 and oosc2 3. a r-c oscillator using oosc1, oosc2 and osc3 notes: there is no on-chip feedback resister across osc1 and osc2. systems timing the oscillator frequency is divided by 4 prior to clock- ing the internal decade counters. each conversion takes 4000 counts or 16000 oscillator clock pulses. the tim- ing of each phase are as follows: auto-zero phase: 1000 to 3000 counts signal integration phase: 1000 counts (fixed) reference integration phase : 0 to 2000 counts for signals less than full- the a/d conversion has the following three phases: scale, the unused reference integration time is assigned to the autozero phase. segment drivers (ame7106) the backplane frequency is 1/800 of the oscillator clock frequency. for example if the oscillator frequency is 48 khz (3 conversions per second) the backplane fre- quency will be 60 hz. the segment and backplane are at the same frequency with a nominal 5 volt amplitude. the segment is visible (on) when the segment and the backplane are out of phase, otherwise it is invisible (off). the polarity segment is on for negative ana- log inputs. when the test pin on the ame7106 is pulled to v+, all segments are turned on. the dis- play reads -1888. during this mode the lcd segments have a constant dc voltage impressed. do not leave the display in this mode for more than several minutes! lcd displays may be destroyed if operated with dc levels for extended periods.
ame, inc. 11 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power segment drivers (ame7107) the ame7107 is designed to drive common anode leds. all segment drivers are n-channel transistors with a typically 8 ma current driving capability. the 1000s segment ab4 sinks current from two led seg- ments, and has a 16 ma driving capability. the polar- ity indication is on when the analog input voltage is negative. test when the test is pulled to v+ all segments and the minus sign will be activated. the test pin is tied to the internally generated digital ground through a 500 w resistor in the ame7106. it is typically 5v lower than v+. test pin may be used as the negative power sup- ply for external cmos logic at the maximum current of 1 ma. data hold when the hold pin is connected to v+ the conversion result will not be updated. the conversion is still free running during the hold mode. it is available in 44 pin package. integration status (inten) the inten is an output signal of the converter, it is high during the signal integration phase. this signal can be used as a status indicator or a control to con- nect the analog signal to the converter for processing. it is available in 44 pin package. de-integration status (deen) the deen is an output signal of the converter, it is high during the reference de-integration phase. the period of the deen is proportional to the conversion result. users may calculate the conversion result by counting the number of clock pulse on the osc3 pin when deen is high. the conversion result is equal to (n/4) - 1/2 where n is the number of the pulse at the osc3 pin. it is available in 44 pin package. n n n n n component value selection auto-zero capacitor (caz) the caz capacitor size has some influence on system noise. a 0.47 m f capacitor is recommended for 200 mv full-scale applications. a 0.047 m f capacitor is recommended for 2.0v full-scale applications. a mylar dielectric capacitor is adequate. reference capacitor (cref) a 0.1 m f capacitor is acceptable when inlo is tied to analog common. if a large common-mode voltage
ame, inc. 12 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power full scale 200.0m v 2.000v caz 0.47 m f0.047 m f rint 47 k w 470 k w cint 0.22 m f0.22 m f vref 100.0m v 1.000v oscillator components r-c oscillator a 100 k w rosc is recommended for all frequencies. cosc is selected by using the equation: fosc = 0.45/(rc) for fosc of 48khz, cosc is 100pf nominally. to achieve maximum line noise rejection, the signal- integrate period should be a multiple of line period. the optimum oscillator frequencies for 60 hz and 50 hz rejection are listed as follows: for 60 hz rejection: 40khz, 48khz, 60khz etc. for 50 hz rejection: 40khz, 50khz, 66-2/3khz etc. reference voltage selection a full-scale reading (2000 counts) requires the input signal be twice the reference voltage. in some applications a scale factor other than unity may exist between a transducer output voltage and the re- quired digital reading. assume, for example, a pres- sure transducer output is 600 mv for 2000 ib/in 2 . rather than dividing the input voltage by three the reference voltage should be set to 300 mv. this permits the trans- ducer input to be used directly. the integrator resistor would be 120k w . in some temperature and weighting system with variable tare, the offset reading can be generated by connecting the voltage transducer be- tween inhi and common and the variable offset volt- age between common and inlo. full-scale voltage vref 200.0 mv 100.0 mv 2.000 v 1.000 v n n n n n component value selection auto-zero capacitor (caz) the caz capacitor size has some influence on system noise. a 0.47 m f capacitor is recommended for 200 mv full-scale applications. a 0.047 m f capacitor is recom- mended for 2.0v full-scale applications. a mylar di- electric capacitor is adequate. reference capacitor (cref) a 0.1 m f capacitor is acceptable when inlo is tied to analog common. if a large common-mode voltage exists and the application requires 200 mv full-scale, increase cref to 1.0 m f. a mylar dielectric capacitor is adequate. integrating capacitor (cint) cint should be selected to maximize the integrator out- put voltage swing without causing output saturation. a 2v full-scale integrator output swing is recommended if analog common is used as signal reference. for 3 readings/second (fosc = 48 khz) a 0.22 m f value is suggested. if a different oscillator frequency is used, cint must be changed in inverse proportion to maintain the nominal 2v integrator swing. an exact expression for cint is: cint = [(4000)(1/fosc)(vfs/rint)] / vint where: fosc= oscillator clock frequency vfs = full-scale input voltage rint = integrating resistor vint = desired full-scale integrator output swing cint must have low dielectric absorption to minimize rollover error. a polypropylene capacitor is recom- mended. integrating resistor (rint) the input buffer amplifier and integrator both have a class a output stage with 100 m a quiescent current. the integrator and buffer can supply 20 m a drive cur- rents with negligible linearity errors. rint is chosen to keep the output stage in the linear region. for a 200mv full-scale, it is 47k w ; 2.0v full-scale requires 470k w . summary of component selection: note: fosc = 48 khz
ame, inc. 13 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power power supplies the ame7107 is designed to work from 5v supplies. however, if a negative supply is not available, it can be generated from the clock output with two diodes, two capacitors, and an inexpensive ic. the 7660 dc to dc converter may also be used to generate -5v from +5v. low battery flag (lb) the low battery flag is set when the supply voltage (v+ to v-) is lower than seven volts, typical. once the lb is set, the waveform of the lb will be out of phase with the bp (back plane) to turn on a low battery annuncia- tor for ame7106; lb pin will be low (ground) for ame7107 and is capable to sink 8 ma to turn on a led indicator. ame7107 power dissipation reduction the ame7107 sinks the led display current and this generates heat in the ic package. if the internal volt- age reference is used, the fluctuating chip temperature can cause the display to change reading. the ame7107 package power dissipation can be reduced by reducing the led common anode voltage. a typical led has 1.8 volts across it, at 7ma. when its common anode is connected to +5v, the ame7107
ame, inc. 14 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power output is at 3.2v. maximum power dissipation is 8.1 ma x 3.2 v x 24 segments = 622mw. however, once the ame7107 output voltage is above two volts, the led cur- rent is essentially constant as output voltage increases. reducing the output voltage by 0.7v, results in 7.7ma of led current, only a 5 percent reduction. maximum power dissipation is only 7.7ma x 2.5v x 24 = 462 mw, a re- duction of 26%. an output voltage reduction of 1 volt reduces led current by 10% (7.3ma) power dissipation by 38%. (7.3ma x 2.2v x 24 = 385mw). there are two ways to reduce the power dissipation: either a 5.1 ohm resistor or a 1 amp diode placed in series with the display (but not in series with the ame7107). the resistor will reduce the ame7107 out- put voltage, when all 24 segments are on. when segments turn off, the output voltage will increase. the diode, on the other hand, will result in a relatively steady output voltage. in addition to limiting maximum power dissipation, the resistor reduces the change in power dissipation as the display changes. as fewer segments are on, each on output drops more voltage and current. for the best case of six segments (a 111 display) to worst case (a 1888 display) the resistor will change about 230 mw. while a circuit without the resistor will change about 470 mw. therefore, the resistor will reduce the variation of power dissipation by about 50%. the change in led brightness caused by the resistor is almost unnoticeable as more segments turn off. if steady display brightness is very important, a diode is recom- mended. n n n n n typical applications
ame, inc. 15 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power
ame, inc. 16 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power
ame, inc. 17 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power
ame, inc. 18 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power
ame, inc. 19 ame7106/ame7106a/ame7106r ame7107/ame7107a/ame7107r 3-1/2 digit a/d converter high accuracy, low power n n n n n package dimension pdip-40 min max min max a 0.150 0.165 0.0059 0.0065 a 1 b b 1 d 2.049 2.074 0.0807 0.0817 e 1 0.540 0.555 0.0213 0.0219 f e e b 0.600 0.700 0.0236 0.0276 q q q q 0 o 15 o 0 o 15 o 0.100(typ) 0.0039 0.050(typ) 0.0020 0.600(typ) 0.0236 0.072 (typ) 0.0028 0.018(typ) 0.0007 symbols millimeters inches
life support policy: these products of ame, inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of ame, inc. ame, inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. ? ame, inc. , february 2002 document: 1021-ds7106/7107-c u.s. headquarter corporate headquarter analog microelectronics, inc. ame, inc. 3100 de la cruz blvd. suite 201 2f , 189 kang-chien road, nei-hu district santa clara, ca. 95054-2046 t aipei 1 14, t aiwan, r.o.c. t el : (408) 988-2388 t e l : 886 2 2627-8687 fax: (408) 988-2489 f a x : 886 2 2659-2989 www .ame.com.tw e-mail: info@ame.com.tw


▲Up To Search▲   

 
Price & Availability of AME7106ACKW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X