Part Number Hot Search : 
15KP110 PR2001G1 2SB1116 LMR61W L9205A S6310MG LVCU0 L9205A
Product Description
Full Text Search
 

To Download AB-T36123W112VD41-CF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. a-bright 1 11/27/2009 a - bright a-bright industrial co.,ltd. festoon led bulb data sheet feature: high efficiency led materials are used in this bulb. every lamp is made with an advanced optical grade epoxy offering superior high shock and high temperature resistance in outdoor applications. high luminous output free to differentiate anode and cathode(bi-polar) solid-state vibration resistant saving power long life option: 12v to 14v dc other industry standard base top led bulb series ab-t36123xxxxxxxx-xx description : these high voltage led bulbs are specifically designed for electric equipment, indicator light switch and where a wide view angle. the top view led radiation pattern (120) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential.
a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. a-bright 2 11/27/2009 note: 1. all dimensions are in millimeter. 2. all tolerance are 0.25mm. 8.8 23.8 41.00.5 14.8 3.5 cathode anode basex2 3pcs top led part no.: AB-T36123W112VD41-CF 3 top leds bulb package dimensions:
a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. a-bright 3 11/27/2009 part no.: AB-T36123W112VD41-CF 3 top leds bulb feature: z super luminosity white led (ingan). z water clear package. z 3 chips top view led. z wide viewing angle. z electric dc. materials: z led lens: uv resistent epoxy absolute maximum rating: ta = 25 z peak operate volta ge........................ 14 v z operating temperature...................... 25 to 85 z storage te mperature......................... 35 to 100 z led bulb life????????????.. 20000 hours (luminance reduces to 50%) absolute optical characteristic ta= 25 parameter symbol min typ max unit operate voltage v ----- 12 14 v luminous intensity v in = 12v dc i v ----- 7500 ----- mcd x ----- 0.31 ----- ----- chromaticity coordinates v in = 12v dc y ----- 0.32 ----- ----- forward current v in = 12v dc i f ----- 65 ----- ma viewing angle 2 1/2 ----- 120 ----- deg


▲Up To Search▲   

 
Price & Availability of AB-T36123W112VD41-CF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X