Part Number Hot Search : 
6200S8 HJW0001 C14040B 001SMB 87760 AD5732R G4BC30 HCU04
Product Description
Full Text Search
 

To Download 5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet september 2000 5100-series if-band and l-band fiber-optic links features n 10 mhz to 200 mhz n 950 mhz to 2050 mhz n up to eight plug-in cards per 3u chassis n up to four flange-mount modules per 1u chassis n redundant power supplies for 3u chassis n affordable replacement for coaxial systems applications n tvro n broadcast n earth stations n headends n vsat n gps n radios description the 5100-series fiber-optic interfacility links (ifls) are a high-performance, cost-effective alternative to coaxial cable for 10 mhz to 200 mhz if-band and 950 mhz to 2050 mhz l-band satellite communica- tions applications. lucents fiber-optic ifls function as a transparent link between a satellite antenna and receiver equipment. these ifls eliminate the limitations of copper sys- tems by enabling longer transmission distances while retaining the highest level of signal quality. in addition, lucents fiber optics provide several other significant network advantages, including simplified network design, ease of installation, and immunity from emi/rfi and lightning. they are available either as a flange-mount enclosure for outdoor applications or as a plug-in for integration with lucents system 10000 rack-mount chassis.
2 lucent technologies inc. data sheet 5100-series if-band and l-band fiber-optic links september 2000 maximum ratings stresses in excess of the absolute maximum ratings can cause permanent damage to the device. these are abso- lute stress ratings only. functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. exposure to absolute maximum ratings for extended periods can adversely affect device reliability. characteristics parameter symbol min max unit operating temperature range: flange-mount plug-in t op C40 0 60 50 c c storage temperature range: flange-mount plug-in tstg C45 C45 85 85 c c table 1. frequency and package options frequency range transmitters receivers flange mount plug-in flange mount plug-in if-band: 10 mhz 200 mhz 3120a 10357a 4120a 10457a l-band: 950 mhz1450 mhz 950mhz1750 mhz 950mhz2050 mhz 3110a 3111a 3112a 10346a 10346b 10347a 4110a 4111a 4112a 10446a 10446b 10447a table 2. if band performance (for complete link of tx, rx, 1 db optical loss, and >60 db optical return loss.) parameter if band performance unit tx gain option std C102 (low) C102 (low) std rx gain option std. C102 (high) std. C102 (high) gain (at 25 c), min. 0 0 C15.0 15.0 db amplitude flatness: 10 mhz200 mhz any 40 mhz 0.5 0.25 0.5 0.25 0.5 0.25 0.5 0.25 db db noise figure, max 28 43 43 28 db output ip3, min. 0 9 0 9 dbm output 1 db compres- sion, min. C10 0 C10 0 dbm vswr, in and out 1.5:1 1.5:1 1.5:1 1.5:1 max. rf input (tx) C8 7 7 C8 dbm in/out impedance 75 bnc, female (50 bnc, option C101) w
3 lucent technologies inc. data sheet september 2000 5100-series if-band and l-band fiber-optic links characteristics (continued) * s mf-28 is a trademark of corning incorporated. table 3. l-band performance (for complete link of tx, rx, 1 db optical loss, and >60 db optical return loss.) parameter l-band specification units tx gain option std. C002 (high) std. C002 (high) rx gain option std. C002 (low) C002 (low) std. gain (at 25c), min. C4.0 C4.0 C21.0 13.0 db amplitude flatness: any 500 mh any 40 mhz 1.5 0.35 1.5 0.35 1.5 0.35 1.5 0.35 db db noise figure, max 45 28 45 28 db input ip3, min.: tx to C20c tx to C40c 7.5 4.5 C9.5 C12.5 7.5 4.5 C9.5 C12.5 dbm dbm input 1 db compression (typ.): tx to C20 c tx to C40 c 3 0 3 C3 3 C17 3 C20 3 0 3 3 3 C17 3 C20 dbm dbm gain vs. temp. (typ.): tx rx 0.09 0.06 0.12 0.03 0.09 0.03 0.12 0.06 db/c db/c vswr: tx (input) tx (output) 2.0:1 1.8:1 2.0:1 1.8:1 2.0:1 1.8:1 2.0:1 1.8:1 max. rf input (tx) 3 C14 3 C14 dbm in/out impedance 75 f-type, female (50 sma, option -001) w w table 4. optical characteristics parameter transmitter receiver unit wavelength 1310 30 nm power 1.10 0.3 mw laser dc modulation gain 3 0.02 w/a dc responsivity 3 0.75 a/w fiber single-mode, 9 m m/125 m m, ( smf-28 *or equivalent) m m connector optical return loss fc/apc tight fit (seikoh giken or equivalent), 3 60 db table 5. mounting options part/model number description capacity 1260-001-001 nema enclosure (12 in. x 12 in. x 4 in.) up to two flange-mount modules 1261-001-001 1u, 19 in. rack mount chassis (1.75 in.x 19 in. x 18 in.) up to four flange-mount modules 1261-002-001 1u, 19 in. rack mount chassis and internal power supply up to four flange-mount modules 10990a 3u, 19 in. rack mount chassis up to eight plug-in modules 10901a 3u, plug-in power supply (90 vac260 vac input) 10901b 3u, auxiliary plug-in power supply (90 vac260 vac input)
4 lucent technologies inc. data sheet 5100-series if-band and l-band fiber-optic links september 2000 characteristics (continued) figure 1. receiver electrical schematic table 6. device resistance and voltage parameter specification unit resistance: l-band tx/rx if rx if tx 1000 825 432 w w w voltage (v cc ): l-band tx/rx if rx if tx 5 10 6.5 v v v model numbers open if <0.1mw (approx.); sinks <10ma if >0.1mw alarm (rx optical power) r vcc
5 lucent technologies inc. data sheet september 2000 5100-series if-band and l-band fiber-optic links options table 7. if-band options option option availability description standard configuration flange mount plug-in -101 x x 50 w bnc, female 75 w bnc, female -102 x x for higher signal input. tx: single-stage amp. rx: two-stage amp. tx: two-stage amp. rx: single-stage amp. table 8. l -band options option option availability option description standard configuration flange- mount plug-in -001 x x 50 w sma, female. 75 w f-type connector, female -002 x x for lower signal input. tx: two-stage amplifier rx: single-stage amplifier . tx: single-stage amplifier rx: two-stage amplifier -003 x unit to run from 5.0 v 0.2 v no internal dc regulator. internal dc regulator operates from 8 v to 24 v input -004 x rf connector is ac coupled, with no dc on center pin. flange-mount tx and rx: rf connects to dc input, so dc on rf connector is ac (caution is needed to avoid shorting) tx plug-in: dc voltage can be coupled on rf connector with field-config- urable jumper rx plug-in: rf connector is ac coupled -006 x 75 w canare bnc, female. 75 w f-type connector, female
6 lucent technologies inc. data sheet 5100-series if-band and l-band fiber-optic links september 2000 package information 1. powered from 10901a, 10901b, or equivalent power supply. 2. accessible via connector on back panel of 10990a chassis. 1. ripple and noise: 100 mvp-p >100 khz; 20 mvp-p <100 khz. 2. 15 v may be from model 10901a or b power supplies . table 9. flange-mount dc leads lead color if-band l-band tx rx tx rx red dc input 12 v24 v dc input 12 v24 v 8 v24 v connects to rf center pin 8 v24 v connects to rf center pin brown not used low optical power alarm not used low optical power alarm orange dc power monitor for led, etc dc power monitor for led, etc dc power monitor dc power monitor yellow not used photodiode current monitor 1 v/ma not used photodiode current monitor black gnd gnd gnd gnd table 10. model 10990a 3u chassis and plug-in plug-in d-sub tx plug-in, if-band tx plug-in, l-band rx plug-in, if or l-band 1 1 dc input typ. +15 v typ. +15 v typ. +15 v 2 1 nc nc nc 3 1 nc nc nc 4 1 gnd gnd gnd 5 2 gnd gnd gnd 6 2 nc nc photodiode current monitor (1 v/ma) 7 2 nc nc low optical power alarm 8 2 nc same as pin 1. can be jum- pered to pin 9 nc 9 2 nc connects to rf center pin for powering lnb. nc table 11. maximum current 1 (applies to all versions except -003) input vo l t ag e 8 v (l-band) 12v 15 v 2 18v 24v unit tx 250 170 135 115 85 ma rx 200 150 120 100 75 ma
7 lucent technologies inc. data sheet september 2000 5100-series if-band and l-band fiber-optic links outline drawings dimension are in inches. 10457a fiber-optic receiver flange-mount package power on optical power 10457a fiberoptic receiver 10-200 mhz front panel 1.39 5.06 9.12 dimensions are in inches rf optical 4.45" .13 dia slotted for #6 screw 5.29" 5.08" 1.41" 2.40" 2.88" 1.80" rf connector optical connector fc/apc module dimensions dimensions are in inches
8 lucent technologies inc. data sheet 5100-series if-band and l-band fiber-optic links september 2000 laser safety information class iiib laser product fda/cdrh class iiib laser product. all 5100 series transmitter versions are class iiib laser products per cdrh, 21 cfr 1040 laser safety requirements. all versions are class 3b laser products per iec * 60825-1:1993. the device has been certified with an fda under accession number to be determined. this product complies with 21 cfr 1040.10 and 1040.11. wavelength = 1.3 m m, maximum power = 30 mw product is not shipped with power supply. caution : use of controls, adjustments, and procedures other than those specified herein may result in hazardous laser radiation exposure. * iec is a registered trademark of the international electrotechnical commission. danger invisible laser radiation is emitted from the end of fiber or connector avoid direct exposure to beam do not view beam directly with optical instruments invisible laser radiation emitted from end of fiber or connector avoid exposure to beam class 3b laser product iec-60825m 1993 max. output: 30 mw wavelength: 1.3 m m, 1.5 m m
9 lucent technologies inc. data sheet september 2000 5100-series if-band and l-band fiber-optic links ordering information * for additional ordering information, please contact a lucent account manager at microelectronics group, optoelectronics divis ion, opto west, 1-800-362-3891 (for sales staff, please press option 2). table 12. ordering information* device code description comcode 5100 series if-band and l-band fiber-optic links tbd
for additional information, contact your microelectronics group account manager or the following: internet: http://www.lucent.com/micro , or for optoelectronics information, http://www.lucent.com/micro/opto e-mail: docmaster@micro.lucent.com n. america: microelectronics group, lucent technologies inc., 555 union boulevard, room 30l-15p-ba, allentown, pa 18109-3286 1-800-372-2447 , fax 610-712-4106 (in canada: 1-800-553-2448 , fax 610-712-4106) asia pacific: microelectronics group, lucent technologies singapore pte. ltd., 77 science park drive, #03-18 cintech iii, singap ore 118256 tel. (65) 778 8833 , fax (65) 777 7495 china: microelectronics group, lucent technologies (china) co., ltd., a-f2, 23/f, zao fong universe building, 1800 zhong shan xi road, shanghai 200233 p. r. china tel. (86) 21 6440 0468 , ext. 325 , fax (86) 21 6440 0652 japan: microelectronics group, lucent technologies japan ltd., 7-18, higashi-gotanda 2-chome, shinagawa-ku, tokyo 141, japan tel. (81) 3 5421 1600 , fax (81) 3 5421 1700 europe: data requests: microelectronics group dataline: tel. (44) 7000 582 368 , fax (44) 1189 328 148 technical inquiries: optoelectronics marketing: (44) 1344 865 900 (ascot uk) lucent technologies inc. reserves the right to make changes to the product(s) or information contained herein without notice. n o liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. copyright ? 2000 lucent technologies inc. all rights reserved september 2000 ds00-299opto-1 data sheet 5100-series if-band and l-band fiber-optic links september 2000


▲Up To Search▲   

 
Price & Availability of 5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X