Part Number Hot Search : 
LD2X10 LD2X10 X7R1812 GBJ2005 U2730 B1685 H11N1SVM TIP34B
Product Description
Full Text Search
 

To Download 0855105019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0855105019 status: active overview: modular_plugs_jacks description: modular jack, vertical, smt, 6/6, solder tabs documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e107635 general product family modular jacks/plugs series 85510 comments small panel cutout component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj11 physical boot color n/a color - resin black durability (mating cycles max) 1,000 flammability 94v-0 inverted / top latch no lightpipes/leds none material - metal brass material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic orientation vertical (top entry) pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.040 in pitch - mating interface (mm) 1.02 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 120.00, 50.8 plating min: mating (m) 1.27, 3.000 plating min: termination (in) 120.00, 76 plating min: termination (m) 1.9, 3.00 ports 1 positions / loaded contacts 6/6 surface mount compatible (smc) yes temperature range - operating -40c to +80c termination interface: style surface mount waterproof / dustproof no wire/cable type n/a electrical current - maximum per contact 1.5a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85510 series mates with fcc 68 plugs
shielded no voltage - maximum 125v dc solder process data duration at max. process temperature (seconds) 40 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers application specification as-85513-001 packaging specification pk-85510 sales drawing sd-85510-002 this document was generated on 06/07/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0855105019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X