Part Number Hot Search : 
2E104K X7550D SG3525AN ECCCT23 40113 1N4436 116CR AD602
Product Description
Full Text Search
 

To Download V48SH05017NNFA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary datasheet ds_v48sh05017_07012009 features ? high efficiency: 91.5% @ 5v/17a ? size: 33.0x22.8x9.5mm (1.30?x0.90?x0.37?) ? industry standard footprint and pinout ? fixed frequency operation ? smd and through-hole versions ? input uvlo ? otp and output ocp, ovp ? output voltage trim: -20%, +10% ? monotonic startup into normal and pre-biased loads ? 1500v isolation and basic insulation ? no minimum load required ? no negative current during power or enable on/off ? iso 9001, tl 9000, iso 14001, qs 9000, ohsas18001 certified manufacturing facility ? ul/cul 60950-1 (us & canada) - pending applications ? optical transport ? data networking ? communications ? servers options ? smd pins ? short pin lengths available ? positive remote on/off ? heat spreader delphi series v48sh, 1/16 th brick 100w dc/dc power modules: 48v in, 5v, 17a out the delphi series v48sh, 1/16 th brick, 48v input, single output, isolated dc/dc converter, is the latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc. this product family provides up to 100 watts of power or 40a of output current (1.8v and below) in an industry standard 1/16 th brick form factor (1.30? x 0.90?). the 5v output offers one of the highest output currents available and provides up to 91.5% efficiency at full load. with creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. all modules are protected from abnormal input/output voltage, current, and temperature conditions. for lower power needs, but in a similar small form factor, please check out delta v36se (50w), s48sp (36w or 10a) and s36se (17w or 5a) series standard dc/dc modules.
ds_v48sh05017_07012009 2 technical specifications (t a =25c, airflow rate=300 lfm, v in =48vdc, nominal vout unless otherwise noted.) parameter notes and conditions v48sh05017 (standard) min. typ. max. units absolute maximum ratings input voltage continuous 80 vdc transient (100ms) 100ms 100 vdc operating temperature refer to figure 20 for measuring point -40 121 c storage temperature -55 125 c input/output isolation voltage 1500 vdc input characteristics operating input voltage 36 75 vdc input under-voltage lockout turn-on voltage threshold 32.5 34 35.5 vdc turn-off voltage threshold 30.5 32 33.5 vdc lockout hysteresis voltage 1 2 3 vdc maximum input current 100% load, 36vin 2.72 a no-load input current 50 80 ma off converter input current 7 12 ma inrush current (i 2 t) with 100uf external input capacitor 1 a 2 s start up current peak, vin=36v, 100% load, with 10000uf co 3.23 4.85 a input terminal ripple current rms, vin=48v, with 100uf input cap. 0.1 0.15 a input reflected-ripple current p-p thru 12h inductor, 5hz to 20mhz 8 15 ma input voltage ripple rejection 120 hz 45 db output characteristics output voltage set point vin=48v, io=io.max, tc=25c 4.925 5.0 5.075 vdc output voltage regulation over load io=io, min to io, max 5 mv over line vin=36v to 75v 5 mv over temperature tc=-40c to125c 50 mv total output voltage range over sample load, line and temperature 4.85 5.15 v output voltage ripple and noise 5hz to 20mhz bandwidth peak-to-peak full load, 1f ceramic, 10f tantalum 110 160 mv rms full load, 1f ceramic, 10f tantalum 35 50 mv operating output current range 0 17 a output over current protection output voltage 10% low 110 150 % dynamic characteristics output voltage current transient 48v, 10f tan & 1f ceramic load cap, 0.1a/s positive step change in output current 50% io.max to 75% io.max 100 160 mv negative step change in output current 75% io.max to 50% io.max 100 160 mv settling time (within 1% vout nominal) 100 200 us turn-on transient start-up time, from on/off control 12 28 ms start-up time, from input 12 28 ms maximum output capacitance cap esr>=8mohm; full load; 5% overshoot of vout at startup; 0 7000 f efficiency 100% load vin=48v 90 91.5 % 60% load vin=48v 90 91.5 % isolation characteristics input to output 1500 vdc isolation resistance 10 m ? isolation capacitance 1500 pf feature characteristics switching frequency 300 khz on/off control, negative remote on/off logic logic low (module on) von/off -0.7 0.8 v logic high (module off) von/off 2 15 v on/off control, positive remote on/off logic logic low (module off) von/off -0.7 0.8 v logic high (module on) von/off 2 15 v on/off current (for both remote on/off logic) ion/off at von/off=0.0v 0.3 ma on/off current (for both remote on/off logic) ion/off at von/off=2v 10 ua leakage current (for both remote on/off logic) logic high, von/off=15v 50 ua output voltage trim range max rated current guaranteed at full trim range -20 10 % output voltage remote sense range max rated current guaranteed at full remote sense range 10 % output over-voltage protection over full temp range; % of nominal vout 130 % general specifications mtbf per telecordia sr-332, 100% load, 40c, 48vin, 400lfm 1.4 m hours per telecordia sr-332, 50% load, 25c, 48vin, 400lfm 6.6 m hours weight open frame 14.2 grams over-temperature shutdown refer to figure 20 for measuring point 128 c
ds_v48sh05017_07012009 3 electrical characteristics curves figure 1: efficiency vs. load current for minimum, nominal, and maximum input voltage at 25c figure 2: power dissipation vs. load current for minimum, nominal, and maximum input voltage at 25c. figure 3: typical full load input characteristics at room temperature 70 73 76 79 82 85 88 91 94 4 8 12 16 20 48vin 36vin 75vin 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 4 8 12 16 20 48vin 36vin 75vin 0.5 1 1.5 2 2.5 3 3.5 30 35 40 45 50 55 60 65 70 75 i nput voltage( v) input current(a)
ds_v48sh05017_07012009 4 electrical characteristics curves for negative remote on/off start up figure 4: turn-on transient at full rated load current (10 ms/div). vin=48v. top trace: vout, 1.5v/div; bottom trace: on/off input, 5v/div figure 5: turn-on transient at zero load current (10 ms/div). vin=48v. top trace: vout: 1.5v/div, bottom trace: on/off input, 5v/div for input voltage start up figure 6: turn-on transient at full rated load current (10 ms/div). vin=48v. top trace: vout, 1.5v/div; bottom trace: vin , 20 v/div figure 7: turn-on transient at zero load current (10 ms/div). vin=48v. top trace: vout, 1.5v/div; bottom trace: vin , 20 v/div figure 8: output voltage response to step-change in load current (75%-50%-75% of io, max; di/dt = 0.1a/s). load cap: 10f tantalum capacitor and 1f ceramic capacitor. top trace: vout (100mv/div, 200us/div ) , bottom trace: iout (5a/div). scope measurement should be made using a bnc cable (length shorter than 20 inches). position the load between 51 mm to 76 mm (2 inches to 3 inches) from the module figure 9: output voltage response to step-change in load current (75%-50%-75% of io, max; di/dt = 1.0a/s). load cap: 100f tantalum c apacitor and 1f ceramic capacitor. top trace: vout (100mv/div, 200us/div), bottom trace: iout (10a/div). scope measurement should be made using a bnc cable (length shorter than 20 inches). position the load between 51 mm to 76 mm (2 inches to 3 inches) from the module 0 0 0 0 0 0 0 0 0 0 0 0
ds_v48sh05017_07012009 5 electrical characteristics curves figure 10: test set-up diagram showing measurement points for input terminal ripple current and input reflected ripple current. note: measured input reflected-ripple current with a simulated source inductance (l test ) of 12 h. capacitor cs offset possible battery impedance. measure current as shown above figure 11: input terminal ripple current, i c , at full rated output current and nominal input voltage with 12h source impedance and 33f electrolytic capacitor (100 ma/div, 1us/div) figure 12: input reflected ripple current, i s , through a 12h source inductor at nominal input voltage and rated load current (20 ma/div, 1us/div) figure 13: output voltage noise and ripple measurement test setup figure 14: output voltage ripple at nominal input voltage and rated load current (io=40a)(50 mv/div, 1us/div) load capacitance: 1f ceramic capacitor and 10f tantalum capacitor. bandwidth: 20 mhz. scope measurements should be made using a bnc cable (length shorter than 20 inches). position the load between 51 mm to 76 mm (2 inches to 3 inches) from the module. 0 0 0 strip copper vo(-) vo(+) 10u 1u scope resistiv e load vin+ vin- is ic 100uf, esr=0.2 ohm @ 25 o c 100khz cs: 220uf + + vin+ vin- is ic 100uf, esr=0.2 ohm @ 25 o c 100khz cs: 220uf + + is ic 100uf, esr=0.2 ohm @ 25 o c 100khz cs: 220uf + + + +
ds_v48sh05017_07012009 6 ? the input source must be insulated from the ac mains by reinforced or double insulation. ? the input terminals of the module are not operator accessible. ? if the metal baseplate is grounded , one vi pin and one vo pin shall also be grounded. ? a selv reliability test is conducted on the system where the module is used , in combination with the module, to ensure that under a single fault, hazardous voltage does not appear at the module?s output. when installed into a class ii equipment (without grounding), spacing consideration should be given to the end-use installation, as the spacing between the module and mounting surface have not been evaluated. the power module has extra-low voltage (elv) outputs when all inputs are elv. this power module is not internally fused. to achieve optimum safety and system protection, an input line fuse is highly recommended. the safety agencies require a fast-acting fuse with 30a maximum rating to be installed in the ungrounded lead. a lower rated fuse can be used based on the maximum inrush transient energy and maximum input current. soldering and cleaning considerations post solder cleaning is usually the final board assembly process before the board or system undergoes electrical testing. inadequate cleaning and/or drying may lower the reliability of a power module and severely affect the finished circuit board assembly test. adequate cleaning and/or drying is especially important for un-encapsulated and/or open frame type power modules. for assistance on appropriate soldering and cleaning procedures, please contact delta?s technical support team. design considerations input source impedance the impedance of the input source connecting to the dc/dc power modules will interact with the modules and affect the stability. a low ac-impedance input source is recommended. if the source inductance is more than a few h, we advise adding a 10 to 100 f electrolytic capacitor (esr < 0.7 ? at 100 khz) mounted close to the input of the module to improve the stability. layout and emc considerations delta?s dc/dc power modules are designed to operate in a wide variety of systems and applications. for design assistance with emc compliance and related pwb layout issues, please contact delta?s technical support team. an external input filter module is available for easier emc compliance design. application notes to assist designers in addressing these issues are pending release. safety considerations the power module must be installed in compliance with the spacing and separation requirements of the end-user?s safety agency standard, i.e., ul60950, can/csa-c22.2 no. 60950-00 and en60950: 2000 and iec60950-1999, if the system in which the power module is to be used must meet safety agency requirements. basic insulation based on 75 vdc input is provided between the input and output of the module for the purpose of applying insulation requirements when the input to this dc-to-dc converte r is identified as tnv-2 or selv. an additional evaluation is needed if the source is other than tnv-2 or selv. when the input source is selv circuit, the power module meets selv (safety extra-low voltage) requirements. if the input source is a hazardous voltage which is greater than 60 vdc and less than or equal to 75 vdc, for the module?s output to meet selv requirements, all of the following must be met:
ds_v48sh05017_07012009 7 features descriptions over-current protection the modules include an internal output over-current protection circuit, which will endure current limiting for an unlimited duration during output overload. if the output current exceeds the ocp set point, the modules will automatically shut down, and enter hiccup mode or latch mode, which is optional. for hiccup mode, the module will try to restart after shutdown. if the over current condition still exists, the module will shut down again. this restart trial will continue until the over-current condition is corrected. for latch mode, the module will latch off once it shutdown. the latch is reset by either cycling the input power or by toggling the on/off signal for one second. over-voltage protection the modules include an internal output over-voltage protection circuit, which monitors the voltage on the output terminals. if this voltage exceeds the over-voltage set point, the module will shut down, and enter in hiccup mode or latch mode, which is optional. for hiccup mode, the module will try to restart after shutdown. if the over voltage condition still exists, the module will shut down again. this restart trial will continue until the over-voltage condition is corrected. for latch mode, the module will latch off once it shutdown. the latch is reset by either cycling the input power or by toggling the on/off signal for one second. over-temperature protection the over-temperature protection consists of circuitry that provides protection from thermal damage. if the temperature exceeds the over-temperature threshold the module will shut down, and enter in auto-restart mode or latch mode, which is optional. for auto-restart mode, the module will monitor the module temperature after shutdown. once the temperature is dropped and within the specification, the module will be auto-restart. for latch mode, the module will latch off once it shutdown. the latch is reset by either cycling the input power or by toggling the on/off signal for one second. remote on/off the remote on/off feature on the module can be either negative or positive logic. negative logic turns the module on during a logic low and off during a logic high. positive logic turns the modules on during a logic high and off during a logic low. remote on/off can be controlled by an external switch between the on/off terminal and the vi(-) terminal. the switch can be an open collector or open drain. for negative logic if the remote on/off feature is not used, please short the on/off pin to vi(-). for positive logic if the remote on/off feature is not used, please leave the on/off pin floating. vo(+) vi(+) vo(-) sense(-) sense(+) vi(-) on/off figure 15: remote on/off implementation remote sense remote sense compensates for voltage drops on the output by sensing the actual output voltage at the point of load. the voltage between the remote sense pins and the output terminals must not exceed the output voltage sense range given here: [vo(+) ? vo(?)] ? [sense(+) ? sense(?)] 10% ?? vout this limit includes any increase in voltage due to remote sense compensation and output voltage set point adjustment (trim). vi(-) vi(+) vo(-) vo(+) sense(+) sense(-) resistance contact contact and distributio n losses figure 16: effective circuit configuration for remote sense operation if the remote sense feature is not used to regulate the output at the point of load, please connect sense(+) to vo(+) and sense(?) to vo(?) at the module. the output voltage can be increased by both the remote sense and the trim; however, the maximum increase is the larger of either the remote sense or the trim, not the sum of both.
ds_v48sh05017_07012009 8 features descriptions (con.) when using remote sense and trim, the output voltage of the module is usually increased, which increases the power output of the module with the same output current. max rated current is guaranteed at full output voltage remote sense range. output voltage adjustment (trim) to increase or decrease the output voltage set point, connect an external resistor between the trim pin and either the sense(+) or sense(-). the trim pin should be left open if this feature is not used. figure 17: circuit configuration for trim-down (decrease output voltage) if the external resistor is connected between the trim and sense (-) pins, the output voltage set point decreases (fig. 18). the external resistor value required to obtain a percentage of output voltage change ? % is defined as: () ? ? ? ? ? ? ? ? ? = ? k down rtrim 2 . 10 511 ex. when trim-down -10% (5v0.9=4.5v) () () ? = ? ? ? ? ? ? ? ? = ? k k down rtrim 9 . 40 2 . 10 10 511 figure 18: circuit configuration for trim-up (increase output voltage) if the external resistor is connected between the trim and sense (+) the output voltage set point increases (fig. 19). the external resistor value required to obtain a percentage output voltage change ? % is defined as: () ? ? ? ? ? ? + = ? k up rtrim 2 . 10 511 1.225 ) (100 vo 11 . 5 ex. when trim-up +10% (5v1.1=5.5v) () ? = ? ? + = ? k up rtrim 1 . 168 2 . 10 10 511 10 225 . 1 ) 10 100 ( 5 11 . 5 trim resistor can also be connected to vo+ or vo- but it would introduce a small error voltage than the desired value. the output voltage can be increased by both the remote sense and the trim, however the maximum increase is the larger of either the remote sense or the trim, not the sum of both. when using remote sense and trim, the output voltage of the module is usually increased, which increases the power output of the module with the same output current. max rated current is guaranteed at full output voltage trim range.
ds_v48sh05017_07012009 9 thermal considerations thermal management is an important part of the system design. to ensure proper, reliable operation, sufficient cooling of the power module is needed over the entire temperature range of the module. convection cooling is usually the dominant mode of heat transfer. hence, the choice of equipment to characterize the thermal performance of the power module is a wind tunnel. thermal testing setup delta?s dc/dc power modules are characterized in heated vertical wind tunnels that simulate the thermal environments encountered in most electronics equipment. this type of equipment commonly uses vertically mounted circuit cards in cabinet racks in which the power modules are mounted. the following figure shows the wind tunnel characterization setup. the power module is mounted on a test pwb and is vertically positioned within the wind tunnel. the space between the neighboring pwb and the top of the power module is constantly kept at 6.35mm (0.25??). note: wind tunnel test setup figure dimensions are in millimeters and (inches) 12.7 (0.5?) module a ir flo w 50.8 ( 2.0? ) facing pw b pwb a ir velocit y a nd ambien t temperatur e measured belo w the module figure 19: wind tunnel test setup thermal derating heat can be removed by increasing airflow over the module. to enhance system reliability, the power module should always be operated below the maximum operating temperature. if the temperature exceeds the maximum module temperature, reliability of the unit may be affected. thermal curves figure 20: temperature measurement location the allowed maximum hot spot temperature is defined at 121 j . v48sh050(standard) output current vs. ambient temperature and air velocity @vin = 48v (either orientation) 0 4 8 12 16 20 25 30 35 40 45 50 55 60 65 70 75 80 85 ambient temperature ( ?? ) output current (a) natural convection 100lfm 200lfm 300lfm 400lfm 500lfm 600lfm figure 21: output current vs. ambient temperature and air velocity @ vin=48v (either orientation)
ds_v48sh05017_07012009 10 pick and place location recommended pad layout (smd) surface-mount tape & reel
ds_v48sh05017_07012009 11 leaded (sn/pb) process recommend temp. profile time ( sec. ) pre-heat temp. 140~180 x c 60~120 sec. peak temp. 210~230 x c 5sec. ramp-up temp. 0.5~3.0 x c /sec. temperature ( x c ) 50 100 150 200 250 300 60 0 120 180 240 2nd ramp-up temp. 1.0~3.0 x c /sec. over 200 x c 40~50sec. cooling down rate <3 x c /sec. note: the temperature refers to the pin of v48sh, measured on the pin +vout joint. lead free (sac) process recommend temp. profile temp . time 150 j 200 j 100~140 sec. time limited 90 sec. above 217 j 217 j preheat time ramp up max. 3 j /sec. ramp down max. 4 j /sec. peak tem p . 240 ~ 245 j 25 j note: the temperature refers to the pin of v48sh, measured on the pin +vout joint.
ds_v48sh05017_07012009 12 mechanical drawing surface-mount module through-hole module pin no. name function 1 2 3 4 5 6 7 8 +vin on/off -vin -vout -sense trim +sense +vout positive input voltage remote on/off negative input voltage negative output voltage negative remote sense output voltage trim positive remote sense positive output voltage
ds_v48sh05017_07012009 13 part numbering system v 48 s h 1r8 40 n r f a type of product input voltage number of outputs product series output voltage output current on/off logic pin length/type option code v - 1/16 brick 48- 36v~75v s - single h - high power 1r8 - 1.8v 40 - 40a n- negative p- positive r - 0.170? n - 0.145? f- rohs 6/6 (lead free) a - standard functions h - with heatspreader model list model name input output eff @ 100% load v48sh1r840nnfa 36v~75v 3a 1.8v 40a 88.5% v48sh05020nnfa 36v~75v 4a 5.0v 20a 91.5% v48sh1r830nnfa 36v~75v 2.5a 1.8v 30a 89% V48SH05017NNFA 36v~75v 4a 5.0v 17a 91.5% default remote on/off logic is negative and pin length is 0.170? for different remote on/off logic and pin length, please refer to part numbering system above or contact your local sales offic e. contact: www.delta.com.tw/dcdc usa: telephone: east coast: (888) 335 8201 west coast: (888) 335 8208 fax: (978) 656 3964 email: dcdc@delta-corp.com europe: phone: +41 31 998 53 11 fax: +41 31 998 53 53 email: dcdc@delta-es.com asia & the rest of world: telephone: +886 3 4526107 ext 6220~6224 fax: +886 3 4513485 email: dcdc@delta.com.tw warranty delta offers a two (2) year limited warranty. complete warranty information is listed on our web site or is available upon request from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is grante d by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice .


▲Up To Search▲   

 
Price & Availability of V48SH05017NNFA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X