Part Number Hot Search : 
RC6302 145N8 CDD120 M54460L 03N03LA TSL25 B2567 5KP28A
Product Description
Full Text Search
 

To Download TPC6001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TPC6001 2002-01-17 1 toshiba field effect transistor silicon n channel mos type (u-mosii) TPC6001 notebook pc applications portable equipment applications  low drain-source on resistance: r ds (on) = 22 m ? (typ.)  high forward transfer admittance: |y fs | = 1 5 s (typ.)  low leakage current: i dss = 1 0 a (max) (v ds = 20 v)  enhancement-model: v th = 0.5 to 1 .2 v (v ds = 1 0 v, i d = 200 a) maximum ratings (ta     25c) characteristics symbol rating unit drain-source voltage v dss 20 v drain-gate voltage (r gs  20 k  ) v dgr 20 v gate-source voltage v gss  12 v dc (note 1) i d 6 drain current pulse (note 1) i dp 24 a drain power dissipation (t  5 s) (note 2a) p d 2.2 w drain power dissipation (t  5 s) (note 2b) p d 0.7 w single pulse avalanche energy (note 3) e as 5.8 mj avalanche current i ar 3 a repetitive avalanche energy (note 4) e ar 0.22 mj channel temperature t ch 150 c storage temperature range t stg  55 to 150 c thermal characteristics characteristics symbol max unit thermal resistance, channel to ambient (t  5 s) (note 2a) r th (ch-a) 56.8 c/w thermal resistance, channel to ambient (t  5 s) (note 2b) r th (ch-a) 178.5 c/w note: (note 1), (note 2), (note 3), (note 4), (note 5) please see next page. this transistor is an electrostatically sensitive device. please handle it with caution. unit: mm jedec D jeita D toshiba 2-3t1a weight: 0.011 g (typ.) circuit configuration 6 4 1 2 3 5 marking (note 5) s 2 a
TPC6001 2002-01-17 2 electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs   10 v, v ds  0 v    10  a drain cut-off current i dss v ds  20 v, v gs  0 v   10  a v (br) dss i d  10 ma, v gs  0 v  20   drain-source breakdown voltage v (br) dsx i d  10 ma, v gs   12 v  8   v gate threshold voltage v th v ds  10 v, i d  200  a 0.5  1.2 v r ds (on) v gs  2.0 v, i d  3 a  35 60 r ds (on) v gs  2.5 v, i d  3 a  28 45 drain-source on resistance r ds (on) v gs  4.5 v, i d  3 a  22 30 m  forward transfer admittance |y fs | v ds  10 v, i d  3 a  7.5 15  s input capacitance c iss  755  reverse transfer capacitance c rss  172  output capacitance c oss v ds  10 v, v gs  0 v, f  1 mhz  222  pf rise time t r  6  turn-on time t on  11  fall time t f  32  switching time turn-off time t off duty   1%, t w  10  s   64  ns total gate charge (gate-source plus gate-drain) q g  15  gate-source charge q gs  10  gate-drain (?miller?) charge q gd v dd  16 v, v gs  5 v, i d  6 a  5  nc source-drain ratings and characteristics (ta     25c) characteristics symbol test condition min typ. max unit pulse drain reverse current (note 1) i drp    24 a forward voltage (diode) v dsf i dr  6 a, v gs  0 v    1.2 v note 1: please use devices on condition that the channel temperature is below 150c. note 2: (a) device mounted on a glass-epoxy board (a) (b) device mounted on a glass-epoxy board (b) note 3: v dd  16 v, t ch  25c (initial), l  0.5 mh, r g  25  , i ar  3.0 a note 4: repetitive rating; pulse width limited by maximum channel temperature note 5: black round marking ?  ? locates on the left lower side of parts number marking ?s2a? indicates terminal no.1. (a) fr-4 25.4
25.4
0.8 unit: (mm) (b) fr-4 25.4
25.4
0.8 unit: (mm) r l  3.3  v dd  10 v 0 v v gs 5 v 4.7  i d  3 a v out
TPC6001 2002-01-17 3 forward transfer admittance |y fs | (s) drain-source voltage v ds (v) drain-source voltage v ds (v) i d ? v ds drain current i d (a) drain-source voltage v ds (v) i d ? v ds drain current i d (a) gate-source voltage v gs (v) i d ? v gs drain current i d (a) gate-source voltage v gs (v) v ds ? v gs drain current i d (a) |y fs | ? i d drain current i d (a) drain-source on resistance r ds (on) (m  ) r ds (on) ? i d 100c 0 2 4 6 8 14 0 1 1.5 2 2.5 3 ta   55c 25c common source v ds  10 v pulse test 0.5 10 12 4 6 0 0.2 0.4 0.6 0.8 1.0 1.5 1.4 v gs  1.3 v 1.6 1.8 10 0 2 4 6 8 10 common source ta  25c pulse test 1.7 2 2.5 0246 8 10 common source ta  25c pulse test 1.6 2 1.4 v gs  1.2 v 1.8 4.5 10, 8, 6 0 4 8 12 16 20 2.5 1 3 5 10 30 50 1 3 5 30 50 100 100 10 common source v ds  10 v pulse test 100c 25c ta   55c 1 3 10 30 100 0.1 0.3 1 3 30 100 10 common source t a  25c pulse test v gs  4.5 v 2.5 v 2 v 10 0246 8 1.5 a 0 0.1 0.2 0.3 0.4 0.5 3 a i d  6 a common source ta  25c pulse test
TPC6001 2002-01-17 4 ambient temperature ta ( c) r ds (on) ? ta drain-source on resistance r ds (on) (m  ) drain-source voltage v ds (v) i dr ? v ds drain reverse current i dr (a) drain-source voltage v ds capacitance ? v ds capacitance c (pf) ambient temperature ta ( c) v th ? ta gate threshold voltage v th (v) ambient temperature ta ( c) p d ? ta drain power dissipation p d (w) gate-source voltage v gs (v) total gate charge q g (nc) dynamic input/output characteristics drain-source voltage v ds (v) 0 0.2 0.6 0.8 1 1.4  80  40 0 40 80 160 common source v ds  10 v i d  200  a pulse test 120 1.2 0.4 10 100 1000 10000 0.1 1 10 100 3000 300 30 0.3 3 30 c iss c rss c oss common source v gs  0 v f  1 mhz ta  25c 0 20 40 60 80 100  80  40 0 40 80 160 common source pulse test 120 v gs  2.5 v i d  6 a, 3 a, 1.5 a v gs  4.5 v i d  6 a, 3 a, 1.5 a v gs  2 v i d  3 a, 1.5 a 6 a 0 0 0.5 1 1.5 2 2.5 40 80 120 160 (1) device mounted on a glass-epoxy board (a) (note 2a) (2) device mounted on a glass-epoxy board (b) (note 2b) (1) t  5 s (2) t  5 s (1) dc (2) dc 0 0 5 481216 10 20 30 0 4 8 12 10 common source i d  6 a ta  25c pulse test 4 v 8 v v gs v dd  16 v 20 24 28 15 25 6 2 v ds  16 v 4 v 8 v 0.1 1 10 0  0.4  0.6  0.8  1  1.2  0.2 3 0.3 100 common source ta  25c pulse test 3 v 1 v v gs  0 v 5 v 10 v 30
TPC6001 2002-01-17 5 r th  t w safe operating area pulse t w (s) drain-source voltage v ds (v) transient thermal impedance r th (c/w) drain current i d (a) 0.01 0.01 0.03 0.1 0.3 1 3 10 100 30 0.03 0.1 0.3 1 3 10 30 100 *: single pulse ta  25c curves must be derated linearly with increase in temperature i d max (pulse) * 10 ms * 1 ms * v dss max 0.1 0.001 0.01 0.1 10 100 1000 1 0.3 3 30 100 300 1000 single pulse device mounted on a glass- epoxy board (b) (note 2b) 1 device mounted on a glass- epoxy board (a) (note 2a) 10
TPC6001 2002-01-17 6  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TPC6001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X