|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
t m 12 8 12 8 cda6 ! " # $ % # gr ay ! " # re $ % & ! % ' ( ) * + ,, - % . &+' &/ + none ! " 2 3 # % % 4 $ 5 ! 56 # 0 to + 50 # - 20 to + 60 /6# 8$ )9 ," , /:, /;##< ! ,' :,' ;##< , d a 6 m o di fi c a ti o n co d e d e si g n a to r 6 : c hi p - o n - bo a r d a : re no , '-#! .#'+/!'! =# #3 . . 9 > 8# !) ( ( ( , +, 02%( ( -, ( 6 # 8 , 74, # 8 , 75, 2 0## ' +1 =# #3 . . 9 > ( ;0< ( ( '4- -, -- ( ( ;02%< ( + + + ( ? ( ( @-, ,5( ( 7, ( = ( 0) ( ( @-, , ,( ( ;0< = ( ( @-, +, #* ;02%< = , #* +=$ ! "#$ % &'&% &()*+, - * ./ 0!- .++%" %,12& 3 45! .++%" %,12&6 *'&7 8 9 (+%1" 1,1 (,*.), ( 0 9 9 &1/9*,& &%&), 21% 9 &1/9*,& 1$%& 21% 5 9 &(&, 21% - 9 1,1 .( & : 9 1,1 .( & - 9 1,1 .( & 3 9 1,1 .( & 8 9 1,1 .( & 3 0 9 1,1 .( & 8 9 1,1 .( & 0 5 9 1,1 .( & 9 ;+ &%&), 21% 5 9 ;+ &%&), 21% 3 9 ;+ &%&), 21% : 8 9 ;+ &%&), 21% - 40 9 '&*,&* .,+., n c -- no c o n ne ction nc -- no connection ! " characteristic symbol min typ max unit e cycl e t c 1000 - - ns e high level widt h t wh 450 - - ns e low level width t wl 450 - - ns e rise tim e t r - - 25 ns e fall tim e t f - - 25 ns address set-up tim e t asu 140 - - ns address hold time t ah 10 - - ns data set-up tim e t dsu 200 - - ns data delay time t d - - 320 ns data hold time (write) t dhw 10 - - ns data hold time (read) t dhr 20 - - ns e r/w cs1b, cs2b cs3, rs db0-7 mpu write timing 2.0v 0.8v t c t wl t wh t r t f t asu t ah t asu t ah t dsu t dhw 0.8v 2.0v e r/w cs1b,cs2b cs3, rs db0 ~db7 mpu read timing t c t wl t wh t r t f t asu t asu t ah t ah t d t dhr +'=2 the display control instructions control the internal state of the ks0108b. instruction is received from mpu to ks0108b for the display control. the following table shows various instructions. instruction rs r/w db7 db6 db5 db4 db3 db2 db1 db0 function display on/off l l l l h h h h h l/h controls the display on or off. internal status and display ram data is not affected. l:off, h:on set address (y address) l l l h sets the y address in the y address counter. set page ( x address) l l h l h h h sets the x address at the x address register. display start line (z address) l l h h indicates the display data ram displayed at the top of the screen. status read l h b u s y l o n / o f f r e s e t l l l l read status. busy l: ready h: in operation on/off l: display on h: display off reset l: normal h: reset write display data h l writes data (db0:7) into display data ram. after writing instruction, y address is increased by 1 automatically. read display data h h reads data (db0:7) from display data ram to the data bus. y address (0~63) page (0~7) display start line (0~63) write data read data 1# 46 2 @- =# #3 2 . . 9 > @, ,, ()* 2 2 @, , , 2 8 2 @, @, , ,, 8 # $$ @, @, ,, # ! "# ! $ %"&' (! )*+,- . ! / 0 ! / 0 ! " ! ) "&' (! )*+,- 2## 52$8 3 @- =# 2$ ?# 1 # $ # 5, ',? 0)# 1 ) # $ # , ',? ?# 6 1 ;% < # #$ # 4, ',? ' 0)# 6 1 )# $ # , ',? - ?# &?# 1 # # $ # +, /-e8? ',? + # 2 1 ) # , - 5, - ,# -# ,# -# , &5, , 4 (3 ; < 1 %3 ,?"a-,,?"b ,,#& b ,# 5 ; < 1 ? $) %b ,,#& b 5# / *# ! 1 # 3 -! +? 5 f#2 =# 2 =# '-+45/ f#2 $ 6$3 $ 1 $ 6$ $ . $ 6$# $ 6 2 6$ $ #$5 8# $ @ 6 $ 7 . $ 345*67** = 19 # * @- ;) < . . 9 > =0 *g0 19 ( = > # # b 3) 02-# *9* == . h , . - $ > # # b *9 == . h , . - . h$ 6###bb # b0 .$ 6 # $#i 55 $8' 5* +'# ,? ! , # $ 3h # 3 $# b ,=$ # d 3 b3 #b$3 # ) b# ) $$ ) , 9%$ $ h # % ,' "% $ $02#$ ? " $ ,- =$ $ # b 3 $ ) ) $ =$ # b # )$$)% = 1 % # 3%# # " 1 b$) j *# % ,+ # #302. ,4=$)$$b ,5 % $ # 3 b 3 $ # ##)%# 3 ) 02. 3d$ #3 b b#3 #$ b #3 ) 02. ) $# $ )$$%$# # 3 , ,02#b %9 $$ # ,02#3 # =$02#)3$ #b## # , ', 8 % # 5,e , 02 # 3 # ) b #$ , 02 # 3 $ % b % 9% b ) b # / =# $ $ =# 2 2 0 # 8 3) *## " # # . 9 $ ) ! " 333) " k, ## , ## ,-## $ " *## . 9 ) :k,,## ,,## : ,-## ;%) < :@; 73<& . 9 ) ;%) < k,,## ,,## ,,-## 3 ,## . 9 ;< ) !% # /- =# $ $ =# 2 2 6### # # %) # 2 % *## 2 *## . 9 ) :k,## ,## : ,## :@; 73<& . 9 ) ! # ;6< *k,## ,## * ,## k,-## . 9 ) . 9 ) :k,## ,## : ,## ; %) < :@; 73<& . 9 ) ; %) < k,,## ,,## ,,-## . 9 ;< ) /- =# $ $;< =# 2 2 . 9$ ) 9 ,## ,## 9 ,## 9@; 73<& . 9$ ) ,## ,## ,## l, . 9 $ ) $ # $# . 9$ ) ,5 @# % $) @# % $) |
Price & Availability of TM128128CDA6 |