Part Number Hot Search : 
BC547A EPA3093 BC547C R5F21336 24001 30110 2SC2580 SPN7002K
Product Description
Full Text Search
 

To Download SMAJP4KE10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features mechanical data case: jedec do-214ac terminals: solderable per mil-std-750, method 2026 polarity: color band denotes posit ive end (cathode) except bidirectional maximum soldering temperature: 250 o c for 10 seconds maximum ratings @ 25 o c unless otherwise specified peak pulse current on 10/1000us waveform i pp see table 1 note: 1 peak pulse power dissipation p pp 400w note: 1, peak forward surge current i fsm) 40a note: 3 operation and storage temperature range t j , t stg -55 o c to +150 o c notes: 1. non- repetitive current pulse, per fig.3 and derated above t a =25 o c per fig.2. 2. mounted on 5.0mm 2 copper pads to each terminal. 3. 8.3ms, single half sine wave duty cycle=4 pulses per. minute maximum. smajp4ke6.8(c)a thru smajp4ke550(c)a transient voltage suppressor 6.8 to 550 volts 400 watt www. mccsemi .com  
 omp onents 20736 marilla street chatsworth       
     mcc revision: b 2011/09/16 0.070" 0.090 0.058 suggested solder pad layout ma x mi n mi n do-214ac (smaj)( lead frame)      dimensions inches mm dim min max min max note a .079 .096 2.00 2.44 b .050 .064 1.27 1.63 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 f .065 .091 1.65 2.32 g .189 .220 4.80 5.59 h .157 .181 4.00 4.60 j .090 .115 2.25 2.92 h j e f g a b d c for surface mount applicationsin in or der to optimize boar d space l ow pr ofil e package fast response time: typical less than 1.0ps from 0 volts to v br minimum ul recognized file # e331408 tm micro commercial components 1 of 5 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) smajp4ke6.8a 5.80 6.45 7.14 10 10.5 39.0 1000 6v8a smajp4ke7.5a 6.40 7.13 7.88 10 11.3 36.3 500 7v5a smajp4ke8.2a 7.02 7.79 8.61 10 12.1 33.9 200 8v2a smajp4ke9.1a 7.78 8.65 9.55 1 13.4 30.6 50 9v1a SMAJP4KE10A 8.55 9.50 10.50 1 14.5 28.3 10 10a smajp4ke11a 9.40 10.50 11.60 1 15.6 26.3 5 11a smajp4ke12a 10.20 11.40 12.60 1 16.7 24.6 5 12a smajp4ke13a 11.10 12.40 13.70 1 18.2 22.5 1 13a smajp4ke15a 12.80 14.30 15.80 1 21.2 19.3 1 15a smajp4ke16a 13.60 15.20 16.80 1 22.5 18.2 1 16a smajp4ke18a 15.30 17.10 18.90 1 25.5 16.1 1 18a smajp4ke20a 17.10 19.00 21.00 1 27.7 14.8 1 20a smajp4ke22a 18.80 20.90 23.10 1 30.6 13.4 1 22a smajp4ke24a 20.50 22.80 25.20 1 33.2 12.3 1 24a smajp4ke27a 23.10 25.70 28.40 1 37.5 10.9 1 27a smajp4ke30a 25.60 28.50 31.50 1 41.4 9.9 1 30a smajp4ke33a 28.20 31.40 34.70 1 45.7 9.0 1 33a smajp4ke36a 30.80 34.20 37.80 1 49.9 8.2 1 36a smajp4ke39a 33.30 37.10 41.00 1 53.9 7.6 1 39a smajp4ke43a 36.80 40.90 45.20 1 59.3 6.9 1 43a smajp4ke47a 40.20 44.70 49.40 1 64.8 6.3 1 47a smajp4ke51a 43.60 48.50 53.60 1 70.1 5.8 1 51a smajp4ke56a 47.80 53.20 58.80 1 77.0 5.3 1 56a smajp4ke62a 53.00 58.90 65.10 1 85.0 4.8 1 62a smajp4ke68a 58.10 64.60 71.40 1 92.0 4.5 1 68a smajp4ke75a 64.10 71.30 78.80 1 103.0 4.0 1 75a smajp4ke82a 70.10 77.90 86.10 1 113.0 3.6 1 82a smajp4ke91a 77.80 86.50 95.50 1 125.0 3.3 1 91a smajp4ke100a 85.50 95.00 105.00 1 137.0 3.0 1 100a smajp4ke110a 94.00 105.00 116.00 1 152.0 2.7 1 110a smajp4ke120a 102.00 114.00 126.00 1 165.0 2.5 1 120a smajp4ke130a 111.00 124.00 137.00 1 179.0 2.3 1 130a smajp4ke150a 128.00 143.00 158.00 1 207.0 2.0 1 150a smajp4ke160a 136.00 152.00 168.00 1 219.0 1.9 1 160a smajp4ke170a 145.00 162.00 179.00 1 234.0 1.8 1 170a smajp4ke180a 154.00 171.00 189.00 1 246.0 1.7 1 180a smajp4ke200a 171.00 190.00 210.00 1 274.0 1.5 1 200a smajp4ke220a 185.00 209.00 231.00 1 328.0 1.3 1 220a smajp4ke250a 214.00 237.00 263.00 1 344.0 1.2 1 250a smajp4ke300a 256.00 285.00 315.00 1 414.0 1.0 1 300a smajp4ke350a 300.00 332.00 368.00 1 482.0 0.9 1 350a smajp4ke400a 342.00 380.00 420.00 1 548.0 0.8 1 400a smajp4ke440a 376.00 418.00 462.00 1 602.0 0.7 1 440a smajp4ke480a 408.00 456.00 504.00 1 658.0 0.6 1 480a smajp4ke510a 434.00 485.00 535.00 1 698.0 0.6 1 510a smajp4ke530a 477.00 503.50 556.50 1 725.0 0.6 1 530a smajp4ke540a 459.00 513.00 567.00 1 740.0 0.5 1 540a smajp4ke550a 495.00 522.50 577.50 1 760.0 0.5 1 550a smajp4ke6.8(c)a thru smajp4ke550(c)a mc c for bi-directional type having v rwm of 10 volts and less, the i r limit is double. the available parts are ?a? type only, the parts without a (v br is  10%) is not available. www. mccsemi .com revision: b 2011/09/16 tm micro commercial components 2 of 5
electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) smajp4ke6.8ca 5.80 6.45 7.14 10 10.5 39.0 1000 6v8c smajp4ke7.5ca 6.40 7.13 7.88 10 11.3 36.3 500 7v5c smajp4ke8.2ca 7.02 7.79 8.61 10 12.1 33.9 200 8v2c smajp4ke9.1ca 7.78 8.65 9.55 1 13.4 30.6 50 9v1c smajp4ke10ca 8.55 9.50 10.50 1 14.5 28.3 10 10c smajp4ke11ca 9.40 10.50 11.60 1 15.6 26.3 5 11c smajp4ke12ca 10.20 11.40 12.60 1 16.7 24.6 5 12c smajp4ke13ca 11.10 12.40 13.70 1 18.2 22.5 1 13c smajp4ke15ca 12.80 14.30 15.80 1 21.2 19.3 1 15c smajp4ke16ca 13.60 15.20 16.80 1 22.5 18.2 1 16c smajp4ke18ca 15.30 17.10 18.90 1 25.5 16.1 1 18c smajp4ke20ca 17.10 19.00 21.00 1 27.7 14.8 1 20c smajp4ke22ca 18.80 20.90 23.10 1 30.6 13.4 1 22c smajp4ke24ca 20.50 22.80 25.20 1 33.2 12.3 1 24c smajp4ke27ca 23.10 25.70 28.40 1 37.5 10.9 1 27c smajp4ke30ca 25.60 28.50 31.50 1 41.4 9.9 1 30c smajp4ke33ca 28.20 31.40 34.70 1 45.7 9.0 1 33c smajp4ke36ca 30.80 34.20 37.80 1 49.9 8.2 1 36c smajp4ke39ca 33.30 37.10 41.00 1 53.9 7.6 1 39c smajp4ke43ca 36.80 40.90 45.20 1 59.3 6.9 1 43c smajp4ke47ca 40.20 44.70 49.40 1 64.8 6.3 1 47c smajp4ke51ca 43.60 48.50 53.60 1 70.1 5.8 1 51c smajp4ke56ca 47.80 53.20 58.80 1 77.0 5.3 1 56c smajp4ke62ca 53.00 58.90 65.10 1 85.0 4.8 1 62c smajp4ke68ca 58.10 64.60 71.40 1 92.0 4.5 1 68c smajp4ke75ca 64.10 71.30 78.80 1 103.0 4.0 1 75c smajp4ke82ca 70.10 77.90 86.10 1 113.0 3.6 1 82c smajp4ke91ca 77.80 86.50 95.50 1 125.0 3.3 1 91c smajp4ke100ca 85.50 95.00 105.00 1 137.0 3.0 1 100c smajp4ke110ca 94.00 105.00 116.00 1 152.0 2.7 1 110c smajp4ke120ca 102.00 114.00 126.00 1 165.0 2.5 1 120c smajp4ke130ca 111.00 124.00 137.00 1 179.0 2.3 1 130c smajp4ke150ca 128.00 143.00 158.00 1 207.0 2.0 1 150c smajp4ke160ca 136.00 152.00 168.00 1 219.0 1.9 1 160c smajp4ke170ca 145.00 162.00 179.00 1 234.0 1.8 1 170c smajp4ke180ca 154.00 171.00 189.00 1 246.0 1.7 1 180c smajp4ke200ca 171.00 190.00 210.00 1 274.0 1.5 1 200c smajp4ke220ca 185.00 209.00 231.00 1 328.0 1.3 1 220c smajp4ke250ca 214.00 237.00 263.00 1 344.0 1.2 1 250c smajp4ke300ca 256.00 285.00 315.00 1 414.0 1.0 1 300c smajp4ke350ca 300.00 332.00 368.00 1 482.0 0.9 1 350c smajp4ke400ca 342.00 380.00 420.00 1 548.0 0.8 1 400c smajp4ke440ca 376.00 418.00 462.00 1 602.0 0.7 1 440c smajp4ke480ca 408.00 456.00 504.00 1 658.0 0.6 1 480c smajp4ke510ca 434.00 485.00 535.00 1 698.0 0.6 1 510c smajp4ke530ca 477.00 503.50 556.50 1 725.0 0.6 1 530c smajp4ke540ca 459.00 513.00 567.00 1 740.0 0.5 1 540c smajp4ke550ca 495.00 522.50 577.50 1 760.0 0.5 1 550c smajp4ke6.8(c)a thru smajp4ke550(c)a mc c for bi-directional type having v rwm of 10 volts and less, the i r limit is double. the available parts are ?a? type only, the parts without a (v br is  10%) is not available. www. mccsemi .com revision: b 2011/09/16 tm micro commercial components 3 of 5
www. mccsemi .com revision: b 2011/09/16 smajp4ke6.8(c)a thru smajp4ke550(c)a mc c tm micro commercial components 4 of 5 smajp4ke6.8ca- smajp4ke91ca smajp4ke100ca- smajp4ke170ca
mcc revision: b 2011/09/16 tm micro commercial components www. mccsemi .com 5 of 5 device packing part number-tp tape&reel: 5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SMAJP4KE10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X