Part Number Hot Search : 
4570A JAN4N47A ICM72 2SCR513P R5F64 LT3791 EDZ22B N03LA
Product Description
Full Text Search
 

To Download SMA6J50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sma6j5.0a thru sma6j33a 600 watt transient voltage suppressors 5.0 to 33 volts 0.05 0.085 ? 0.058 ? suggested solder pad layout ma x mi n mi n dimensions inches mm dim min max min max note a .157 .181 4.00 4.60 b .098 .114 2.50 2.90 c .006 .012 0.152 0.305 d. .030 .060 0.76 1 .. 52 e .188 .208 4.80 5.28 f .078 .096 2.00 2.44 g .055 .062 1.40 1.60 h .002 .008 0.051 0.203 features ? for su rface mount applications ? unidirectional and bidirectional ? high surge capability ? high temp soldering: 260 c for 10 seconds at terminals ? for bidirectional devices add ?c? to the suffix of the part number: i.e.sma6j9.0ca for 5% tolerance  
 ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c ? typical thermal resistance: 25 /w junction to ambient peak pulse current on 10/1000 i ppm see table 1 note 2 peak pulse power dissipation p ppm min 600 w note 2 , 6 steady state power dissipation p m(av) 3 .0 w note 5 peak forward surge current i fsm 70a note:5 2. non-repetitive current pulse, per fig.4 and derated above t a =25 per fig.1. 3. mounted on 5.0mm 2 copper pads to each terminal. 4. 8.3ms, single half sine wave duty cycle = 4 pulses per minutes maximum. 5. lead temperature at t l = 75 . 6. peak pulse power waveform is 10/1000 . a b d c e f g h do-214ac (sma)( lead frame)  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011/03/07  
  ? polarity: indicated by cathode band except bi-directional types tm micro commercial components www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1
mcc sma6j5.0a thru sma6j33a revision: a 2011/03/07 tm micro commercial components www. mccsemi .com 2 of 4 25 100 100 18 0 0 0 0.2 100 0.5 76 1 50 1.5 33 2 23 3 13 4 10 fig. 5 - pulse waveform fig. 1 - pulse derating curve fig. 2 - maximum non-repetitive surge current fig. 3 - steady state power derating curve fig. 4 - peak pulse power rating curve 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 25 50 75 100 125 150 175 200 steady state power dissipation, (w) lead temperature , t l ( ) 0 20 40 60 80 1 10 100 peak forward surge current, (a) number of cycles at 60 hz 8.3 ms single half sine-wave 0 25 50 75 100 0 25 50 75 100 125 150 175 200 peak pulse derating in % of peak power or current, % ambient temperature ,ta ( ) 0.1 1 10 100 0 .1 1 10 100 1000 10000 peak power (kw) pulse width, td 0.1 s 1 s 10 s 100 s 1ms 10ms 0 50 100 0 1 2 3 4 peak pulse current , (% ) time , (ms) tj = 25 c pulse width (td) is defined as the point where the peak current decays to 50 % of ippm 10/1000 sec. waveform as defined by r.e.a. tr=10 s peak value , half value = i pp 2 td
sma6j5.0a thru sma6j33a mcc tm micro commercial components uni-polar bi-polar min. (v)max. (v) i t (ma) uni bi sma6j5.0a 6.40 7.00 10 800 5.0 65.2 9.2 ke sma6j6.0a 6.67 7.37 10 800 6.0 58.3 10.3 kg sma6j9.0a sma6j9.0ca 10.0 11.1 1 5.0 9.0 39.0 15.4 kv tv mcc part number breakdown voltage v br @ i t device marking code maximum reverse surge current ipp(a) @10x1000us sinewave maximum clamping voltage vc (volts) @ipp maximum reverse leakage i d (ua) @vwm reverse stand-off voltage v wm (volts) revision: a 2011/03/07 sma6j10a sma6j10ca 11.1 12.3 1 5.0 10 35.3 17.0 kx tx sma6j11 a sma6j11 ca 12 .2 13 .5 1 5.0 11 33.0 18.2 kz tz note: 1. for bi-directional devices having vr of 10 volts and under, the ir limit is double . sma6j12a sma6j12ca 13.3 14.7 1 5.0 12 30.2 19.9 le ue sma6j13a sma6j13ca 14.4 15.9 1 5.0 13 27.9 21.5 lg ug sma6j14a sma6j14ca 15.6 17.2 1 5.0 14 25.9 23.2 lk uk sma6j15a sma6j15ca 16.7 18.5 1 5.0 15 24.6 24.4 lm um sma6j16a sma6j16ca 17.8 19.7 1 5.0 16 23.1 26.0 lp up sma6j17a sma6j17ca 18.9 20.9 1 5.0 17 21.7 27.6 lr ur sma6j18a 20.0 22.1 1 5.0 18 20.5 29.2 lt sma6j19a 21.1 23.3 1 5.0 19 19.5 30.8 lb sma6j20a 22.2 24.5 1 5.0 20 18.5 32.4 lv sma6j22a 24.4 26.9 1 5.0 22 16.9 35.5 lx sma6j24a sma6j24ca 26.7 29.5 1 5.0 24 15.4 38.9 lz uz sma6j26a 28.9 31.9 1 5.0 26 14.3 42.1 me sma6j28ca 31.1 34.4 1 5.0 28 13.2 45.4 wg sma6j33a 36.7 40.6 1 5.0 33 11.3 53.3 mm www. mccsemi .com 3 of 4 2. the items in blue character are still under development.
mcc revision: a 2011/03/07 tm micro commercial components www. mccsemi .com 4 of 4 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-tp tape&reel;5kpcs/reel


▲Up To Search▲   

 
Price & Availability of SMA6J50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X