Part Number Hot Search : 
HC1G0 PQ100 P1300 00104 TA8409 TB627 1609012 KM616
Product Description
Full Text Search
 

To Download SDA006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SDA006 document number: ds30559 rev. 6 - 2 1 of 4 www.diodes.com april 2008 ? diodes incorporated SDA006 data bus transient suppressor / 3-ph ase full wave bridge rectifier features ? fast switching speed ? ultra-small surface mount package ? for 3-phase full wave bridge rectification, or 3 dataline rail clamp ? lead free by design/rohs compliant (note 3) ? "green" device (note 4) iec compatibility (note 5) ? 61000-4-2 (esd) air-10kv contact-8kv ? 61000-4-5 (surge) 8x20 s, 14.5 amperes mechanical data ? case: sot-363 ? case material: molded plastic, "green" molding compound. ul flammability classification rating 94v-0 (note 4) ? moisture sensitivity: level 1 per j-std-020d ? terminals: finish ? matte tin annealed over alloy 42 leadframe. solderable per mil-std-202, method 208 ? marking information: see page 3 ? ordering information: see page 3 ? weight: 0.006 grams (approximate) dc v + cc dc v + cc ac dl 3 3 / / / / / / dl ac 1 1 dl ac 2 2 gnd dc- sot-363 internal schematic top view top view maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 215 ma non-repetitive peak forward surge current @ t = 1.0 s @ t = 1.0ms @ t = 1.0s i fsm 2.0 1.0 0.5 a clamping voltage (note 6) @ ipp = 14.5a 8x20 s waveform v c 16 v thermal characteristics characteristic symbol value unit power dissipation (note 1) p d 200 mw power dissipation (note 2) p d 300 mw thermal resistance junction to ambient air (note 1) r ja 625 c/w thermal resistance junction to ambient air (note 2) r ja 417 c/w operating and storage temperature range t j , t stg -65 to +150 c notes: 1. device mounted on fr-4 pcb, 1 in ch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/ datasheets/ap02001.pdf. 2. device mounted on alumina pcb, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as shown on diodes inc. suggested pad layout do cument ap02001, which can be found on our website at http://www.diodes.com/ datasheets/ap02001.pdf. 3. no purposefully added lead. 4. diodes inc.'s "green" policy can be found on our webs ite at http://www.diodes.com /products/lead_free/index.php. 5. tested with v cc connected to ground to simulate appropriate v cc decoupling to ground. 6. reference to v cc or ground.
SDA006 electrical characteristics @t a = 25c unless otherwise specified characteristic SDA006 document number: ds30559 rev. 6 - 2 2 of 4 www.diodes.com april 2008 ? diodes incorporated symbol min typ max unit test condition reverse breakdown voltage (note 7) v (br)r 75 ? ? v i r = 2.5 a forward voltage (note 7) v f ? ? 0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma reverse current (note 7) i r ? ? 2.5 50 30 25 a a a na v r = 75v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 20v junction capacitance (per element) c j ? ? 2.0 pf v r = 0v, f = 1.0mhz capacitance, between i/o lines (i/o1 & i/o2) c ll ? 35 ? pf v r = 0v, f = 1.0mhz capacitance, between i/o line and ground c lg ? 11 ? pf v r = 0v, f = 1.0mhz reverse recovery time t rr ? ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 notes: 7. short duration pulse test used to minimize self-heating effect. 0 50 100 150 200 250 25 0 50 75 100 125 150 p , p o we r dissi p a t i o n (mw) d t , ambient temperature ( c) a fig. 1 power derating curve, total package 300 0.1 1 0.01 0.001 0 1.5 1.0 0.5 i , ins t an t ane o u s f o r wa r d c u r r en t (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics, per element f 0.1 1 10 100 1,000 10,000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) fig. 3 typical reverse characteristics, per element r i, ins t an t ane o u s r eve r se c u r r en t (na) r 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 c , t o t al c a p a c i t an c e (p f ) t v , dc reverse voltage (v) fig. 4 total capacitance vs. reverse voltage, per element r
SDA006 ordering information (note 8) SDA006 document number: ds30559 rev. 6 - 2 3 of 4 www.diodes.com april 2008 ? diodes incorporated part number case packaging SDA006-7 sot-363 3000/tape & reel notes: 8. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf . marking information jac ym jac = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key year 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code n p r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d typical applications three phase, full-wave bridge rectifier 3-phase ac source dc- dc+ + load - ac 1 ac 2 ac 3 data line bus transient suppressor dl 1 dl 2 dl 3 ground v/v bus cc
SDA006 package outline dimensions SDA006 document number: ds30559 rev. 6 - 2 4 of 4 www.diodes.com april 2008 ? diodes incorporated suggested pad layout important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated. a m j l d b c h k f sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 0 8 all dimensions in mm x z y c e e g dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c 1.9 e 0.65


▲Up To Search▲   

 
Price & Availability of SDA006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X