Part Number Hot Search : 
03N03L 1N463A D2150 CSFC301 10S45 2TRPB GFU25N03 LL101
Product Description
Full Text Search
 

To Download MBR20200CTP-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 may, 2001 rev. 2 1 publication order number: mbr20200ctp/d mbr20200ctp switchmode ? power dual schottky rectifier ...using sc hottky barrier technology with a platinum barrier metal. this stateoftheart device is designed for use in high frequency switching power supplies and converters with up to 48 volt outputs. they block up to 200 volts and offer improved schottky performance at frequencies from 250 khz to 5.0 mhz. ? 200 volt blocking voltage ? low forward voltage drop ? guardring for stress protection and high dv/dt capability (10,000 v/ m s) ? dual diode construction terminals 1 and 3 must be connected for parallel operation at full rating mechanical characteristics ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? marking: b20200p maximum ratings (per leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 200 v average rectified forward current (rated v r , t c = 125 c) per leg per package i f(av) 10 20 a peak repetitive forward current (rated v r , square wave, 20 khz, t c = 90 c) per leg i frm 20 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 150 a peak repetitive reverse surge current (2.0  s, 1.0 khz) i rrm 1.0 a storage temperature range t stg 65 to +175 c operating junction temperature t j 65 to +150 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s device package shipping ordering information mbr20200ctp to220 http://onsemi.com case 221a to220ab plastic 50 units/rail 3 4 1 schottky barrier rectifier 20 amperes 200 volts 1 3 2, 4 2 marking diagram yy = year ww = work week b20200p= device code aka = diode polarity yy ww b20200p aka
mbr20200ctp http://onsemi.com 2 thermal characteristics (per leg) characteristic symbol value unit thermal resistance, junction to case r q jc 2.0 c/w electrical characteristics (per leg) maximum instantaneous forward voltage (note 1.) (i f = 10 amps, t c = 25 c) (i f = 10 amps, t c = 125 c) (i f = 20 amps, t c = 25 c) (i f = 20 amps, t c = 125 c) v f 0.9 0.8 1.0 0.9 volts maximum instantaneous reverse current (note 1.) (rated dc voltage, t c = 25 c) (rated dc voltage, t c = 125 c) i r 1.0 50 ma dynamic characteristics (per leg) capacitance (v r = 5.0 v, t c = 25 c, frequency = 1.0 mhz) c t 110 pf 1. pulse test: pulse width = 300 m s, duty cycle 2.0% figure 1. maximum forward voltage v f , instantaneous forward voltage (volts) 100 10 1 0.5 0.4 0.3 0.2 figure 2. typical forward voltage 0.1 i f , instantaneous forward current (a) 0.8 0.7 0.6 1.1 1 0.9 v f , instantaneous forward voltage (volts) 10 1 0.5 0.4 0.3 0.1 i f , instantaneous forward current (a) 0.8 0.7 0.6 1.1 100 0.2 figure 3. typical reverse current v r , reverse voltage (volts) 0.01 0.0001 0.00001 60 40 20 0 figure 4. typical capacitance 0.00000001 120 100 80 180 160 140 v r , reverse voltage (volts) 120 70 50 0 20 100 200 i r , reverse current (a) 0.000001 0.0000001 150 220 170 270 370 320 c, capacitance (pf) 125 c 25 c 75 c 150 c 25 c 75 c 1.2 0.9 1 1.2 200 150 c 125 c 25 c 75 c 150 c 0.001 125 c
mbr20200ctp http://onsemi.com 3 figure 5. current derating, case, per diode t c , case temperature ( c) 18 12 135 115 figure 6. forward power dissipation, per diode 145 140 150 i f(av) , average forward current (amps) 2 4 0 0 8 618 14 2 155 10 4 10 6 10 8 6 4 2 0 i f(av) , average forward current (a) rated voltage applied dc square wave 12 p f(av) , average forward power dissipation (w) dc square wave 14 16 14 16 8 12 130 125 120
mbr20200ctp http://onsemi.com 4 package dimensions to220 threelead to220ab case 221a09 issue aa notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane t c s t u r j on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 13036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mbr20200ctp/d switchmode is a trademark of semiconductor components industries, llc. north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MBR20200CTP-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X