Part Number Hot Search : 
SG1846L ATA7601 4HC04 W91445 1N5228 S1T8501 BR3060 AP4951GM
Product Description
Full Text Search
 

To Download GS05U-USB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal ac input / full range no load power consumption <0.3w compact size meet eisa 2007 (energy independence and security act) 2 pole usa plug class power (without earth pin) protections: short circuit / overload / over voltage / over temperature pass lps 100% full load burn-in test fully enclosed plastic case low cost, high reliability 2 years warranty specification order no. safety model no. dc voltage note.2 rated current current range rated power ripple & noise (max.) note.3 output setup, rise, hold up time voltage range frequency range efficiency (typ.) note.7 ac current input environment inrush current (max.) leakage current(max.) safety standards safety & emc (note. 8) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection 5v gusb05 GS05U-USB 1.00a 0 ~ 1.00a 5w 90mvp-p voltage tolerance note.4 line regulation note.5 load regulation note.6 4.0% 4.0% 1.0% 1500ms, 20ms, 15ms at full load 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz 69% 0.15a / 100vac 35a / 230vac 0.25ma / 240vac ul60950-1, csa22.2 approved withstand voltage isolation resistance i/p-o/p:4242vdc i/p-o/p:100m ohms / 500vdc / 25 / 70% rh 1100khrs min. mil-hdbk-217f(25 ) -20 ~ +50 (refer to output load derating curve) 20% ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03% / (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 41.86*32.76*23.8mm (l*w*h) 26g ; 300pcs / 10.3kg / carton connector plug usb type a 1.all parameters are specified at 115vac input, rated load, 25 70% rh ambi ent. 2.dc voltage: the output voltage set at point measure by plug terminal & 50% lo ad. 3.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated w ith a 0.1uf & 47uf capacitor. 4.tolerance: includes set up tolerance, line regulation, load regul ation. 5.line regulation is measured from low line to high line at rated load. 6.load regulation is measured from 0% to 100% rated load 7.efficiency is measured at 115vac. 8.the power supply is considered as an independent unit, but the final equi pment still need to re-confirm that the whole system complies with the emc directives. features : compliance to fcc part 15 class b emi conduction & radiation overload over voltage 105 ~ 135% rated output voltage power protection type : hiccup mode, recovers automatically after fault con dition is removed protection type : hiccup mode, recovers automatically after fault con dition is removed 105 ~ 160% rated output voltage, detect on main control ic 5w ac-dc single output wall-mounted type g s 0 5 u - u s b u1 tj 135 typically (u1) detect on main control ic protection type : shut down o/p voltage, recovers automatically after t emperature goes down over temperature file name:GS05U-USB-spec 2011-03-31
mechanical specification derating curve file name:GS05U-USB-spec 2011-03-31 unit:mm ta ( ) load (%) -20 10 20 30 50 40 60 100 static characteristics input voltage load (%) 0 50 60 70 60 100 264 80 90 100 80 5w ac-dc single output wall-mounted type g s 0 5 u - u s b - + 4 3 2 1 12.7 17 41.86 12.4 5.05 23.8 32.76 22.4 13.05 21.9 12.5 usb type a


▲Up To Search▲   

 
Price & Availability of GS05U-USB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X