Part Number Hot Search : 
01120 BD9846FV 78020 M5R24RHJ 0D102 PT28C020 48D05 F462D
Product Description
Full Text Search
 

To Download GPAS1002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated chip junction high efficiency, low vf high current capability high reliability high surge current capability low power loss gpas100x = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol gpas 1001 gpas 1002 gpas 1003 gpas 100 4 gpas 1005 gpas 1006 gpas 1007 units v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i f(av) a cj pf r ja o c/w t j o c t stg o c note1: pulse test with pw=300 usec, 1% duty cycle note2: measured at 1 mhz and applied reverse voltage of 4.0v d.c. features storage temperature range - 65 to + 150 operating temperature range version:a11 maximum instantaneous forward voltage (note 1) @ 10 a v f 1.1 v typical junction capacitance (note 2) ua 2.5 gpas1001 - gpas1007 10.0 amps. glass passivated rectifiers marking diagram d 2 pak dimensions in inches and (millimeters) epoxy: ul 94v-0 rate flame retardant cases: d 2 pak molded plastic i r green compound with suffix "g" on packing code & prefix "g" on datecode type number maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 100 50 - 65 to + 150 5 a typical thermal resistance maximum rms voltage mechanical data maximum recurrent peak reverse voltage lead: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed high temperature soldering guaranteed: 260 /10 seconds at terminals polarity: as marked weight: 1.7 grams maximum dc blocking voltage maximum average forward rectified 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 pb rohs compliance rohs compliance
version:a11 ratings and characteristic curves (gpas1001 thru gpas1007) fig.1- maxmum forward current derating curve 0 2 4 6 8 10 12 0 50 100 150 case temperature( o c) average forward current (a) resistive of inductive load fig. 3- maximum non-repetitive forward surge current 0 25 50 75 100 125 150 175 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave jedec method fig. 2- typical reverse characteristics 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=125 fig. 4- typical junction capacitance 0 20 40 60 80 100 120 0.1 1 10 100 1000 reverse voltage (v) junction capacitance (pf) ta=25 fig. 5- typical instantaneous forward characteristics 0.1 1 10 100 1000 0.6 0.8 1 1.2 1.4 1.6 1.8 2 forward voltage (v) instantaneous forward current (a) ta=25 o c pulse width=300us 1% duty cycle


▲Up To Search▲   

 
Price & Availability of GPAS1002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X