Part Number Hot Search : 
BU1850 AEE02F24 3VK7M BD741 2N167A 10012 XF4018 128Y1
Product Description
Full Text Search
 

To Download CDSU400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high speed CDSU400 features designed for mounting on small surface. extremely thin/leadless package. low leakage current. high mounting capability, strong surge withstand, high reliability. mechanical data case: 0603 (1608) standard package, molded plastic. t erminals: gold plated, solderable per mil-std-750, method 2026. polarity: indicated by cathode band. mounting position: any. weight: 0.003 gram (approximately) smd switching diode smd switching diode parameter repetitive peak reverse voltage reverse voltageaverage forward current forward current , surge peak power dissipation storage temperaturejunction temperature conditions symbol v rrm v r i o i fsm p d t stg t j min -40 -40 max 90 80 100 150 +125 +125 typ 1000 unit v v ma ma mw www.com chip.co m.tw c o m c h ip c o m c h ip maximum rating ( at t a = 25 c unless otherwise noted ) electrical characteristics ( at t a = 25 c unless otherwise noted ) c c preliminary 0.0 71( 1.8 0) 0.0 63( 1.6 0) 0.0 10( 0.2 5) ty p. 0.0 39( 1.0 0) 0.0 31( 0.8 0) 0.0 33 ( 0.8 5) 0.0 27 ( 0.7 0) dim en sio ns in in ch es an d ( mi llim ete r) 06 03 (1 60 8) 0.0 12 ( 0.3 0) ty p. 0.0 14( 0.3 5) ty p. unit v ua pf ns parameter forward voltage reverse currentcapacitance between terminals reverse recovery time conditions i f = 100 ma dc v r = 80 v f = 1mhz, and 0.5vdc reverse voltage v r = 6v, i f = 10 ma, r l =50 ohms symbol v f i r c t trr min typ 3 4 max 1.0 0.1 rds0301001-b 8.3 ms single half sine-wave superimposed on rate load ( jedec method ) (lead-free device)
rating and characteristic cur ves (CDSU400) smd switching diode smd switching diode www.com chip.co m.tw c o m c h ip c o m c h ip reverse voltage (v) r e v e r s e c u r r e n t ( a ) 0.2 0.4 0.8 0 1.0 0.6 10 0n 10 0p 10 00 m 10 m 1 00 m 1u 10 n 1n 1.2 1m 10 0u 10 u 0 10 20 30 40 50 60 70 80 reverse voltage : (v) c a p a c i t a n c e b e t w e e n t e r m i n a l s : ( p f ) 0 5 10 15 20 25 30 0 1.0 2.0 3.0 4.0 5.0 f=1mhz ta = 25 c ambient temperature ( c) forward voltage (v) a v e r a g e f o r w a r d c u r r e n t ( % ) f o r w a r d c u r r e n t ( a ) rds0301001-b 10 u 7 5 c 1 2 5 c - 2 5 c 2 5 c 75 c 125 c 25 c 0 20 40 60 80 10 0 0 25 50 75 100 125 150 mounting on glass epoxy pcbs fig. 1 - forw ard cha racte ristic s fig. 2 - rev erse ch aract eristi cs fig. 4 - curre nt d erating curve fig. 3 - cap acita nce bet ween te rmina ls chara cteris tics


▲Up To Search▲   

 
Price & Availability of CDSU400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X